Part Number Hot Search : 
1N5372BE 120EI SMAJ30A AK4346EF BDX64A XSD402 ISL6251 BZX84C11
Product Description
Full Text Search
 

To Download UF2007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  notes : 1.measured with i f =0.5a,i r =1a,i rr =0.25a. 2.measured at 1.0mhz and applied rev erse voltage of 4.0v dc. 3.thermal resistance junction to amb ient, lead and case. v rms v dc v rrm i (av) i fsm v f c j @t a = 50 c uf2001 thru UF2007 ultra fast rectifiers features low cost diffused junction ultra fast switching for high efficiency low reverse leakage current low forward voltage drop high current capability the plastic material carries ul recognition 94v-0 mechanical data case : jedec do-15 molded plastic polarity : color band denotes cathode weight : 0.015 ounces, 0.4 grams mounting position : any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inducti ve load. for capacitive load, derate current by 20% 200 140 200 uf2001 50 35 50 1000 700 1000 100 70 100 800 560 800 600 420 600 400 280 400 maximum average forward rectified current peak forward surge current 8.3ms single half sine-wave super imposed on rated load maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum forward voltage at 2.0a dc 2.0 60 1.0 t j operating temperature range -55 to +125 c t stg storage temperature range -55 to +150 c typical thermal resistance (note 3) 40 15 20 c/w typical junction capacitance (note 2) 50 pf i r maximum dc reverse current at rated dc blocking voltage @t j =100 c @t j =25 c 5.0 100 ua v a a v unit v v max. all dimensions in millimeter min. do-15 dim. a d c b 25.4 7.60 - 5.80 0.71 2.60 3.60 0.86 do-15 a c d a b characteristics symbol maximum reverse recovery time (note 1) t rr 1.3 1.7 50 75 30 ns uf2002 uf2003 uf2004 uf2005 uf2006 UF2007 reverse voltage - 50 to 1000 volts forward current - 2.0 amperes semiconductor lite-on rev. 5, jul-2009, kdcd04 r 0ja r 0jl r 0jc
rating and characteristic curves uf2001 thru UF2007 fig.1 - forward current derating curve average forward current amperes 25 75 100 125 150 1.0 0 50 0.5 1.5 175 single phase half wave 60hz resistive or inductive load ambient temperature , c 2.0 2.5 3.0 fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 10 20 30 40 50 60 single half-sine-wave fig.3 - typical junction capacitance capacitance , (pf) reverse voltage , volts 10 1 100 100 10 1 4 uf2001 to uf2004 uf2005 to UF2007 t j = 25 c, f= 1mhz instantaneous forward voltage , volts fig.4 - typical forward characteristics instantaneous forward current ,(a) 0.2 0.4 1.2 1.4 0 0.1 1.0 10 0.6 0.8 1.0 .01 1.8 1.6 t j = 25 c uf2001 - uf 2003 uf2005 - uf 2007 pulse width 300us uf2004


▲Up To Search▲   

 
Price & Availability of UF2007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X