Part Number Hot Search : 
P19NB2 27096103 PAW887B ADC2050 ADC2050 T62M0002 PAW887B ADC2050
Product Description
Full Text Search
 

To Download TM12864DBC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
      
           
           
    
   
    
   
    
     
                

     
           !  "  #    
 $% #  
 

        
  
                    ! " #     $  % &! %  '( )    * ++  ,%- .   &*'
  &/   * .        01  2  . 
.  3
 #    %%   42    5*+61  7  $     7 !    /8   #     +9,+      #      +9*+  +8  #   : $      ;       - ;         7<*'    "  +'+<+'+=##>    ! .          +' <+' =##>  '? .   ',                    
 &' #  (                                           
 
 
        
        

 
 
   
  
    
  
           
 

   !  

          
 , ' -# !                                         
 .#' +/!'!   @ # 
#3 - - ; 6  : #  ! 
(   ( (
 +  *+ 02%(   (   ,+ (  8   #    :      + 9,+     #    :   
  + 9*+   2                            
 0# #     '    *1   .      @ # 
#3 - 
 - ; 6  
(   =0> ( (
 '4, ,+ ,, ( 
(   =02% > (   +  ( 5. (  ( a,+  +7( ( 9+  ( @     (   0 (  ( a,+  +  +(  ( 
   =0> @    '  #) 
   =02% > @    +  #) 
   =01> @     ++ #)                 
 *@ $    ! 
#3 0 %     $    .1 '# # # * 234 &   1 %'  )    5   # * 2542#4 , -1 67*   1 . -$ 67*   $ 0 -& 67*   & 8 -) 67*   ) 9 -, 67*   , : -. 67*   . $1 -0 67*   0 $$ -8 67*   8 $& $ * #  #$ $) & * #  #& $, ; *   # $. 7< 67* # (  $0 7 67* 6
 =*
  '   $8  67*  # '  $9 >  1 >!%'  $8  ,& ('# * 234-#  $9 ? 1 ('# * 254-#     
interface ac characteristics mpu interface (gnd = 0v, v cc = 2.7 to 5.5v, ta = ?0 to +75 c) * item symbol min typ max unit note e cycle time t cyc 1000 ns fig. 10, fig. 11 e high level width p weh 450 ns e low level width p wel 450 ns e rise time t r 25 ns e fall time t f 25 ns address setup time t as 140 ns address hold time t ah 10 ns data setup time t dsw 200 ns fig. 10 data delay time t ddr 320 ns fig. 11, fig. 12 data hold time (write) t dhw 10 ns fig. 10 data hold time (read) t dhr 20 ns fig. 11 note: specified at +75 c for die products. viht vilt viht vilt viht vilt t cyc p wel p weh t r t as t as t ah t ah t f viht vilt t dsw t dhw e r/w cs1?s3 d/i db0?b7 figure 9 mpu write timing  * @ $  #2.                                      
t r t cyc p wel p weh t as t as t f t ah t ah viht vilt viht vilt t ddr viht vilt t dhr e r/w cs1?s3 d/i db0?b7 figure 10 mpu read timing                                         
code instructions r/w d/i db7 db6 db5 db4 db3 db2 db1 db0 functions display on/off 0000111111/0 controls display on/off. ram data and internal status are not affected. 1: on, 0: off. display start line 0011 display start line (0?3) specifies the ram line displayed at the top of the screen. set page (x address) 0010111p age (0?) sets the page (x address) of ram at the page (x address) register. set y address 0001y address (0?3) sets the y address in the y address counter. status read 1 0 busy 0 on/ reset 0000 reads the status. off reset 1: reset 0: normal on/off 1: display off 0: display on busy 1: internal operation 0: ready write display data 0 1 w rite data writes data db0 (lsb) has access to the to db7 (msb) on the address of the display data bus into display ram specified in ram. advance. after the read display data 1 1 read data reads data db0 (lsb) access, y address is to db7 (msb) from the increased by 1. display ram to the data bus. note: busy time varies with the frequency (f clk ) of ?, and ?. (1/f clk t busy 3/f clk )  *'@  2                                           
 8 #    48  2.     a,  @ # 
#3 2  - 
 - ; 6     a+   ++ ( )    2  2   a+   + +   2   :  2    a+   a+  +          ++ :   #   $$    a+   a+    ++ #                     
 4 $ $8  2.     4 $ $( )    # # 4 $ $2   :   
 
   
 
       

   - 2      >)#3   #    , b>c # $ d 
 *'5"  4  $ $:   #   #    a   9   $$ #    a   9         - 2          >8  (   +(   >c # $ d 
*'5"  
 9##  72  $:  3
       a,     @ # 2  $          5. #        1     
 . ..     #   $  #  *+  /*5  0 #        1     
 .      #   $  #  +  /*5  5. #    8   1     
 .      =%      >  .  . #     .   #  $  #   ,+  /*5 ' 0 #    8   1     
 .        #   $  #  +  /*5 , 5. #    &5#
    1     
 . .. #    ...#
    $  #  '+  /+e:5 /*5  *  #    2
  1     
 .  .. #   
   + , *+ ,  +#  ,#   +#  ,#   
  + &*+  +
  4 (3    =    > 1     
 .  %3     +5"f,+5"g ,+#&  g '+#  7 .   =    > 1     
 . .     5 $  % g ++#&  g # / ) #.  !     1     
 .  #.       3
  '+!  *5      
 7c  h#  2     @ # 2  @ #  ',*47/ c  h #  2     $             8 $ . 3  $  1     $        8 $ .       $   - .    $     8 $ . # .    $    8   2.              8 $ .    $     c   # $  7 : #      $  a 8    $  9 - .    $                 
 :@a*;b**  @   1; #     )   a,  =  .   > - - ; 6  @0 )i0 1;   (  @   6  #  #  
.   g .     3  
 02,#  ) ;) @@ - j + - , 
  $   6  #  #  
.   g 
    ) ; @@ - j + - ,  - j $   8  #  ##g. g  #  g0         -  $   8 .        #  $# 77                    
 $1'  a* +'#  +5 !     + .  
     #   $      3j       # .   .3
 $# ..  g   +@$ . 
   #    . d
 3       g3      

# .g$ . 3  #      .
 . g# 
 . $$     +   
 ; % $   . 
$   .  j     .#
   .    % 
  +'.  " %  . 
$  $ . 02# $   
 . 5   . "   $
   +,@$ . 
$   # g3 .  . $     
    . $ 
 .@$  # 
 g#  .  . $ . $%      @
 .       1 .
 .         %    .  .  .  #    3%  #
  #   .   "    1  
g   . $         ?   k    )# %   +*  #    #3  . 02-  +4@$ .   $$g  
 .        +7 %     $ .   #  3
    
g3   $  #    ## %#            . 3
. .  . 02-        3 d $  #3
g.  g# 3  
             .  #  $     
    g       #3
  .  
                    . 02-   . $#    . 
$      .  $$ .  % $#     
#
 3      
 +                    +?.   . 02# g % ;    .   . . $$    # +. 02# .3     .     #      @$ .  02 #   3     $   # g .   ##      #    +  '+  :  % 
.#
 7+e + . 02# .3    . # .  g    . #$  +  .  02 #  . 3   $   %   .    g   . % ; %   g  g  #  .                                 
  / @   #   $     $    @ # 2   2   0        #  : 3   )  . #  #   ? "  .#     #     - ;  $     ! "   33 3    "    l+ ## + ## +,##   . $  "  )  . #  #     - ;      &    - ;         =%   >  l++## ++## ++,## 3 +##  - ;    = >    ! %        #       
  /- ?   #   $
 $    ? # 2   2   :  #   ##   #  .    #  >%      #  2     %  )  . #  #  2  )  . #  #     - =     6l+## +## 6 +##   6b7 ;39&    - =          ! .       #   7:9     )l+##  +## ) +## l+,##      - =         - =     6l+## +## 6 +##      7%   9  6b7 ;39&    - =          7%   9  l++## ++## ++,## 3 +,##     - =    7 9   
  /- @   #   $
 $  =  >  @ # 2   2      - ; $     ; +## +## ; +##  ;a= 93>&    - ; $       +##  +## +## m+        - ;   $                  $ #  $ #       - ; $     +7? ?   a#  %  $ . ?a# %  $ .    


▲Up To Search▲   

 
Price & Availability of TM12864DBC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X