Part Number Hot Search : 
MDA970G8 GBJ2508 K3536 SD125 MSMA20Z MSMA20Z STV8247D UDA1343
Product Description
Full Text Search
 

To Download TLMS2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay semiconductors tlmo2000, TLMS2000, tlmy2000 document number 83185 rev. 1.5, 25-mar-09 www.vishay.com 1 for technical support, please contact: led@vishay.com low current mini smd led description the new low current miniled series have been designed in a small white smt package. the feature of the device is the very small package 2.3 mm x 1.3 mm x 1.4 mm and the low forward current. the miniled is an obvious solution for small-scale, high-power products that are expected to work reliability in an arduous environment. this is often the case in automotive and industrial application. product group and package data ? product group: led ? package: smd miniled ? product series: low current ? angle of half intensity: 60 features ? smd leds with exceptional brightness ? luminous intensity categorized ? compatible with automatic placement equipment ? ir reflow soldering ? available in 8 mm tape ? low profile package ? non-diffused lens: exce llent for coupling to light pipes and backlighting ? low power consumption ? luminous intensity ratio in one packing unit i vmax. /i vmin. 1.6 applications ? automotive: backlighting in dashboards and switches ? telecommunication: indicator and backlighting in telephone and fax ? indicator and backlight for audio and video equipment ? indicator and backlight in office equipment ? flat backlight for lcds , switches and symbols 19226 parts table part color, luminous intensity technology TLMS2000 red, i v = 8 mcd (typ.) alingap on gaas tlmo2000 orange, i v = 15 mcd (typ.) alingap on gaas tlmy2000 ye l l o w, i v = 13 mcd (typ.) alingap on gaas
www.vishay.com 2 document number 83185 rev. 1.5, 25-mar-09 vishay semiconductors tlmo2000, TLMS2000, tlmy2000 for technical support, please contact: led@vishay.com note: 1) t amb = 25 c, unless otherwise specified 2) driving the led in revers e direction is suitable for a short term application note: 1) t amb = 25 c, unless otherwise specified note: 1) t amb = 25 c, unless otherwise specified absolute maximum ratings 1) TLMS2000 ,tlmo2000 ,tlmy2000 parameter test condition symbol value unit reverse voltage 2) v r 5v dc forward current t amb 100 c i f 15 ma surge forward current t p 10 s i fsm 0.1 a power dissipation t amb 100 c p v 40 mw junction temperature t j 125 c operating temperature range t amb - 40 to + 100 c storage temperature range t stg - 40 to + 100 c soldering temperature according to ipc 9501 t sd 245 c thermal resistance junction/ ambient mounted on pc board (pad size > 5 mm 2 ) r thja 580 k/w optical and electrical characteristics 1) red, TLMS2000 parameter test condition symbol min. typ. max. unit luminous intensity i f = 2 ma i v 28 mcd dominant wavelength i f = 2 ma d 630 nm peak wavelength i f = 2 ma p 643 nm angle of half intensity i f = 2 ma ? 60 deg forward voltage i f = 2 ma v f 1.8 2.2 v reverse voltage i r = 10 a v r 5v junction capacitance v r = 0, f = 1 mhz c j 15 pf optical and electrical characteristics 1) orange, tlmo2000 parameter test condition symbol min. typ. max. unit luminous intensity i f = 2 ma i v 415 mcd dominant wavelength i f = 2 ma d 598 605 611 nm peak wavelength i f = 2 ma p 610 nm angle of half intensity i f = 2 ma ? 60 deg forward voltage i f = 2 ma v f 1.8 2.2 v reverse voltage i r = 10 a v r 5v junction capacitance v r = 0, f = 1 mhz c j 15 pf
document number 83185 rev. 1.5, 25-mar-09 www.vishay.com 3 vishay semiconductors tlmo2000, TLMS2000, tlmy2000 for technical support, please contact: led@vishay.com note: 1) t amb = 25 c, unless otherwise specified typical characteristics t amb = 25 c, unless otherwise specified optical and electrical characteristics 1) yellow, tlmy2000 parameter test condition symbol min. typ. max. unit luminous intensity i f = 2 ma i v 3.2 13 mcd dominant wavelength i f = 2 ma d 581 588 594 nm peak wavelength i f = 2 ma p 590 nm angle of half intensity i f = 2 ma ? 60 deg forward voltage i f = 2 ma v f 1.8 2.2 v reverse voltage i r = 10 a v r 5v junction capacitance v r = 0, f = 1 mhz c j 15 pf color classification group dominant wavelength (nm) soft orange yellow min. max. min. max. 1 598 601 581 584 2 600 603 583 586 3 602 605 585 588 4 604 607 587 590 5 606 609 589 592 6 608 611 591 594 luminous intensity classification group luminous intensity (mcd) min. max. mb 2.0 3.2 na 2.5 4.0 nb 3.2 5.0 pa 4.0 6.3 pb 5.0 8.0 qa 6.3 10.0 qb 8.0 12.5 ra 10.0 16.0 rb 12.5 20.0 sa 16.0 25.0 sb 20.0 32.0 figure 1. forward current vs. ambient temperature 0 5 10 15 20 25 30 35 40 1 8 557 i - for w ard c u rrent (ma) f t am b - am b ient temperat u re (c) 0204060 8 0 100 120 figure 2. rel. luminous intens ity vs. angular displacement 0.4 0.2 0 95 10319 0.6 0.9 0. 8 0 30 10 20 40 50 60 70 8 0 0.7 1.0 i v rel - relati v e l u mino u s intensity ? - ang u lar displacement
www.vishay.com 4 document number 83185 rev. 1.5, 25-mar-09 vishay semiconductors tlmo2000, TLMS2000, tlmy2000 for technical support, please contact: led@vishay.com soldering profile figure 3. forward current vs. forward voltage figure 4. relative intensity vs. wavelength 1 10 100 1.0 1.5 2.0 2.5 3.0 v f - for w ard v oltage ( v ) 17509 i f - for w ard c u rrent (ma) red 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0. 8 0.9 1.0 1.1 1.2 540 560 5 8 0 600 620 640 660 6 8 0 700 - w a v elength (nm) 1 8 266 i - relati v e l u mino u s intensity v rel orange red yello w figure 5. rel. luminous intensity vs. ambient temperature figure 6. forward voltage vs. ambient temperature 0 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 - 40 - 20 0 20 40 60 8 0 100 t am b - am b ient temperat u re (c) 1 8 251 i - relati v e l u mino u s intensity v rel yello w orange red 1.65 1.70 1.75 1. 8 0 1. 8 5 1.90 1.95 2.00 - 40 - 20 0 20 40 60 8 0 100 t am b - am b ient temperat u re (c) 1 8 252 v f rel - for w ard v oltage ( v ) yello w orange red figure 7. vishay lead (pb)-fr ee reflow soldering profile (acc. to j-std-020) 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperat u re (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp u p 3 c/s max. ramp do w n 6 c/s 19 88 5 ir reflo w soldering profile for lead (p b )-free soldering preconditioning acc. to jedec le v el 2a max. 2 cycles allo w ed 255 c
document number 83185 rev. 1.5, 25-mar-09 www.vishay.com 5 vishay semiconductors tlmo2000, TLMS2000, tlmy2000 for technical support, please contact: led@vishay.com package dimensions in millimeters 16 8 92
www.vishay.com 6 document number 83185 rev. 1.5, 25-mar-09 vishay semiconductors tlmo2000, TLMS2000, tlmy2000 for technical support, please contact: led@vishay.com reel dimensions in millimeters tape dimensions in millimeters 1693 8 16939
document number 83185 rev. 1.5, 25-mar-09 www.vishay.com 7 vishay semiconductors tlmo2000, TLMS2000, tlmy2000 for technical support, please contact: led@vishay.com leader and trailer in millimeters gs08 = 3000 pcs cover tape peel strength according to din en 60286-3 0.1 to 1.3 n 300 10 mm/min 165 to 180 peel angle label standard bar code labels for finished goods the standard bar code labels are product labels and used for identification of goods. the finished goods are packed in final packing area. the standard packing units are labeled with standard bar code labels before transported as finished goods to warehouses. the labels are on each packing unit and contain vishay semiconductor gmbh specific data. trailer leader no de v ices min. 200 min. 400 start end de v ices 96 11 8 1 8 no de v ices vishay semiconductor gmbh standard bar code product label (finished goods) plain writing abbreviation length item-description - 18 item-number ino 8 selection-code sel 3 lot-/serial-number batch 10 data-code cod 3 (yww) plant-code ptc 2 quantity qty 8 accepted by acc - packed by pck - mixed code indicator mixed code - origin xxxxxxx + company logo long bar code top type length item-number n 8 plant-code n 2 sequence-number x 3 quantity n 8 total length - 21 short bar code bottom type length selection-code x 3 data-code n 3 batch-number x 10 filter - 1 total length - 17
www.vishay.com 8 document number 83185 rev. 1.5, 25-mar-09 vishay semiconductors tlmo2000, TLMS2000, tlmy2000 for technical support, please contact: led@vishay.com dry packing the reel is packed in an anti-humidity bag to protect the devices from absorbing moisture during transportation and storage. final packing the sealed reel is packed into a cardboard box. a secondary cardboard box is used for shipping purposes. recommended method of storage dry box storage is recommended as soon as the aluminium bag has been opened to prevent moisture absorption. the following conditions should be observed, if dry boxes are not available: ? storage temperature 10 c to 30 c ? storage humidity 60 % rh max. after more than 1 year under these conditions moisture content will be too high for reflow soldering. in case of moisture absorpt ion, the devices will recover to the former condition by drying under the following condition: 192 h at 40 c + 5 c/- 0 c and < 5 % rh (dry air/nitrogen) or 96 h at 60 c + 5 c and < 5 % rh for all device containers or 24 h at 100 c + 5 c not suitable for reel or tubes. an eia jedec standard jesd22-a112 level 2 label is included on all dry bags. example of jesd22-a112 level 2 label esd precaution proper storage and handling procedures should be followed to prevent esd damage to the devices especially when they are removed from the antistatic shielding bag. electro-static sensitive devices warning labels are on the packaging. vishay semiconductors standard bar code labels the vishay semiconductors standard bar code labels are printed at final packing areas. the labels are on each packing unit and contain vishay semiconductors specific data. al u min u m b ag la b el reel 15973 1702 8
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of TLMS2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X