Part Number Hot Search : 
BD4944G PF1220 4AHCT1 TCPWCH05 Z11VCW VCO190 DC12V 10150
Product Description
Full Text Search
 

To Download TIC226D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tic226 series silicon triacs  
  1 april 1971 - revised september 2002 specifications are subject to change without notice. 8 a rms glass passivated wafer 400 v to 800 v off-state voltage max i gt of 50 ma (quadrants 1 - 3) absolute maximum ratings over operating case temperature (unless otherwise noted) notes: 1. these values apply bidirectionally for any value of resistance between the gate and main terminal 1. 2. this value applies for 50-hz full-sine-wave operation with resistive load. above 85c derate linearly to 110c case temperatu re at the rate of 320 ma/c. 3. this value applies for one 50-hz full-sine-wave when the device is operating at (or below) the rated value of on-state current. surge may be repeated after the device has returned to origi nal thermal equilibrium. during the surge, gate control may be lost. 4. this value applies for a maxi mum averaging time of 20 ms. rating symbol value unit repetitive peak off-state voltage (see note 1) TIC226D tic226m tic226s tic226n v drm 400 600 700 800 v full-cycle rms on-state current at (or below) 85c case temperature (see note 2) i t(rms) 8 a peak on-state surge current full-sine-wave at (or below) 25c case temperature (see note 3) i tsm 70 a peak gate current i gm 1 a peak gate power dissipation at (or below) 85c case temperature (pulse width 200 s) p gm 2.2 w average gate power dissipat ion at (or below) 85c case temperat ure (see note 4) p g(av) 0.9 w operating case temperature range t c -40 to +110 c storage temperature range t stg -40 to +125 c lead temperature 1.6 mm from case for 10 seconds t l 230 c electrical characteristics at 25c case tem perature (un less otherwise noted ) parameter test conditions min typ max unit i drm repetitive peak off-state current v d = rated v drm i g = 0 t c = 110c 2 ma i gt gate trigger current v supply = +12 v? v supply = +12 v? v supply = -12 v? v supply = -12 v? r l = 10 ? r l = 10 ? r l = 10 ? r l = 10 ? t p(g) > 20 s t p(g) > 20 s t p(g) > 20 s t p(g) > 20 s 6 -12 -10 25 50 -50 -50 ma v gt gate trigger voltage v supply = +12 v? v supply = +12 v? v supply = -12 v? v supply = -12 v? r l = 10 ? r l = 10 ? r l = 10 ? r l = 10 ? t p(g) > 20 s t p(g) > 20 s t p(g) > 20 s t p(g) > 20 s 0.7 -0.8 -0.8 0.9 2 -2 -2 2 v v t on-state voltage i t = 12 a i g = 50 ma (see note 5) 1.5 2.1 v ? all voltages are with respect to main terminal 1. mt1 mt2 g to-220 package (top view) pin 2 is in electrical contact with the mounting base. mdc2aca 1 2 3
tic226 series silicon triacs 2  
  april 1971 - revised september 2002 specifications are subject to change without notice. ? all voltages are with respect to main terminal 1. notes: 5. this parameter must be measured using pulse techniques, t p = 1 ms, duty cycle 2 %. voltage-sensing contacts separate from the current carrying contacts are located within 3.2 mm from the device body. 6. the triacs are triggered by a 15-v (open-circuit amplitude) pulse supplied by a generator with the following characteristics: r g = 100 ? , t p(g) = 20 s, t r = 15 ns, f = 1 khz. i h holding current v supply = +12 v? v supply = -12 v? i g = 0 i g = 0 init? i tm = 100 ma init? i tm = -100 ma 10 -6 30 -30 ma i l latching current v supply = +12 v? v supply = -12 v? (see note 6) 50 -50 ma dv/dt critical rate of rise of off-state voltage v drm = rated v drm i g = 0 t c = 110c 100 v/s dv/dt (c) critical rise of commu- tation voltage v drm = rated v drm i trm = 12 a t c = 85c (see figure 7) 5 v/s thermal characteristics parameter min typ max unit r jc junction to case thermal resistance 1.8 c/w r ja junction to free air thermal resist ance 62.5 c/w typical characteristics figure 1. figure 2. electrical characteristics at 25c case temperature (unless otherwise noted) (continued) parameter test conditions min typ max unit gate trigger current t c - case temperature - c -60 -40 -20 0 20 40 60 80 100 120 i gt - gate trigger current - ma 1 10 100 1000 tc01aa case temperature vs v aa = 12 v r l = 10 ? t p(g) = 20 s v supply i gtm + + + - - - - + gate trigger voltage t c - case temperature - c -60 -40 -20 0 20 40 60 80 100 120 v gt - gate trigger voltage - v 01 1 10 tc01ab case temperature vs v aa = 12 v r l = 10 ? t p(g) = 20 s v supply i gtm + + + - - - - + }
tic226 series silicon triacs 3  
  april 1971 - revised september 2002 specifications are subject to change without notice. typical characteristics figure 3. figure 4. thermal information figure 5. figure 6. holding current t c - case temperature - c -60 -40 -20 0 20 40 60 80 100 120 i h - holding current - ma 01 1 10 100 1000 tc01ad case temperature vs v supply + - v aa = 12 v i g = 0 initiating i tm = 100 ma latching current t c - case temperature - c -60 -40 -20 0 20 40 60 80 100 120 i l - latching current - ma 1 10 100 1000 tc01ae case temperature vs v aa = 12 v v supply i gtm + + + - - - - + max rms on-state current t c - case temperature - c 0 255075100125 i t(rms) - maximum on-state current - a 0 1 2 3 4 5 6 7 8 9 10 ti01ab case temperature vs max average power dissipated i t(rms) - rms on-state current - a 0246810121416 p (av) - maximum average power dissipated - w 0 4 8 12 16 20 24 28 32 ti01ac rms on-state current vs conduction angle = 360 above 8 a rms t j = 110 c see i tsm figure
tic226 series silicon triacs 4  
  april 1971 - revised september 2002 specifications are subject to change without notice. parameter measurement information figure 7. v ac v mt2 i mt2 dut see note a r g c1 r1 i g v ac i mt2 v mt2 i g i trm dv/dt 10% 63% l1 v drm 50 hz pmc2aa note a: the gate-current pulse is furnished by a trigger circuit which presents essentially an open circuit between pulses. the pulse is timed so that the off-state-voltage duration is approximately 800 s.


▲Up To Search▲   

 
Price & Availability of TIC226D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X