Part Number Hot Search : 
PM7326 RT7262A EL4585 P921707 LT6107 AT1305A M48T36 NV2312A
Product Description
Full Text Search
 

To Download TFS125K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TFS125K.doc version 1.2 18.06.2003 vi telefilter filter specification tfs 125k 1 / 5 measurementcondition ambient temperature: 23 c input power level: 0dbm terminating impedance s : 50 characteristics remark: reference level for the relative attenuation a rel of the tfs 125k is the maximum attenuation in the pass band. the maximum attenuation in the pass band is defined as the insertion loss a e . the nominal frequency f n is fixed at 125 mhz without tolerance or limit. the values of relative attenuation a rel are guaranteed in the wholeoperatingtemperature range. the frequency shift of the filter in the operating temperature range is included in the production tolerance scheme. data typ.value tolerance /limit insertion loss a e 1,88 db 2,5 1,0 db (reference level) nominal frequency f n - 125mhz 1 db band width bw 2,80 mhz 300khz pass band ripple within 100khz 0,10db max.0,20db relative attenuation a rel f n 150 khz - max.1db f n - 14 mhz...f n - 28mhz 50 db min.5db f n - 28 mhz...f n - 124mhz 65 db min.12db f n + 14mhz... f n + 23mhz 40 db min.30db f n + 23mhz... f n + 33mhz 55 db min.44db f n + 33mhz... f n + 325mhz 42 db min.38db vswr f n - 150khz ... f n + 150khz 1.3:1 max 2 : 1 absolute group delay gd*) f n - 150khz ... f n + 150khz 245 ns max. 300 ns group delay ripple gdr *) f n - 150khz ... f n + 150khz 15 ns max.100ns intermodulation **) ip 3 54 db min.45db input power level max 10dbm temperature coefficient of frequency tc f ***) - 72 ppm/k - operating temperature range - - 10 c ... + 85 c storage temperature range - 30 c ... + 85 c *) measured with smoothing; smoothing aperture 50 khz **) modulation signals: f n and f n + 14 mhz, each of 10 dbm; measured signal: f n - 14 mhz ***) f(hz) = tc f (ppm/k) x ( t) x f to (mhz) generated: checked / approved: telefiltergmbh potsdamerstra ? e18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to makechanges to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. www..net
TFS125K.doc version 1.2 18.06.2003 vi telefilter filter specification tfs 125k 2 / 5 construction and pin connection (all dimensions in mm) 9,3 max. 1 2 3 4 5 6 7 8 9 10 7,1 0,10 0,8 2,54 0,1 2,54 0,1 1 2 3 4 5 6 7 8 9 10 TFS125K date code 1 ground 2 ground 3 ground 4 ground 5 output 6 ground 7 ground 8 ground 9 ground 10 input date code: year+week n 2001 p 2002 r 2003 ... telefiltergmbh potsdamerstra ? e18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to makechanges to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information.
TFS125K.doc version 1.2 18.06.2003 vi telefilter filter specification tfs 125k 3 / 5 stability characteristics after the following tests the filter shall meet the whole specification: 1. shock: 500g, 18 ms, half sine wave, 3 shocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans; din iec 68 t2 - 6 3. change of temperature: -55 c to 125 c / 30 min. each / 10 cycles din iec 68 part 2 C 14 test n 4. resistance to solder heat (reflow): reflow possible: twice max.; for temperature conditions refer to the attached "air reflow temperature conditions" on page 4; packing tape & reel: iec 286 - 3, with exception of value for n and minimum bending radius; tape type ii, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: 3000 reel of empty components at start: min 300 mm reel of empty components at start including leader: min 500 mm trailer min 300 mm d o p o e f w p 1 embossed carriertape cover tape g p 2 b o a o ct d 1 tape (all dimensions in mm) w : 16 0,3 po : 4 0,1 do : 1,5 +0,1 e : 1,75 0,1 f : 7,5 0,1 g (min) : 0,6 p2 : 2 0,1 p1 : 8 0,1 d1(min): 1,5 ao : 5,3 0,1 bo : 9,7 0,1 ct : 13,5 +0,1 a c n w 1 w 2 reel (all dimensionsin mm): a :330 w1 : 16,4+2 w2 (max): 22,4 n (min) : 50 c :13+ 0,5 / - 0,2 the minimum bending radius is 45 mm. the mounting surface of the filters faces the bottom side of the embossed carrier tape. markings on the filters can be read if the upper side of the carrier tape is regarded with the sprocket holes on its right. telefiltergmbh potsdamerstra ? e18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail:tft@telefilter.com vi telefilter reserves the right to makechanges to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information.
TFS125K.doc version 1.2 18.06.2003 vi telefilter filter specification tfs 125k 4 / 5 air reflow temperature conditions 1st and 2nd air reflow profile name: pre-heatingperiods main-heating periods peak temperature temperature: 150 c - 170 c over 200 c 255 c 5 c time: 60 sec. - 90 sec. 20 sec. - 25 sec. chip-mount air reflow profile time / sec. t e m p e r a t u r e / c 0 20 40 60 80 100 120 140 160 180 200 220 240 260 0 20 40 60 80100120140160180200220240 table for temperature vs. time during the air reflow process tolerance oftemperatures: 5 c time / sec. temperature / c time / sec. temperature / c 0 23 140 160 10 34 150 161 20 46 160 164 30 60 170 170 40 80 180 180 50 103 190 205 60 121 195 230 70 134 200 255 80 143 205 230 90 150 210 205 100 154 215 180 110 156 220 165 120 158 230 140 130 159 240 120 telefiltergmbh potsdamerstra ? e18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to makechanges to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information.
TFS125K.doc version 1.2 18.06.2003 vi telefilter filter specification tfs 125k 5 / 5 history versionreason of changes name date 1.0 - generation of development specification according to the customer specification (v-1.0.0; 15 jan 03) dr. sabah 07.03.03 1.1 - add of typical values and generation of filter specification dr. sabah 03.06.03 1.2 - updated of filter specification according to customer specification, version 2.0.0dr. sabah 17.06.03 telefiltergmbh potsdamerstra ? e18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to makechanges to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS125K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X