Part Number Hot Search : 
CM12MB TMG8D60H P3100 MC74F157 S9721 PMBTH10 PE9811 33001
Product Description
Full Text Search
 

To Download ST1000C18K1L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 93714 for technical questions, contact: ind-modules@vishay.com www.vishay.com revision: 11-may-09 1 phase control thyristors (hockey puk version), 1473 a st1000c..k series vishay high power products features ? center amplifying gate ? metal case with ceramic insulator ? international standard case a-24 (k-puk) ? high profile hockey puk ? compliant to rohs directive 2002/95/ec typical applications ? dc motor controls ? controlled dc power supplies ? ac controllers electrical specifications product summary i t(av) 1473 a a-24 (k-puk) major ratings and characteristics parameter test conditions values units i t(av) 1473 a t hs 55 c i t(rms) 2913 a t hs 25 c i tsm 50 hz 20.0 a 60 hz 21.2 i 2 t 50 hz 2000 ka 2 s 60 hz 1865 i 2 t 20 000 ka 2 s v drm /v rrm range 1200 to 2600 v t q typical 300 s t j range - 40 to 125 c voltage ratings type number voltage code v rrm , maximum repetitive peak reverse voltage v v rsm , maximum non-repetitive peak reverse voltage v i rrm maximum at t j = 125 c ma st1000c..k 12 1200 1300 100 16 1600 1700 18 1800 1900 20 2000 2100 22 2200 2300 24 2400 2500 26 2600 2700
www.vishay.com for technical questions, contact: ind-modules@vishay.com document number: 93714 2 revision: 11-may-09 st1000c..k series vishay high power products phase control thyristors (hockey puk version), 1473 a absolute maximum ratings parameter symbol test conditions values units maximum average on-state current at heatsink temperature i t(av) 180 conduction, half sine wave double side (singl e side) cooled 1473 (630) a 55 (85) c maximum rms on-state current i t(rms) dc at 25 c heatsink temperature double side cooled 6540 a maximum peak, one-cycle, non-repetitive surge current i tsm t = 10 ms no voltage reapplied sinusoidal half wave, initial t j = t j maximum 20.0 t = 8.3 ms 21.2 t = 10 ms 100 % v rrm reapplied 17.0 t = 8.3 ms 18.1 maximum i 2 t for fusing i 2 t t = 10 ms no voltage reapplied 2000 ka 2 s t = 8.3 ms 1865 t = 10 ms 100 % v rrm reapplied 1445 t = 8.3 ms 1360 maximum i 2 t for fusing i 2 t t = 0.1 ms to 10 ms, no voltage reapplied 20 000 ka 2 s low level value of threshold voltage v t(to)1 (16.7 % x x i t(av) < i < x i t(av) ), t j = t j maximum 0.950 v high level value of threshold voltage v t(to)2 (i > x i t(av) ), t j = t j maximum 1.024 low level value of on-state slope resistance r t1 (16.7 % x x i t(av) < i < x i t(av) ), t j = t j maximum 0.283 m high level value of on-s tate slope resistance r t2 (i > x i t(av) ), t j = t j maximum 0.265 maximum on-state voltage drop v tm i pk = 3000 a, t j = 125 c, t p = 10 ms sine pulse 1.80 v maximum holding current i h t j = 25 c, anode supply 12 v resistive load 600 ma typical latching current i l 1000 switching parameter symbol test conditions values units maximum non-repetitive rate of rise of turned-on current di/dt gate drive 20 v, 20 , t r 1 s t j = t j maximum, anode voltage 80 % v drm 1000 a/s typical delay time t d gate current 1 a, di g /dt = 1 a/s v d = 0.67 % v drm , t j = 25 c 1.9 s typical turn-off time t q i tm = 550 a, t j = t j maximum, di/dt = 40 a/s, v r = 50 v, dv/dt = 20 v/s, gate 0 v 100 , t p = 500 s 300 blocking parameter symbol test conditions values units maximum critical rate of rise of off-state voltage dv/dt t j = t j maximum linear to 80 % rated v drm 500 v/s maximum peak reverse and off-state leakage current i rrm , i drm t j = t j maximum, rated v drm /v rrm applied 100 ma
document number: 93714 for technical questions, contact: ind-modules@vishay.com www.vishay.com revision: 11-may-09 3 st1000c..k series phase control thyristors (hockey puk version), 1473 a vishay high power products note ? the table above shows the increment of thermal resistance r thjc when devices operate at diffe rent conduction angles than dc triggering parameter symbol test conditions values units typ. max. maximum peak gate power p gm t j = t j maximum, t p 5 ms 16 w maximum peak average gate power p g(av) t j = t j maximum, f = 50 hz, d% = 50 3 maximum peak positive gate current i gm t j = t j maximum, t p 5 ms 3.0 a maximum peak positive gate voltage + v gm 20 v maximum peak negative gate voltage - v gm 5.0 dc gate current required to trigger i gt t j = - 40 c maximum required gate trigger/ current/voltage are the lowest value which will trigger all units 12 v anode to cathode applied 200 - ma t j = 25 c 100 200 t j = 125 c 50 - dc gate voltage required to trigger v gt t j = - 40 c 1.4 - v t j = 25 c 1.1 3.0 t j = 125 c 0.9 - dc gate current not to trigger i gd t j = t j maximum maximum gate current/voltage not to trigger is the maximum value which will not trigger any unit with rated v drm anode to cathode applied 10 ma dc gate voltage not to trigger v gd 0.25 v thermal and mechanical specifications parameter symbol test conditions values units maximum operating temperature range t j - 40 to 125 c maximum storage temperature range t stg - 40 to 150 maximum thermal resistance, junction to heatsink r thj-hs dc operation single side cooled 0.042 k/w dc operation double side cooled 0.021 maximum thermal resistance, case to heatsink r thc-hs dc operation single side cooled 0.006 dc operation double side cooled 0.003 mounting force, 10 % 24 500 (2500) n (kg) approximate weight 425 g case style see dimensions - link at the end of datasheet a-24 (k-puk) r thjc conduction conduction angle sinusoidal conduction rectangular conduction test conditions units single side double side single side double side 180 0.003 0.003 0.002 0.002 t j = t j maximum k/w 120 0.004 0.004 0.004 0.004 90 0.005 0.005 0.005 0.005 60 0.007 0.007 0.007 0.007 30 0.012 0.012 0.012 0.012
www.vishay.com for technical questions, contact: ind-modules@vishay.com document number: 93714 4 revision: 11-may-09 st1000c..k series vishay high power products phase control thyristors (hockey puk version), 1473 a fig. 1 - current ratings characteristics fig. 2 - current ratings characteristics fig. 3 - current ratings characteristics fig. 4 - current rati ngs characteristics fig. 5 - on-state power loss characteristics fig. 6 - on-state power loss characteristics average on-state current (a) maximum allowable heatsink temperature (c) 70 80 90 100 110 120 130 0 100 200 300 400 500 600 700 30 60 90 120 180 conduction angle st1000c..k series (single side cooled ) r (dc) = 0.042 k/w thj-hs average on-state current (a) maximum allowable heatsink temperature ( c) 70 80 90 100 110 120 130 0 200 400 600 800 1000 dc 30 60 90 120 180 conduction period st1000c..k series (single side cooled) r (dc) = 0.042 k/w thj-hs average on-state current (a) maximum allowable heatsink temperature (c) 40 50 60 70 80 90 100 110 120 130 0 400 800 1200 1600 30? 60? 90? 120? 180? conduction angle st1000c..k series (double side cooled) r (dc) = 0.021 k/w thj-hs average on-state current (a) maximum allowable heatsink temperature (c) 40 50 60 70 80 90 100 110 120 130 0 400 800 1200 1600 2000 2400 dc 30? 60? 90? 120? 180? conduction period st1000c..k series (double side cooled) r (dc) = 0.021 k/w thj-hs average on-state current (a) maximum average on-state power loss (w) 0 500 1000 1500 2000 2500 3000 0 400 800 1200 1600 rms limit conduction angle 180? 120? 90? 60? 30? st1000c..k series t = 125?c j average on-state current (a) maximum average on-state power loss (w) 0 500 1000 1500 2000 2500 3000 3500 4000 0 500 1000 1500 2000 2500 dc 180? 120? 90? 60? 30? rms limit conduction period st1000c..k series t = 125?c j
document number: 93714 for technical questions, contact: ind-modules@vishay.com www.vishay.com revision: 11-may-09 5 st1000c..k series phase control thyristors (hockey puk version), 1473 a vishay high power products fig. 7 - maximum non-repetitive surge current single and double side cooled fig. 8 - maximum non- repetitive surge current single and double side cooled fig. 9 - on-state voltage drop characteristics fig. 10 - thermal impedance z thj-hs characteristics number of equal amplitude half cycle current pulses (n) peak half sine wave on-state current (a) 6000 8000 10000 12000 14000 16000 18000 110100 st1000c..k series initial t = 125?c @ 60 hz 0.0083 s @ 50 hz 0.0100 s j at any rated load condition and with rated v applied following surge. rrm pulse train duration (s) peak half sine wave on-state current (a) 6000 8000 10000 12000 14000 16000 18000 20000 22000 0.01 0.1 1 maximum non repetitive surge current versus pulse train duration. control of conduction may not be maintained. st1000c..k series initial t = 125?c no voltage reapplied rated v reapplied rrm j instantaneous on-state voltage (v) instantaneous on-state current (a) 100 1000 10000 0.5 1 1.5 2 2.5 3 3.5 4 t = 25?c j st1000c..k series t = 125?c j square wave pulse duration (s) transient thermal impedance z thj-hs (k/w) 0.001 0.01 0.1 0.001 0.01 0.1 1 10 100 steady state value r = 0.42 k/w (single side cooled) r = 0.21 k/w (double side cooled) (dc operation) st1000c..k series thj-hs thj-hs
www.vishay.com for technical questions, contact: ind-modules@vishay.com document number: 93714 6 revision: 11-may-09 st1000c..k series vishay high power products phase control thyristors (hockey puk version), 1473 a fig. 11 - gate characteristics ordering information table instantaneous gate current (a) instantaneous gate voltage (v) 0.1 1 10 100 0.001 0.01 0.1 1 10 100 vgd igd (b) (a) tj=25 ? c tj=125 ?c tj=-40 ?c (1) (2) (3) a) recommended load line for b) recommended load line for <=30% rated di/dt : 10v, 10ohms frequency limited by pg(av) rated di/dt : 20v, 10ohms; tr<=1 s tr<=1 s rectangular gate pulse (1) pgm = 16w, tp = 4ms (2) pgm = 30w, tp = 2ms (3) pgm = 60w, tp = 1ms device: st100c..k series 1 - thyristor 2 - essential part number 3 - 0 = converter grade 4 - c = ceramic puk 8 - critical dv/dt: 5 - voltage code x 100 = v rrm (see voltage ratings table) 6 - k = puk case a-24 (k-puk) 7 - 0 = eyelet terminals (gate and auxiliary cathode unsoldered leads) 1 = fast-on terminals (gate and auxiliary cathode unsoldered leads) 2 = eyelet terminals (gate and auxiliary cathode soldered leads) 3 = fast-on terminals (gate and auxiliary cathode soldered leads) none = 500 v/s (standard selection) l = 1000 v/s (special selection) device code 5 13 24 678 st 100 0 c 26 k 1 - links to related documents dimensions www.vishay.com/doc?95081
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of ST1000C18K1L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X