Part Number Hot Search : 
FSDM0365 EVAL2 82562G FSDM0365 APM4052D M41ST MUR16 M41ST
Product Description
Full Text Search
 

To Download SSG4401P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SSG4401P -3.6 a, -150 v, r ds(on) 160 m ? p-ch enhancement mode power mosfet 10-sep-2013 rev. a page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. a h b m d c j k f l e n g rohs compliant product a suffix of -c specifies halogen & lead-free description these miniature surface mount mosfets utilize a high cell density trench process to provide low r ds(on) and to ensure minimal power loss and heat dissipation. features  low r ds(on) provides higher efficiency and extends battery life.  low thermal impedance copper leadframe sop-8 saves board space.  fast switching speed.  high performance trench technology. application dc-dc converters and power management in portable and battery-powered products such as computers, printers, pcmcia cards, cellular and cordless telephones. package information package mpq leader size sop-8 2.5k 13 inch maximum ratings (t a = 25 c unless otherwise specified) parameter symbol ratings unit drain-source voltage v ds -150 v gate-source voltage v gs 20 v t a = 25c -3.6 a continuous drain current 1 t a = 70c i d -3.1 a pulsed drain current 2 i dm -15 a continuous source current (diode conduction) 1 i s -4.1 a t a = 25c 3.1 w total power dissipation 1 t a = 70c p d 2.2 w operating junction & storage temperature range t j , t stg -55 ~ 150 c thermal resistance ratings t Q 10 sec 40 thermal resistance junction-ambient (max.) 1 steady state r ja 80 c / w notes: 1. surface mounted on 1 x 1 fr4 board. 2. pulse width limited by maximum junction tempera ture. sop-8 millimeter millimeter ref. min. max. ref. min. max. a 5.80 6. 20 h 0 . 35 0 .4 9 b 4 . 80 5.0 0 j 0. 375 ref. c 3 .80 4 . 0 0 k 45 d 0 8 l 1.35 1. 75 e 0.40 0.90 m 0.10 0 . 25 f 0. 19 0. 25 n 0.25 ref. g 1.27 typ. s s s g d d d d
elektronische bauelemente SSG4401P -3.6 a, -150 v, r ds(on) 160 m ? p-ch enhancement mode power mosfet 10-sep-2013 rev. a page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (t a = 25 c unless otherwise specified) parameter symbol min. typ. max. unit teat conditions static gate-threshold voltage v gs(th) -1 - - v v ds = v gs , i d = -250 a gate-body leakage current i gss - - 100 na v ds =0, v gs = 20v - - -1 v ds = -120v, v gs =0 zero gate voltage drain current i dss - - -25 a v ds = -120v, v gs =0, t j =55c on-state drain current 1 i d(on) -5 - - a v ds = -5v, v gs = -10v - - 160 v gs = -10v, i d = -2.8a drain-source on-resistance 1 r ds(on) - - 170 m  v gs = -5.5v, i d = -2.3a forward transconductance 1 g fs - 38 - s v ds = -15v, i d = -2.8a diode forward voltage v sd - -0.76 - v i s = -2.1a, v gs =0 dynamic 2 input capacitance c iss - 7944 - output capacitance c oss - 290 - reverse transfer capacitance c rss - 262 - pf v ds =-15v v gs =0 f=1mhz total gate charge q g - 64 - gate-source charge q gs - 28 - gate-drain charge q gd - 32 - nc i d = -2.8a v ds = -75v v gs = -4.5v turn-on delay time t d(on) - 19 - rise time t r - 34 - turn-off delay time t d(off) - 130 - fall time t f - 67 - ns v ds = -75v i d = -2.8a v gen = -10v r l =26.8  r g =6  notes: 1. pulse test pw Q 300 s duty cycle Q 2%. 2. guaranteed by design, not subject to production testing.
elektronische bauelemente SSG4401P -3.6 a, -150 v, r ds(on) 160 m ? p-ch enhancement mode power mosfet 10-sep-2013 rev. a page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves
elektronische bauelemente SSG4401P -3.6 a, -150 v, r ds(on) 160 m ? p-ch enhancement mode power mosfet 10-sep-2013 rev. a page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SSG4401P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X