Part Number Hot Search : 
XHXXXX BD6230F SB220 2547P46 74HC75D 23902 EG2809 CD4025AF
Product Description
Full Text Search
 

To Download SG12232D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SG12232D ( 122 dots x 32 dots ) features mechanical data built-in controller (sed1520 or equivalent) item dimensions unit +5 v power supply module size (w x h x t) 84.0 x 44.0 x 8.8 ( 12.7 led ) mm 1/32 duty cycle viewing area ( w x h ) 60.5 x 18.5 mm 8-bit parallel interface active area ( w x h ) 53.64 x 15.64 mm 4.2 v led forward voltage dot size ( w x h ) 0.40 x 0.45 mm dot pitch ( w x h ) 0.44 x 0.49 mm interface pin connections absolute maximum ratings no. symbol level function item symbol min. typ. max. unit 1v ss 0v power supply ground supply voltage for logic v dd -v ss 0 - 7 v 2v dd 5v power supply voltage supply voltage for lcd drive v dd -v o 0 - 12 v 3v o - contrast adjustment voltage input voltage v i vss - v dd v 4 ao h/l data type select signal 5 e1 l chip enable signal for ic1 electrical characteristics 6 e2 l chip enable signal for ic2 item symbol condition min. typ. max. unit 7 db0 h/l data bit 0 supply voltage for logic v dd -v ss - 4.5 5 5.5 v 8 db1 h/l data bit 1 supply voltage for lcd v dd -v o v dd =5v ta=25 4.4 4.8 5.2 v 9 db2 h/l data bit 2 supply current i dd v dd =5v - 2.5 4.5 ma 10 db3 h/l data bit 3 input "high" level v ih - 2.2 - v dd v 11 db4 h/l data bit 4 voltage "low" level v il - - - 0.6 v 12 db5 h/l data bit 5 output "high" level v oh - 2.4 - - v 13 db6 h/l data bit 6 voltage "low" level v ol - - - 0.4 v 14 db7 h/l data bit 7 external dimensions


▲Up To Search▲   

 
Price & Availability of SG12232D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X