Part Number Hot Search : 
AEP012SI DFLR1400 LCX028B K4N28 EV30L FQPF9N90 00103 FQPF9N90
Product Description
Full Text Search
 

To Download SFG16UD600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sfg16ud200 ~ SFG16UD600 voltage 200v ~ 600v 16.0 amp super fast rectifier elektronische bauelemente 13-may-2011 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies and halogen free features  fast switching for high efficiency  low forward voltage drop  high current capability  low reverse leakage current  high surge current capability mechanical data  case molded plastic to-220y  epoxy ul 94v-0 rate flame retardant  terminals solderable per mil-std-202 method 208  polarity color band denotes cathode  mounting position any  weight 2.24 grams maximum ratings and electrical characteristics (rating at 25 c ambient temperature unless otherwise specified. s ingle phase, half wave, 60hz, resistive or inductiv e load. for capacitive load, de-rate current by 20%.) parameters symbol part number unit sfg16ud200 sfg16ud400 SFG16UD600 maximum recurrent peak reverse voltage v rrm 200 400 600 v maximum rms voltage v rms 140 280 420 v maximum dc blocking voltage v dc 200 400 600 v maximum average forward rectified current t c =100 c i f(av) 16 a peak forward surge current,8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 125 a maximum instantaneous forward voltage @ 8a v f 1 1.3 1.7 v maximum dc reverse current at rated dc blocking voltage t j =25 c i r 10 a t j =125 c 250 maximum reverse recovery time 1 t rr 50 75 ns typical junction capacitance 2 c j 65 pf typical thermal resistance r jc 15 c / w operating junction and storage temperature range t j , t stg -55~150 c notes 1. reverse recovery test conditions i f = 0.5a, i r = 1.0a, i rr = 0.25a. 2. measured at 1.0 mhz and applied reverse voltage of 4.0 volts dc. 1 11 1 2 22 2 3 33 3 to-220y d c q q m e j k i f 2 3 1 a b g h n l ref. millimeter ref. millimeter min. max. min. max. a - 10.5 i 12.90 13.35 b 1.58 1.82 j 4.44 4.70 c 1.33 1.45 k 1.14 1.40 d 15.3 16.2 l 5.84 6.8 6 e 3.50 3.91 m 2.25 2.60 f 2.90 3.25 n 0.35 0.64 g 1.22 1.43 q 2.41 2.67 h 0.68 0.94
sfg16ud200 ~ SFG16UD600 voltage 200v ~ 600v 16.0 amp super fast rectifier elektronische bauelemente 13-may-2011 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristics curve


▲Up To Search▲   

 
Price & Availability of SFG16UD600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X