Part Number Hot Search : 
CPDER24V FR024 KST9015 BZT5233B ADV7170 3004M D1975 FS50SM
Product Description
Full Text Search
 

To Download SF1600BA03269S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  these flters are manufactured on quartz, which provides optimal temperature performance and are available from 80 -1600 mhz. this tcrf is designed for narrowband if fltering such as in satellite transponders, directional fnders and anti-jam modems. other packaging styles are available for more rugged environments and applications. standard part numbers as well as custom solutions are available. please contact sales for more information. saw filter 1600 mhz saw bandpass filter, 0.5 mhz bandwidth SF1600BA03269S typical performance center = 1600 mhz, 2.5 mhz/div (15.6 khz incr) 8/2012 ? 3 x 3 mm ceramic lcc, 6 pads ? rohs compliant
parameter min typ max units nominal center frequency - 1600 - mhz minimum insertion loss - 7.5 10 db nominal delay - 0.4 - s 1 db bandwidth 0.8 1.0 - mhz lower 1 db frequency - 1599.48 1599.75 mhz upper 1 db frequency 1600.25 1600.52 - mhz 3 db bandwidth 1.0 1.35 - mhz 20 db bandwidth - 3.6 - mhz rejection (1000-1597 mhz) 20 30 - db rejection (1603-2000 mhz) 20 28 - db phase deviation (1600 0.25 mhz) - 8 20 deg group delay ripple (166 0.25 mhz) - 75 200 ns source and load impedance 50 ohm specification notes: 1. this specifcation applies across the whole operating temperature range (below). allowance has been made for the movement of the response from sample to sample and with temperature change. 2. all quoted db levels other than the insertion loss are relative to the peak of the response. notes: ? recommend 2% toleranced components. typical inductor q=40. ? values shown are for reference only. actual values are dependent upon board layout. maximum ratings matching circuit parameter min max units storage temperature range -40 85 c operating temperature range 0 70 c input power level - 10 dbm 8/2012
package outline suggested footprint units: mm tolerances are as shown. pad confguration: input: 2 output: 5 ground: 1, 3, 4, 6 package material: body: al 2 o 3 ceramic lid: kovar, ni plated terminations: au plating 1 m min, over a 1.3 - 8.9 m ni plating 8/2012 +1 855.294.3800 www.apitech.com +1 888.553.7531 apitech.com/microwave 8/2012


▲Up To Search▲   

 
Price & Availability of SF1600BA03269S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X