Part Number Hot Search : 
V38CP20 DS9100B 1A156 UM110 CDFHLR UM110 F10A40 0421016
Product Description
Full Text Search
 

To Download SDR1306SMS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-7855 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com designer?s data sheet part number / ordering information 1 / sdr130 _6_ __ __ __ ? ? ? ? ? ? l processing = none or tx , txv, s ? ? ? ? l package = axial sms = surface mount ? ? l lead dia = .050" standard a = .040" special order l voltage 4 = 400 v 6 = 600 v 8 = 800 v axial leaded surface mount (sms) sdr1304 thru sdr1308 sdr1304sms thru sdr1308sms 3 amp, 400 ? 800 volts 70 nsec, ultra fast rectifier features: ? ultra fast recovery: 70 nsec @ 25 c, ? piv to 700 volts ? hermetically sealed ? void free construction ? for high efficiency applications ? low forward voltage drop ? single chip construction ? replaces ues 1304 types maximum ratings symbol value units peak repetitive reverse and dc blocking voltage sdr1304 sdr1306 sdr1308 v rrm v r 400 600 800 volts average rectified forward current (resistive load, 60 hz sine wave, t a = 25oc) io 3.0 amps peak surge current (8.3 ms pulse, half sine wave s uperimposed on io, allow junction to reach equilibrium between pulses, t a = 25oc) i fsm 75 amps operating & storage temperature top & tstg -65 to +175 oc maximum thermal resistance junction to lead, l = 3/8 " junction to end tab r jl r je 20 14 oc/w note: all specifications are subject to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: ru0095c doc
solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-7855 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com sdr1304 thru sdr1308 sdr1304sms thru sdr1308sms electrical characteristics part type symbol min max units instantaneous forward voltage drop (t a = 25oc, pulsed) i f = 3a sdr1304 - 1306 sdr1308 v f1 ?? 1.25 1.35 volts instantaneous forward voltage drop (t a = -55oc, pulsed) i f = 3a sdr1304 - 1306 sdr1308 v f2 ?? 1.40 1.50 volts reverse leakage current (rated v r , t a = 25oc, pulsed) all i r1 ?? 10 a reverse leakage current (rated v r , pulsed) sdr1304 - 1306 @ 125 c sdr1308 @ 100 c i r2 ?? 150 150 a junction capacitance (v r = 10 vdc, t a = 25oc, f = 1mhz) all c j ?? 50 pf reverse recovery time ( i f = 500 ma, i r = 1a, i rr = 0.25a all t rr ?? 70 nsec case outline: (axial) b ?c ?a d d dimensions sdr1304 & sdr1306 dim min max a 0.140 ? 0.170 ? b ?? 0.200? c 0.047? 0.053? d 1.00? ?? dimensions sdr1308 dim min max a 0.140 ? 0.170 ? b ?? 0.215? c 0.045? 0.053? d 1.00? ?? case outline: surface mount (sms c b a a d dimensions sdr1304 & sdr1306 dim min max a 0.172 ? 0.180 ? b 0.200? 0.250? c 0.020? 0.035? d 0.002? ?? dimensions sdr1308 dim min max a 0.172 ? 0.180 ? b 0.200? 0.265? c 0.020? 0.035? d 0.002? ?? note: all specifications are subject to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: ru0095c doc


▲Up To Search▲   

 
Price & Availability of SDR1306SMS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X