Part Number Hot Search : 
FSDM0365 EVAL2 82562G FSDM0365 APM4052D M41ST MUR16 M41ST
Product Description
Full Text Search
 

To Download SD103AM3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s chottky barrier diode absolute maximum ratings ta = 25 value symbol parameter SD103AM3 sd103bm3 sd103cm3 units v rrm repetitive peak reverse voltage 40 30 20 v v r reverse voltage 28 21 14 v i o continuous forward current 350 ma i fsm non-repetitive peak forward current *1 1.5 a p d power dissipation 200 mw t j junction temperature 125 t stg storage temperature -55 to +125 *1 8.3 ms single half sine-wave electrical characteristics ta = 25 symbol parameter conditions min typ max units bv r breakdown voltage SD103AM3 sd103bm3 sd103cm3 i r = 10a i r = 10a i r = 10a 40 30 20 v i r reverse current SD103AM3 sd103bm3 sd103cm3 v r = 30v v r = 20v v r = 10v 5 a v f forward voltage i f = 20ma i f = 200ma 0.37 0.60 v v c capacitance v r = 0v, f = 1mhz 50 pf / d a t a s heet SD103AM3 / sd103bm3 / sd103cm3 low forward voltage schottky rectifier sod323f thin smd package (fig-1) rohs compliant / green emc matte tin (sn) lead finish moisture level sensitivity 1 cathode band / device marking device marking code SD103AM3 ca sd103bm3 cb sd103cm3 cc 0.65mm typ fig.-1 package sod323f xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017 1
2 ordering information device package shipping tape wide emboss pitch tape specification notes SD103AM3 sd103bm3 sd103cm3 sod323f tape & reel 3000pcs /7 reel 8 mm 4 mm conductive package dimensions 1. 25 0. 10 2. 5 0 0 . 20 1. 7 0 0 . 10 (0 . 4) 0. 6 5 + 0 . 10 - 0 . 05 0. 8 0. 8 3. 0 to 3. 2 ( u n i t : mm ) so d 323f * p ackage o utline ( u n i t : m m ) land pattern recom m endation 0. 1 1 + 0 . 10 - 0 . 05 0. 30 + 0. 10 - 0 . 05 notes: * d i mensi o n s o f p o p p u l a (jedec /jei ta: so d-323/sc -90) s chottky barrier diode / d a t a s heet SD103AM3 / sd103bm3 / sd103cm3 xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017


▲Up To Search▲   

 
Price & Availability of SD103AM3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X