Part Number Hot Search : 
TK71350M GS9021 RM32ER61 16C64 A8515 BSO20 RM32ER61 1206A10
Product Description
Full Text Search
 

To Download RF3404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.rfm.com e-mail: info@rfm.com page 1 of 2 ?2008 by rf monolithics, inc. RF3404 - 3/21/08 to39-3 case ? ideal front-end filter for european wireless receivers ? low-loss, coupled-resonator quartz design ? simple external impedance matching ? rugged to39 hermetic package ? complies with directive 2002/95/ec (rohs) the RF3404 is a low-loss, compact and economical surface-acoustic-wave (saw) filter designed to provide front-end selectivity in 433.92 mhz receivers. receiver designs using this filter include superhet with 10.7 mhz or 500 khz if, direct conversion and superregen. typical applications of these receivers are wireless remote-control and security devices operating in europe under etsi i-ets 300 220. this coupled-resonator filter (crf) uses selective null placement to provide suppression, typically greater than 40 db, of the lo and image spurious responses of superhet receivers with 10.7 mhz if. rfms advanced saw design and fabrication technology is utilized to achieve high performance and very low loss with simple external impedance matching (not included). quartz construction provides excellent frequency stability over a wide temperature range. 433.92 mhz saw filter RF3404 caution: electrostatic sensitive device. observe precautions for handling. notes: 1. unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50 w test system with vswr 1.2:1. the test fixture l and c are adjusted for minimum insertion loss at the filter center frequency, f c . note that insertion loss, bandwidth, and passband shape are dependent on the impedance matching component values and quality. 2. the frequency f c is defined as the midpoint between the 3db frequencies. 3. where noted, specifications apply over the entire specified operating temperature range. 4. the turnover temperature, t o , is the temperature of maximum (or turnover) frequency, f o . the nominal frequency at any case temperature, t c , may be calculated from: f = f o [1 - ftc (t o -t c ) 2 ]. 5. frequency aging is the change in fc with time and is specified at +65c or less. aging may exceed the specification for prolo nged temperatures above +65c. typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years. 6. the design, manufacturing process, and specifications of this device are subject to change without notice. 7. one or more of the following u.s. patents apply: 4,54,488, 4,616,197, and others pending. 8. all equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sa le. electrical characteristics characteristic sym notes minimum typical maximum units center frequency at 25c absolute frequency f c 1, 2 433.92 mhz tolerance from 433.92 mhz d f c 80 khz insertion loss il 1 3.5 5.0 db 3 db bandwidth bw 3 1, 2 500 600 800 khz rejection at f c - 21.4 mhz (image) 1 40 50 db at f c - 10.7 mhz (lo) 15 30 ultimate 80 temperature operating case temp. t c 3, 4 -40 +85 c turnover temperature t o 15 25 40 c turnover frequency f o f c mhz freq. temp. coefficient ftc 0.032 ppm/ c 2 frequency aging absolute value during the first year |fa| 5 10 ppm/yr external impedance series inductance l 1 47 nh shunt capacitance c 11 pf lid symbolization (in addition to lot and/or date codes) rfm RF3404 pb
www.rfm.com e-mail: info@rfm.com page 2 of 2 ?2008 by rf monolithics, inc. RF3404 - 3/21/08 absolute maximum ratings typical filter response typical filter responses are shown below. the actual response is dependent on external impedance matching and circuit layout. illustrated frequencies and minimum rejection for lo and image are shown only for superhet receivers with 10.7 mhz if. electrical connections typical test circuit case design rating value units incident rf power +13 dbm dc voltage between any two pins (observe esd precautions) 30 vdc case temperature 5 -40 to +85 c soldering temperature (10 seconds/5 cycles max) 260 c lo 0 -10 -20 -30 -40 -50 -60 -70 -80 5 mhz/div fre q uenc y image amplitude response bottom view pin 1 pin 2 pin 3 pin connection 1 input or output 2 output or input 3 case ground l cc l 2 3 1 from 50 source w to 5 0 w load dimensions millimeters inches min max min max a 9.40 0.370 b 3.18 0.125 c 2.50 3.50 0.098 0.138 d 0.46 nominal 0.018 nominal e 5.08 nominal 0.200 nominal f 2.54 nominal 0.100 nominal g 2.54 nominal 0.100 nominal h 1.02 0.040 j 1.40 0.055 0 db -1 -2 -3 -4 -5 -6 -7 -8 150 khz/div fre q uenc y amplitude response min 3db passband at 25 c o b 45 j (2 places) d (3 places) h g e f c a


▲Up To Search▲   

 
Price & Availability of RF3404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X