Part Number Hot Search : 
NJM082BV M29F010B XG0005P E4570 M29F010B 1N6000B T3150 NJM3548
Product Description
Full Text Search
 

To Download PV75WBV-FREQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pv7 pecl vcxo series 6 pad leadless surface mount pecl voltage controlled xtal os cillator differential pecl output with enable/disable standard specifications part numbering guide consult factory for available frequencies and specs. not all options available for all frequencies. a special part numbe r may be assigned. frequency stability is inclusive of frequency shifts due to calibration, temperature, supply voltage, shock, vibration a nd load (425) 776 - 1880, fax: (425) 776 - 2760, ple - sales@pletronics.com, www.pletronics.com 19 pl tronics, inc. packaging tube or 24mm tape 16mm pitch portions of the part number that appear after the frequency may not be marked on part (c of c provided) apr 2004 overall frequency stability operating temperature range 0 to +80 c is standard, but can be extended to storage temperature range - 55 to +125 c - 40 to +85 c supply voltage (vcc) 3.3 volts 5 % available. see test cirucit 5. e/d internal pullup 50 kohm minimum to vcc output symmetry 40/60% referenced to 50% of amplitude output rise & fall (tr & tf) 1.0 ns maximum when vth is 10% and 90% of waveform 100 ma maximum supply current (icc) 2.275 v minimum referenced to ground, vcc = 3.300v, 0.975 v minimum referenced to termination voltage, - 1.025 v minimum referenced to vcc output high level 1.680 v maximum referenced to ground, vcc = 3.300v, 0.380 v maximum referenced to termination voltage, - 1.620 v maximum referenced to vcc output low level 5 ps rms maximum measured from 12 khz to 20 mhz from output frequency jitter v enable 0.7 vcc minumum referenced to ground 0.3 vcc maximum referenced to ground v disable 50 ppm linerarity slope positive and montonic control voltage range (cvr) 0.0 to 3.3 v pullability pull range is defined as absolute pull range. this is the pu ll range about the specified oscillator frequency, independent of supply, temperature range and load. 10% typical over operating temperature range output enable / disable (e/d) output enable time 200 ns maximum at output enable or 1 ms maximum at output en abled and stable high level input current low level input current -20 ua maximum at enable / disable pin = 0.7 vcc -200 ua maximum at enable / disable pin = 0 v 200 ns maximum at output disable output disable time vcc supply current disabled < 1 ma. both outputs are high im pedance when disabled. frequency stability frequency in mhz frequency deviation (pullability) absolute pull range pv7 5 v b v - 100.0m - xxx (internal code or blank) v: 50 ppm operating temperature range b: 0 to +70 c f: - 40 to +85 c 5 = 50 ppm model supply voltage v = 3.3 volts 5 % w = 2.5 volts 5% 70.00 mhz ? 200.00 mhz consult factory for higher frequencies pl tronics , inc. 19013 36th ave. w, suite h lynnwood, wa 98036 usa manufacturer of high quality frequency control products .
pv7 pecl vcxo series (425) 776 - 1880, fax: (425) 776 - 2760, ple - sales@pletronics.com, www.pletronics.com 19a pl tronics, inc. pl tronics , inc. 19013 36th ave. w, suite h lynnwood, wa 98036 usa manufacturer of high quality frequency control products . mar 2004 0.055 (1.4) 0.024 (0.60) 0.050 (1.27) 0.004 (0.10) 0.200 (5.08) 1 3 4 6 0 .055 (1.4) 0.200 (5.08) 5 2 0.075 (1.9) 0.276 (7.0 .15) 0.197 (5.0 .15) max 2 5 1 6 0 .079 (2.0) 0 .087 (2.2) 4 3 mechanical: not to scale inches (mm) solder pads due to part size and factory abilities, part marking may var y from lot to lot and may contain our part number or an inte rnal code. 1 vcon 2 e/d 3 vss 4 out 5 c out 6 vcc pin signal see page 6 for layout guidelines


▲Up To Search▲   

 
Price & Availability of PV75WBV-FREQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X