Part Number Hot Search : 
SCC100A AA10C 2N6292 D4SB100 10211 5KE110A SM6451A NCP3418D
Product Description
Full Text Search
 

To Download PGM5637D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.token.com.tw 01 of 05 cds photo resistors - pgm series specifcation provides the mechanical data, electronic characteristics and test conditions in terms of 5mm, 12mm, and 20mm. token cds resistors can be customed designs and tighter tolerances available on request. application of cds resistors specifc designs also available including different photo resistance and response time specifcations adjusted to resistance requirements. general resistors cds photo resistors - pgm series / 5mm cds resistor photoresistors confgurations & dimensions applications 1. auto flash for camera 2. industrial control 3. photoelectric control 4. photoswitch; electronic toys features 1. epoxy or hermetical package 2. reliable performance 3. quick response 4. good characteristic of spectrum sensitive surface conducting resin ceramic substrate electrodes resin encapsulation lead wires ?5.10.2 4.30.2 ?0.5 3.4 342 2.4max pgm5**** series epoxy resin package pgm55**-mp series hermetical package note: all dimensions are in mm and nts. 322 4 max ? 0.5 ?5.5 3.4 ? 6.5 pgm5**** series resistor electronics characteristics model vmax (vdc) pmax (mw) ambient temp (c) spectral peak (nm) photo resistance (10lx) (k) dark resistance (m)min min responsetime (ms) rise decay pgm5506 100 90 -30 ~ +70 540 2 ~ 6 0.15 0.6 30 40 pgm5516 100 90 -30 ~ +70 540 5 ~ 10 0.2 0.6 30 40 pgm5526 150 100 -30 ~ +70 540 8 ~ 20 1.0 0.6 20 30 pgm5537 150 100 -30 ~ +70 540 16 ~ 50 2.0 0.7 20 30 pgm5539 150 100 -30 ~ +70 540 30 ~ 90 5.0 0.8 20 30 pgm5549 150 100 -30 ~ +70 540 45 ~ 140 10.0 0.8 20 30 pgm5616d 150 100 -30 ~ +70 560 5 ~ 10 1.0 0.6 20 30 pgm5626d 150 100 -30 ~ +70 560 8 ~ 20 2.0 0.6 20 30 PGM5637D 150 100 -30 ~ +70 560 16 ~ 50 5.0 0.7 20 30 pgm5639d 150 100 -30 ~ +70 560 30 ~ 90 10.0 0.8 20 30 pgm5649d 150 100 -30 ~ +70 560 50 ~ 160 20.0 0.8 20 30 pgm5659d 150 100 -30 ~ +70 560 150 ~ 300 20.0 0.8 20 30 free datasheet http:///
general resistors http://www.token.com.tw 02 of 05 pgm55**-mp series resistor electronics characteristics model vmax (vdc) pmax (mw) ambient temp (c) spectral peak (nm) photo resistance (10lx) (k) dark resistance (m)min min response time (ms) rise decay pgm5506-mp 100 90 -30 ~ +70 540 2 ~ 6 0.15 0.6 30 40 pgm5516-mp 100 90 -30 ~ +70 540 5 ~ 10 0.2 0.6 30 40 pgm5526-mp 150 100 -30 ~ +70 540 8 ~ 20 1.0 0.6 20 30 pgm5537-mp 150 100 -30 ~ +70 540 16 ~ 50 2.0 0.7 20 30 pgm5539-mp 150 100 -30 ~ +70 540 30 ~ 90 5.0 0.8 20 30 pgm5549-mp 150 100 -30 ~ +70 540 45 ~ 140 10.0 0.8 20 30 12mm cds photoresistors resistor confgurations & dimensions note: all dimensions are in mm and nts. ?12max 9 ?0.5 10.8max 2.4max 342.0 pgm12** series epoxy resin package pgm12**-mp series hermetical package 32typ. 5.5 max ? 13.8 ? 12.6 ? 10 ? 0.5 9 pgm12** series resistor electronics characteristics model vmax (vdc) pmax (mw) ambient temp (c) spectral peak (nm) photo resistance (10lx) (k) dark resistance (m)min min response time (ms) rise decay pgm1200 250 250 -30 ~ +70 560 2~5 1.0 0.6 30 40 pgm1201 250 250 -30 ~ +70 560 4~10 2.0 0.7 30 30 pgm1202 250 250 -30 ~ +70 560 8~20 5.0 0.7 30 30 pgm1203 250 250 -30 ~ +70 560 18~50 10 0.8 30 30 pgm1204 250 250 -30 ~ +70 560 45~150 20 0.8 30 30 pgm1205 250 250 -30 ~ +70 560 140~300 20 0.8 30 30 free datasheet http:///
general resistors http://www.token.com.tw 03 of 05 pgm12**-mp series resistor electronics characteristics model vmax (vdc) pmax (mw) ambient temp (c) spectral peak (nm) photo resistance (10lx) (k) dark resistance (m)min min response time (ms) rise decay pgm1200-mp 250 250 -30 ~ +70 560 2~5 1.0 0.6 30 40 pgm1201-mp 250 250 -30 ~ +70 560 4~10 2.0 0.7 30 30 pgm1202-mp 250 250 -30 ~ +70 560 8~20 5.0 0.7 30 30 pgm1203-mp 250 250 -30 ~ +70 560 18~50 10 0.8 30 30 pgm1204-mp 250 250 -30 ~ +70 560 45~150 20 0.8 30 30 pgm1205-mp 250 250 -30 ~ +70 560 140~300 20 0.8 30 30 20mm cds resistor photoresistors confgurations & dimensions pgm20** series resistor electronics characteristics ?20.5max 2.5max ?0.6 35max 17.5 pgm20** series epoxy resin package pgm20**-mp series hermetical package 34 max 17.5 ? 22 5 epoxy resin plastic case note: all dimensions are in mm and nts. model vmax (vdc) pmax (mw) ambient temp (c) spectral peak (nm) photo resistance (10lx) (k) dark resistance (m)min min responsetime (ms) rise decay pgm2000 500 500 -30 ~ +70 560 2~5 1.0 0.6 30 40 pgm2001 500 500 -30 ~ +70 560 4~10 2.0 0.7 30 30 pgm2002 500 500 -30 ~ +70 560 8~20 5.0 0.7 30 30 pgm2003 500 500 -30 ~ +70 560 18~50 10 0.8 30 30 pgm2004 500 500 -30 ~ +70 560 45~150 20 0.8 30 30 pgm2005 500 500 -30 ~ +70 560 140~300 20 0.8 30 30 free datasheet http:///
general resistors http://www.token.com.tw 04 of 05 pgm20**-mp series resistor electronics characteristics terminology 1. light resistance: measured at 10 lux with standard light a (2854k-color temperature) and 2hr. preillumination at 400-600 lux prior testing. 2. dark resistance : measured at 10th seconds after closing 10 lux. 3. gamma characteristic: under 10 lux and 100 lux and given by =log(r10/r100)/ log(100/10)=log(r10/r100) r10, r100: resistance at 10 lux and 100 lux. the tolerance of is 0.1. 4. pmax: max power dissipation at ambient temperature of 25c.at higher ambient temperature,the maximum power permissible may be lowered. 5. vmax: max voltage in darkness that may be applied to the device continuously. 6. spectral peak: spectral sensitivity of photoresistors depends on the wavelength of light they are exposed to and in accordance with fg 2. the tolerance of spectral peak is 50nm. physical and environmental characteristics item conditions performance solderability put the terminals into welding tank at temp. 2305c for 20.5s (terminal roots are 5mm away from the tin surface). wetting>95% temperature changing change of temperature in accordance with: ta: -40c tb: +60c number of cycles: 5 exposure duration: 30min drift of r10 = 20% no visible damage constant humidity and heat 1. put the device in test box at temperature: 605 chumidity: 90-95% illumination: 0lux duration: 100h 2. take the device and measure after24h at normal temperature and humidity. drift of r10= 30% no visible damage constant load temperature at 255c illumination: 150lux at rated power duration: 600h no visible damage wire terminals strength bend the wire terminal at its root to 90 degree,and then bend it to a opposite direction. no visible damage vibration frequency: 50hz swing: 1.5mm with directions: parallel to ceramic substrate normal to ceramic sub - strate. duration:2h no visible dam 400 500 600 700 800 900 1000 100 80 60 40 20 0 relative sensitivity(%) wavelength(nm) cds cdse cd(s.se) model vmax (vdc) pmax (mw) ambient temp (c) spectral peak (nm) photo resistance (10lx) (k) dark resistance (m)min min response time (ms) rise decay pgm2000-pp 500 500 -30 ~ +70 560 2~5 1.0 0.6 30 40 pgm2001-pp 500 500 -30 ~ +70 560 4~10 2.0 0.7 30 30 pgm2002-pp 500 500 -30 ~ +70 560 8~20 5.0 0.7 30 30 pgm2003-pp 500 500 -30 ~ +70 560 18~50 10 0.8 30 30 pgm2004-pp 500 500 -30 ~ +70 560 45~150 20 0.8 30 30 pgm2005-pp 500 500 -30 ~ +70 560 140~300 20 0.8 30 30 cds resistor spectral response free datasheet http:///
http://www.token.com.tw 05 of 05 general resistors how to order pgm5516 ? ? ? part number p free datasheet http:///


▲Up To Search▲   

 
Price & Availability of PGM5637D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X