Part Number Hot Search : 
TFS426 PC910 55562RFK 45DCB DFR1AF1A BDV64 P4KE10A 842128
Product Description
Full Text Search
 

To Download P1100ZB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  four-port metallic line protector http://www.teccor.com 2 - 46 ? 2004 teccor electronics +1 972-580-7777 sidactor ? data book and design guide four-port metallic line protector the four-port hybrid single in-line package (sip) line protector protects multiple twisted pair from overcurrent and overvoltage conditions. based on a sip, it is equivalent to four discrete do-214aa sidactor devices and four surface mount fuses. available in surge current ratings up to 500 a, this four-port sip line protector is ideal for densely populated line cards that cannot afford pcb inefficiencies or the use of series power resistors. * for individual ?za,? ?zb,? and ?zc? surge ratings, see table below. general notes: ? all measurements are made at an ambient temperature of 25 c. i pp applies to -40 c through +85 c temperature range. ? i pp is a repetitive surge rating and is guaranteed for the life of the product. ? listed sidactor devices are bi-directional. all electr ical parameters and surge ratings apply to forward and reverse polarities. ? v drm is measured at i drm . ? v s is measured at 100 v/s. ? special voltage (v s and v drm ) and holding current (i h ) requirements are available upon request. ? off-state capacitance is measured at 1 mhz with a 2 v bias and is a typical value for ?za? and ?z b? product. ?zc? capacitance i s approximately 2x the listed value. ? lower capacitance mc versions may be avai lable. contact factory for further information. 1 3 2 tip ring f1 z1 4 6 5 tip ring f2 z2 7 9 8 tip ring f3 z3 10 12 11 tip ring f4 z4 electrical parameters part number * v drm volts v s volts v t volts i drm amps i s mamps i t amps i h mamps c o pf p0080z_ 6 25 4 5 800 2.2 50 100 p0300z_ 25 40 4 5 800 2.2 50 110 p0640z_ 58 77 4 5 800 2.2 150 50 p0720z_ 65 88 4 5 800 2.2 150 50 p0900z_ 75 98 4 5 800 2.2 150 50 p1100z_ 90 130 4 5 800 2.2 150 40 p1300z_ 120 160 4 5 800 2.2 150 40 p1500z_ 140 180 4 5 800 2.2 150 40 p1800z_ 170 220 4 5 800 2.2 150 30 p2300z_ 190 260 4 5 800 2.2 150 30 p2600z_ 220 300 4 5 800 2.2 150 30 p3100z_ 275 350 4 5 800 2.2 150 30 p3500z_ 320 400 4 5 800 2.2 150 30 surge ratings series i pp 2x10 s amps i pp 8x20 s amps i pp 10x160 s amps i pp 10x560 s amps i pp 10x1000 s amps i tsm 60 hz amps di/dt amps/s a 150 150 90 50 45 20 500 b 250 250 150 100 80 30 500 c 500 400 200 150 100 50 500
four-port metallic line protector ? 2004 teccor electronics 2 - 47 http://www.teccor.com sidactor ? data book and design guide +1 972-580-7777 data sheets thermal considerations package symbol parameter value unit sip t j operating junction temperature range -40 to +150 c t s storage temperature range -65 to +150 c r ja thermal resistance: junction to ambient 90 c/w i h i t i s i drm v drm v t +v -v +i -i v s i h i t i s i drm v drm v t +v -v +i -i v s v-i characteristics 50 100 0 t r t d 0 peak value half value t ? time (s) i pp ? peak pulse current ? %i pp t r = rise time to peak value t d = decay time to half value waveform = t r x t d t r x t d pulse waveform -8 -40 -20 0 20 40 60 80 100 120 140 160 -6 -4 0 2 4 6 8 10 12 14 junction temperature (t j ) ? ?c percent of v s change ? % 25 ?c normalized v s change versus junction temperature 0.4 -40 -20 0 20 40 60 80 100 120 140 160 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 case temperature (t c ) ? ?c ratio of i h i h (t c = 25 ?c) 25 ?c normalized dc holding current versus case temperature


▲Up To Search▲   

 
Price & Availability of P1100ZB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X