Part Number Hot Search : 
11N60E 48S15 2SC2922 MOC30 L6450 PSC7002 79L15 PRM251
Product Description
Full Text Search
 

To Download OV5650 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dsc-quality imaging for high-performance mobile phones OV5650 5-megapixel product brief lead free available in a lead-free package the OV5650 is omnivision's advanced 5-megapixel imaging solution for mobile phones featuring 1.75 m omnibsi? (backside illumination) technology. omnibsi technology delivers a number of performance improvements over front-side illumination (fsi) technology, including increased sensitivity per unit area, improved quantum efficiency, reduced crosstalk and photo response non-uniformity, which all lead to significant improvements in image quality. designed specifically to address consumer demand for digital still camera (dsc) quality imaging in a mobile phone, the OV5650 combines industry leading low-light sensitivity at 1300 mv/lux-sec and a 2x improvement in (snr10) signal-to-noise ratio (<60 lux), with the industry's lowest stack height ? ideal for today's ultra-slim mobile phones. the superior pixel performance of the 1/3.2-inch OV5650 enables high frame rate 720p hd video at 60 frames per second with complete user control over formatting and output data transfer. the OV5650 supports a digital video parallel port or two-lane mipi, provides full-frame, windowed or binned 10-bit images in raw rgb format, and 256 bytes of available on-chip memory. automatic image control features and high frame rates for video encoding deliver vivid still and video images, even in the most challenging lighting conditions. the OV5650 ? an ideal 5-megapixel solution for mobile imaging. find out more at www.ovt.com.
? ? mobile phones games and toys ? ? pc multimedia digital still cameras (dsc) applications ? ? ? ? ? ? ? ? 1.75 m x 1.75 m pixel with omnibsi technology for high performance (high sensitivity, low crosstalk, low noise) automatic image control functions: - automatic exposure control (aec) - automatic white balance (awb) - automatic band filter (abf) - automatic 50/60 hz luminance detection - automatic black level calibration (ablc) programmable controls for frame rate, aec/agc 16-zone size/position/ weight control, mirror and flip, cropping, windowing, and panning image quality controls: lens correction, 2-d defective pixel canceling support for output formats: 8/10-bit raw rgb data support for video or snapshot operations support for led and flash strobe mode support for internal and external frame synchronization for frame exposure mode support for horizontal and vertical sub-sampling and 2x2 binning standard serial sccb interface digital video port (dvp) parallel output interface mipi interface (two lanes) 256 bytes of embedded one-time programmable (otp) memory on-chip phase lock loop (pll) embedded 1.5v regulator for core power programmable i/o drive capability, i/o tri-state configurability support for black sun cancellation suitable for module size of 8.5 x 8.5 x 6 mm ? ? ? ? ? ? ? ? ? ? product features functional block diagram ? ov05650-a66a (color, lead-free, 66-pin csp3) ? ov05650-g04a (color, chip probing, 200 m backgrinding, reconstructed wafer) ordering information ? ? ? ? ? ? ? ? ? active array size: 2592 x 1944 power supply: - core: 1.5v 5% (with embedded 1.5v regulator) - analog: 2.6 ~ 3.0v (2.8v typical) - i/o: 1.8v/2.8v power requirements: - active: 150 ma - standby: 40 a temperature range: - operating: -30c to 85c junction temperature - stable image: 0c to 65c junction temperature output formats: 8/10-bit raw rgb data lens size: 1/3.2" lens chief ray angle: 25.1 input clock frequency: 6 ~ 27 mhz max s/n ratio: 37 db ? ? ? ? ? ? ? ? ? dynamic range: 69 db @ 8x gain maximum image transfer rate: - qsxga (2592 x 1944): 15 fps - 1080p: 30 fps - 720p: 60 fps - vga (640 x 480): 90 fps - qvga (320 x 240): 120 fps sensitivity: 1300 mv/lux-sec shutter: rolling shutter maximum exposure interval: 1968 x t row pixel size: 1.75 m x 1.75 m dark current: 8 mv/s @ 50c junction temperature image area: 4592 m x 3423 m package/die dimensions: - csp3: 6505 m x 6005 m - cob: 6500 m x 6000 m product specifications v e r s i o n 1 . 4 , d e c e m b e r , 2 0 1 1 o m n i v i s i o n r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o t h e i r p r o d u c t s o r t o d i s c o n t i n u e a n y p r o d u c t o r s e r v i c e w i t h o u t f u r t h e r n o t i c e . o m n i v i s i o n , t h e o m n i v i s i o n l o g o a n d o m n i p i x e l a r e r e g i s t e r e d t r a d e m a r k s o f o m n i v i s i o n t e c h n o l o g i e s , i n c . o m n i b s i i s a t r a d e m a r k o f o m n i v i s i o n t e c h n o l o g i e s , i n c . a l l o t h e r t r a d e m a r k s a r e t h e p r o p e r t y o f t h e i r r e s p e c t i v e o w n e r s . 4275 burton drive santa clara, ca 95054 usa tel: + 1 408 567 3000 fax: + 1 408 567 3001 www.ovt.com OV5650 o v5650 image sensor core column sample/hold image sensor processor image output interf ace ro w select black le v el calibr ation digital gain dpc pll control register bank sccb slav e interf ace timing gener ator and system control logic image arr ay gain control xv clk p wdn resetb tm s trobe vs ync href pclk sioc siod amp 10-bit adc mipi mcp/n mdp/n d[9:0] d vp fifo


▲Up To Search▲   

 
Price & Availability of OV5650

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X