Part Number Hot Search : 
7MCMXXXF M3604A AX195 CSD1134 38000 80C51 2N5550S 949DC
Product Description
Full Text Search
 

To Download NTE1578 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  NTE1578 integrated circuit fm mixer/if amp description: the NTE1578 is an fm front?end integrated circuit in a 16?lead dip type package designed for use in car radio and home stereo applications. this device has a built?in agc driver circuit which im- proves interference characteristics. it thereby offers advantages such as improved interference char- acteristics without sacrificing usable sensitivity and the conventional dx?local change?over switch. features:  double?balanced type mix (improved spurious characteristic)  keyed agc/keyed classical agc (improved intermodulation, cross modulation characteristic)  differential if amplification (improved limiting characteristic) absolute maximum ratings: (t a = +25 c unless otherwise specified) maximum supply voltage (pin12, pin15), v cc1 max 8.5v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . maximum supply voltage (pin5, pin6), v cc2 max 16v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . allowable power dissipation (t a +50 c, note 1), p d max 600mw . . . . . . . . . . . . . . . . . . . . . . . . . . . . operating temperature range, t opg ?20 to +70 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . storage temperature range, t stg ?40 to +125 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . note 1. p d max = 460mw at t a = +70 c recommended operation condition: (t a = +25 c unless otherwise specified) recommended supply voltage (pin12, pin15), v cc1 8v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . recommended supply voltage (pin5, pin6), v cc2 13v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . electrical characteristics: (t a = +25 c, v cc1 = 8v, v cc2 = 13v unless otherwise specified) parameter symbol test conditions min typ max unit dissipation current i cc1 pin 12, 15 17 25 36 ma i cc2 pin 5, 6 5 8 11 ma local osc input offset ? v inosc ?20 0 20 mv mix input offset ? v inmix ?20 0 20 mv mix output offset ? i out mix ?600 0 600 a high level agc output v agc h v i = 0dbu, v cl = 4v 7.6 7.9 ? v low level agc output v agc l v i = 100db, v cl = 4v ? 0.5 1 v
electrical characteristics (cont?d): (t a = +25 c, v cc1 = 8v, v cc2 = 13v unless otherwise specified) parameter symbol test conditions min typ max unit agc control input v cl 7 v i = 100dbu, v agc = 7v ? 0.35 0.6 v v cl 2 v i = 100dbu, v agc = 2v 1.2 1.7 2.2 v if input resistance r in 230 330 430 ohm voltage gain vg v i = 62dbu 80 85 90 db input limiting voltage v i lim v agc = 2v 62 71 80 db agc input voltage v i agc v agc = 2v 62 71 80 db saturation output voltage v out v i = 100db 91 95 ? db v cc v cc rf input gnd if decoupling if input osc input rf input agc output osc input gnd mixer output mixer output agc inhibit if output agc input 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 pin connection diagram .260 (6.6) max 16 9 18 .785 (19.9) max .200 (5.08) max .245 (6.22) min .300 (7.62) .700 (17.7) .100 (2.54)


▲Up To Search▲   

 
Price & Availability of NTE1578

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X