Part Number Hot Search : 
R5F2L36 WJ152 CHV2243 MC56F8 A155M A143Z M5132 HYB25
Product Description
Full Text Search
 

To Download NLSG06S01-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nichia sts-da1-1237b nichia corporation specifications for green standard led nlsg06s01 led reference standard with temperature control unit for luminous flux and radiant flux calibration
nichia sts-da1-1237b 1 specifications (1) absolute maximum ratings item symbol absolute maximum rating unit forward current i f 400 ma allowable reverse current i r 50 ma operating temperature t opr 20 ~ 30 c storage temperature t stg 0 ~ 40 c platinum resistance temperature device (rtd) current i pt 2 ma peltier device current i pel -1 ~ 1 a peltier device voltage v pel -3.2 ~ 3.2 v * absolute maximum ratings at t a = 25c. (2) initial electrical/optical characteristics item symbol condition typ. unit forward voltage v f t pt = 55c, i f = 350 ma 3.4 v luminous flux v t pt = 55c, i f = 350 ma 44 lm radiant flux e t pt = 55c, i f = 350 ma 90 mw x - t pt = 55c, i f = 350 ma 0.18 - chromaticity coordinate y - t pt = 55c, i f = 350 ma 0.69 - * characteristics at t a = 25c. * the typical values of luminous flux and radiant flux ar e traceable to the cie 127:2007-compliant national standards. * the chromaticity coordinates are derived from the cie 1931 chromaticity diagram. * platinum rtd temperature (t pt ) must be controlled between 50c and 60c. * the led incorporated into the socket was characterized. * the product seasoned for 200 hours at t a = 25c, i f = 350 ma was characterized. (3) lumen maintenance * guaranteed maximum fluctuation of luminous flux is 3% of the initial value up to 100 hours of continuous operation at t a = 25c, t pt = 55c (0.03c), and i f = 350 ma (0.1%).
nichia sts-da1-1237b 2 directions for use (1) auxiliary equipment and system requirements the following figure shows how the lumi nous flux standard led is connected. recommended specifications for the peripheral equipment peltier controller pid controller temperature measurement accuracy of 0.03c. constant current power supply for led drive current accuracy: 0.1% of the set current digital multimeter for forward volt age measurements input impedance: 1 g ? (2) installation the following figure shows how the product should be held by a holder. (3) measurement the product should be measured when luminous flux or radiant flux has stabilized after the start of temperature control and co nstant current drive. typically, this product will be stable and ready to be used for calibration within 1 to 3 minutes. please refer to ?stability? on the following page for the characteristics during the first 5 minutes after the led starts emission. this product peltier c o ntr o ller constant current power supply for led digital multimeter for forward voltage measurements
nichia sts-da1-1237b 3 outline dimensions ( g unit mm) ( g unit mm, tolerance 0.2) sts-da5-0014 nlsx06s01 ? no. ? item ? connector ` case ?` plate description part no.: egj.0b.309.cla (from lemo japan ltd.) | ?? material: aluminum | ? material: pom quantity 1 1 1 ? nichia part number nlsx06s01 x - k? w? x - color (example w: white) ?? serial number xxxxx ??` nichia led mark ?? serial number ? nichia part number ??` nichia led mark 2.10.1 connector case S mechanical axis plate m6 depth 7 (5) (46) (1.2) 100.1 5 26 30.5 14.5 8 34.6 parallel pin 2 height 30.5 -0.1 +0 25 +0 -0.1 20 +0 -0.1
nichia sts-da1-1237b 4 wiring connection sts-da5-0015 nlsx06s01 ? no. ??????? refer to the following illustration for the connector pin numbering (viewed from direction of the arrow). 1 9 8 7 6 5 4 3 2 1. led ?`?? led anode to power supply 6. led ?Ry? `?? led anode for forward voltage measurement o ? peltier device protectio n anode 8. ?? + device pe ltier de vice (+) ? y? p latinum rtd 9. ? - ?y?? 3 ? platinum tempera ture sensor (3 wire type) 4. ? y? 3 ? y? 3 ?Ry? `?? led c athode for forward voltage measure ment 2. led ` led cathode for p ower supply led
nichia sts-da1-1237b 5 packaging sts-da5-0016 nlsx06s01 ? no. * u? ? n???`? the capped products are placed in a urethane-filled plastic case. * ??`???????? ?`???? the plastic case and desiccant (silica gel) are placed in a moisture-proof foil bag and then heat-sealed. * u?????`?? ?`?y? the moisture proof foil bag is covered with bubble-wrap and the bubble wrap is placed in a cardboard box. * ? ?`????`?????`?? ??`????`??? extra bubble-wrap is filled in the empty space of the box. then the box is sealed with packing tape. * ??`?? q??N?? a label specifying ?customer name, nichia part no., quantity and notes? is attached to the plastic case.
nichia sts-da1-1237b 6 optical characteristics * ? led ????y???? 55c ?????`???? (i f = 350 ma) these characteristics are measured at i f = 350 ma and t pt = 55c. * ??``?? 0.03c ? ( ``? ) the stability of peltier controller is 0.03c (data from manufacturer specification). sts-da5-0019 nlsg06s01 ? no. ? chromaticity coordinate sp ec tr um 0.0 0.2 0.4 0.6 0.8 1.0 400 450 500 550 600 650 700 750 800 luminous intensity relative luminosity (a.u.) directivity1 90 80 70 60 50 40 30 20 10 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 k? relative emission intensity (a.u.) k??? spectrum ? directivity L wavelen g th ( nm ) 10.500.51 ? radiation angle t a = 25c t a = 25c t a = 25c * ??? all characteristics shown are for reference only and are not guaranteed. v( ) sp ec tr um -0.05 -0.04 -0.03 -0.02 -0.01 0.00 0.01 0.02 0.03 0.04 0.05 -90 -60 -30 0 30 60 90 ? relative chromaticity coordinate ? radiation angle() x y
nichia sts-da1-1237b 7 stability * ? led ????y???? 55c ?????`???? (i f = 350 ma) these characteristics are measured at i f = 350 ma and t pt = 55c. * ??``?? 0.03c ? ( ``? ) the stability of peltier controller is 0.03c (data from manufacturer specification). * ?rg?R??rg??rg? x ??rg? y ?? t a = 25c led 300sec ????? in the above graphs, the value at 300 seconds of the curve of t a = 25c was set as the reference point. ? no. sts-da5-0020 nlsg06s01 tavf -0.5 -0.4 -0.3 -0.2 -0.1 0.0 0.1 0.2 0.3 0.4 0.5 0 100 200 300 ta iv -0 .00 3 -0 .00 2 -0 .00 1 0.000 0.001 0.002 0.003 0 100 200 300 vfif -0 .00 4 -0 .00 3 -0 .00 2 -0 .00 1 0.000 0.001 0.002 0.003 0.004 0100200300 ? y relative y coordinate ?rg - ? y over time relative y coordinate ?R relative forward voltage (v) ifiv -0 .0 03 -0 .0 02 -0 .0 01 0.000 0.001 0.002 0.003 0 100 200 300 ? x relative x coordinate ?rg - ? x over time relative x coordinate ?rg time (sec) ?rg ?R relative forward voltage over time ?rg - relative luminous flux over time ?rg t ime ( sec ) relative luminous flux (%) ?rg time ( sec ) ?rg time (sec) * ??? all characteristics shown are for reference only and are not guaranteed. t = 30c a t = 20c a t = 25c a t = 30c a t = 20c a t = 25c a t = 30c a t = 20c a t = 25c a t = 30c a t = 20c a t = 25c a
nichia sts-da1-1237b 8 cautions (1) storage the products should be stored in an air tight container with desiccant (silica gel) at 30c or less and 70% rh or less. to avoid condensation, the products must not be stored in the areas where temperature and humidity fluctuate greatly. the led incorporated in the product is silver plated. customer is advised to store properly the products in controll ed ambient as exposure to a co rrosive environment might cause the plated metal parts of the product to tarnish, which might leads to adverse effects on optical characteristics. (2) handling precautions the led used in this product employs silic one as encapsulating resin. do not touch the encapsulant as the encapsulant is soft and easy to attract dirt. failure to comply might have adverse e ffects on characteristics, and, in the worst case scenario, lea d to catastrophic failure. do not expose the product to shock. failure to comply might affect on its characteristics. (3) electrostatic discharge (esd) the products are sensitive to static electricity or su rge voltage. an esd event ma y damage its die or reduce its reliability performance. when handling the produc ts, measures against electro static discharge, including the followings, are strongly recommended. eliminating the charge; wrist strap, esd footwear and garments, esd floors grounding the equipment and tools at workstation esd table/shelf mat (conductive materials) proper grounding techniques are required for all devices, eq uipment and machinery used in the assembly of the products. if tools or equipment contain insulating materials, such as glass or plastic, proper measures against electro static discharge , including the followings, are strongly recommended. dissipating the charge with conductive materials preventing the charge generation with moisture neutralizing the charge with ionizers during characteristics inspection of this product, it should be checked wh ether the led is not damaged by esd. such damage can be detected during forw ard voltage measurement or light up test at low current. (the recomm ended current is 6ma or lower) esd-damaged leds may have a current flow at low voltage, or no longer light up at low current. failure criteria: v f <2.0v at i f =3ma (4) eye safety the international electrical commission (iec) publis hed in 2006, iec 62471:2006 photobiological safety of lamps and lamp systems which includes leds within its scope. meanwhile leds were removed from the scope of the iec 60825-1:2007 laser safety standard, the 2001 edition of which included led sources within its scope. however, keep it mind that some countries and regions ha ve adopted standards based on the iec laser safety standard iec 60825-1:2001 which includes leds within its scope. follo wing iec 62471:2006, most of nichia leds can be classified as belonging to either exempt group or risk group 1. especially a high-power led, that emits light containing blue wavelengt hs, may be in risk group 2. great care should be taken when viewing directly the led driven at high current or the led with optical instruments, which grea tly increase the hazard to your eyes. viewing a flashing light may cause eye discomfort. when incorporating the led into your product, precaution should be taken to avoid adverse e ffect on human body caused by the light stimulus. (5) others this product is designed to be used fo r calibration. do not use this product fo r any other purposes or other applications. the customer shall not reverse engineer by disassembling or analysis of the leds without having prior written consent from nichia. when defective leds are found, the customer shall inform nichia directly before disassembling or analysis. when a customer purchases this product, the customer and nichia shall agree the official specification of the supplied product s. the appearance and specifications of the produc t may be modified for improvement without notice.


▲Up To Search▲   

 
Price & Availability of NLSG06S01-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X