Part Number Hot Search : 
F256C H83069R M25SG KM611001 49SMD KJ04BB KFF6169A A1441
Product Description
Full Text Search
 

To Download NHSB064T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n i chia st s-da1- 2061 nichia corporation specifications for blue led NHSB064T pb-f r e e r e f l o w so lder ing a ppli c at io n b u ilt -i n e s d p r ot ec ti on d e vi c e r o hs co mp lia nt http://
n i chia st s-da1- 2061 1 specifica t ions (1) ab sol u te maxi mum r a ti ngs item symbol absolute maximum rating unit forward current i f 15 ma pulse forward current i fp 30 ma allowable reverse current i r 85 ma power dissipation p d 53 mw operating temperature t opr -40~110 c storage temperature t stg -40~110 c junction temperature t j 125 c * abs o l u te maxi mum r a t i ngs at t a =25c. * i fp co ndit io n s wi th pu ls e wi dth 1 0 m s an d dut y cycl e 10%. ( 2 ) in it ial e l ect r ical/ o pt i cal c h ar acterist ics ite m symbol condition typ unit forward voltage v f i f =10ma 3.1 v luminous intensity i v i f =10ma 155 mcd x - i f =10ma 0.133 - chroma ticit y c oordinate y - i f =10ma 0.075 - thermal resistance r js - 340 c/w thermal resistance r ja - 520 c/w * char acteristics at t a =25c . * lum i nous int e nsit y v a lue as pe r cie 127: 2007 s t andar d . * chrom a t i ci t y coordi nate s as pe r cie 1931 chrom a ti cit y chart . * r js is th ermal r e si sta n ce from juncti o n to t s measur in g point. * r ja is ther mal r e si sta n ce fro m junc tio n to amb i e n t t e st board: fr4 b o ard thi c kne s s = 1 . 6 m m, copp er layer t h i c kn ess=3 5 m .
n i chia st s-da1- 2061 2 ranks item rank min max unit forward voltage - 2. 7 3. 5 v t3 178 252 s3 126 178 luminous intensity r 3 89 126 mcd color r a nk ra n k w x 0. 137 0. 124 0. 110 0. 132 0. 142 0. 151 y 0. 037 0. 058 0. 087 0. 112 0. 081 0. 058 * r a nking at t a =25c. * t o ler a nce of mea s ure m e n t s of the f o rward v o ltage is 3 %. * t o ler a nce of mea s ure m e n t s of the l u m i n o us in ten s it y is 10%. * t o ler a nce of mea s ure m e n t s of the c h romaticit y coordinate is 0.01. * a shipm en t shal l co ns is t o f led s in a co m b ina t io n o f the above r a nk s. the per c en t a ge o f each r a nk in the sh ip men t s h al l be deter m ined by ni ch ia.
n i chia st s-da1- 2061 3 chroma ticity d i agram 440 48 0 475 47 0 46 5 46 0 455 45 0 w 0.0 0 0.0 5 0.1 0 0.1 5 0.2 0 0.0 0 0 .05 0 .10 0.15 0.20 x y
n i chia st s-da1- 2061 4 outline dimensions sts- da7- 0430a n x sx 064 no. ( g unit: mm) t h is produc t co m p li es wi th ro hs d i re cti v e. u ? ro hs ? m ?? * ( g unit : mm, to le r a n c e : 0 . 2 ) ka o pr ot e c t i on d e v i c e (0.4) | weight ? item ??`| package materials ??| encapsulating resin materials ?O| electrodes materials description ????` heat-resistant polymer ?`? ( ?? silicone resin(with diffuser) ~? + y? ag-plated copper alloy 0.036g(typ) anode cathode (2.4) 2.8 (2. 4 ) 3.2 cathode mark 20.3 2.2 (1.05) (0.45) (0.8) 3.50.3 (1 . 9 ) 0.80.3 0. 8 0. 3
n ichia st s-da1- 2061 5 soldering ? r e co mm end e d r e f l ow sold ering co ndi t io n ( lead -free sol d er) ? r e co mm end e d hand so lde r ing cond it ion temperature 350c max soldering time 3sec max r e co mmen d e d sold ering p ad p a ttern ( g unit: mm) 4 4 9.5 2.6 1.5 4 1. 5 blank box e s : sold er res i s t open ing , s h aded area s: f ootprin t * thi s led is desi gned to be refl ow so l d ered on to a pc b . if di p s o lde r e d , n i c h i a c a nn ot gu ar an t e e it s re li abili t y . * r e flow so ld ering mu st not be performed more than twic e. hand sold ering mu st not b e performed more than o n ce. * a v oid r a pid cooling. r a mp down th e temp er ature gr adua lly from th e pe ak tem p er at ure. * n i t r ogen re f l ow s o lde r in g is re c o m m e n ded. ai r fl ow sold ering cond it ion s can caus e op ti cal d e gr adat i o n, caused by h e at and / or atmospher e . * since the si l i con e us ed i n t h e en cap s ul at i n g res i n is sof t , do not pre ss on the en caps ulan t re si n. pressure ca n cau s e n i ck s, chip -ou t s , en c a psu l an t de la minat i on an d deformation , an d wire br eak s , decrea si ng re li abil i t y . * r e pairing should not be d o ne after th e l e ds ha v e been solder ed. wh en repair ing is u n a v oidable, a double-h e a d solder ing ir on shou ld be u s ed. it should b e confir med b e forehand wh et h e r th e char ac te ri st i cs of th e l e d s wi ll or w i l l not be da maged by repairing . * when sold ering, do not ap ply str e s s to t h e led whi l e th e led is hot . 120sec max pre- hea t 180 t o 200c 260c max 10sec max 60sec max above 220c 1 t o 5c per sec
n ichia st s-da1- 2061 6 t a pe and reel dimensions cathode mark -0 1 +0.25 2.85 0.1 sts- da7- 0165 quantity per reel=2000pcs 1 `? 2000 ? * nxxx064x 0.25 0.05 2.15 0 . 1 3.65 0.1 ?` / ` trailer and leader to p co ver ta p e led ?? ` 400mm ?` 160mm ? tr ai le r 160mm m i n ( e m pt y pocke t s) lo aded po ckets ? ? ` e m bo ss ed c a rr i e r t a pe ?? ` ?` f eed dir e ct ion lea d er with o u t t op co ver t ape 400mm mi n 100mm ? lea d er with to p cov e r ta p e 100mm min ( empt y po c k et ) th e t ape packin g met h o d c o mp lies w i t h j i s c 0806 (p ack aging of ele c troni c co mpo n e n ts o n co nt i nuous t apes ) . * j i s c 0806 ?? ?` ?? ? no . ( g uni t : mm) 60 +1 -0 `? reel f 1 3 0 . 2 f 2 1 0 . 8 ? l abel 2 1 0 . 8 1 3 0 . 2 11.4 1 9 0 .3 180 +0 -3 -0 1.5 +0.1 ` ??? tap e 4 0.1 1.75 0.1 4 0.1 2 0.05 3.5 0.05 8 +0.3 -0.1
n i chia st s-da1- 2061 7 p a ckaging - t a pe & reel nichia led sts-da7-0006b n x xxxxxx ? label la b e l no . reel ` ?` sea l mo isture-proo f bag ? ? for details, see "lot numbering scheme" in this document. * ? ? ???? ? ? if n o t provide d , it is n o t in d i cat e d on t h e l a b e l . ******* is t h e cus t o m er p a r t n u mber. O ? ? ? ? * ******* ? the l a b e l does no t have the r a n k fi el d fo r u n - ra n k e d pr o d u c ts. * ? ? ? ? rohs nxxx xx xx xxxx led ******* nichia corporation 491 oka, kaminaka, anan, tokushima, japan typ e lot qty . ym xx xx -rrr pcs rohs nxx xxx xx xxxx led ** *** ** rr r pcs typ e rank qty. nichia corporation 491 oka, kaminaka, anan, tokushima, japan reels are shipped with desiccants in heat-seale d moisture-proof bags. ` ? ` desic c ant s ? pr o d ucts sh ipp e d o n tape a n d r eel a r e p a ck ed in a moistu re-proo f bag. t h ey a r e shipp e d in card bo ard bo xes to p r otect th em fro m exte rnal f orce s during trans p o r ta tio n . ? \ H? y ? B ? ? y * ?` ? ? ? y ? ? * ? Q H n ? u? p ? ? ? ? * * u ? ?` ? n ? g o ?` y ? usin g a n orig inal packaging material or eq u i vale n t in t r an s i t is r e com m en de d. d o not ex po se to wa ter, the box is no t water-resi s t ant. do not drop o r sho c k the box. i t may dama g e th e pr o d ucts. m o is tu re -pr o of ba gs a r e pa ck e d in c a r d bo a r d bo x e s w i th c or r u ga ted pa rti t i on s . ? K ? ` ?
n i chia st s-da1- 2061 8 l o t numbering scheme lot numb er is presented by using th e following alpha n u m er ic cod e . ymxxxx - r r r y - y e a r year y 2009 9 2010 a 2011 b 2012 c 2013 d 2014 e m - m o n t h month m month m 1 1 7 7 2 2 8 8 3 3 9 9 4 4 10 a 5 5 11 b 6 6 12 c xxxx -n ichia's product n u m b er rrr - r ank i ng by color c oordinat e s , r a nking by lu mi nous in te ns i t y
n i chia st s-da1- 2061 9 dera ting characteristics nh s x 0 6 4 s t s -d a 7- 127 9a no . de r a t i n g 1 0 5 10 15 20 25 0 2 04 0 6 08 0 1 0 0 1 2 0 (85, 15.0) (1 10, 6 .00 ) du t y 1 10 10 0 11 0 1 0 0 15 3 0 S all owa bl e f orwar d c urr ent ( m a) ? - S am b i e n t t e mp e r a t u r e v s a l lo wa ble f o r w a r d c u r r e n t S allowable forward current(ma) ? a m b i en t t e m p er atu r e( c) ? ` ` d u ty r a ti o ( % ) ` ` - S d u ty r a ti o v s a l l o w a bl e f o r w a r d c u r r e n t t a = 25 c
n i chia st s-da1- 2061 10 optical characteristics nh s b 0 6 4 n o . s t s -d a 7 -18 1 7 sp e c t r u m 0. 0 0.2 0. 4 0. 6 0. 8 1. 0 35 0 4 0 0 45 0 50 0 55 0 6 0 0 65 0 r e l a t i v e l u m i n o s i t y ( a .u .) di r e c t iv i t y 1 90 80 70 60 50 40 30 20 10 0 -1 0 -2 0 -3 0 - 40 -5 0 -6 0 -7 0 -8 0 -9 0 k sp e c t r um k r e l a ti v e e m i s s i o n i n ten s i t y ( a. u . ) L wa v e l e n g th ( n m ) ? d ir e c t iv it y ? r a di a t i o n a n gl e 10 . 5 0 0 . 5 1 10m a i f = t a =2 5 c * ?? a l l ch a r act e r i st i c s sh ow n a r e f o r r e f e re n c e on l y a n d ar e n o t g u ara n t e e d . 10 m a i fp = t a =2 5 c
n i chia st s-da1- 2061 11 for w a r d cur r e n t char acteris t ics / tempera t ure characteristics nh s b 0 6 4 s t s -d a 7-18 18 no . tavf 2. 0 2. 5 3. 0 3. 5 4. 0 - 60 - 40 - 2 0 0 2 0 4 0 60 80 1 00 12 0 ta i v 0. 6 0.8 1. 0 1. 2 1. 4 - 6 0 - 40 - 2 0 0 2 0 4 0 60 80 100 1 2 0 vfif 1 10 10 0 2 . 02 . 5 3 . 03 . 5 4 . 0 30 relative luminosity(a.u.) ??- am b i e n t te m p e r a t u r e v s r e l a ti v e l u m i n o s i ty fo r ward curren t( m a) ifiv 0. 0 0. 5 1. 0 1. 5 2. 0 2. 5 3. 0 01 0 2 0 3 0 4 0 re l a ti v e l u m i n o s i t y ( a . u . ) - fo r w a r d c u r r e n t v s r e l a ti v e lu m i n o s i ty f orw ard current(ma) R- fo r w a r d v o l t a g e v s fo r w a r d c u r r e n t ? - R amb i e n t t e mp e r a t u r e v s fo r w a r d v o l t a g e ?R fo r w a r d v o lt a g e( v ) R forward voltage(v) ?? ambi e n t t e m p erature ( c ) ?? a m bient temperature(c) t a =2 5 c * ?? a l l c h ar ac t e r i s t i c s s h o w n a r e f o r r e f e r e n c e o n l y a n d a r e n o t g u ar a n t eed . t a =2 5 c i fp =1 0 m a i fp = 10m a
n i chia st s-da1- 2061 12 for w a r d cur r e n t char acteris t ics / tempera t ure characteristics no . nhsb064 sts-da7-1819 if d 46 5 46 7 46 9 47 1 47 3 47 5 47 7 11 0 1 0 0 ta d 465 467 469 471 473 475 477 - 6 0 - 40 - 2 0 0 2 0 40 60 80 100 12 0 10m a i fp = - L fo r w a r d c u r r e n t v s d o m i na nt w a v e l e ng t h forwar d current(ma) ? - L amb i e n t t e mp e r a t u r e v s d o m i na nt w a v e l e ng t h d o m i na nt w a v e l e ngt h ( n m ) L d o m i na nt w a v e l e n g t h ( n m ) L ?? a m b i en t t e m p er atu r e( c ) if x y 0. 05 0.06 0. 07 0. 08 0. 09 0. 10 0. 1 1 0 . 12 0. 13 0. 14 0 . 1 5 0. 16 1ma(47 3.0 nm) 5ma(47 1.5 nm) 10ma(470.7nm) 15ma(470.3 nm) 30 m a ( 4 6 9 . 7 n m ) x y - ?( L) fo r w a r d c u r r e n t vs c h r o m a ti c i ty co o r d i n a te ( d) t a =2 5 c * ?? a l l c h ar ac t e r i s t i c s s h o w n a r e f o r r e f e r e n c e o n l y a n d a r e n o t g u ar a n t eed . t a =25c
n i chia st s-da1- 2061 13 reliability (1) t e s t s a n d r e sults te s t reference standard test conditions te s t duration failure criteria # units failed/tested r e si st anc e t o soldering heat (reflow soldering) j e it a ed- 4701 300 30 1 t sl d =260c, 10 s e c, 2refl ows , prec ondit i o n : 3 0 c, 70% r h , 168hr #1 0/ 22 solderability (reflow soldering) j e it a ed- 4701 303 30 3a t sl d =2455c, 5s ec, lead- fr ee sold er( s n- 3. 0ag - 0.5cu) #3 0/ 22 thermal shock j e it a ed- 4701 300 30 7 - 40c t o 110c, 1mi n dwell , 10sec tr an sfer , prec ondit i o n : 3 0 c, 70% r h , 168hr 100c y c l e s #1 0/ 100 temperature cycle j e it a ed- 4701 100 10 5 - 40c( 30mi n )~25c( 5mi n )~ 110c( 30m i n )~25c( 5mi n ) 100c y c l e s #1 0/ 100 moisture resistance (cyclic) j e it a ed- 4701 200 20 3 25c~65c~-10c, 90% r h , 24hr per cy cle 10c y c l e s #1 0/ 100 high temperature stor age j e it a ed- 4701 200 20 1 t a =110c 1000hours #1 0/ 100 temperature humidity stor age j e it a ed- 4701 100 10 3 t a =60c, r h =90% 1000hours #1 0/ 100 low temperature stor age j e it a ed- 4701 200 20 2 t a =- 40c 1000hours #1 0/ 100 room temperature operating life t a =25c, i f =15m a 1000hours #2 0/ 100 high temperature operating life t a =85c, i f =15m a 1000hours #2 0/ 100 temperature humidity oper ating lif e 60c, r h =90 % , i f =10m a 1000hours #2 0/ 100 low temperature operating life t a =- 40c, i f =10m a 1000hours #2 0/ 100 p e rm a n ence of marki n g j e it a ed- 4701 500 50 1 is opropyl alc o hol , 235c, d i pp ing time: 5min 1t im e #1 0/ 22 vibr ation j e it a ed- 4701 400 40 3 200m / s 2 , 100 ~2000~100hz , 4 c ycle s, 4 m i n , each x, y , z 48m i n ut es #1 0/ 10 f r ee f a ll 3drops from a hei g ht of 75cm #1 0/ 10 ele c tro s ta ti c d i scharg e s j e it a ed- 4701 300 30 4 hbm, 2kv , 1. 5 k ? , 100pf , 3pul ses, alterna t ely positi v e or nega tive #1 0/ 22 no tes: measuremen ts ar e perf ormed after allowi ng t h e l e d s to re turn to room te mp er at ure. ( 2 ) f a ilu re c r it eria criteria # items conditions failure criteria f o rw ard v o ltag e(v f ) i f =10m a >u . s . l . 1. 1 #1 lumino us in te nsi t y ( i v ) i f =10m a u .s.l.1.1 #2 lumino us in te nsi t y ( i v ) i f =10m a n i chia st s-da1- 2061 14 ca u t ion s (1) stor age conditions temperature humidity time before opening aluminum bag 30c 90%rh within 1 year from delivery date stor age after opening aluminum bag 30c 70%rh 168hours baking 655c - 24hours product c o m p li es wit h j e d e c msl 3 or equiv a lent . se e ipc/j e d e c std - 020 for m o i s t u re- s ens i t i v i t y det a il s. absorbed moisture in le d packages can v aporize and expand during soldering, w h ich can ca use in te rface de lam i na tion and result in optical p e rforman c e degr ad ation . prod ucts are pack e d in moisture-proof alu m inu m bag s to min i mize moistur e abso r ptio n d u ring tr ansporta tion a n d stor age. in c l u d e d s ilic a ge l de si cc ant s ch an ge from bl u e t o re d i f m ois tu re h ad pe n e t r at e d bags. after openin g the moisture-proof alu m inu m bag, the pro d ucts should g o through th e solder ing pro c ess withi n th e r a nge of th e co ndi t ion s s t at ed above. un us e d rema in ing le ds shou ld be s t ored wi th silic a gel de sicca nt s in a hermetically sea l ed co nta i ner , prefer ably th e orig in al mo isture -pr oof bags for stor age. after t h e ?p eriod aft e r op eni n g? s t or age time h a s be en exceed ed or s i l i ca ge l de sicca nts ar e no lo ng er blu e , the products should be b a k ed. baking should only be d one once. customer i s advi s ed to k e ep the leds in a n ai rti g ht co nt ainer w h e n not in u s e. expos u re to a corrosi v e en v i ronment may cause t h e pla t ed me ta l part s of the p r oduct to tarn i s h, w h i c h co ul d adverse ly affect so ld ering a n d optica l char acter i sti cs . it is also recommended to return th e le d s to th e orig inal moistur e p r oof bags and resea l . after assembly and dur i ng use, si l v er p l ating can b e affected by the corrosi v e ga ses emitted by componen ts an d mater i als in close pro x imit y of the l e ds with in an end produ c t, a n d th e gas es e n ter i ng in to th e produc t from the exter n al a t mo spher e . the above should b e take n into cons ider a t ion w he n des i gning . r e sin mat e r i al s, in part i cu l a r , may co nta i n sub s ta nc e s whi c h ca n affe ct s i lver pla t i n g, su ch a s halo gen. do not use s u lfur- c on tai n i n g ma teri als i n commercial products. some mater i als, su ch a s seals and adh esives, ma y co nta i n su lfur . the extre m ely corroded or conta m inat ed plating of le ds mig h t cause a n open ci rcuit. si li co ne rubb er i s recomm end e d as a mater i al for sea l s. bear in mi nd , t h e use of s i l i co ne s may l e ad to si li co ne con t a m i n at ion of e l e c tri c a l con t ac ts inside th e p r oduct s , caus e d by lo w mol e c u lar we igh t vol a ti le si loxane . t o prevent w a ter cond en s a tion , p l eas e avoid large te m p er at ure a n d h u midi t y fl uc tua t ions for th e s t or age condi t io ns. (2) di recti o ns for use when de sig n ing a cir c u i t , t h e c u rren t thro ugh ea ch le d mu st no t exc e ed th e abso lu t e maxi mu m r a tin g . oper ating a t a co nstan t cu rrent p e r le d is reco mmen ded. in case of o p er ating at a c onsta nt vo ltag e, c i rcu i t b is r e commende d . if the leds are oper ated w i th con s ta nt voltag e us ing c i r c ui t a, th e curr ent throug h t h e leds may v a ry due to t h e v a riat ion in f orw ard v oltage ch ar acteristics of the leds. (a) ... (b) .. . led s sho uld be o p er ated in f o r w ar d bias. dr iv ing c i r c ui ts mus t no t subj ect le ds to ei t h er forw ard or reverse vol t ag e whi l e off . continuo us reverse vol t ag e can caus e m i gr ation an d le d dam a ge. f o r stab il iz i n g th e le d ch a r acter i s t i c s , i t i s reco mm end e d to oper ate a t greater than 1 0 % nom i na l cu rrent . f o r outdoor use , ne ce ssary mea s ure s sho u ld be taken to prevent wa ter , moi s tur e and sal t air da mag e . (3) handl i n g precau ti ons do not hand le le ds wi th b a re hand s, it ma y con t a m i n ate t h e l e d su rface and affe c t opt i ca l char a c ter i s t i c s . in the worst case , ca tas t ro phic fa il ure fro m exce ss pr es sure throug h w i re-bond break s and packag e damage ma y r e su lt. when ha ndl i ng t h e produ c t wi th t w ee zer s , be carefu l n o t to apply exc e ss ive forc e to the r e s i n. otherwis e, the re si n can be cu t, ch ipped, delamina te or deform ed , causing w i re-bo n d breaks an d cata stroph ic fa ilures. dropping th e produc t ma y cause damage. do not sta c k asse mb led p c bs tog e t h er . f a il ure to comp l y can cau s e th e res i n port io n of the produ c t to be cut, ch ip ped, delaminated and/or defor m ed . it ma y cause w i re to break, l e ad ing to catas t roph ic f a il ures .
n i chia st s-da1- 2061 15 (4) desi gn consi d er ati o n pcb warpag e after moun ti ng th e produc t s on to a pc b c a n cau s e the p a ckage to br ea k. the led s h ould be p l ac ed in a w a y to m i ni mize t h e s t re ss on the l e d s due to pc b bo w and twis t. the positi o n and ori e nta t i o n of the leds affect how much m e cha n i c al stre ss i s exerte d on the led s plac ed near th e score l i n e s . the led s h ould be p l ac ed in a w a y to mi ni mize t h e s t re ss on the l e d s due to board f l ex ing. board separ a tion mu st b e performed us in g spec ia l j i g s , no t u s in g hand s. (5) el ectrostati c di scha r ge (es d ) the produ c t s are se ns it ive to sta t ic e l e c tr i c i t y or surg e voltag e. es d ca n damag e a di e and i t s re l i ab il i t y . when handl i ng t h e produ c ts , th e fol l owi n g mea s ure s ag ains t e l e c tro s t a ti c di sch arge are stron g ly re com m e n ded : e l i m i n a t i n g t h e c h a r g e g r o u n d e d w r i s t s t r a p , e s d footw e ar , clothes, a n d fl oo rs grounded workstat i on equi pm en t and tools esd tabl e/s h e l f ma t ma de o f co ndu c t i v e ma ter i al s pr o p er gr o u nding is r e qu ir ed f o r all d e v i c e s, equ i pm en t, and mac hi ner y used in pr o d uct a s s e mb ly . surge protecti on should be cons idere d wh en de sig n ing of commercia l products. if tools or e q uip m e n t co nt ain i n s u la ti ng mat e ria l s su ch as gla ss or pla s t i c , t h e fol l o wi ng m e as u r es agai n s t el ec t r os t a ti c di sch arge are stron g ly re com m e n ded : diss ipat i n g sta t ic c h arg e wi th co nduc t i ve mat e ria l s preventi ng charg e gen e r a tion w i th m o is ture n e u t r a l i z i n g t h e c h a r g e w i t h i o n i z e r s th e cu st ome r i s advi se d to c h ec k if the leds are da ma ged by esd when performi ng th e c h ar acter i s t i cs in spe c t i on of th e le ds in t h e app l i c at ion. damage ca n be detected with a forw ard v o ltag e mea s u r eme n t or a l i g h t - up te st a t lo w curren t ( 1m a ) . esd da m a g e d led s m a y ha v e current fl o w at a l o w vo l t age o r no lo ng er il lu m i na te at a lo w cur r e nt . f a ilur e c r iter ia : v f <2.0 v at i f =0.5ma (6) t h ermal manageme nt proper th er mal manage m e nt is a n i m po r t an t when designing prod uc ts with le ds . le d di e t e mp er at ure i s affec t ed by pcb ther mal r e sistan ce and le d spa c ing on th e boar d. pl eas e de sig n produc ts in a w a y that t h e l ed d i e t e mperature does not exceed th e max i mu m j unc t i on t e mper a t ure ( t j ). drive curre nt s h oul d be d e ter m ined for t h e s u rround ing ambi en t te mp er ature (t a ) to dis s ipa t e the h e at from the pr oduct . (7) cl eani ng if r e quir ed, iso p r o py l a l co h o l (ip a ) s ho ul d be use d . ot he r solven ts may caus e pre m at ure fai l ure to t h e le ds due to the d a mage to th e r e si n port ion . t h e effe ct s o f s u ch so lve n t s s h o u ld b e ver i f i ed pr io r to u se . in additio n , the use of c f c s su ch as freo n is heavi l y re gula ted . ul tr ason ic cl eani ng is no t recom m e nde d s i nc e i t ma y have adverse eff e ct s on t h e l e ds depending on the ultr ason ic power a n d h o w led is assembled. if ultr asoni c clea ni ng mu s t be use d , t h e c u sto m er is adv i se d to mak e sure th e le ds w i ll not b e da ma ged prior to cleaning . (8) ey e saf e t y in 2006, t h e interna t i o nal el ec t r i c a l comm is si on (iec ) publi s hed iec 62471: 200 6 phot obi o l o gic a l s a fet y of l a m p s and lamp sy stem s, wh ic h a dded le ds in it s scop e . on t h e ot her hand, t h e iec 60825- 1: 20 07 l a s e r s a f e t y s t andard r e mo v e d leds from it s sc ope. however , pl ease b e advi se d that some co untr i es and regions ha v e ado p ted stand a rds bas e d on t h e iec l a s e r safet y s t a n dard iec 60825- 1: 20 112001, whi c h s t ill i n cl udes leds i n i t s sc op e. most of n i chi a 's leds ca n be cl a s si fied as bel o ng ing in to either the ex empt group or risk group 1. high-power led s , tha t e m i t l i gh t con t ai ni ng blu e wavel e ngth s, may be cla s s i fi ed as ri sk group 2 . please pro c eed wi th cau t io n whe n view in g direc t ly an y leds dri v en at hi gh current, o r vi ewing led s with opt i ca l inst ru me nt s w h ic h may great l y in crea se t h e damage s to your eyes . view ing a f l ashi ng l i gh t m a y caus e eye d i s c omfort . w h e n in co r p o r ati n g the l e d in to yo ur pr o d uct , please be careful to a v oid adverse eff e c t s on the hu man body caus ed by ligh t s t i m u l a t ion.
n i chia st s-da1- 2061 16 (9) ot hers the led s d e scr ibed in th is brochure ar e i n te nded to be used for ordi na ry elec tron ic e q uip m e n t (su c h as offic e eq ui pme n t , commun i cat i ons equ i pm en t, mea s ure m e n t in str ume n t s and hous eho l d applia nc es ). co nsult n i c hia' s sal e s staf f in adv a n c e f o r inf o r m a t io n o n th e appl ica t i o ns i n wh ich e x cept io na l qua l it y and r eliab i l i t y ar e r eq u ir ed , par t icu l ar ly when the f a il ur e o r malf u n c t io n o f the le ds m a y dir ec t ly j eo p ar dize lif e o r health (s uc h as for airpl a n e s, a e rospa c e , sub m ers i b l e re peat ers, nuc le ar reactor co ntrol system , a u tom o bil e s, tr affic contr o l equ i p m en t, l i fe s u pport sy s t e m s and safe ty devic e s ) . the c u s t om er sha ll not reverse eng i ne er by disas s e m bl i n g or analys i s of the le ds wi t h out ha v i ng pr i o r writt e n co ns ent f r o m nich ia . w h en def e c t iv e le ds ar e f o u n d, t h e c u s t o m er sha ll inf o r m ni ch ia dir e c t ly bef o r e di sas s e m bl ing o r ana l y s is . both th e cu sto m ers a n d n i chia wi ll agr ee on offici al s p ec ifi c at ions of su pplied products before a custom er's v olume producti on . specificatio ns and app e ar ance subject to chang e for i m provem en t w i tho u t not i c e .


▲Up To Search▲   

 
Price & Availability of NHSB064T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X