Part Number Hot Search : 
MM1923H MAX1604 BAS21T1 LTM4620 ADP1864 BZX84 HER801 645ETT
Product Description
Full Text Search
 

To Download NCT050C-200000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds-129 rev e saronix 5v, true ttl nct series crystal clock oscillator technical data 141 jefferson drive ? menlo park, ca 94025  usa  650-470-7700  800-227-8974  fax 650-462-9894 saronix frequency range: 500 khz to 66.6667 mhz frequency stability: 25, 50 or 100 ppm over all conditions: calibration tolerance, operating temperature, input voltage change, load change, aging, shock and vibration. temperature range: 0c to +70c or -40 to +85c(limited frequencies) -55c to +125c operating: storage: supply voltage: +5 vdc 10% supply current: 500 khz to 20 mhz: 20+ to 66.6667 mhz: max @ 25c 30ma 65ma description a crystal controlled, hybrid oscillator circuit that produces a true ttl output characteristic at frequencies between 500 khz and 66.6667 mhz. the device is mounted in a 14-pin dip-compatible, all metal hermetic package. physically and functionally interchangeable with all major manufacturers' devices. applications & features ideal for high performance risc and cisc based products true ttl level for low emi broad frequency range to 66.6667 mhz output waveform actual size ttl output: symmetry: rise & fall times: 0 level: 1 level: load: 40/60% max @ 1.5 vdc level 8ns max: 500 khz to 25 mhz 6ns max: 25+ to 66.6667 mhz 0.5v max 2.5v min 1 to 10 ttl gates (1.6ma per gate) mechanical: mil-std-883, method 2002, condition b mil-std-883, method 2003 mil-std-883, method 2004, condition b2 mil-std-883, method 2007, condition a mil-std-202, method 215 mil-std-202, method 210, condition a, b or c environmental: gross leak test: fine leak test: thermal shock: moisture resistance: mil-std-883, method 1014, condition c mil-std-883, method 1014, condition a mil-std-883, method 1011, condition a mil-std-883, method 1004 part numbering guide: nct 0 50 c - 4.0000 frequency stability tolerance: a = 25 ppm b = 50 ppm c = 100 ppm type shock: solderability: terminal strength: vibration: solvent resistance: resistance to soldering heat: frequency category 40 = 500 khz to 4.0 mhz 50 = 4.0+ to 20.0 mhz 70 = 20.0+ to 66.6667 mhz    gnd 0.5 v 1.5 v 2.5 v v dd t f t r ttl th t symmetry = x 100(%) th t max over temperature 40ma 70ma temperature range 0 = 0 to +70c 2 = -40 to +85c (only available at certain frequencies, please contact saronix)
all specifications are subject to change without notice. ds-129 rev e saronix nct series crystal clock oscillator technical data 5v, true ttl 141 jefferson drive ? menlo park, ca 94025  usa  650-470-7700  800-227-8974  fax 650-462-9894 saronix package details test circuit gnd power supply ma m vm oscillator v cc out pin 14 pin 8 pin 7 pin 1 test point c l = 15pf ( note a ) mmbd7000 or equiv r l = 390 ? note a: c l includes probe and fixture capacitance 21.0 .825 max max 5.08 .200 max .46.08 .018.003 15.24.13 .600.005 pin 1 n/c pin 14 v cc 4.57.13 .180.005 (4) glass insulators 7.62.13 .300.005 pin 8 output 12.19.13 .480.005 pin 7 gnd 0.91 .036 6.35.51 .2500.02 13.0 .510 max denotes pin 1 saronix xtal osc scale: none ( dimensions in ) mm inches * exact locations of items may vary standard marking format * includes date code, frequency & part number


▲Up To Search▲   

 
Price & Availability of NCT050C-200000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X