product name 3-terminal filters array series mea series type 2010lc type part number MEA2010LC150T002 product lifecycle stage prod specification mounting method flag yes processing multi-layer shape chip-array circuit type l type number of circuits nom 4 size code 2010 body length(l) nom 2 m m body breadth(w) nom 1 m m body height(t) nom 0.5 m m cut-off frequency nom 200 m hz inductance nom 60 n h inductance tolerance (%) min -30 % max 30 % rated capacitance nom 15 p f capacitance tolerance min -20 % max 20 % rated voltage max 6.3 v rated current max 0.1 a insulation resistance min 10 m ohm dc resistance max 1 ohm attenuation min 20 db frequency range of attenuation min 800 m hz max 2000 m hz polarity marking yes soldering method reflow,iron soldering category temperature range min -40 cel max 85 cel storage temperature range min -40 cel max 85 cel weight nom 0.005 g summary/applications/feature summary l-type 4line array emc 3-terminal filters with magnetic shield and sharp attenuation characteristics. applications signal line noise elimination for cellular phones, digital still camera, etc. feature this type is suitable for the celluar phone. this type corresponds to a lead-free soldering method. packaging packing punched (paper)taping [180mm reel] minumum package qty nom 4000 pcs minimum order qty nom 4000 pcs [ caution ] page 1 of 2 3/27/2009 http://roots.tdk.co.jp/rootsme.asp?id=tja099&no=mea 2010lc150t00229...
specifications which provide more details for the p roper and safe use of the described product are available upon request. [ notice of revision and improve ] all specifications are subject to change without no tice. copyright(c) 1996-2008 all rights reserved. page 2 of 2 3/27/2009 http://roots.tdk.co.jp/rootsme.asp?id=tja099&no=mea 2010lc150t00229...
|