Part Number Hot Search : 
TSL4531 MC7806 1N914A TOSW230 100ML H40RF60 LA4590W 20EIB
Product Description
Full Text Search
 

To Download MDP1645XXXXSD04122 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 31512 for technical questions, contact: ff2aresistors @vishay.com www.vishay.com revision: 28-jul-06 1 thick film resistor networks, dual-in-line, molded dip mdp 45, 46 vishay dale features ? ttl/ecl translater and scsi-bus signal terminator schematics available ? 0.190" (4.83 mm) maximum seated height ? rugged, molded case construction ? low temperature coefficient (- 55 c to + 125 c), mdp 1645: 100 ppm/c, mdp 1646: 250 ppm/c ? compatible with automa tic insertion equipment ? thick film resistive elements ? reduces pc board space and reduces total assembly costs ? available in tube pack ? compliant to rohs directive 2002/95 ec * pb containing terminations are not rohs compliant, exemptions may apply standard electrical specifications global model/ pin no. power rating tolerance % temperature coefficient (- 55 c to + 125 c) ppm/c tcr tracking ppm/c weight g element p 70 c w pac k ag e p 70 c w mdp1645 0.125 2.0 2 100 ty p i c a l 150 1.5 mdp1646 0.125 2.0 5 250 ty p i c a l 150 1.5 standard electrical specifications ttl to ecl translator the mdp1645 network consists of 18 resistors of 3 different values, internally divided into six (6) identic al three (3) resistor sections for ttl to ecl translation. scsi-bus signal terminator the mdp1646 network consists of 21 resistors of 2 different values, internally divided into seven (7) identic al three (3) resistor sections for scsi-bus terminator applications. 1 16 v ee 270 180 820 v cc v cc outputs to ecl ttl inputs mdp1645 schematic r 1 r 2 r 1 8 9 16 1 330 150 330 mdp1646 schematic new global part numberin g : mdp1646d04 (preferred part numberin g format) md p 16 4 6 d 0 4 global model pi n cou n t schematic packagi n g special mdp 16 45 = ttl/ecl translator 46 = signal terminator e04 = lead (p b )-free, t ub e d04 = tin/lead,t ub e blank = standard (dash nu m b er) (up to 3 digits) from 1to 999 as applica b le historical part number: mdp1646 (will continue to be accepted) global part number information mdp 16 46 d04 historical model pi n cou n t schematic packagi n g
mdp 45, 46 vishay dale thick film resistor networ ks, dual-in-line, molded dip www.vishay.com for technical questions, contact: ff2aresistors@vishay.com document number: 31512 2 revision: 28-jul-06 dimensions in inches (millimeters) 0.850 0.010 (21.59 0.254) pin #1 identification pin #1 0.075 0.015 (1.91 0.381) 0.100 0.010 (2.54 0.254) non-accumulative tol. 7 spaces 0.018 0.003 (0.457 0.076) 0.700 0.010 (17.78 0.254) 0.050 0.005 (1.27 0.127) 0.030 (0.762) typ. 0.120 0.005 (3.05 0.127) 0.130 + 0.015 - 0.010 (3.30 + 0.381 - 0.254) 0.290 (7.37) min. 0.320 (8.13) nom. 0.360 (9.14) max. 0.010 + 0.005 - 0.002 (0.254 + 0.127 - 0.051) 0.250 0.005 (6.35 0.127) 0.310 0.010 (7.87 0.254) - 50 + 25 + 70 + 125 + 150 2.00 1.00 0.125 mdp1645 packa g e and mdp1646 packa g e sin g le resistor deratin g ambient temperature c power ratin g (w) technical specifications parameter unit mdp series maximum operating voltage v dc 100 voltage coefficient of resistance (typical) v eff < 50 ppm/c operating temperature range c - 55 to + 125 storage temperature range c - 55 to + 150 mechanical specifications marking resistance to solvents permanency testing per mil-std-202, method 215 solderability per mil-std-202, method 208e terminals copper alloy, solder plated body molded epoxy weight 1.5 g performance test conditions max. r (typical test lots) thermal shock 5 cycles between - 65 c and + 125 c 0.50 % r short time overload 2.5 x rated working voltage 5 s 0.25 % r low temperature operation 45 min at full rated working voltage at - 65 c 0.25 % r moisture resistance 240 h with humidity ranging from 80 % rh to 98 % rh 0.50 % r resistance to soldering heat leads immersed in + 260 c solder to within 1/16" of body for 10 s 0.25 % r shock total of 18 shocks at 100 g 's 0.25 % r vibration 12 h at maximum of 20 g 's between 10 hz and 2000 hz 0.2 5% r load life 1000 h at + 70 c, rated power applied 1.5 h ?on?, 0.5 h ?off? for full 1000 h period. derated according to the curve. 0.50 % r terminal strength 4 1/2 pound pull for 30 s 0.25 % r insulation resistance 10 000 m (minimum) - dielectric withstanding voltage no evidence of arcing or damage (200 v rms for 1 min) -
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of MDP1645XXXXSD04122

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X