Part Number Hot Search : 
10200 4040A F7338 2SC4746 000M1 75047 HD5HP32E PA1131NL
Product Description
Full Text Search
 

To Download LS3N163 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  click to buy information furnished by linear integrated systems and micross components is believed to be accurate and reliable. however, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of linear integrated systems. micross components ltd, united kingdom, te l: +44 1603 788967, fax: +44 1603788920, email: chipcomponents@micross.com web: www.micross.com/d istribution.aspx features ? direct ? replacement ? for ? intersil ? LS3N163 ? absolute ? maximum ? ratings 1 ? @ ? 25c ? (unless ? otherwise ? noted) ? maximum ? temperatures ? storage ? temperature ?\ 65c ? to ? +200c ? operating ? junction ? temperature ?\ 55c ? to ? +150c ? maximum ? power ? dissipation ? continuous ? power ? dissipation ?? 375mw ? maximum ? current drain ? current ? 50ma ? maximum ? voltages ? drain ? to ? gate ?\ 40v ? drain ? to ? source ?\ 40v ? peak ? gate ? to ? source 2 125v ? LS3N163 ? electrical ? characteristics ? @ ? 25c ? (unless ? otherwise ? noted) symbol ? characteristic ? min ? typ. ? max ? units ? conditions ? i gssf ? gate ? forward ? current ?? \ 10 ? \\? \\? pa ? v gs ? = ?\ 40v, ??? v ds ? = ? 0v ? ? t a = ? +125c ? \\? \\? \ 25 ? bv dss ? drain ? to ? source ? breakdown ? voltage ?\ 40 ? \\? \\? ? ? v ? i d ? = ?\ 10a, ??? v gs ? = ? 0v ? bv sds ? source \ drain ? breakdown ? voltage ?\ 40 ? \\? \\? i s ? = ?\ 10a, ? v gd ? = ? 0v, ?? v bd ? = ? 0v ? v gs(th) ? gate ? to ? source ? threshold ? voltage ?\ 2.0 ? \\? \ 5.0 ? v ds ? = ?? v gs ? , ???? i d ? = ?\ 10a ? \ 2.0 ? \\? \ 5.0 ? v ds ? = ?\ 15v, ??? i d ? = ?\ 10a ? v gs ? gate ? source ? voltage ?\ 3.0 ? \\? \ 6.5 ? v ds ? = ?\ 15v, ??? i d ? = ?\ 0.5ma ? i dss ? drain ? leakage ? current ? ?off? ? \\? \\? 200 ? pa ? v ds ? = ?\ 15v, ??? v gs ? = ? 0v ? i sds ? source ? drain ? current ? \\? \\? 400 ? v ds ? = ? 15v, ??? v gs ? = ?? v db ? = ? 0v ? r ds ( on ) ? drain ? to ? source ? ?on? ? resistance ? \\? \\? 250 ?? v gs ? = ?\ 20v, ??? i d ? = ?\ 100a ? i d ( on ) ? drain ? current ? ?on? ?\ 5.0 ? \\? \ 30 ? ma ? v ds ? = ?\ 15v, ?? v gs ? = ?\ 10v ? g fs ? forward ? transconductance ? 2000 ? \\? 4000 ? s ? v ds ? = ?\ 15v, ???? i d ? = ?\ 10ma ? , ??? f ? = ? 1khz ? g os ? output ? admittance ? \\? \\? 250 ? c iss ?? input ? capacitance?output ? shorted ? \\? \\? 2.5 ?? pf ? ? v ds ? = ?\ 15v, ???? i d ? = ?\ 10ma ? , ??? f ? = ? 1mhz 3 ? c rss ? reverse ? transfer ? capacitance ? \\? \\? 0.7 ? c oss ? output ? capacitance \ input ? shorted ? \\? \\? 3.0 ? switching ? characteristics ??\? t a ? = ? 25c ?? and ?? v bs ? = ? 0 ? unless ? otherwise ? noted ?????????????????????????????????????????????????????????????? timing ? waveforms ? symbol ? characteristic ? max ? units ? conditions ? t d ( on ) ? turn ? on ? delay ? time ? 12 ?? ns ? v dd ? = ?\ 15v ? i d(on) ? = ?\ 10ma ?????? r g ? = ? r l ? = ? 1.4k 3 ? t r ? turn ? on ? rise ? time ? 24 ? t off ? turn ? off ? time ? 50 ? ? ? ?? ?????????????????????????????????? switching ? test ? circuit ? the LS3N163 is an enhancement mode p-channel mosfet LS3N163 p-channel mosfet note ? 1 ?\? absolute ? maximum ? ratings ? are ? limiting values ? above ? which ? LS3N163 ? serviceability ? may ? be ? impaired. ? note ? 2 ? ? ? device ? must ? not ? be ? tested ? at ? 125v ? more ? than ? once ? or ? longer ? than ? 300ms. ? note ? 3 ? ? ? for ? design ? reference ? only, ? not ? 100% ? tested the LS3N163 is an enhancement mode p-channel mosfet designed for use as a general purpose amplifier or switch the hermetically sealed to-72 package is well suited for high reliability and harsh environment applications. (see packaging information). micross components europe tel: +44 1603 788967 email: chipcomponents@micross.com web: http://www.micross.com/distribution to-72 (bottom view) available packages: LS3N163 in to-72 LS3N163 in bare die. please contact micross for full package and die dimensions LS3N163 features: ? very high input impedance ? low capacitance ? high gain ? high gate breakdown voltage ? low threshold voltage


▲Up To Search▲   

 
Price & Availability of LS3N163

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X