Part Number Hot Search : 
NJM3404A RM807 89C51R HCS412 KIA3844 6MPA5 KIA3844 MOC3022
Product Description
Full Text Search
 

To Download LN11WP23LNG101WHY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  248 unit: mm 1: anode (green) 2: cathode (common) 3: anode (red) p d (mw) i f (ma) i fp (ma) * v r (v) t opr ( c) t stg ( c) lighting color red 70 25 150 4 - 25 ~ + 85 - 30 ~ + 100 unit red green - - 3.0 1.0 15 2.2 2.8 700 100 20 10 4 15.0 3.0 20 2.2 2.8 565 30 20 10 4 mcd mcd ma v v nm nm ma m av  round type f 5.0 mm series n
? 07 g y absolute maximum ratings (t a = 25 c) n ?> $?? $ ?
qy electro - optical characteristics (t a = 25 c) conventional part no. lighting color lens color i o v f typ min typ i f max typ typ i f max v r l p dl i r conventional part no. global prat no. lighting color ln11wp23 lng101why red  i fp w ex| duty 10% | pulse width 1 msec. the condition of i fp is duty 10%, pulse width 1 msec two color lighting ? c? green 90 30 150 4 - 25 ~ + 85 - 30 ~ + 100 white diffused ln11wp23 1.5 f 6.0 0.2 3 - 0.5 0.1 2 - 1.1 max 3 2 1 2.5 2.54 2.54 7.65 2.0 5.15 0.3 25.0 1.0 1.5 max 0.5 0.1 1.0 1.0 4 max. not soldered f 5.0 0.2 1.5 i o ? t a 500 300 30 50 100
0 c? s (%) 10 *?9 s t a (?c ) 0 - 20 80 100 60 40 20 1.6 1.8 2.0 2.4 2.2 100 50 30 5 3 10 1 qm2 ?vy i f (ma) ?y s y i o (mcd) qm2 ?vy i f (ma) |2 ?
q directive characteristics luminous intensity forward current relative luminous intensity *?9 s t a ( c ) qm2 ?vy i f (ma)
0 c? s ? t ? ?
q
0 c? s (%) t ? l p (nm) i f ? v f 20 30 40 50 10 0 60 70 80 90 90 80 20 30 40 50 10 60 70 80 20 40 60 0 0 20 20 10 30 40 50 40 60 80 100 100 500 600 700 800 80 60 40 20 0 i f ? t a qm2 ?yy v f ( v ) relative luminous intensity wavelength characteristics relative luminous intensity forward current wavelength ambient temperature forward current forward voltage ambient temperature 3 1 5 10 50 100 30 100 50 30 5 3 10 1 i o ? i f green green red red green green green red red red green green red red g reen green g reen red red red 0 20406080100 20 40 60 80 100
0 c? s (%) relative luminous intensity
???tglwu [ ?cs?| r ? .w]?;tkhlows&mq ??? (1) ???tglw
a ?s?|u [pz ??? 8t|?u?o t? pb??w? zb?z ? hxz ?t?j zbxz ??
s ?w?du ?apb{ (2) ???tglwu [ ?cx
a ?w e ?
qs?| ;s??sr??`h?wpk?z ? t v sw- a?hx?avw? z??b??wpxk??d?{ (3) ???tgl^?om?
a ?xz a j; m ?  ` ??;+ ( ??;+z ?;+z - ;+z h ?
a ?sr ) t?;^??\q??
$`os??b{ ?s ?z ?t
qua{^?z fw? ??? ?^u
?
??t`h?z
 .t)??t?b a?wk?; m ? ? ; m ( ?~ |;z | ;+z ?;+z
\???
?z ?
?
?sr ) t ]?;?s?qwsl7s?| ptu?
$`h a j; m??t]?;?s?qwsl7xz ?
2t t?
?p]
?&m?b{ (4) ???tl`os??b
a ?s?|
a ??7xz ~?srwh?t'sx!?b? ?uk ??bwp]? ?xi^m{ `huloz 7 4 $s
?-z ] ?z ]?;tm`?`oxz ?
2t7 y w
a ?f {?hx?7 {?s{?&mz ]? yxi^m{ (5)
?-tm`oz ?t7 g z ?^ ?o ?y c?z l ? ?
qtmmox- a c? op]?;mhi v?b?os&m ?`?b{ - a ?? qo]?;^?h ?z fw?t c
\`h;+w=tm moxtq`o
y ? ?m?d?{ ?hz - a ? ow]?;pklo?z t
a ?w ?^uj?p]?;;+u o?t ?`s m?os ? ?
?-?s&m`?b{ (6) wa
? ?aqb?
a ?tmv?`oxz x?w?7 { ?|?`w
?z ?>?h e ( -  8z ? ??wl ?sr ) ? lo]?;xi^m{ (7) ???w ??hx
? ??tw {t?? ? zs`tz 8l?hx
ab?\q?nxs ?? mh`?b{ ??? ( ???3?? ) ]b;tm`ow ??? a. ???xz sl7w]; mt ah &
~s |< r ? .
a ?? ?mhixh?w] op??pb{ gl^?om? b d s ? s?|u [ ?c sxz 'sx t? y`os??bwpz ]u | tkhloxz
??tt? ?tsem?dw z 7 yw ?c? ? &m?b{ b. ???x
y??8`z ? ot
m^`h?wpbuz gl? swd
quk??b{ `huloz  tx?? wg \?? st?
\a? ?tx
y ? ??sm?wq^do ?v?b{ c. ???xz sl7]
pw]b;??
$`os??b{ `huloz tw {t???dsxz ??????? wk???  ?t?lo
az b s?| h~ t ?b?srw???e- mh`?b{ 2001 mar


▲Up To Search▲   

 
Price & Availability of LN11WP23LNG101WHY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X