Part Number Hot Search : 
UPC2400A DTA144W AD1847JP M62367 MAX2531 SA200 2SA11 1N4753A
Product Description
Full Text Search
 

To Download LB120A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c618a3 issued date : 2009.07.07 revised date : page no. : 1/3 LB120A3 cystek product specification general purpose npn epitaxial planar transistor LB120A3 features ? low collector saturation voltage ? high breakdown voltage, v ceo =400v (min.) ? pb-free package symbol outline LB120A3 to-92 e c b b base c collector e emitter absolute maximum ratings (ta=25 c) parameter symbol limits unit collector-base voltage v cbo 600 v collector-emitter voltage v ceo 400 v emitter-base voltage v ebo 9 v collector current (dc) i c 0.5 a power dissipation p d 1 w thermal resistance, junction to ambient r ja 125 c/w junction temperature tj 150 c storage temperature tstg -55~+150 c note : pulse test, p w 10ms, duty 50%.
cystech electronics corp. spec. no. : c618a3 issued date : 2009.07.07 revised date : page no. : 2/3 LB120A3 cystek product specification characteristics (ta=25 c) symbol min. typ. max. unit test conditions bv cbo 600 - - v i c =100 a bv ceo 400 - - v i c =1ma bv ebo 9 - - v i e =10 a i cbo - - 15 a v cb =600v, i e =0 i ebo - - 100 na v eb =8v, i c =0 *v ce(sat) - - 0.3 v i c =50ma, i b =10ma *v ce(sat) - - 0.5 v i c =200ma, i b =40ma *h fe 10 - 40 - v ce =20v, i c =20ma tf - - 0.5 ts - - 2.5 s v ce =100v, i c =300ma, i b1 =-i b2 =100ma *pulse test: pulse width 300 s, duty cycle 2% classification of h fe rank a b c d e f range 10~15 15~20 20~25 25~30 30~35 35~40
cystech electronics corp. spec. no. : c618a3 issued date : 2009.07.07 revised date : page no. : 3/3 LB120A3 cystek product specification to-92 dimension *: typical inches millimeters inches millimeters dim m i n . m a x . m i n . m a x . dim m i n . m a x . m i n . m a x . a 0 . 1 7 0 4 0 . 1 9 0 2 4 . 3 3 4 . 8 3 g 0.0142 0 . 0 2 2 0 0 . 3 6 0 . 5 6 b 0 . 1 7 0 4 0 . 1 9 0 2 4 . 3 3 4 . 8 3 h - * 0 . 1 0 0 0 - * 2.54 c 0 . 5 0 0 0 - 1 2 . 7 0 - i - * 0 . 0 5 0 0 - * 1.27 d 0 . 0 1 4 2 0 . 0 2 2 0 0 . 3 6 0 . 5 6 1 - * 5 - * 5 e - * 0 . 0 5 0 0 - * 1.27 2 - * 2 - * 2 f 0 . 1 3 2 3 0 . 1 4 8 0 3 . 3 6 3 . 7 6 3 - * 2 - * 2 note s: 1.controlling dimension: millimeter s. 2.maximum lead thickness include s lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is an y q uestion w i th p a ck ing specification or p a cking metho d , please c ont act y our local c y s t ek sales of fice. material: ? lead: kf c ; pu re tin plated ? mold compou n d : epoxy resin fa mily , flammabilit y solid burning cla ss: ul94v -0 im portan t n o tice : ? all rights are re served. reprod u c tion in w hole or in part is prohibited w i thout the p r ior w r itten a pprov al of c y stek. ? c y stek reserv es the right to m a ke changes to its products w i tho u t notice. ? cy st e k semic ond uct o r pr odu cts are n o t warr ante d t o be s u it able f o r use i n l i fe-su p p o rt a p p licatio ns, or sys tems. ? c y stek assumes no liability fo r an y consequenc e of customer pr oduct design, infringement of pat e n ts, or application assistance . lb 120a 3 1 a d b c i 1 e f 2 marking: 2 3 h g s t yle: pin 1.emitter 2.colle ctor 3.ba se 3-l ead t o -9 2 plastic pa ckag e cys t ek pa ck a g e code: a 3


▲Up To Search▲   

 
Price & Availability of LB120A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X