Part Number Hot Search : 
MAX2385 68HC70 00568 1N5406GP ACT25 FTSO2369 APT50M BT101
Product Description
Full Text Search
 

To Download KP3000A-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ke y parameters ??? voltage ratings v drm v i t(av) a i tsm ka v to v kp 3000-12 t vj = 25 125 c r t m w kp 3000-1 4 300 ma kp 3000-16 ? kp 3000-18 v dm = v drm v rm = v rrm ? a pplications t p = 10 ms ? traction drive motor drive ???? ? industr y converter v dsm = v drm ??? v rsm = v rrm + 100 ? features ? outline ????? double-side cooling high power capability low loss ?? thermal & mechanical data -- -- -40 - -40 - - 56 - 1.44 ?? current ratings i t(av) ??? ?? t c = 70 - 3030 a i t(rms) ?? t c = 70 c - 4757 a i tsm ???? t vj = 125 c ??? 10 ms v r = 0 - 60.0 ka i 2 t ?? ? 10 ms - 1800 10 4 a 2 s 1600 1800 ?? ??? v drm / v rrm (v) 0.9 0.11 1200 1400 1200~1800 ? r thjc r thcs ? ? f t stg m t v j i drm = i rrm = 60 3030 ? c k / w k / w c - - 0.01 0.003 125 140 kn kg c - - - - kp 3000a-1200~1800v ? ? ?? http://
? characteristics t vj = 125 c i tm = 3000 a -- 1.24 v t vj = 125 c -- 0.9 v t vj = 125 c -- 0.11 m w t vj = 25 c -- 200 ma t vj = 25 c -- 1000 ma ? dynamic parameters 1000 -- v/ s dv/dt = 20 v/ s v r = 200 v -di/dt = 10 a/ s ? gate parameters -- 300 ma -- 3 v 0.3 -- v -- 12 v -- 5 v -- 4 a -- 20 w -- 4 w 300 ma - t vj = 25 c 125 c v drm / v rrm ? - - - t vj = 125 c ?? 0.67 v drm ? ?? ? ?? ? t vj = 125 c v d = 0.4 v drm ? ? ? ?? ??? ??? ? ? ? ? ? v rgm i fgm i gt v gt v gd v fgm ? 1. ?? ?? ?? ?? p g(av) p gm ? 2. ? ? ? v tm i drm i rrm ???? v to ??? d v /d t r t i h i l a/ s i tm = 5000 a i fg = 2 a tr = 0.5 s - t vj = 125 c -d i /d t = 10 a/ s i t = 4000 a v r = 200 v c - s t vj = 25 c t vj = 25 c - t vj = 125 c v dm = 0.67 v drm f = 50 hz 300 - 200 d i /d t t vj = 125 c v dm = 0.67 v drm i t = 4000 a t q 2700 q r peak on-state voltage vs. peak on-state current t vj =125 c 0.8 1.0 1.2 1.4 1.6 1.8 2.0 100 1000 10000 ??? i tm / a ???? v t m / v maximum thermal impedance vs. time 0.000 0.002 0.004 0.006 0.008 0.010 0.012 0.00 1 0.0 1 0. 1 1 10 100 ? t / s ? ? z t / k / w
? 7. ??? ?? ? 8. i 2 t ? 3. ?? ??? ?? ? 4. ? ??? ?? ? 5. ?? ??? ?? ? 6. ? ??? ?? maximum power dissipation vs. mean on-state current = 180 120 90 60 30 0 1000 2000 3000 4000 5000 6000 7000 0 500 1000 1500 2000 2500 3000 3500 ??? i t (av) / a ?? p t ( a v ) ( m a x ) / w maximum case temperature vs. mean on-state current = 180 120 90 60 30 50 60 70 80 90 100 110 120 130 0 50 0 100 0 150 0 200 0 250 0 3000 3500 ??? i t (av) / a ? t c ( m a x ) / c maximum power dissipation vs. mean on-state current dc = 270 180 120 90 60 30 0 1000 2000 3000 4000 5000 0 50 0 100 0 150 0 200 0 250 0 300 0 3500 ??? i t (av) / a ?? p t ( a v ) ( m a x ) / w maximum case temperature vs. mean on-state current dc = 270 180 120 90 60 30 75 85 95 105 115 125 0 500 1000 1500 2000 250 0 300 0 3500 ??? i t (av) / a ? t c ( m a x ) / c surge current vs. cycles 0 10 20 30 40 50 60 70 1 1 0 100 n / @50 hz ??? i t s m / 1 0 3 a i 2 t vs. time 4.00 6.00 8.00 10.00 12.00 14.00 16.00 18.00 1 10 ? t / ms ?? i 2 t / 1 0 6 a 2 s
? 9. ? ? 10. ? ? a ?? b ? ? c ?? ? a is recommended t riggering area. b is unreliable t riggering area. c is recommended gate load line. gate trigger area at various temperature 0 1 2 3 4 0 100 200 300 400 500 ? i gt / ma ? ? v g t / v t j =25 c t j =125 c t j = - 40 c v gt vs. i gt p gm =20w 0 2 4 6 8 10 12 01 2 34 ? i gt / a ? ? v g t / v a b c ? address zipcod e 121007 telephon e 0416 - 2936666, 2936885, 2936899 fa x 0416 - 2936877, 2936888 em ail ? w eb site ?t????ye?-??????a??????21o? market@shdq.sina.net
market@shdq.sina.net http://www.abbsh.com


▲Up To Search▲   

 
Price & Availability of KP3000A-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X