Part Number Hot Search : 
AD7541 RH5RH66 24128 X9315WPI C02SA 07PBF D215RPI LBS14061
Product Description
Full Text Search
 

To Download KM684002AE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  km684002a, KM684002AE, km684002ai cmos sram preliminary rev 2.0 - 1 - february 1998 document title 512kx8 bit high speed static ram(5v operating), revolutionary pin out. operated at commercial temperature range. revision history the attached data sheets are prepared and approved by samsung electronics. samsung electronics co., ltd. reserve the right to c hange the specifications. samsung electronics will evaluate and reply to your requests and questions on the parameters of this device. if you have any ques- tions, please contact the samsung branch office near your office, call or contact headquarters. rev no. rev. 0.0 rev. 0.5 rev. 1.0 rev. 2.0 remark design target preliminary final final history initial release with design target. release to preliminary data sheet. 0.1. replace design target to preliminary. 0.2. delete 12ns part but add 17ns part. 0.3. relax d.c and a.c parameters and insert new parameter(icc 1 ) with the test condition. 0.3.1. insert icc 1 parameter with the test condition as address is increased with binary count. 0.3.2. relax d.c and a.c parameters. release to final data sheet. 1.1. delete preliminary. 1.2. delete icc1 parameter with the test condition. 1.3. update d.c parameters. 1.4. add the test condition for v oh1 with vcc=5v 5% at 25 c 1.5. add timing diagram to define t wp as 2( timing wave form of write cycle( cs =low fixed) 2 2.1 add extended and industrial temperature range parts. items previous spec. (15/ - /20ns part) relaxed spec. (15/17/20ns part) icc 190/ - /180ma 220/215/210ma t cw 10/ - /12ns 12/13/14ns t aw 10/ - /12ns 12/13/14ns t wp ( oe =h) 10/ - /12ns 12/13/14ns t wp1 ( oe =l) 12/ - /14ns 15/17/20ns t dw 7/ - /9ns 8/9/10ns items previous spec. (15/17/20ns part) updated spec. (15/17/20ns part) icc 220/215/210ma 170/165/160ma draft data jun. 14th, 1996 sep. 16th, 1996 jun. 5th, 1997 jun. 5th, 1997 free datasheet http://www.datasheet-pdf.com/
km684002a, KM684002AE, km684002ai cmos sram preliminary rev 2.0 - 2 - february 1998 512k x 8 bit high-speed cmos static ram general description features ? fast access time 15,17,20ns(max.) ? low power dissipation standby (ttl) : 50ma(max.) (cmos) : 10ma(max.) operating km684002a - 15 : 170ma(max.) km684002a - 17 : 165ma(max.) km684002a - 20 : 160ma(max.) ? single 5.0v 10% power supply ? ttl compatible inputs and outputs ? i/o compatible with 3.3v device ? fully static operation - no clock or refresh required ? three state outputs ? center power/ground pin configuration ? standard pin configuration km684002aj : 36-soj-400 clk gen. i/o 1 ~i/o 8 cs we oe functional block diagram r o w s e l e c t data cont. column select clk gen. pre-charge circuit memory array 1024 rows 512x8 columns i/o circuit pin function pin name pin function a 0 - a 18 address inputs we write enable cs chip select oe output enable i/o 1 ~ i/o 8 data inputs/outputs v cc power(+5.0v) v ss ground n.c no connection the km684002a is a 4,194,304-bit high-speed static random access memory organized as 524,288 words by 8 bits. the km684002a uses 8 common input and output lines and has an output enable pin which operates faster than address access time at read cycle. the device is fabricated using samsung s advanced cmos process and designed for high-speed circuit technology. it is particularly well suited for use in high-density high-speed system applications. the km684002a is packaged in a 400mil 36-pin plastic soj. pin configuration (top view) soj n.c a 18 a 17 a 16 a 15 oe i/o 8 i/o 7 vss vcc i/o 6 i/o 5 a 14 a 13 a 12 a 11 a 10 n.c a 0 a 1 a 2 a 3 a 4 cs i/o 1 i/o 2 vcc vss i/o 3 i/o 4 we a 5 a 6 a 7 a 8 a 9 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 a 10 a 12 a 14 a 16 a 18 km684002a-15/17/20 commercial temp. KM684002AE-15/17/20 extended temp. km684002ai-15/17/20 industrial temp. ordering information a 0 a 1 a 2 a 3 a 4 a 5 a 6 a 7 a 8 a 9 a 11 a 13 a 15 a 17 free datasheet http://www.datasheet-pdf.com/
km684002a, KM684002AE, km684002ai cmos sram preliminary rev 2.0 - 3 - february 1998 recommended dc operating conditions (t a =0 to 70 c) note: the above parameters are also guaranteed at extended and industrial temperature ranges. * v il (min) = -2.0v a.c(pulse width 10ns) for i 20ma ** v ih (max) = v cc + 2.0v a.c (pulse width 10ns) for i 20ma parameter symbol min typ max unit supply voltage v cc 4.5 5.0 5.5 v ground v ss 0 0 0 v input high voltage v ih 2.2 - v cc +0.5** v input low voltage v il -0.5* - 0.8 v dc and operating characteristics (t a =0 to 70 c, vcc=5.0v 10%, unless otherwise specified) note: the above parameters are also guaranteed at extended and industrial temperature ranges. * v cc =5.0v, temp.=25 c parameter symbol test conditions min max unit input leakage current i li v in =v ss to v cc -2 2 m a output leakage current i lo cs =v ih or oe =v ih or we =v il v out =v ss to v cc -2 2 m a operating current i cc min. cycle, 100% duty cs =v il, v in =v ih or v il, i out =0ma 15ns - 170 ma 17ns - 165 20ns - 160 standby current i sb min. cycle, cs =v ih - 50 ma i sb1 f=0mhz, cs 3 v cc -0.2v, v in 3 v cc -0.2v or v in 0.2v - 10 ma output low voltage level v ol i ol =8ma - 0.4 v output high voltage level v oh i oh =-4ma 2.4 - v v oh1* i oh1 =-100 m a - 3.95 capacitance* (t a =25 c, f=1.0mhz) * note : capacitance is sampled and not 100% tested. item symbol test conditions min max unit input/output capacitance c i/o v i/o =0v - 8 pf input capacitance c in v in =0v - 7 pf absolute maximum ratings* * stresses greater than those listed under "absolute maximum ratings" may cause permanent damage to the device. this is a stress r ating only and functional operation of the device at these or any other conditions above those indicated in the operating sections of this spec ification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. parameter symbol rating unit voltage on any pin relative to v ss v in , v out -0.5 to 7.0 v voltage on v cc supply relative to v ss v cc -0.5 to 7.0 v power dissipation p d 1.0 w storage temperature t stg -65 to 150 c operating temperature commercial t a 0 to 70 c extended t a -25 to 85 c industrial t a -40 to 85 c free datasheet http://www.datasheet-pdf.com/
km684002a, KM684002AE, km684002ai cmos sram preliminary rev 2.0 - 4 - february 1998 test conditions note: the above parameters are also guaranteed at extended and industrial temperature ranges. parameter value input pulse levels 0v to 3v input rise and fall times 3ns input and output timing reference levels 1.5v output loads see below ac characteristics (t a =0 to 70 c, v cc =5.0v 10%, unless otherwise noted.) output loads(a) output loads(b) d out 5pf* 480 w 255 w for t hz , t lz , t whz , t ow , t olz & t ohz +5.0v d out 30pf* 480 w 255 w +5.0v * including scope and jig capacitance read cycle note: the above parameters are also guaranteed at extended and industrial temperature ranges. parameter symbol km684002a-15 km684002a-17 km684002a-20 unit min max min max min max read cycle time t rc 15 - 17 - 20 - ns address access time t aa - 15 - 17 - 20 ns chip select to output t co - 15 - 17 - 20 ns output enable to valid output t oe - 7 - 8 - 9 ns chip enable to low-z output t lz 3 - 3 - 3 - ns output enable to low-z output t olz 0 - 0 - 0 - ns chip disable to high-z output t hz 0 7 0 8 0 9 ns output disable to high-z output t ohz 0 7 0 8 0 9 ns output hold from address change t oh 3 - 3 - 3 - ns chip selection to power up time t pu 0 - 0 - 0 - ns chip selection to power downtime t pd - 15 - 17 - 20 ns free datasheet http://www.datasheet-pdf.com/
km684002a, KM684002AE, km684002ai cmos sram preliminary rev 2.0 - 5 - february 1998 write cycle note: the above parameters are also guaranteed at extended and industrial temperature ranges. parameter symbol km684002a-15 km684002a-17 km684002a-20 unit min max min max min max write cycle time t wc 15 - 17 - 20 - ns chip select to end of write t cw 12 - 13 - 14 - ns address set-up time t as 0 - 0 - 0 - ns address valid to end of write t aw 12 - 13 - 14 - ns write pulse width( oe high) t wp 12 - 13 - 14 - ns write pulse width( oe low) t wp1 15 - 17 - 20 - ns write recovery time t wr 0 - 0 - 0 - ns write to output high-z t whz 0 7 0 8 0 9 ns data to write time overlap t dw 8 - 9 - 10 - ns data hold from write time t dh 0 - 0 - 0 - ns end write to output low-z t ow 3 - 3 - 3 - ns address data out previous valid data valid data timming diagrams timing waveform of read cycle(1) (address controlled , cs = oe =v il , we =v ih ) t aa t rc t oh timing waveform of read cycle(2) ( we =v ih ) cs address oe data ou t t aa t olz t lz(4,5) t oh t ohz t rc t oe t co t pu t pd valid data t hz(3,4,5) 50% 50% v cc current i cc i sb free datasheet http://www.datasheet-pdf.com/
km684002a, KM684002AE, km684002ai cmos sram preliminary rev 2.0 - 6 - february 1998 notes (read cycle) 1. we is high for read cycle. 2. all read cycle timing is referenced from the last valid address to the first transition address. 3. t hz and t ohz are defined as the time at which the outputs achieve the open circuit condition and are not referenced to v oh or v ol levels. 4. at any given temperature and voltage condition, t hz (max.) is less than t lz (min.) both for a given device and from device to device. 5. transition is measured 200mv from steady state voltage with load(b). this parameter is sampled and not 100% tested. 6. device is continuously selected with cs =v il. 7. address valid prior to coincident with cs transition low. 8. for common i/o applications, minimization or elimination of bus contention conditions is necessary during read and write cycl e. timing waveform of write cycle(1) ( oe = clock) address cs t wp(2) t dw t dh valid data we data in data out t wc t wr(5) t aw t cw(3) high-z(8) high-z oe t ohz(6) t as(4) timing waveform of write cycle(2) ( oe =low fixed) address cs t wp1(2) t dw t dh t ow t whz(6) valid data we data in data out t wc t as(4) t wr(5) t aw t cw(3) (10) (9) high-z(8) high-z free datasheet http://www.datasheet-pdf.com/
km684002a, KM684002AE, km684002ai cmos sram preliminary rev 2.0 - 7 - february 1998 notes (write cycle) 1. all write cycle timing is referenced from the last valid address to the first transition address. 2. a write occurs during the overlap of a low cs and we . a write begins at the latest transition cs going low and we going low ; a write ends at the earliest transition cs going high or we going high. t wp is measured from the beginning of write to the end of write. 3. t cw is measured from the later of cs going low to end of write. 4. t as is measured from the address valid to the beginning of write. 5. t wr is measured from the end of write to the address change. t wr applied in case a write ends as cs or we going high. 6. if oe , cs and we are in the read mode during this period, the i/o pins are in the output low-z state. inputs of opposite phase of the output must not be applied because bus contention can occur. 7. for common i/o applications, minimization or elimination of bus contention conditions is necessary during read and write cycl e. 8. if cs goes low simultaneously with we going or after we going low, the outputs remain high impedance state. 9. dout is the read data of the new address. 10. when cs is low : i/o pins are in the output state. the input signals in the opposite phase leading to the output should not be applied. functional description * note : x means don t care. cs we oe mode i/o pin supply current h x x* not select high-z i sb , i sb1 l h h output disable high-z i cc l h l read d out i cc l l x write d in i cc timing waveform of write cycle(3) ( cs = controlled) address cs t aw t dw t dh valid data we data in data out high-z high-z(8) t cw(3) t wp(2) t as(4) t wc t wr(5) high-z high-z t lz t whz(6) free datasheet http://www.datasheet-pdf.com/
km684002a, KM684002AE, km684002ai cmos sram preliminary rev 2.0 - 8 - february 1998 package dimensions units:millimeters/inches #1 36-soj-400 #36 23.50 0.12 0.925 0.005 max 23.90 0.941 max 0.148 3.76 1.19 ( ) 0.047 1.27 ( ) 0.050 0.95 ( ) 0.0375 + 0.10 0.43 - 0.05 + 0.004 0.017 - 0.002 + 0.10 0.71 - 0.05 + 0.004 0.028 - 0.002 1.27 0.050 #18 #19 1 0 . 1 6 0 . 4 0 0 + 0.10 0.20 - 0.05 + 0.004 0.008 - 0.002 9.40 0.25 0.370 0.010 min 0.69 0.027 0.004 0.10 max 11.18 0.12 0.440 0.005 free datasheet http://www.datasheet-pdf.com/


▲Up To Search▲   

 
Price & Availability of KM684002AE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X