Part Number Hot Search : 
BUL6825 ADV7189B TL084AMD SSM9916J 7C516 Z8D64U 2E474 MC145191
Product Description
Full Text Search
 

To Download KHC250EXXXMXXN0TXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  multilayer ceramic chip capacitors cat. no. e1002i ? ratings 1. -55 to +125 c category temperature range 2. 16, 25, 50, 100, 200v dc rated voltage range 3. 0.047 to 100 m f rated capacitance range 4. m ( p 20%) , z ( p 80 %) rated capacitance tolerance 5. 6. e (jis) y5u (eia) see no.5 on the following table temperature characteristics rated ripple current 20 ? specifications no abnormality. 250% of rated voltage shall be applied for 5 seconds. withstand voltage 1 3 rated capacitance within specified tolerance. temperature : 20 p 2 c frequency : 1 p 0.1khz voltage : 1 p 0.2vrms 4 dissipation factor 5.0% maximum. temperature : 20 p 2 c frequency : 1 p 0.1khz voltage : 1 p 0.2vrms 2 insulation resistance 1000/c r (m o ) or 10000(m o ) whichever is less. rated voltage shall be applied for 60 p 5 seconds at temperature 20 p 2 c . no. items specification test condition 5 rated ripple current 10khz k 1mhz (sine curve) ripple voltage vp shall be less than the rated voltage. size code 21 31 32 43 55 76 0.2 0.3 0.5 1.0 2.0 3.0 arms (down sized) ? features 1. small in size and wide capacitance range. 2. temperature characteristic is y5u in eia code. 3. superior humidity characteristic and long life. 4. excellent high frequency characteristic due to low esr. 5. high rated ripple current. ? applications 1. smoothing circuit of small size dc-dc converter. 2. on-board power supply. 3. noise suppressor for various kinds of equipments. 4. by-pass or decoupling circuits. ? construction solder or tin plating (21, 31, 32, 43size : for flow or reflow soldering) (55, 76size : for reflow soldering only) silver plating (thc series only) (all sizes : for reflow soldering only) ceramic dielectric termination internal electrode / (high reliability) (1/4) datasheet.in
multilayer ceramic chip capacitors cat. no. e1002i ? specifications no. items specification test condition 8 solderability min. 75% of surface of the termination shall be covered with new solder solder temperature : 235 p 5 c dipping time : 2 p 0.5 sec. solder : eutectic solder containning ag2.5 to 3wt% 6 7 adhesion bend strength of the face plating no visible damage. appearance : no visible damage. d c/c : p 15% the substrate shall be bend by 1mm at a rate of 1mm/s for 5 seconds. substrate 5n (0.51kgf) for 10 p 1 seconds capacitor 1.0mm substrate press press ber capacitor support 45 p 2mm 45 p 2mm 10 temperature cycle appearance : no visible damage. d c/c : p 15% d.f. : to meet the initial specification. i.r. : to meet the initial specification. withstand voltage : no abnormality. 9 resistance to soldering heat appearance : no visible damage. d c/c : p 15% d.f. : to meet the initial specification. i.r. : to meet the initial specification. withstand voltage : no abnormality. 11 humidity load life 12 endurance appearance : no abnormality. d c/c : p 20% d.f. : 7% maximum i.r. : 50/c r (m o ) or 1000(m o ) whichever is less. withstand voltage : no abnormality. appearance : no abnormality. d c/c : p 20% d.f. : 7% maximum i.r. : 100/c r (m o ) or 1000(m o ) whichever is less. withstand voltage : no abnormality. temperature : 40 p 2 c humidity : 90 to 95%rh voltage : rated voltage time : 500 p 24 hours temperature : 85 p 2 c voltage : 200% of rated voltage. time : 1000 p 48 hours temperature : 125 p 3 c voltage : rated voltage time : 1000 p 48 hours thc series : 5 cycles tmc series : 100 cycles step 1 2 temperature ( c ) min. category temperature p 3 room temperature (min.) 30 p 3 3 max. 3 4 max. category temperature p 2 room temperature 30 p 3 3 max. 0 0 0 solder temperature : 260 p 5 c dipping time : 2 p 0.5 seconds solder : eutectic solder containning ag2.5 to 3wt% *c r : rated capacitance( m f) / (2/4) datasheet.in
multilayer ceramic chip capacitors cat. no. e1002i ? thc series standard ratings khc160e335m31n0t00 khc160e475m31n0t00 khc160e685m32n0t00 khc160e106m32n0t00 khc160e156m43n0t00 khc160e226m43n0t00 khc160e336m55n0t00 khc160e476m55n0t00 khc160e686m76n0t00 khc160e107m76n0t00 khc250e334m21n0t00 khc250e474m21n0t00 khc250e684m21n0t00 khc250e105m31n0t00 khc250e155m31n0t00 khc250e225m31n0t00 khc250e335m32n0t00 khc250e475m32n0t00 khc250e685m43n0t00 khc250e106m43n0t00 khc250e156m43n0t00 khc250e226m55n0t00 khc250e336m55n0t00 khc250e476m76n0t00 khc500e104m21n0t00 khc500e154m21n0t00 khc500e224m21n0t00 khc500e334m31n0t00 khc500e474m31n0t00 khc500e684m31n0t00 khc500e105m32n0t00 khc500e155m32n0t00 khc500e225m32n0t00 khc500e335m43n0t00 khc500e475m43n0t00 khc500e685m55n0t00 khc500e106m55n0t00 khc500e156m55n0t00 khc500e226m76n0t00 khc101e473m21n0t00 khc101e683m21n0t00 khc101e104m31n0t00 khc101e154m31n0t00 khc101e224m31n0t00 khc101e334m32n0t00 khc101e474m32n0t00 khc101e684m32n0t00 khc101e105m43n0t00 khc101e155m43n0t00 khc101e225m43n0t00 khc101e335m55n0t00 khc101e475m55n0t00 khc101e685m76n0t00 khc201e473m31n0t00 khc201e683m31n0t00 khc201e104m32n0t00 khc201e154m32n0t00 khc201e224m32n0t00 khc201e334m43n0t00 khc201e474m43n0t00 khc201e684m55n0t00 khc201e105m55n0t00 khc201e155m76n0t00 khc201e225m76n0t00 16 25 50 100 200 3.3 4.7 6.8 10 15 22 33 47 68 100 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 0.047 0.068 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 0.047 0.068 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.2 p 0.2 3.2 p 0.2 4.5 p 0.3 5.7 p 0.3 7.5 p 0.5 2.0 p 0.2 3.2 p 0.2 3.2 p 0.2 4.5 p 0.3 5.7 p 0.4 7.5 p 0.5 2.0 p 0.2 3.2 p 0.2 3.2 p 0.2 4.5 p 0.3 5.7 p 0.4 7.5 p 0.5 2.0 p 0.2 3.2 p 0.2 3.2 p 0.2 4.5 p 0.3 5.7 p 0.4 7.5 p 0.5 3.2 p 0.2 3.2 p 0.2 4.5 p 0.3 5.7 p 0.4 7.5 p 0.5 1.6 p 0.2 2.5 p 0.2 3.2 p 0.2 5.0 p 0.4 6.3 p 0.5 1.25 p 0.2 1.6 p 0.2 2.5 p 0.2 3.2 p 0.2 5.0 p 0.4 6.3 p 0.5 1.25 p 0.2 1.6 p 0.2 2.5 p 0.2 3.2 p 0.2 5.0 p 0.4 6.3 p 0.5 1.25 p 0.2 1.6 p 0.2 2.5 p 0.2 3.2 p 0.2 5.0 p 0.4 6.3 p 0.5 1.6 p 0.2 2.5 p 0.2 3.2 p 0.2 5.0 p 0.4 6.3 p 0.5 1.6 2.0 2.2 2.2 2.5 3.0 1.25 1.6 2.0 2.2 3.0 2.2 3.0 3.0 1.25 1.6 2.0 2.5 2.2 3.0 2.2 3.0 2.5 1.25 1.6 2.0 2.5 2.2 3.0 2.2 3.0 3.0 1.6 2.0 2.5 2.2 3.0 2.2 3.0 2.5 3.0 0.5 p 0.3 0.6 p 0.3 0.6 p 0.3 0.8 p 0.3 0.8 p 0.5 0.3 p 0.2 0.5 p 0.3 0.6 p 0.3 0.6 p 0.3 0.8 p 0.5 0.8 p 0.5 0.3 p 0.2 0.5 p 0.3 0.6 p 0.3 0.6 p 0.3 0.8 p 0.5 0.8 p 0.5 0.3 p 0.2 0.5 p 0.3 0.6 p 0.3 0.6 p 0.3 0.8 p 0.5 0.8 p 0.5 0.5 p 0.3 0.6 p 0.3 0.6 p 0.3 0.8 p 0.5 0.8 p 0.5 thcs30e1c335mtf thcs30e1c475mtf thcs40e1c685mtf thcs40e1c106mtf thcs50e1c156mtf thcs50e1c226mtf thcs60e1c336mtf thcs60e1c476mtf thcs70e1c686mtf thcs70e1c107mtf thcs20e1e334mtf thcs20e1e474mtf thcs20e1e684mtf thcs30e1e105mtf thcs30e1e155mtf thcs30e1e225mtf thcs40e1e335mtf thcs40e1e475mtf thcs50e1e685mtf thcs50e1e106mtf thcs50e1e156mtf thcs60e1e226mtf thcs60e1e336mtf thcs70e1e476mtf thcs20e1h104mtf thcs20e1h154mtf thcs20e1h224mtf thcs30e1h334mtf thcs30e1h474mtf thcs30e1h684mtf thcs40e1h105mtf thcs40e1h155mtf thcs40e1h225mtf thcs50e1h335mtf thcs50e1h475mtf thcs60e1h685mtf thcs60e1h106mtf thcs60e1h156mtf thcs70e1h226mtf thcs20e2a473mtf thcs20e2a683mtf thcs30e2a104mtf thcs30e2a154mtf thcs30e2a224mtf thcs40e2a334mtf thcs40e2a474mtf thcs40e2a684mtf thcs50e2a105mtf thcs50e2a155mtf thcs50e2a225mtf thcs60e2a335mtf thcs60e2a475mtf thcs70e2a685mtf thcs30e2d473mtf thcs30e2d683mtf thcs40e2d104mtf thcs40e2d154mtf thcs40e2d224mtf thcs50e2d334mtf thcs50e2d474mtf thcs60e2d684mtf thcs60e2d105mtf thcs70e2d155mtf thcs70e2d225mtf rated voltage (v dc ) part number rated capacitance ( m f) dimensions(mm) l w tmax. a previous part number (just for your reference) ? part numbering system supplement code taping code terminal code size code capacitance tolerance code nominal capacitance code temperature characteristics code rated voltage code series code category k h c 1 0 1 e 4 7 5 m 5 5 0 t 0 0 n 134 2678910 51213 11 16 17 18 15 14 (3/4) datasheet.in
multilayer ceramic chip capacitors cat. no. e1002i ? tmc series standard ratings kmc250e684m31n0t00 kmc250e105m31n0t00 kmc250e155m31n0t00 kmc250e225m32n0t00 kmc250e335m32n0t00 kmc250e475m43n0t00 kmc250e685m43n0t00 kmc250e106m43n0t00 kmc500e334m31n0t00 kmc500e474m31n0t00 kmc500e684m32n0t00 kmc500e105m32n0t00 kmc500e155m32n0t00 kmc500e225m43n0t00 kmc500e335m43n0t00 kmc500e475m43n0t00 kmc101e104m31n0t00 kmc101e154m31n0t00 kmc101e224m32n0t00 kmc101e334m32n0t00 kmc101e474m32n0t00 kmc101e684m43n0t00 kmc101e105m43n0t00 kmc101e155m43n0t00 kmc201e333m31n0t00 kmc201e473m31n0t00 kmc201e683m32n0t00 kmc201e104m32n0t00 kmc201e154m32n0t00 kmc201e224m43n0t00 kmc201e334m43n0t00 kmc201e474m43n0t00 25 50 100 200 0.68 1 1.5 2.2 3.3 4.7 6.8 10 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 0.033 0.047 0.068 0.1 0.15 0.22 0.33 0.47 3.2 p 0.2 3.2 p 0.2 4.5 p 0.3 3.2 p 0.2 3.2 p 0.2 4.5 p 0.3 3.2 p 0.2 3.2 p 0.2 4.5 p 0.3 3.2 p 0.2 3.2 p 0.2 4.5 p 0.3 1.6 p 0.2 2.5 p 0.2 3.2 p 0.2 1.6 p 0.2 2.5 p 0.2 3.2 p 0.2 1.6 p 0.2 2.5 p 0.2 3.2 p 0.2 1.6 p 0.2 2.5 p 0.2 3.2 p 0.2 1.6 2.2 2.5 3.0 1.6 2.2 2.5 2.5 3.0 1.6 2.2 2.5 3.0 1.6 2.2 2.5 2.5 3.0 0.4 p 0.2 0.5 p 0.2 0.5 p 0.3 0.4 p 0.2 0.5 p 0.2 0.5 p 0.3 0.4 p 0.2 0.5 p 0.2 0.5 p 0.3 0.4 p 0.2 0.5 p 0.2 0.5 p 0.3 tmcs30e1e684mtf tmcs30e1e105mtf tmcs30e1e155mtf tmcs40e1e225mtf tmcs40e1e335mtf tmcs50e1e475mtf tmcs50e1e685mtf tmcs50e1e106mtf tmcs30e1h334mtf tmcs30e1h474mtf tmcs40e1h684mtf tmcs40e1h105mtf tmcs40e1h155mtf tmcs50e1h225mtf tmcs50e1h335mtf tmcs50e1h475mtf tmcs30e2a104mtf tmcs30e2a154mtf tmcs40e2a224mtf tmcs40e2a334mtf tmcs40e2a474mtf tmcs50e2a684mtf tmcs50e2a105mtf tmcs50e2a155mtf tmcs30e2d333mtf tmcs30e2d473mtf tmcs40e2d683mtf tmcs40e2d104mtf tmcs40e2d154mtf tmcs50e2d224mtf tmcs50e2d334mtf tmcs50e2d474mtf rated voltage (v dc ) part number rated capacitance ( m f) dimensions(mm) l w tmax. a previous part number (just for your reference) ? part numbering system supplement code taping code terminal code size code capacitance tolerance code nominal capacitance code temperature characteristics code rated voltage code series code category k m c 2 0 1 e 1 0 4 m 3 2 0 t 0 0 n 134 2678910 51213 11 16 17 18 15 14 (4/4) datasheet.in


▲Up To Search▲   

 
Price & Availability of KHC250EXXXMXXN0TXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X