Part Number Hot Search : 
MAX970 DTA124E BT151X PFR856S 2SC2833A PCJ1084 MB8841H SC802A
Product Description
Full Text Search
 

To Download ISP827X2-SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  isocom components ltd unit 25b, park view road west, park view industrial estate, brenda road hartlepool, cleveland, ts25 1yd tel: (01429) 863609 fax :(01429) 863581 3/3/03 1 2 3 7 8 16 15 10 9 0.26 20.32 19.32 4.0 3.0 0.5 7.62 13 max 7.0 6.0 6 11 2.54 1.2 0.5 3.0 1.2 3.0 4.0 3.0 3.35 7.0 6.0 0.5 0.5 7.62 1 2 4 3 0.26 13 max 2.54 10.16 0.26 7.62 isp817x3,2,1 isp817-3,2,1 isp827x3,2,1 isp827-3,2,1 3.0 10.16 9.16 4.0 3.0 3.35 0.5 7.0 6.0 7.62 2 3 4 7 6 5 1.2 13 max 0.5 0.26 2.54 isp847x3,2,1 isp847-3,2,1 dimensions in mm low input current phototransistor optically coupled isolators approvals l ul recognised, file no. e91231 'x' specification approvals l vde 0884 in 3 available lead form : - - std - g form - smd approved to cecc 00802 l certified to en60950 by the following test bodies :- nemko - certificate no. p01102465 fimko - certificate no. fi18162 semko - reference no. 0202041/01-25 demko - certificate no. 311161-01 l bsi approved - cetificate no. 8001 description the isp817-3,-2,-1, isp827-3,-2,-1, isp847- 3,-2,-1 series of optically coupled isolators consist of infrared light emitting diodes and npn silicon photo transistors in space efficient dual in line plastic packages. features l options :- 10mm lead spread - add g after part no. surface mount - add sm after part no. tape&reel - add smt&r after part no. l low input current 0.5ma i f l high current transfer ratio (50% min) l high isolation voltage (5.3kv rms ,7.5kv pk ) l high bv ceo (70v min) l all electrical parameters 100% tested l custom electrical selections available applications l computer terminals l industrial systems controllers l measuring instruments l signal transmission between systems of different potentials and impedances option sm surface mount option g 5 12 3.35 5.08 4.08 1 8 14 4 13 isp817x,isp827x,isp847x3,2,1 isp817,isp827,isp847-3,-2,-1 isocom inc 1024 s. greenville ave, suite 240, allen, tx 75002 usa tel: (214) 495-0755 fax: (214) 495-0901 e-mail info@isocom.com http://www.isocom.com 10.46 9.86 0.6 0.1 1.25 0.75 db92239m-aas/a6
db92239m-aas/a6 parameter min typ max units test condition input forward voltage (v f ) 1.2 1.4 v i f = 20ma reverse current (i r ) 10 m a v r = 4v output collector-emitter breakdown (bv ceo ) 70 v i c = 1ma ( note 2 ) emitter-collector breakdown (bv eco ) 6 v i e = 10 m a collector-emitter dark current (i ceo ) 100 na v ce = 20v coupled current transfer ratio (ctr) (note 2) isp817-3, isp827-3, isp847-3 70 % 0.5ma i f , 0.4v v ce 100 % 1.0ma i f , 0.4v v ce isp817-2, isp827-2, isp847-2 50 % 0.5ma i f , 0.4v v ce isp817-1, isp827-1, isp847-1 50 % 1.0ma i f , 0.4v v ce collector-emitter saturation voltage -3 0.4 v 0.5ma i f , 0.35ma i c -2 0.4 v 0.5ma i f , 0.25ma i c -1 0.4 v 1.0ma i f , 0.5ma i c input to output isolation voltage v iso 5300 v rms see note 1 7500 v pk see note 1 input-output isolation resistance r iso 5x10 10 w v io = 500v (note 1) output rise time tr 4 18 m s v ce = 2v , output fall time tf 3 18 m s i c = 0.2ma,r l = 100 w note 1 measured with input leads shorted together and output leads shorted together. note 2 special selections are available on request. please consult the factory. 3/3/03 electrical characteristics ( t a = 25c unless otherwise noted ) absolute maximum ratings (25c unless otherwise specified) storage temperature -55c to + 125c operating temperature -30c to + 100c lead soldering temperature (1/16 inch (1.6mm) from case for 10 secs) 260c input diode forward current 50ma reverse voltage 6v power dissipation 70mw output transistor collector-emitter voltage bv ceo 70v emitter-collector voltage bv eco 6v power dissipation 150mw power dissipation total power dissipation 200mw (derate linearly 2.67mw/ c above 25c)
db92239m-aas/a6 3/3/03 50 -30 0 25 50 75 100 125 ambient temperature t a ( c ) 150 0 200 ambient temperature t a ( c ) collector power dissipation p c (mw) 60 30 20 10 0 40 50 -30 0 25 50 75 100 125 collector power dissipation vs. ambient temperature forward current vs. ambient temperature -30 0 25 50 75 100 ambient temperature t a ( c ) collector-emitter voltage v ce ( v ) collector-emitter saturation voltage v ce(sat) (v) collector-emitter saturation voltage vs. ambient temperature 100 t a = 25c 0 0.8 1.2 1.6 2.0 0 0.04 0.08 0.12 0.16 0.20 0.24 0.28 forward current i f (ma) collector current vs. low collector-emitter voltage 0 0.2 0.4 0.6 0.8 1.0 collector current i c (ma) relative current transfer ratio current transfer ratio vs. forward current forward current i f (ma) current transfer ratio ctr (%) 0 40 60 80 100 0 0.5 1.0 i f = 0.5ma i f = 1ma 0.4 0.1 0.2 0.5 1 2 5 120 20 i f = 1ma i c = 0.5ma 1.5 i f = 1ma v ce = 0.4v -30 0 25 50 75 100 ambient temperature t a ( c ) relative current transfer ratio vs. ambient temperature v ce = 0.4v t a = 25 c


▲Up To Search▲   

 
Price & Availability of ISP827X2-SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X