Part Number Hot Search : 
MAX5106 SC244907 005057 A1521 20A200C SMB3EZ14 P72FPB SEL5221S
Product Description
Full Text Search
 

To Download HY27SH084G2M-TPEP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev 0.7 / nov. 2005 1 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash document title 4gbit (512mx8bit / 256mx1 6bit) nand flash memory revision history revision no. history draft date remark 0.0 initial draft. feb. 04. 2004 preliminary 0.1 feb. 07. 2005 preliminary 0.2 mar. 03. 2005 preliminary 1) add errata tcls tclh twp tals talh tds twc tr specification 0 10 25 0 10 20 50 25us relaxed value 5 15 45 5 15 25 70 27us case trc trp treh trea specification read(all) 50 20 20 30 relaxed value except for id read 50 20 20 30 id read 60 25 30 30 2) add note.4(table14) 3) add application note(power on/o ff sequence & auto sleep mode) - texts & figures are added. 1) change ac parameters case tdh before x8 10 x16 15 afer x8, x16 15 2) add tadl(=100ns) parameters 3) add muliti die concurrent operations and extended read status - texts and table are added. 4) edit table.8
rev 0.7 / nov. 2005 2 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash revision history -continued- revision no. history draft date remark 0.3 apr. 01. 2005 preliminary 0.4 1) correct ac timing characteristics table - errata value is eddited. - tadl(max) is changed to tadl(min). 2) change errata - trea is deleted from the errata 3) edit pin description table 4) edit data protection texts 5) add read id table 6) add toh parameter - toh = 15ns (min.) 7) add marking information 8) correct application note.2 - tcs(2us) is changed to 100ns. apr. 06. 2005 preliminary 0.5 1) correct the test conditio ns (dc characteristics table) 2) change ac conditions table 3) add tww parameter ( tww = 100ns, min) - texts & figures are added. - tww is added in ac timing characteristics table. 4) edit system interface using ce don?t care figures. 5) correct address cycle map. oct. 19. 2005 1) change errata - errata values (twp & twc) are changed tcls tclh twp tals talh tds twc tr before 5 15 45 5 15 25 70 25us after 5 15 40 5 15 25 60 27us case trc trp treh before except for id read 50 20 20 id read 60 25 30 after read(all) 60 25 30 te s t c o n di t io n s ( i cc1) test conditions ( i li, i lo ) before t rc =50ns, ce#= v il , i out =0ma vin=vout=0 to 3.6v after t rc (1.8v=60ns,3.3v=50ns) ce#= v il , i out =0ma vin=vout=0 to vcc (max)
rev 0.7 / nov. 2005 3 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash revision history -continued- revision no. history draft date remark 0.6 1) correct pkg dimension (tsop pkg) 2) add trbsy (table 12) - trbsy (dummy busy time for cache read) - trbsy is 5us (typ.) 3) delete errata 4) change ac characteristics aug. 22. 2005 preliminary 0.7 1) change ac characteristics nov. 04. 2005 cp before 0.050 after 0.100 trc trp treh before 60 25 30 after 60 40 30 50 25 20 trc trp treh before read id 60 40 30 data read 50 25 20 after read id 60 25 30 data read 50 25 20
rev 0.7 / nov. 2005 4 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash features summary high density nand flash memories - cost effective solutions for mass storage applications nand interface - x8 or x16 bus width. - multiplexed address/ data - pinout compatibility for all densities supply voltage - 3.3v device: vcc = 2.7 to 3.6v : hy27uhxx4g2m - 1.8v device: vcc = 1.7 to 1.95v : hy27shxx4g2m memory cell array = (2k+ 64) bytes x 64 pages x 4,096 blocks = (1k+32) words x 64 pages x 4,096 blocks page size - x8 device : (2k + 64 spare) bytes : hy27(u/s)h084g2m - x16 device: (1k + 32 spare) words : hy27(u/s)h164g2m block size - x8 device: (128k + 4k spare) bytes - x16 device: (64k + 2k spare) words page read / program - random access: 27us (max.) - sequential access: 60ns (min.) - page program time: 300us (typ.) copy back program mode - fast page copy without external buffering cache program mode - internal cache register to improve the program throughput fast block erase - block erase time: 2ms (typ.) status register electronic signature - manufacturer code - device code chip enable don't care option - simple interface with microcontroller automatic page 0 read at power-up option - boot from nand support - automatic memory download serial number option hardware data protection - program/erase locked during power transitions data integrity - 100,000 program/erase cycles - 10 years data retention package - hy27(u/s)h(08/16)4g2m-t(p) : 48-pin tsop1 (12 x 20 x 1.2 mm) - hy27(u/s)h(08/16)4g2m-t (lead) - hy27(u/s)h(08/16)4g2m-tp (lead free)
rev 0.7 / nov. 2005 5 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash 1. summary description the hynix hy27(u/s)h(08/16)4g2m series is a 512mx8bit with spare 8mx8 bit capa city. the device is offered in 1.8v vcc power supply and in 3.3v vcc power supply. its nand cell provides the most cost-effective solution for the solid state mass storage market. the memory is divided into blocks that can be erased independently so it is po ssible to preserve valid data while old data is erased. the device contains 4096 blocks, composed by 64 pages co nsisting in two nand structures of 32 series connected flash cells. a program operation allows to write th e 2112-byte page in typical 300us and an erase operation can be performed in typical 2ms on a 128k-byte(x8 device) block. data in the page mode can be read out at 60ns cycle time per word. the i/o pins serve as the ports for address and data input/output as well as command input. this interfac e allows a reduced pin count an d easy migration towards dif- ferent densities, without any rearrangement of footprint. commands, data and addresses are synchronously intr oduced using ce#, we#, ale and cle input pin. the on-chip program/erase controller automates all progra m and erase functions including pulse repetition, where required, and internal verifica tion and margining of data. the modifying can be locked using the wp# input pin. the output pin rb# (open drain buffer) sign als the status of the device during each operation. in a system with mul- tiple memories the rb# pins can be connected al l together to provide a global status signal. even the write-intensive systems can take advantage of the hy27(u/s)h(08/16)4g2m extended reliability of 100k pro- gram/erase cycles by providing ecc (error correc ting code) with real time mapping-out algorithm. optionally the chip could be offered with the ce# don?t care function. this opti on allows the direct download of the code from the nand flash memory device by a microcontrol ler, since the ce# transitions do not stop the read opera- tion. the copy back function allows the opti mization of defective blocks management: when a page program operation fails the data can be directly programmed in another page inside the same array section without the time consuming serial data insertion phase. the cache program feature allows the data insertion in the cache re gister while the data regi ster is copied into the flash array. this pipelined program operation improves the program throughput when long files are written inside the memory. a cache read feature is also implemented. this feature allo ws to dramatically improve the read throughput when con- secutive pages have to be streamed out. this device includes also extra featur es like otp/unique id area, automatic read at power up, read id2 extension. the hynix hy27(u/s)h(08/16)4g2m series is available in 48 - tsop1 12 x 20 mm. 1.1 product list part number orization vcc range package hy27sh084g2m x8 1.70 - 1.95 volt 48tsop1 hy27sh164g2m x16 hy27uh084g2m x8 2.7v - 3.6 volt hy27uh164g2m x16
rev 0.7 / nov. 2005 6 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash figure1: logic diagram 9&& 966 35( :3 &/( $/( 5( :( &( ,2a,2 ,2a,2 [2qo\ 5% io15 - io8 data input / outputs (x16 only) io7 - io0 data input / outputs cle command latch enable ale address latch enable ce# chip enable re# read enable we# write enable wp# write protect rb# ready / busy vcc power supply vss ground nc no connection pre power-on read enable table 1: signal names
rev 0.7 / nov. 2005 7 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash 1& 1& 1& 1& 1& 1& 5% 5( &( 1& 1& 9ff 9vv 1& 1& &/( $/( :( :3 1& 1& 1& 1& 1& 9vv ,2 ,2 ,2 ,2 ,2 ,2 ,2 ,2 1& 35( 9ff 1& 1& 1& ,2 ,2 ,2 ,2 ,2 ,2 ,2 ,2 9vv         1$1')odvk 7623 [ 1& 1& 1& 1& 1& 1& 5% 5( &( 1& 1& 9ff 9vv 1& 1& &/( $/( :( :3 1& 1& 1& 1& 1& 1& 1& 1& 1& ,2 ,2 ,2 ,2 1& 1& 35( 9ff 9vv 1& 1& 1& ,2 ,2 ,2 ,2 1& 1& 1& 1&         1$1')odvk 7623 [ figure 2. 48tsop1 contac tions, x8 and x16 device
rev 0.7 / nov. 2005 8 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash 1 .2 pin description pin name description io0-io7 io8-io15(1) data inputs/outputs the io pins allow to input command, address and da ta and to output data during read / program operations. the inputs are latched on the rising edge of write enable (we#). the i/o buffer float to high-z when the device is desele cted or the outputs are disabled. cle command latch enable this input activates the latching of the io inputs inside the command register on the rising edge of write enable (we#). ale address latch enable this input activates the latching of the io inputs inside the address register on the rising edge of write enable (we#). ce# chip enable this input controls the selection of the device. when the device is busy ce# low does not deselect the memory. we# write enable this input acts as clock to latch command, addre ss and data. the io inputs are latched on the rise edge of we#. re# read enable the re# input is the serial data-out control, and wh en active drives the data onto the i/o bus. data is valid trea after the falling edge of re# which al so increments the internal column address counter by one. wp# write protect the wp# pin, when low, provides an hardware protection against undesired modify (program / erase) operations. rb# ready busy the ready/busy output is an open drain pin that signals the state of the memory. vcc supply voltage the vcc supplies the power for all the operations (read, write, erase). vss ground nc no connection pre to enable and disable the power on auto read. when pre is a logic high, power-on auto-read mode are enabled, and when pre is a logic low, power-on auto-read mode are disabled. power-on auto-read mode is available only on 3.3v device. not using power-on auto-read, co nnect it vss or leave it n.c table 2: pin description note: 1. for x16 version only 2. a 0.1uf capacitor should be connect ed between the vcc supply voltage pin and the vss ground pin to decouple the current surges from the power supply. the pcb track widths must be sufficient to carry the currents required during program and erase operations.
rev 0.7 / nov. 2005 9 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash io0 io1 io2 io3 io4 io5 io6 io7 1st cycle a0 a1 a2 a3 a4 a5 a6 a7 2nd cycle a8 a9 a10 a11 l (1) l (1) l (1) l (1) 3rd cycle a12 a13 a14 a15 a16 a17 a18 a19 4th cycle a20 a21 a22 a23 a24 a25 a26 a27 5th cycle a28 a29 l (1) l (1) l (1) l (1) l (1) l (1) table 3: address cycle map(x8) note: 1. l must be set to low. io0 io1 io2 io3 io4 io5 io6 io7 io8-io15 1st cycle a0 a1 a2 a3 a4 a5 a6 a7 l (1) 2nd cycle a8 a9 a10 l (1) l (1) l (1) l (1) l (1) l (1) 3rd cycle a11 a12 a13 a14 a15 a16 a17 a18 l (1) 4th cycle a19 a20 a21 a22 a23 a24 a25 a26 l (1) 5th cycle a27 a28 l (1) l (1) l (1) l (1) l (1) l (1) l (1) table 4: address cycle map(x16) note: 1. l must be set to low. function 1st cycle 2nd cycle 3rd cycle acceptable command during busy read 1 00h 30h - read for copy-back 00h 35h - read id 90h - - reset ffh - - yes page program (start) 80h 10h - copy back pgm (start) 85h 10h - cache program 80h 15h - block erase 60h d0h - read status register 70h - - yes random data input 85h - - random data output 05h e0h - cache read start 00h 31h - cache read exit 34h - - extended read status 72h/73h/74h/75h - - yes table 5: command set
rev 0.7 / nov. 2005 10 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash cle ale ce# we# re# wp# mode h l l rising h x read mode command input l h l rising h x address input(5 cycles) h l l rising h h write mode command input l h l rising h h address input(5 cycles) lllrisinghhdata input ll l (1) h falling x sequential read and data output l l l h h x during read (busy) xxxxxhduring program (busy) xxxxxhduring erase (busy) xxxxxlwrite protect xxhxx0v/vccstand by table 6: mode selection note: 1. with the ce# don?t care option ce# high during latency time does not stop the read operation
rev 0.7 / nov. 2005 11 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash 2. bus operation there are six standard bus operations th at control the device. these are command input, address input, data input, data output, write protect, and standby. typically glitches less than 5 ns on chip enable, write en able and read enable are ignored by the memory and do not affect bus operations. 2.1 command input. command input bus operation is used to give a command to the memory device. command are accepted with chip enable low, command latch enable high, address latch enab le low and read enable high and latched on the rising edge of write enable. moreover for commands that starts a modifying operation (write/erase) the write protect pin must be high. see figure 4 and table 13 for details of th e timings requirements. command codes are always applied on io7:0, disregarding the bus configuration (x8/x16). 2.2 address input. address input bus operation allows the insertion of the memo ry address. to insert the 29(x8 device) addresses needed to access the 4gbit 5 cycles are needed. addresses are acce pted with chip enable low, address latch enable high, command latch enable low and read enable high and latche d on the rising edge of write enable. moreover for com- mands that starts a modify operation (write/erase) the writ e protect pin must be high. see figure 5 and table 13 for details of the timings requirements. addresses are always applied on io7:0, disregarding the bus configuration (x8/ x16). 2.3 data input. data input bus operation allows to feed to the device the data to be programme d. the data insertion is serially and timed by the write enable cycles. data are accepted only with chip enable low, address latch enable low, command latch enable low, read enable high, and write protect high and latched on the rising edge of write enable. see figure 6 and table 13 for details of the timings requirements. 2.4 data output. data output bus operation allows to read data from the me mory array and to check the st atus register content, the lock status and the id data. da ta can be serially shifted out toggling the re ad enable pin with chip enable low, write enable high, address latch enable low, and command latch en able low. see figures 7,9,10 and table 13 for details of the timings requirements. 2.5 write protect. hardware write protection is activated when the write protec t pin is low. in this condition modify operation do not start and the content of the memory is no t altered. write protect pin is not latc hed by write enable to ensure the pro- tection even during the power up. 2.6 standby. in standby mode the device is deselected, output s are disabled and power consumption is reduced.
rev 0.7 / nov. 2005 12 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash 3. device operation 3.1 page read. upon initial device power up, the device defaults to read mode. this operation is also initiated by writing 00h and 30h to the command register along with five address cycles. in two co nsecutive read operations, the second one doesn?t? need 00h command, which five address cycles and 30h command initiates that operation. two types of operations are available : random read, serial page read. the random read mode is enabled when the page address is changed. the 2112 bytes (x8 device) or 1056 words (x16 device) of data within the selected page are transferred to the data regis- ters in less than 27us (tr). the system controller may detect the completion of this data transfer (tr) by analyzing the output of r/b pin. once the data in a page is loaded into the data registers, they may be read out in 60ns cycle time by sequentially pulsing re#. the repetiti ve high to low transitions of the re# clock make the device output the data starting from the selected column a ddress up to the last column address. the device may output random data in a page instead of th e consecutive sequential data by writing random data out- put command. the column address of next data, which is going to be out, may be changed to the address which follows random data output command. random data output can be operated multiple times regardless of how many times it is done in a page. 3.2 page program. the device is programmed basically by page, but it does allo w multiple partial page programming of a word or consec- utive bytes up to 2112 (x8 device) or words up to 1056 (x16 device), in a single page program cycle. the number of consecutive partial page programming op eration within the same page without an intervening erase operation must not exceed 4 times for main array (x8 device:1time/512byte, x16 device:1time/256word) and 4 times for spare array (x8 device:1time/16byte ,x16 device:1time/8word). the addressing should be done in sequential order in a block. a page program cycle consists of a serial data loading period in which up to 2112bytes (x8 device) or 1 056words (x16 device) of data may be loaded into the data register, followed by a non-volatile programming period wh ere the loaded data is programmed into the appropriate cell. the serial data loading period begins by inputting the seri al data input command (80h), followed by the five cycle address inputs and then serial data. th e words other than those to be progra mmed do not need to be loaded. the device supports random data input in a page. the column address of next da ta, which will be entered, may be changed to the address which follows random data input co mmand (85h). random data in put may be operated multi- ple times regardless of how many times it is done in a page. the page program confirm command (10h) initiates the prog ramming process. writing 10h alone without previously entering the serial data will not initiate the programming pr ocess. the internal write stat e controller automatically exe- cutes the algorithms and timings necessary for program and verify, thereby freeing the system controller for other tasks. once the program process starts, the read status regi ster command may be entered to read the status register. the system controller can detect the comp letion of a program cycle by monitoring the rb# output, or the status bit (i/ o 6) of the status register. only the read status comm and and reset command are valid while programming is in progress. when the page program is complete, the write status bit (i/o 0) may be checked. the internal write verify detects only errors for "1"s that are not successfully pr ogrammed to "0"s. the command re gister remains in read sta- tus command mode until another valid command is written to the command register. figu re 15 details the sequence.
rev 0.7 / nov. 2005 13 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash 3.3 block erase. the erase operation is done on a block basis. block address loading is accomplished in three cycles initiated by an erase setup command (60h). only address a18 to a29 (x8) or a17 to a28 (x16) is valid while a12 to a17 (x8) or a11 to a16 (x16) is ignored. the erase confirm command (d0h) following the block address lo ading initiates the internal erasing process. this two-step sequence of setup followed by execution comm and ensures that memory contents are not accidentally erased due to external noise conditions. at the rising edge of we# after the erase confirm comman d input, the internal write controller handles erase and erase-verify. once the erase process starts, the read status register co mmand may be entered to read the status register. the sys- tem controller can detect the completion of an erase by mo nitoring the rb# output, or th e status bit (i/o 6) of the status register. only the read status command and reset command are valid while erasin g is in progress. when the erase operation is completed, the write status bit (i/o 0) may be checked. figure 16 details the sequence. 3.4 copy-back program. the copy-back program is configured to quickly and efficien tly rewrite data stored in on e page without utilizing an external memory. since the time -consuming cycles of serial access and re-l oading cycles are removed, the system per- formance is improved. the benefit is especially obvious when a portion of a block is updated and the rest of the block also need to be copied to the newly assigned free bloc k. the operation for performing a copy-back program is a sequential execution of page-read without serial access an d copying-program with the address of destination page. a read operation with "35h" command and the address of th e source page moves the whole 2112byte (x8 device) or 1056word (x16 device) data into the internal data buffer. as soon as the device returns to ready state, copy back command (85h) with the address cycles of destination page may be written. the program confirm command (10h) is required to actually begin the programming operation. data input cycle for modifying a portion or multiple distant por- tions of the source page is allowed as shown in figure 12. "when there is a program-failure at copy-back operatio n, error is reported by pass/fail status. but, if copy-back operations are accumulated over time, bit e rror due to charge loss is not checked by external error detection/correction scheme. for this reason, two bit error correction is recommended for the use of copy-back operation." figure 14 shows the command sequ ence for the copy-back operation. 3.5 read status register. the device contains a status register which may be read to find out whether read, program or erase operation is com- pleted, and whether the program or eras e operation is completed successfully. after writing 70h command to the com- mand register, a read cycle outputs the content of the status register to the i/o pins on the falling edge of ce# or re#, whichever occurs last. this two line control allows the system to poll the progress of each device in multiple memory connections even when rb# pins are common-wired. re# or ce# does not need to be toggled for updated status. refer to table 15 for specific status register defini tions. the command register re mains in status read mode until further commands are issued to it. therefore, if the stat us register is read during a random read cycle, the read command (00h) should be given before starting read cycles. see figure 8 for details of the read status operation.
rev 0.7 / nov. 2005 14 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash 3.6 read id. the device contains a product identification mode, initiate d by writing 90h to the command register, followed by an address input of 00h. four read cycles sequentially output the manufacturer code (adh), and the device code and 00h, 4th cycle id, respectively. the command register remains in read id mode until further commands are issued to it. figure 17 shows the operation sequence, while tables 15, 16, 17 explain the byte meaning. 3.7 reset. the device offers a reset feature, execut ed by writing ffh to the command regist er. when the device is in busy state during random read, program or erase mode, the reset operat ion will abort these operatio ns. the contents of memory cells being altered are no longer valid, as the data will be partially programmed or erased. the command register is cleared to wait for the next command, an d the status register is cleared to valu e e0h when wp# is high. if the device is already in reset state a new reset command will not be accepted by the command regi ster. the rb# pin transitions to low for trst after the reset comman d is written. refer to figure 23. 3.8 cache program. cache program is an extension of page program, which is executed with 2112byte (x8 device) or 1056word (x16 device) data registers, and is available only within a block. since the device has 1 page of cache memory, serial data input may be executed while data stored in data register are programmed into memory cell. after writing the first set of data up to 2112byte (x8 device) or 1056word (x16 devi ce) into the selected cache registers, cache program com- mand (15h) instead of actual page program (10h) is input to make cache registers free and to start internal program operation. to transfer data from cache registers to data re gisters, the device remains in busy state for a short period of time (trbsy) and has its cache registers ready for the ne xt data-input while the internal programming gets started with the data loaded into data register s. read status command (70h) may be issued to find out when cache registers become ready by polling the cache-busy st atus bit (i/o 6). pass/fail status of on ly the previous page is available upon the return to ready state. when the ne xt set of data is input with the cach e program command, tcbsy is affected by the progress of pending internal programming. the programm ing of the cache registers is initiated only when the pending program cycle is finished and the data registers are available for the transfer of data from cache registers. the status bit (i/o5) for internal ready/busy may be polled to identify the completion of internal programming. if the system monitors the progress of programming only with rb#, the last page of the target programming sequence must be programmed with actual page program command (10h). if the cache program command (15h) is used instead, status bit (i/o5) must be poll ed to find out when the last programming is actually finished before starting other operations such as read. pass/fail status is available in two steps. i/o 1 returns with the status of the previous page upon ready or i/o6 status bit changing to "1", and la ter i/o 0 with the status of current page upon true ready (returning from internal programming) or i/o 5 status bit ch anging to "1". i/o 1 may be read together when i/o 0 is checked. see figure 15 for more details. note : since programming the last page does not employ cachin g, the program time has to be that of page program. however, if the previous program cycle with the cache data has not finished, the actual program cycle of the last page is initiated only after completi on of the previous cycle, which can be expressed as the following formula. tprog= program time for the last page+ program time for the ( last -1 )th page - (program command cycle time + last page data loading time)
rev 0.7 / nov. 2005 15 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash 3.9 cache read cache read operation allows automatic do wnload of consecutive pages, up to the whole device. immediately after 1st latency end, while user can start reading out data, device internally starts reading following page. start address of 1st page is at page start (a<10:0>=00h), af ter 1st latency time (tr) , automatic data download will be uninterrupted. in fact latency time is 27us, while download of a page require at least 100us for x8 device (50us for x16 device). cache read operation command is like standard read, except for confirm code (30h for standard read, 31h for cache read) user can check operation status using : - rb# ( ?0? means latency ongo ing, download no t possible, ?1? means download of n page possible, even if device internally is active on n+1 page - status register (sr<6> behave like rb #, sr<5> is ?0? when device is internal ly reading and ?1? when device is idle) to exit cache read operation a cache read exit command ( 34h) must be issued. this command can be given any time (both device idle and reading). if device is active (sr<5>=0) it will go idle within 5us, whil e if it is not active, device itself will go busy for a time shorter then tcbsy before becoming again id le and ready to accept any further commands. if user arrives reading last byte/word of the memory array, then has to stop by giving a cache read exit command. random data output is no t available in cache read. cache read operation must be done only block by block if system needs to avoid readin g also from invalid blocks.
rev 0.7 / nov. 2005 16 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash 4. other features 4.1 data protection & power on/off sequence the device is designed to offer protec tion from any involuntary program/erase during power-transitions. an internal voltage detector disables all functions whenever vcc is below about 1.1v(1.8v device), 2.0v(3.3v device). wp# pin provides hardware protection and is recommended to be kept at vil during power-up and power-down. a recovery time of minimum 10us is required before internal circuit gets ready for any command sequences as shown in figure 24. the two-step command sequence for program/er ase provides additional software protection. 4.2 ready/busy. the device has a ready/busy output that provides method of indicating the completion of a page program, erase, copy-back, cache program and random re ad completion. the rb# pin is normal ly high and goes to low when the device is busy (after a reset, read, program, erase operatio n). it returns to high when th e internal controller has fin- ished the operation. the pin is an open-drain driver thereb y allowing two or more rb# outputs to be or-tied. because pull-up resistor value is related to tr(r b#) and current drain during busy (ibusy), an appropriate value can be obtained with the following reference chart (fig 25). its va lue can be determined by the following guidance. 4.3 power-on auto-read the device is designed to offer automa tic reading of the first page without command and address input sequence dur- ing power-on. an internal voltage detector enables auto-page read functi ons when vcc reaches about 1.8v. pre pin controls activa- tion of auto- page read function. auto-p age read function is enabled only when pre pin is logic high state. serial access may be done after power-on without latency. power- on auto read mode is available only on 3.3v device. parameter symbol min typ max unit valid block number n vb 4016 4096 blocks table 7: valid blocks number
rev 0.7 / nov. 2005 17 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash symbol parameter value unit 1.8v 3.3v t a ambient operating temperature (commercial temperature range) 0 to 70 0 to 70 ambient operating temperature (extended temperature range) -25 to 85 -25 to 85 ambient operating temperature (industria l temperature range) -40 to 85 -40 to 85 t bias temperature under bias -50 to 125 -50 to 125 t stg storage temperature -65 to 150 -65 to 150 v io (2) input or output voltage -0.6 to 2.7 -0.6 to 4.6 v vcc supply voltage -0.6 to 2.7 -0.6 to 4.6 v table 8: absolute maximum ratings note: 1. except for the rating ?operating temperature rang e?, stresses above those listed in the table ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. exposure to absolute maximum rating cond itions for extended periods may affect device reliability. 2. minimum voltage may undershoot to -2v during tran sition and for less than 20ns during transitions.
rev 0.7 / nov. 2005 18 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash $''5(66 5(*,67(5 &2817(5 352*5$0 (5$6( &21752//(5 +9*(1(5$7,21 &200$1' ,17(5)$&( /2*,& &200$1' 5(*,67(5 '$7$ 5(*,67(5 ,2 5( %8))(56 <'(&2'(5 3$*(%8))(5 ; ' ( & 2 ' ( 5 0elw0elw 1$1')odvk 0(025<$55$< :3 &( :( &/( $/( 35( $a$ figure 3: block diagram
rev 0.7 / nov. 2005 19 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash parameter symbol test conditions 1.8volt 3.3volt unit min typ max min typ max operating current sequential read i cc1 t rc (1.8v=60ns, 3.3v=50ns) ce#=v il , i out =0ma -1530-2040ma program i cc2 --1530-2040ma erase i cc3 --1530-2040ma stand-by current (ttl) i cc4 ce#=v ih , pre=wp#=vcc --1.5- 1.5ma stand-by current (cmos) i cc5 ce#=vcc-0.2, pre=wp#=vcc - 40 200 - 40 200 ua input leakage current i li v in= 0 to vcc (max) - - 40 -- 40 ua output leakage current i lo v out =0 to vcc (max) - - 40 -- 40 ua input high voltage v ih -vcc-0.4- vcc+0. 3 2- vcc+0 .3 v input low voltage v il - -0.3 - 0.4 -0.3 - 0.8 v output high voltage level v oh i oh =-100ua vcc-0.1 - - - - - v i oh =-400ua - - - 2.4 - - v output low voltage level v ol i ol =100ua - - 0.1 - - - v i ol =2.1ma - - - - - 0.4 v output low current (rb#) i ol (rb#) v ol =0.1v 3 4 - - - - ma v ol =0.4v - - - 8 10 - ma table 9: dc and operating characteristics parameter value 1.8volt 3.3volt input pulse levels 0v to vcc 0.4v to 2.4v input rise and fall times 5ns 5ns input and output timing levels vcc / 2 1.5v output load (1.7v - 1.95volt & 2.7v - 3.3v) 1 ttl gate and cl=30pf 1 ttl gate and cl=50pf output load (3.0v - 3.6v) 1 ttl gate and cl=100pf table 10: ac conditions note: 1. these parameters are applied to the errata.
rev 0.7 / nov. 2005 20 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash item symbol test condition min max unit input / output capacitance c i/o v il =0v - 40 pf input capacitance c in v in =0v - 40 pf table 11: pin capacita nce (ta=25c, f=1.0mhz) parameter symbol min typ max unit program time t prog - 300 700 us dummy busy time for cache program t cbsy - 3 700 us dummy busy time for cache read t rbsy -5-us dummy busy time for the lock or lock-tight block t lbsy -510us number of partial program cycles in the same page main array nop - - 4 cycles spare array nop - - 4 cycles block erase time t bers -23ms table 12: program / erase characteristics
rev 0.7 / nov. 2005 21 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash parameter symbol 1.8volt 3.3volt unit min max min max cle setup time t cls 55 ns cle hold time t clh 15 15 ns ce# setup time t cs 00ns ce# hold time t ch 10 10 ns we# pulse width t wp 40 40 ns ale setup time t als 55 ns ale hold time t alh 15 15 ns data setup time t ds 25 25 ns data hold time t dh 15 15 ns write cycle time t wc 60 60 ns we# high hold time t wh 20 20 ns ale to data loading time t adl (3) 100 100 ns data transfer from cell to register t r 27 27 us ale to re# delay t ar 10 10 ns cle to re# delay t clr 10 10 ns ready to re# low t rr 20 20 ns re# pulse width (id read) t rp 25 25 ns re# pulse width (data read) t rp 25 25 ns we# high to busy t wb 100 100 ns read cycle time (id read) t rc 60 60 ns read cycle time (data read) t rc 50 50 ns re# access time t rea 30 30 ns re# high to output high z t rhz 30 30 ns ce# high to output high z t chz 20 20 ns re or ce high to output hold toh 15 15 ns re# high hold time (id read) t reh 30 30 ns re# high hold time (data read) t reh 20 20 ns output high z to re# low t ir 00ns ce# access time t cea 45 45 ns we# high to re# low t whr 60 60 ns device resetting time (read / program / erase) t rst 5/10/500 (1) 5/10/500 (1) us write protection time tww (3) 100 100 ns table 13: ac timing characteristics note: 1. if reset command (ffh) is written at ready st ate, the device goes into busy for maximum 5us 2. tadl is the time from the we# rising edge of final address cycle to the we# rising edge of first data cycle. 3. program / erase enable operation : twp# high to twe# high. program / erase disable op eration : twp# low to twe# high.
rev 0.7 / nov. 2005 22 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash io pagae program block erase cache program read cache read coding 0 pass / fail pass / fail pass / fail (n) na pass: ?0? fail: ?1? 1 na na pass / fail (n-1) na pass: ?0? fail: ?1? (only for cache program, else don?t care) 2na na na na - 3na na na na - 4na na na na - 5 ready/busy ready/busy p/e/r controller bit ready/busy p/e/r controller bit active: ?0? idle: ?1? 6 ready/busy ready/busy cache register free ready/busy ready/busy busy: ?0? ready?: ?1? 7 write protect write protect write protect write protect protected: ?0? not protected: ?1? table 14: status register coding device identifier byte description 1st manufacturer code 2nd device identifier 3rd don't care 4th page size, block size, spare size, organization table 15: device identifier coding part number voltage bus width manufacture code device code 3rd code 4th code hy27uh084g2m 3.3v x8 adh dch don?t care 15h hy27sh084g2m 1.8v x8 adh ach don?t care 15h hy27uh164g2m 3.3v x16 00adh cch don?t care 0055h hy27sh164g2m 1.8v x16 00adh bch don?t care 0055h table 16: read id data table
rev 0.7 / nov. 2005 23 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash description io7 io6 io5-4 io3 io2 io1-0 page size (without spare area) 1k 2k reserved reserved 0 0 0 1 1 0 1 1 spare area size (byte / 512byte) 8 16 0 1 serial access time standard (50ns) fast (30ns) 0 1 block size (without spare area) 64k 128k 256k reserved 0 0 0 1 1 0 1 1 organization x8 x16 0 1 not used reserved table 17: 4th byte of device identifier description
rev 0.7 / nov. 2005 24 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash figure 4: command latch cycle w&/ 6 w&6 w:3 &rppdqg &/( &( :( $/( ,2[ w'+ w'6 w$/6 w$/+ w&/+ w&+ w&/6 w&6 w:3 w:& w:& w:& w:3 w:3 w:3 w$/6 w:+ w:+ w:+ w:+ w$/+ w$/6 w$/6 w$/6 w$/6 &ro$gg w$/+ w$/+ w$/+ w$/+ w'+ &ro$gg 5rz$gg 5rz$gg 5rz$gg w:& w'+ w'+ w'+ w'+ w'6 w'6 w'6 w'6 w'6 &/( &( :( $/( ,2[ figure 5: address latch cycle
rev 0.7 / nov. 2005 25 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash w:& w$/6 w&/+ w&+ w:3 w:+ ',1 ',1 ',1ilqdo w:+ w'+ w'+ w'+ w'6 w'6 w'6 w:3 w:3 &/( $/( &( ,2[ :( figure 7: sequential out cycle after read (cle=l, we#=h, ale=l) w &($ w 5($ w 53 w 5($ w 5+= w 5+= 'rxw 127(67udqvlwlrqlvphdvxuhg?p9iurpvwhdg\vwdwhyrowdjh zlwkordg 7klvsdudphwhulvvdpsohgdqgqrwwhvwhg 'rxw 'rxw w &+= w 2+ w 2+ w 5($ w 5(+ w 5& w 55 &( 5( 5% ,2[ figure 6. in put data latch cycle
rev 0.7 / nov. 2005 26 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash figure 8: status read cycle w &/6 w &/5 w &/+ w &6 w &+ w :3 w :+5 w &($ w '6 w 5($ w &+= w 5+= k 6wdwxv2xwsxw w '+ w ,5 &( :( ,2 [ &/( 5( &/( $/( &( ,2[ :( 5( 5% w :& w &/5 w 55 k k &ro$gg &roxpq$gguhvv 5rz$gguhvv &ro$gg 5rz$gg 5rz$gg %xv\ 'rxw1 'rxw1 'rxw0 w :% w $5 w 5 w 5& w 5+= 5rz$gg figure 9: read1 operation (read one page)
rev 0.7 / nov. 2005 27 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash w:% w$5 w&+= w2+ w5& w5 w55 %xv\ k k 'rxw 1 'rxw 1 'rxw 1 &ro $gg &ro $gg 5rz $gg 5rz $gg 5rz $gg &roxpq$gguhvv 5rz$gguhvv &( :( $/( 5( ,2[ 5% figure 10: read1 operation intercepted by ce#
rev 0.7 / nov. 2005 28 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash &/( $/( &( 5( 5% ,2[ :( w&/5 k &roxpq$gguhvv 5rz$gguhvv %xv\ k k (k 'rxw1 'rxw0 'rxw1 'rxw0 &ro$gg 5rz$gg 5rz$gg 5rz$gg &ro$gg &roxpq$gguhvv &ro$gg &ro$gg w5 w5& w:% w$5 w55 w:+5 w5($ figure 11 : random data output
rev 0.7 / nov. 2005 29 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash figure 12: page program operation &/( $/( &( 5( 5% ,2[ :( w:& k &ro $gg 6huldo'dwd ,qsxw&rppdqg &roxpq$gguhvv 5rz$gguhvv 5hdg6wdwxv &rppdqg 3urjudp &rppdqg ,2r 6xffhvvixo3urjudp ,2r (uurulq3urjudp ;ghylfhp e\wh ;ghylfhp zrug xswrp%\wh 6huldo,qsxw &ro $gg 5rz $gg 5rz $gg 5rz $gg 'lq 1 'lq 0 k k ,2r w:& w:% w352* w:& w$'/
rev 0.7 / nov. 2005 30 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash &/( $/( &( 5( 5% ,2[ :( w:& k 'lq 1 'lq 0 'lq - 'lq . k k k ,2  &ro$gg &ro$gg &ro$gg &ro$gg 5zr$gg 5zr$gg 5zr$gg w:& w$'/ w$'/ w:% w352* 6huldo'dwd ,qsxw&rppdqg 5dqgrp'dwd ,qsxw&rppdqg &roxpq$gguhvv &roxpq$gguhvv 5rz$gguhvv 6huldo,qsxw 6huldo,qsxw 3urjudp &rppdqg 5hdg6wdwxv &rppdqg w:& figure 13 : random data in
rev 0.7 / nov. 2005 31 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash &/( $/( &( 5( 5% 1rwhv w$'/lvwkhwlphiurpwkh:(ulvlqjhgjhriilqdodgguhvvf\foh wrwkh:(ulvlqjhgjhriiluvwgdwdf\foh ,2[ :( w:% w:% w352* w5 k &roxpq$gguhvv 5rz$gguhvv &roxpq$gguhvv %xv\ %xv\ &rs\%dfn'dwd ,qsxw&rppdqg ,2 6xffhvvixo3urjudp ,2 (uurulq3urjudp 5rz$gguhvv k k k k ,2 'dwd1 'dwd &ro $gg &ro $gg 5rz $gg 5rz $gg 5rz $gg &ro $gg &ro $gg 5rz $gg 5rz $gg 5rz $gg w:& w$'/ 5hdg6wdwxv &rppdqg figure 14 : copy back program
rev 0.7 / nov. 2005 32 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash &/( $/( &( 5( 5% ,2[ :( 5% ,2[ ([ &dfkh3urjudp w:& k k k ,2 3urjudp&rqilup &rppdqg 7uxh /dvw3djh,qsxw 3urjudp 0d[wlphvuhshdwdeoh w&%6<pd[xv w&%6< &ro$gg 5rz$gg'dwd w&%6< w&%6< w352* 6huldo'dwd ,qsxw&rppdqg &roxpq $gguhvv 5rz $gguhvv 6huldo,qsxw 3urjudp &rppdqg 'xpp\ k k $gguhvv 'dwd,qsxw $gguhvv 'dwd,qsxw $gguhvv 'dwd,qsxw $gguhvv 'dwd,qsxw k k k k k k k k k 'lq 1 'lq 0 'lq 1 'lq 0 &ro $gg 5rz $gg 5rz $gg 5rz $gg &ro $gg w:% w352* w:% w&%6< &ro $gg 5rz $gg 5rz $gg 5rz $gg &ro $gg figure 15 : cache program
rev 0.7 / nov. 2005 33 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash w:& &/( &( :( $/( 5( ,2 [ 5% w:% w%(56 %86< k ,2 'k 5rz $gg 5rz $gg 5rz $gg k $xwr%orfn(udvh 6hwxs&rppdqg (udvh&rppdqg 5hdg6wdwxv &rppdqg ,2 6xffhvvixo(udvh ,2 (uurulq(udvh 5rz$gguhvv figure 16: block erase op eration (erase one block) k &/( &( :( $/( 5( ,2[ k w5($ 5hdg,'&rppdqg $gguhvvf\foh 0dnhu&rgh 'hylfh&rgh $'k '&k k [[k w$5 'rq?wfduh wkf\foh figure 17: read id operation
rev 0.7 / nov. 2005 34 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash 'k ' 5hdgvwsdjh 5hdgqgsdjh 5hdgugsdjh 5hdgwksdjh ,goh ,goh ' ' ' ' ' ' ' ' ' ' ' '   $gg $gg $gg $gg k       ?v ?v ?v ?v ?v ?v ?v &/( $/( :( 5( ,qwhuqdorshudwlrq 6wdwxv5hjlvwhu 65! ' ,goh ,goh ?v w 5%6<     qsdjh qsdjh 5hdgqsdjh ' ' k ' ' ' '  &/( $/( :( 5( 5% ,qwhuqdo rshudwlrq 6wdwxv5hjlvwhu 65! 8vhufdq khuhilqlvk uhdglqj1 sdjh 1sdjh fdqqrweh uhdg ?v ?v ,qwhuuxswhg 5hdg qsdjh figure 19: exit from cache read in 5u s when device internally is reading figure 18: start address at page start :a fter 1st latency uninterrupted data flow
rev 0.7 / nov. 2005 35 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash system interface using ce don?t care to simplify system interface, ce may be deasserted during data loading or sequential data-rea ding as shown below. so, it is possible to connect nand flash to a microporcess or. the only function that was removed from standard nand flash to make ce don?t care read operation was disabling of the automatic sequential read function. &(grq?wfduh k 6wduw$gg &\foh 'dwd,qsxw k 'dwd,qsxw &/( &( :( $/( ,2[ figure 20: program operation with ce don?t-care. ,ivhtxhqwldourzuhdghqdeohg &(pxvwehkhogorzgxulqjw5 &(grq?wfduh k k &/( &( 5( $/( 5% :( ,2[ 6wduw$gg &\foh 'dwd2xwsxw vhtxhqwldo w5 figure 21: read operation with ce don?t-care.
rev 0.7 / nov. 2005 36 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash 9 9ff :( &( $/( &/( 5% 35( w5 5( ,2[ 'dwd 'dwd 'dwd 'dwd2xwsxw /dvw 'dwd figure 22: automatic read at power on ))k w 567 :( $/( &/( 5( ,2 5% figure 23: reset operation
rev 0.7 / nov. 2005 37 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash :3 :( 9ff 7 w 9 7+ figure 24: power on/off timing
rev 0.7 / nov. 2005 38 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash 5sydoxhjxlghqfh 5s plq  zkhuh,/lvwkhvxpriwkhlqsxwfxuuqwvridooghylfhvwlhgwr wkh5%slq 5s pd[ lvghwhuplqhge\pd[lpxpshuplvvleoholplwriwu #9ff 97d ?&& / s) )lj5syvwuwi 5syvlexv\ 9ff 0d[ 9 2/ 0d[ 9 p$?, / , 2/ ?, / 5s lexv\ 5s rkp lexv\ lexv\>$@ wuwi>v@ wi             %xv\ 5hdg\ 9ff 9 wu wi 9 9ff q p n n n n q p q p *1' 'hylfh rshqgudlqrxwsxw 5% figure 25: ready/busy pin electrical specifications
rev 0.7 / nov. 2005 39 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash figure 26: page programming within a block m???g???gszig????g??gtzig???? kh{hgpugagk???goxp k???go][p k???g???????? w???g]z w???gzx w???gy w???gx w???gw o][p a ozyp a ozp oyp oxp l?upgy?????g????g???????gow??????????p kh{hgpugagk???goxp k???go][p k???g???????? w???g]z w???gzx w???gy w???gx w???gw o][p a oxp a ozp ozyp oxp
rev 0.7 / nov. 2005 40 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash bad block management devices with bad blocks have the same quality level and the same ac and dc characteristics as devices where all the blocks are valid. a bad block does not affe ct the performance of valid blocks becaus e it is isolated from the bit line and common source line by a select transistor. the devices are supplied with all the lo cations inside valid blocks erased(ffh). the bad block information is wr itten prior to shipping. any block where the 1st byte in the spare area of the 1st or 2nd page(if the 1st page is bad) does not cont ain ffh is a bad block. the bad block information must be read before any erase is attempted as the bad block inform ation may be erased. for the sy stem to be able to recog- nize the bad blocks based on the original information it is recommended to create a bad block table following the flow- chart shown in figure 26. the 1st block, which is placed on 00h block address is guaranteed to be a valid block. bad replacement over the lifetime of the device additional bad blocks may deve lop. in this case the block has to be replaced by copying the data to a valid block. these additional bad blocks can be identified as attempts to program or erase them will give errors in the status register. as the failure of a page program operation does not affect th e data in other pages in the same block, the block can be replaced by re-programming the current data and copying th e rest of the replaced block to an available valid block. the copy back program command can be us ed to copy the data to a valid block. see the ?copy back program? section for more details. refer to table 17 for the recommended procedure to follow if an error occurs during an operation. operation recommended procedure erase block replacement program block replacement or ecc read ecc table 18: block failure <hv <hv 1r 1r 67$57 %orfn$gguhvv %orfn 'dwd ))k" /dvw eorfn" (1' ,qfuhphqw %orfn$gguhvv 8sgdwh %dg%orfnwdeoh figure 27: bad block management flowchart
rev 0.7 / nov. 2005 41 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash write protect operation the erase and program operations are automatically reset when wp goes low (tww = 100ns, min). the operations are enabled and disabled as follows (figure 28~31) :: w k k :( ,2[ :3 5% k k w :: :( ,2[ :3 5% figure 28: enable programming figure 29: disable programming
rev 0.7 / nov. 2005 42 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash k w 'k :: :( ,2[ :3 5% k w :: 'k :( ,2[ :3 5% figure 30: enable erasing figure 31: disable erasing
rev 0.7 / nov. 2005 43 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash 5. appendix : extra features 5.1 automatic page0 read after power up the timing diagram related to this operation is shown in fig. 22 due to this functionality the cpu can dire ctly download the boot loader from the first page of the nand flash, storing it inside the internal cache and starting the execution after the download completed. 5.2 stacked devices access a small logic inside the devices allows th e possibility to stack up to 4 devices in a single package wi thout changing the pinout of the memory. to do this the internal address re gister can store up to 29 addresses (512 mbyte addressing field) and basing on the 2 msb pattern ea ch device inside the package can decide if remain active (1 over 4) or ?hang- up? the connection entering the stand-by. 5.3 addressing for program operation within a block, the pages must be programmed consecutively from lsb (least significant bi t) page of the block to msb (most significant bit) page of the block. random address programming is prohibited. see fig. 26. 5.4 multiple die concurrent oper ations and extended read status when the 1gbit is stacked to form a 4gbit qdp some concur rent operations (like erase while read, read while write, etc.) are available. moreover an extended read status register feature is included to check the status of each stacked device. in more details it is possible to run a first operatio n selecting the first 1gbit, then activate a concurrent opera- tion on the second (or third or fourth) device, checking the progression of these operations by the use of the extended read status register feature. the command sequence to be used is shown in table 18. the result is the typical read status pattern. function command read status 1st device (ax<= 0x07ffffff) 72h read status 2nd device (0x07ffffff rev 0.7 / nov. 2005 44 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash table 20: 48-pin tsop1, 12 x 20 mm, package mechanical data symbol millimeters min typ max a 1.200 a1 0.050 0.150 a2 0.980 1.030 b 0.170 0.250 c 0.100 0.200 cp 0.100 d 11.910 12.000 12.120 e 19.900 20.000 20.100 e1 18.300 18.400 18.500 e 0.500 l 0.500 0.680 alpha 0 5 figure 32. 48-pin tsop1, 12 x 20mm, package outline    ' $ ',( $ h % / / . ( ( & &3 $
rev 0.7 / nov. 2005 45 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash marking information - tsop1 packag marking example tsop1 k o r h y 2 7 x h x x 4 g 2 m x x x x y w w x x - hynix - kor - hy27xhxx4g2m xxxx h y: hynix 27: nand flash x: power supply h : classification xx: bit organization 4g : density 2: mode m : version x: package type x: package material x: operating temperature x: bad block - y: year (ex: 5=year 2005, 06= year 2006) - ww: work week (ex: 12= work week 12) - xx: process code note - capital letter - sm all letter : hynix sym bol : origin country : u(2.7v~3.6v), l(2.7v), s(1.8v) : single level cell+ q uadruple d ie+ large block : 08(x8), 16(x16) : 4gbit : 1nce & 1r/nb; sequential row read disable : 1st generation : t(48-tsop1) : blank(normal), p(lead free) : c(0 ~70 ), e(-25 ~85 ) m(-30 ~85 ), i(-40 ~85 ) : b(included bad block), s(1~5 bad block), p(all good block) : fixed item : non-fixed item : part num ber
rev 0.7 / nov. 2005 46 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash application note 1. power-on/off sequence after power is on, the device starts an internal circuit initialization when the po wer supply voltage reaches a specific level. the device shows its internal initia lization status with the read y/busy signal if initializa tion is on progress. while the device is initializing, the device se ts internal registeries to default value and generates internal biases to operate circuits. typically the initializi ng time of 20us is required. power-off or power failure before write/erase operation is complete will cause a loss of data. the wp# signal helps user to protect not only the data integrity but also device circuitry from being damaged at power-on/off by keeping wp# at vil during power-on/off. for the device to operate stably, it is highly re commended to operate the device as shown fig.33. :3 9 ,/ 9 ,+ 9'hylfh9 9'hylfh9 :( 9 ,/ xv   5hdg\ %xv\ ,qlwldol]hdwsrzhurq 9 9&& 2wkhuv 3lqv ,/  figure 33: power-on/off sequence
rev 0.7 / nov. 2005 47 hy27uh(08/16)4g2m series hy27sh(08/16)4g2m series 4gbit (512mx8bit / 256m x16bit) nand flash 2. automatic sleep mode for low power consumption the device provides the automatic sleep function for low power consumption. the device enters the automatic sleep mode by keeping ce# at vih level for 10us without any additional command input, and exits simply by lowering ce# to vil level. typically, consecutive operation is executable righ t after deactivating the automatic sleep mode, while tcs of 100ns is required prior to following operation as shown in fig.34. ,2[ k :( &( xv 0lq&( 9 ,+ ,+ k qv 0lq  $xwr6ohhs ,2[ k $gguhvvlqsxw $gguhvvlqsxw 'dwdrxwsxw froxpq/a0 'dwdlqsxw froxpq/a0 5( &( xv 0lq&( 9 'dwdrxwsxw froxpq0a1 'dwdlqsxw froxpq0a1 $xwr6ohhs k  3urjudp2shudwlrq  5hdg2shudwlrq qv 0lq  figure 34: tcs setting when de activating the auto sleep mode


▲Up To Search▲   

 
Price & Availability of HY27SH084G2M-TPEP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X