Part Number Hot Search : 
L35280F RB5P0020 CFRM103 BOURNS 2245M UR4KB60 M3504 P5KE16CA
Product Description
Full Text Search
 

To Download HSM636-040000M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the connor-winfield corp. 2111 comprehensive drive. aurora, il 60505. fax (630) 851-5040. phone (630) 851-4722. www.conwin.com product data sheet specifications subject to change without notice. data sheet #: rev: date: page of copyright 2001 connor-winfield all rights reserved.  crystal controlled oscillators the connor-winfield models hsm626 and hsm636 are 5.0v hcmos, surface mount, fixed frequency crystal oscillators (xo) designed for use in all applications requiring precision clocks over the -4 commercial temperature range. the surface mount package is designed for high-density mounting and is optimum for mass production. 0 to 85c, 12 hsm636 - 028.665m clock series center frequency 1.8 to 80 mhz 5.0v operation tri-state enable / disable function overall frequency tolerance: hsm626 50ppm hsm636 100ppm temperature range: -40 to 85c ceramic surface mount package tape and reel packaging rohs compliant / pb free 5.0v surface mount 11x6.35mm hcmos clock oscillator sm016 07 04/01/09 ordering information features description hsm626, hsm636 dimensional tolerance: .02? (.508mm) .005? (.127mm) pad connection 1 enable/disable 2 ground 3 output 4 vcc .252 (6.35mm) .433 (11.05mm) .200 (5.08mm) .104 (2.67mm) .098 (2.54mm) .043 (1.14mm) typical 4 places hsm636 28.665 cw 4g absolute maximum ratings table 1.0 parameter units minimum nominal maximum units note storage temperature -55 - 125 c supply voltage (vcc) -0.5 - 7.0 vdc model specifications: table 2.0 model hsm626 frequency range (fo) 1.8 - 80 mhz frequency tolerance: -50 - 50 ppm 1 model hsm636 frequency range (fo) 1.8 - 80 mhz frequency tolerance: -100 - 100 ppm 1 operating specifications table 3.0 parameter minimum nominal maximum units note operating temperature range -40 - 85 c supply voltage (vdd) 4.5 5.0 5.5 vdc supply current 1.8 to 19.999 mhz (icc) - - 20 ma 20 to 49.999 mhz (icc) - - 30 ma 50 to 69.999 mhz (icc) - - 50 ma 70 to 80.0 mhz (icc) - - 80 ma input characteristics table 4.0 enable voltage (vih) 2.2 - - vdc 2 disable voltage (vil) - - .08 vdc enable time - - 100 ns disable time - - 100 ns hcmos output characteristics table 5.0 parameter minimum nominal maximum units note load - - 50 pf voltage (high) (voh) 4.50 - - vdc (low) (vol) - - 0.50 vdc current (high) (ioh) -16 - -ma (low) (ioh) - - 16 ma duty cycle at 50% of vcc 45 50 55 % rise / fall time 10% to 90% - - 5 ns start-up time - - 10 ms jitter (bw=10hz to 20mhz) - - 5 ps rms jitter (bw=12khz to 20mhz) - - 1 ps rms note: 1) inclusive of calibration @ 25 c , frequency vs. temperature stability, supply voltage change, load change, shock and vibration, 10 years aging. 2) oscillator output is enabled with no connection on pad 1 package characteristics table 6.0 package hermetically sealed ceramic package and metal cover
the connor-winfield corp. 2111 comprehensive drive. aurora, il 60505. fax (630) 851-5040. phone (630) 851-4722. www.conwin.com product data sheet specifications subject to change without notice. data sheet #: rev: date: page of copyright 2001 connor-winfield all rights reserved.  crystal controlled oscillators 22 sm016 07 04/01/09 1.00 (25.4mm) 0.08 (2.0mm) 0.08 (2.0mm) 10.00 (254.0mm) 3.15 (80mm) 0.47 (11.9mm) 0.27 (6.8mm) 0.45 (11.4mm) 0.157 (4.0mm) 1.00 dia. (25.4mm dia.) 0.08 (2.0mm) 8.45 dia. (215mm dia.) 0.06 dia. (1.5mm dia.) 0.295 (7.5mm) 0.07 (1.75mm) 0.63 (16.0mm) 1000 pcs / reel 0.200 (5.08mm) 0.475 (12.06mm) 0.138 (3.50mm) 0.135 (3.43mm) 0.065 (1.65mm) 120 c 150 c 180 c 260 c 0 220 c 360 sec. max. 120 s max. 10 s 60 s max. time temperature 260c


▲Up To Search▲   

 
Price & Availability of HSM636-040000M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X