Part Number Hot Search : 
MMSZ5221 485EEN 20H100 T6100315 USB4640I ADP5042 01DHB VF30150C
Product Description
Full Text Search
 

To Download HMC994 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  amplifiers - l ine a r & p ower - chip 3 3 - 1 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com HMC994 gaas phemt mmic 0.5 watt power amplifier, dc - 32 ghz v00.0611 general description features functional diagram the hm c994 is a gaas mmi c p hem t distrib - uted p ower amplifer which operates between dc and 32 g h z. the amplifer provides 14 db of gain, 36 dbm output ip 3 and +28 dbm of output power at 1 db gain compression while requiring 250 ma from a +10 v supply. the hm c994 exhibits a slightly positive gain slope from 5 to 25 g h z, making it ideal for ew , e c m , r adar and test equipment applications. the hm c994 amplifer i / o s are inter - nally matched to 50 o hms facilitating integra - tion into m utli-chip- m odules ( m c m s). all data is taken with the chip connected via two 0.025 mm (1 mil) wire bonds of minimal length 0.31 mm (12 mils). h igh p 1db o utput p ower: 28 dbm h igh p sat o utput p ower: 30 dbm h igh gain: 14 db h igh o utput ip 3: 36 dbm s upply voltage: +10 v @ 250 ma 50 o hm m atched i nput/ o utput die s ize: 2.82 x 1.5 x 0.1 mm typical applications the hm c994 is ideal for: ? test instrumentation ? microwave radio & vsat ? military & space ? telecom infrastructure ? fiber optics electrical specifcations, t a = +25 c, vdd = +10 v, vgg2 = +3.5 v, idd = 250 ma* p arameter m in. typ. m ax. m in. typ. m ax. m in. typ. m ax. units f requency r ange dc - 18 18 - 26 26 - 32 g h z gain 11.5 13.5 12 14 11.5 13.5 db gain f latness .3 .3 .8 db gain variation o ver temperature .017 .017 .029 db/ c i nput r eturn l oss 18 18 16 db o utput r eturn l oss 20 16 13 db o utput p ower for 1 db compression ( p 1db) 26 28 25 27 24 26 dbm s aturated o utput p ower ( p sat) 29 29 28 dbm o utput third o rder i ntercept ( ip 3) 38 34 33 db n oise f igure 3.5 4 4.5 db s upply current ( i dd) (vdd= 10v, vgg1= -0.6v typ.) 250 250 250 ma * adjust vgg1 between -2 to 0 v to achieve idd = 250 ma typical.
amplifiers - l ine a r & p ower - chip 3 3 - 2 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com output return loss vs. temperature gain & return loss gain vs. temperature input return loss vs. temperature noise figure vs. temperature HMC994 v00.0611 gaas phemt mmic 0.5 watt power amplifier, dc - 32 ghz -40 -30 -20 -10 0 10 20 0 5 10 15 20 25 30 35 40 s21 s11 s22 response (db) frequency (ghz) -40 -30 -20 -10 0 0 4 8 12 16 20 24 28 32 +25c +85c -55c return loss (db) frequency (ghz) 20 22 24 26 28 30 32 0 4 8 12 16 20 24 28 32 +25c +85c -55c p1db (dbm) frequency (ghz) -40 -30 -20 -10 0 0 4 8 12 16 20 24 28 32 +25c +85c -55c return loss (db) frequency (ghz) 6 8 10 12 14 16 18 0 4 8 12 16 20 24 28 32 +25c +85c -55c gain (db) frequency (ghz) p1db vs. temperature 0 2 4 6 8 10 0 4 8 12 16 20 24 28 32 +25c +85c -55c noise figure (db) frequency (ghz)
amplifiers - l ine a r & p ower - chip 3 3 - 3 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com output ip3 vs. supply voltage @ pout = 16 dbm / tone psat vs. temperature psat vs. supply voltage output im3 @ vdd = +8v output ip3 vs. temperature @ pout = 16 dbm / tone HMC994 v00.0611 gaas phemt mmic 0.5 watt power amplifier, dc - 32 ghz p1db vs. supply voltage 20 22 24 26 28 30 32 0 4 8 12 16 20 24 28 32 +8v +10v +11v p1db (dbm) frequency (ghz) 22 24 26 28 30 32 34 0 4 8 12 16 20 24 28 32 +25c +85c -55c psat (dbm) frequency (ghz) 22 24 26 28 30 32 34 0 4 8 12 16 20 24 28 32 +8v +10v +11v psat (dbm) frequency (ghz) 28 30 32 34 36 38 40 42 44 0 4 8 12 16 20 24 28 32 +25c +85c -55c frequency (ghz) ip3 (dbm) 28 30 32 34 36 38 40 42 44 0 4 8 12 16 20 24 28 32 +8v +10v +11v frequency (ghz) ip3 (dbm) 0 10 20 30 40 50 60 70 80 90 2 4 6 8 10 12 14 16 18 20 2 ghz 6 ghz 10 ghz 14 ghz 18 ghz 22 ghz 26 ghz 30 ghz im3 (dbc) pout/tone (dbm)
amplifiers - l ine a r & p ower - chip 3 3 - 4 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com output im3 @ vdd = +11v output im3 @ vdd = +10v HMC994 v00.0611 gaas phemt mmic 0.5 watt power amplifier, dc - 32 ghz 0 10 20 30 40 50 60 70 80 90 2 4 6 8 10 12 14 16 18 20 2 ghz 6 ghz 10 ghz 14 ghz 18 ghz 22 ghz 26 ghz 30 ghz im3 (dbc) pout/tone (dbm) 0 10 20 30 40 50 60 70 80 90 2 4 6 8 10 12 14 16 18 20 2 ghz 6 ghz 10 ghz 14 ghz 18 ghz 22 ghz 26 ghz 30 ghz im3 (dbc) pout/tone (dbm) reverse isolation vs. temperature power compression @ 16 ghz -80 -70 -60 -50 -40 -30 -20 -10 0 0 4 8 12 16 20 24 28 32 36 40 44 +25c +85c -55c isolation (db) frequency (ghz) 0 4 8 12 16 20 24 28 32 0 3 6 9 12 15 18 pout gain pae pout (dbm), gain (db), pae (%) input power (dbm) gain & power vs. supply voltage @ 16 ghz power dissipation 10 15 20 25 30 35 8 9 10 11 gain p1db psat vdd (v) gain (db), p1db (dbm), psat (dbm) 0 1 2 3 0 3 6 9 12 15 18 4 ghz 8 ghz 12 ghz 16 ghz 20 ghz 24 ghz 28 ghz power dissipation (w) input power (dbm)
amplifiers - l ine a r & p ower - chip 3 3 - 5 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com HMC994 v00.0611 gaas phemt mmic 0.5 watt power amplifier, dc - 32 ghz second harmonics vs. temperature @ pout = 14 dbm second harmonics vs. vdd @ pout = 14 dbm second harmonics vs. pout absolute maximum ratings drain bias voltage (vdd) 12v gate bias voltage (vgg1) -3 to 0 vdc gate bias voltage (vgg2) f or vdd = 12v, vgg2 = 5.5v i dd < 200ma f or vdd between 8.5v to 11v, vgg2 = (vdd - 6.5v) up to 4.5v f or vdd < 8.5v, vgg2 must remain > 2v rf i nput p ower ( rfin ) 25 dbm channel temperature 150 c continuous p diss (t= 85 c) (derate 46.6 m w /c above 85 c) 3.02 w thermal r esistance (channel to die bottom) 21.4 c/ w ele ct ros tat i c sensi t i v e d e v i c e o b ser v e han d lin g pre caut ions vdd (v) i dd (ma) +8 250 +10 250 +11 250 typical supply current vs. vdd o utput p ower into v swr >7:1 28 dbm s torage temperature -65 to 150 c o perating temperature -55 to 85 c 0 10 20 30 40 50 60 70 0 4 8 12 16 20 24 +25c +85c -55c second harmonic (dbc) frequency(ghz) 0 10 20 30 40 50 60 70 0 4 8 12 16 20 24 +8v +10v +11v second harmonic (dbc) frequency(ghz) 0 10 20 30 40 50 60 70 0 4 8 12 16 20 24 +4 dbm +6 dbm +8 dbm +10 dbm +12 dbm +14 dbm +16 dbm second harmonic (dbc) frequency(ghz)
amplifiers - l ine a r & p ower - chip 3 3 - 6 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com HMC994 v00.0611 gaas phemt mmic 0.5 watt power amplifier, dc - 32 ghz outline drawing no t es : 1. a ll d imensions in in c hes [ millime t ers ] 2. d ie t hi ck ness is 0.004 (0.100) 3. ty pi ca l b on d p ad is 0.004 (0.100) s qua re 4. b on d p ad me ta li zat ion : g ol d 5. back si d e me ta lli zat ion : g ol d 6. back si d e me ta l is g ro u n d 7. no c onne ct ion re qu ire d for u nl ab ele d b on d p ad s 8. o v er a ll d ie si z e is .002 die packaging information [1] s tandard alternate g p -1 (gel p ack) [2] [1] refer to the packaging information section for die packaging dimensions. [2] for alternate packaging information contact hittite microwave corporation.
amplifiers - l ine a r & p ower - chip 3 3 - 7 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com HMC994 v00.0611 gaas phemt mmic 0.5 watt power amplifier, dc - 32 ghz p ad n umber f unction description i nterface s chematic 1 rfin this pad is dc coupled and matched to 50 o hms. blocking capacitor is required. 2 vgg2 gate control 2 for amplifer. attach bypass capacitor per application circuit herein. f or nominal operation +3.5v should be applied to vgg2. 4, 7 acg2, acg4 l ow frequency termination. attach bypass capacitor per application circuit herein. 3 acg1 l ow frequency termination. attach bypass capacitor per application circuit herein. 5 rfo ut & vdd rf output for amplifer. connect dc bias (vdd) network to provide drain current ( i dd). s ee application circuit herein. 6 acg3 l ow frequency termination. attach bypass capacitor per application circuit herein. 8 vgg1 gate control 1 for amplifer. attach bypass capacitor per application circuit herein. p lease follow mmi c amplifer biasing p rocedure application note. die bottom g n d die bottom must be connected to rf /dc ground. pad descriptions
amplifiers - l ine a r & p ower - chip 3 3 - 8 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com HMC994 v00.0611 gaas phemt mmic 0.5 watt power amplifier, dc - 32 ghz application circuit note 1: drain bias (vdd) must be applied through a broadband bias tee with low series resistance and capable of providing 500 ma.
amplifiers - l ine a r & p ower - chip 3 3 - 9 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com HMC994 v00.0611 gaas phemt mmic 0.5 watt power amplifier, dc - 32 ghz assembly diagram
amplifiers - l ine a r & p ower - chip 3 3 - 10 for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com HMC994 v00.0611 gaas phemt mmic 0.5 watt power amplifier, dc - 32 ghz mounting & bonding techniques for millimeterwave gaas mmics the die should be attached directly to the ground plane eutectically or with conductive epoxy (see hm c general h andling, m ounting, bonding n ote). 50 o hm m icrostrip transmission lines on 0.127mm (5 mil) thick alumina thin flm substrates are recommended for bringing rf to and from the chip ( f igure 1). i f 0.254mm (10 mil) thick alumina thin flm substrates must be used, the die should be raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. o ne way to accom - plish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane ( f igure 2). m icrostrip substrates should be placed as close to the die as possible in order to minimize bond wire length. typical die-to-substrate spacing is 0.076mm to 0.152 mm (3 to 6 mils). handling precautions follow these precautions to avoid permanent damage. storage: all bare die are placed in either w affle or gel based es d protec - tive containers, and then sealed in an es d protective bag for shipment. o nce the sealed es d protective bag has been opened, all die should be stored in a dry nitrogen environment. cleanliness: h andle the chips in a clean environment. d o no t attempt to clean the chip using liquid cleaning systems. static sensitivity: f ollow es d precautions to protect against es d strikes. transients: s uppress instrument and bias supply transients while bias is applied. use shielded signal and bias cables to minimize inductive pick- up. general handling: h andle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. the surface of the chip may have fragile air bridges and should not be touched with vacuum collet, tweezers, or fngers. mounting the chip is back-metallized and can be die mounted with au s n eutectic preforms or with electrically conductive epoxy. the mounting surface should be clean and fat. e utectic die attach: a 80/20 gold tin preform is recommended with a work surface temperature of 255 c and a tool temperature of 265 c. w hen hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 c. d o no t expose the chip to a temperature greater than 320 c for more than 20 seconds. n o more than 3 seconds of scrubbing should be required for attachment. e poxy die attach: apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fllet is observed around the perimeter of the chip once it is placed into position. cure epoxy per the manufacturers schedule. wire bonding rf bonds made with two 1 mil wires are recommended. these bonds should be thermosonically bonded with a force of 40-60 grams. dc bonds of 0.001 (0.025 mm) diameter, thermosonically bonded, are recommended. ball bonds should be made with a force of 40-50 grams and wedge bonds at 18-22 grams. all bonds should be made with a nominal stage temperature of 150 c. a minimum amount of ultrasonic energy should be applied to achieve reliable bonds. all bonds should be as short as possible, less than 12 mils (0.31 mm). 0.102mm (0.004?) thick gaas mmic wire bond rf ground plane 0.127mm (0.005?) thick alumina thin film substrate 0.076mm (0.003?) figure 1. 0.102mm (0.004?) thick gaas mmic wire bond rf ground plane 0.254mm (0.010?) thick alumina thin film substrate 0.076mm (0.003?) figure 2. 0.150mm (0.005?) thick moly tab


▲Up To Search▲   

 
Price & Availability of HMC994

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X