Part Number Hot Search : 
TL4310 2A10G1 RF33761 MS2202 M9839B TL4310 SK110 1N4937
Product Description
Full Text Search
 

To Download GBPC1506W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gbpc 12, 15, 25, 35 se ries ? bridge rectifiers (glass passivated) ? 2010 fairchild semiconductor corporation www.fairchildsemi.com gbpc 12, 15, 25, 35 series rev. 1.3.2 1 october 2013 gbpc 12, 15, 25, 35 series bridge rectifiers (glass passivated) features ? integrally molded heat-sink provided very low thermal resistance for maximum heat dissipation. ? surge overload ratings from 300 a to 400 a. ? isolated voltage from case to lead over 2500 v. ? ul certified, ul #e258596 ? terminals finish material - silver (solderable per mil-std-202, method 208 for the wire type gbpc-w package) - nickel for gbpc package. suffix ?w? ? wire lead structure suffix ?m? ? terminal location face to face +~ ~? ? + ~ ~ gbpc gbpc-w
gbpc 12, 15, 25, 35 se ries ? bridge rectifiers (glass passivated) ? 2010 fairchild semiconductor corporation www.fairchildsemi.com gbpc 12, 15, 25, 35 series rev. 1.3.2 2 ordering informations part number marking package packing method gbpc12005 gbpc12005 gbpc 4l bulk gbpc1201 gbpc1201 gbpc1202 gbpc1202 gbpc1204 gbpc1204 gbpc1206 gbpc1206 gbpc1208 gbpc1208 gbpc1210 gbpc1210 gbpc15005 gbpc15005 gbpc1501 gbpc1501 gbpc1502 gbpc1502 gbpc1504 gbpc1504 gbpc1506 gbpc1506 gbpc1508 gbpc1508 gbpc1510 gbpc1510 gbpc25005 gbpc25005 gbpc2501 gbpc2501 gbpc2502 gbpc2502 gbpc2504 gbpc2504 gbpc2506 gbpc2506 gbpc2508 gbpc2508 gbpc2510 gbpc2510 gbpc35005 gbpc35005 gbpc3501 gbpc3501 gbpc3502 gbpc3502 gbpc3504 gbpc3504 gbpc3506 gbpc3506 gbpc3508 gbpc3508 gbpc3510 gbpc3510 gbpc1201w gbpc1201w gbpc-w 4l gbpc1202w gbpc1202w gbpc1204w gbpc1204w gbpc1206w gbpc1206w gbpc1208w gbpc1208w gbpc1210w gbpc1210w gbpc15005w gbpc15005w gbpc1501w gbpc1501w gbpc1502w gbpc1502w gbpc1504w gbpc1504w GBPC1506W GBPC1506W gbpc1508w gbpc1508w
gbpc 12, 15, 25, 35 se ries ? bridge rectifiers (glass passivated) ? 2010 fairchild semiconductor corporation www.fairchildsemi.com gbpc 12, 15, 25, 35 series rev. 1.3.2 3 ordering informations (continued) absolute maximum ratings (1) stresses exceeding the absolute maximum ratings may damage the device. the device may not function or be opera- ble above the recommended operating conditions and stressing the parts to these levels is not recommended. in addi- tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. the absolute maximum ratings are stress ratings only. values are at t a = 25c unless otherwise noted. note: 1. these ratings are limiting values above which the serviceability of any semiconductor device may by impaired. part number marking package packing method gbpc1510w gbpc1510w gbpc-w 4l bulk gbpc25005w gbpc25005w gbpc2501w gbpc2501w gbpc2502w gbpc2502w gbpc2504w gbpc2504w gbpc2506w gbpc2506w gbpc2508w gbpc2508w gbpc2510w gbpc2510w gbpc35005w gbpc35005w gbpc3501w gbpc3501w gbpc3502w gbpc3502w gbpc3504w gbpc3504w gbpc3506w gbpc3506w gbpc3508w gbpc3508w gbpc3510w gbpc3510w symbol parameter value units 005010204060810 v rrm maximum repetitive reverse voltage 50 100 200 400 600 800 1000 v v rms maximum rms bridge input voltage 35 70 140 280 420 560 700 v v r dc reverse voltage (rated v r ) 50 100 200 400 600 800 1000 v i f(av) average rectified forward current at t c = 55 c gbpc12 12 a gbpc15 15 gbpc25 25 gbpc35 35 i fsm non-repetitive peak forward s u r g e c u r r e n t gbpc12, 15, 25 300 a 8.3ms single half-sine-wave gbpc35 400 a t stg storage temperature range -55 to +150 c t j operating junction temperature -55 to +150 c
gbpc 12, 15, 25, 35 se ries ? bridge rectifiers (glass passivated) ? 2010 fairchild semiconductor corporation www.fairchildsemi.com gbpc 12, 15, 25, 35 series rev. 1.3.2 4 thermal characteristics values are at t a = 25c unless otherwise noted. note: 2. with heatsink. electrical characteristics values are at t a = 25c unless otherwise noted . symbol parameter value units p d power dissipation 83.3 w r jc thermal resistance, junction to case (2) 1.5 c/w symbol parameter test conditions value units v f f o r w a r d vo l t a g e d r o p , p e r b r i d g e 6.0 a gbpc12 1.1 (max) v 7.5 a gbpc15 12.5 a gbpc25 17.5 a gbpc35 i r reverse current, per element at rated v r t a = 25 c5.0 (max) a t a = 125 c 500 (max) a i 2 t rating for fusing t < 8.35 ms gbpc12, 15, 25 375 a 2 sec gbpc35 660 a 2 sec c t total capacitance, per leg v r = 4.0 v f = 1.0 mhz gbpc12, 15, 25 180 pf gbpc35 200 pf
gbpc 12, 15, 25, 35 se ries ? bridge rectifiers (glass passivated) ? 2010 fairchild semiconductor corporation www.fairchildsemi.com gbpc 12, 15, 25, 35 series rev. 1.3.2 5 typical performance characteristics figure 1. forward current derating curve figure 2. non-repetitive surge current figure 3. forward voltage characteristics figure 4. reverse current vs. reverse voltage ambient temperature [oc] average rectified forward current, i f [a] 0 25 50 75 100 125 150 175 0 10 20 30 40 gbpc12 gbpc15 gbpc25 gbpc35 single phase half wave 60hz resistive or inductive load lengths case 12 51020 50100 20 50 100 200 400 number of cycles at 60hz peak forward surge current, i fsm [a] gbpc12-gbpc25 gbpc35 12 51020 50100 20 50 100 200 400 number of cycles at 60hz peak forward surge current, i fsm [a] gbpc12-gbpc25 gbpc35 0.6 0.8 1 1.2 1.4 1.6 1.8 2 0.1 1 10 100 200 forward voltage, v f [v] forward current, i f [a] pulse width = 300 s 2% duty cycle t = 25 c o a gbpc12-gbpc15 gbpc25 gbpc35 fi 3 f d v l ch i i 0 20 40 60 80 100 120 140 0.1 1 10 100 percent of rated peak reverse voltage [%] reverse current, ir [ma] t = 25 c o a t = 125 c o a fi 4 r c r v l i r [ a] percent of rated peak reverse voltage (per leg) [%]
gbpc 12, 15, 25, 35 se ries ? bridge rectifiers (glass passivated) ? 2010 fairchild semiconductor corporation www.fairchildsemi.com gbpc 12, 15, 25, 35 series rev. 1.3.2 6 physical dimension figure 5. 4-terminal, combin ation gbpc and gbpc-w (active) package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/dwg/gb/gbpc04a.pdf .                     ;          0$; ;   ;   ;                         ;              0,1     127(6 $7+,63$&.$*('2(6127&21)25072 $1<67$1'$5'6 %$//',0(16,216$5(,10,//,0(7(56 &',0(16,216$5((;&/86,9(2)%8556 02/')/$6+$1'7,(%$53527586,216 ')$,5&+,/'6(0,&21'8&725 ('5$:,1*),/(1$0(0.7*%3&$5(9 *%3&:67</( *%3&67</( gbpc
? fairchild semiconductor corporation www.fairchildsemi.com trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. accupower  a x-cap ? * bitsic  build it now  core plus  core power  crossvolt  ctl  current transfer logic  deuxpeed ? dual cool? ecospark ? effic ientmax  e sbc  fairchild ? fairchild semiconductor ? fact quiet series  fact ? fast ? fastvcore  fetbench  fps  f-pfs  frfet ? global power resource sm greenbridge  green fps  green fps  e-series  g max  gto  intellimax  isoplanar  making small speakers sound louder and better? megabuck  microcoupler  microfet  micropak  micropak2  millerdrive  motionmax  mwsaver ? optohit  optologic ? optoplanar ? ? powertrench ? powerxs? programmable active droop  qfet ? qs  quiet series  rapidconfigure   saving our world, 1mw /w/kw at a time? signalwise  smartmax  smart start  solutions for your success  spm ? stealth  superfet ? supersot  -3 supersot  -6 supersot  -8 supremos ? syncfet  sync- lock? ?* tinyboost ? tinybuck ? tinycalc  tinylogic ? tinyopto  tinypower  tinypwm  tinywire  t ransic  trifault detect  t ruecurrent ? *  serdes  uhc ? ultra frfet  unifet  vcx  visualmax  voltageplus  xs? * trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairchild does not assume any li ability arising out of the application or use of any product or circuit described herein; neither does it convey any licen se under its patent rights, nor the rights of others. these specifications do not expand t he terms of fairchilds worldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchilds products are not authorized for use as critical components in life support devices or systems without th e express written approval of fa irchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to pe rform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. anti-counterfeiting policy fairchild semiconductor corporation's anti-counterfeiting policy. fairchild's anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support. counterfeiting of semiconductor parts is a growing problem in t he industry. all manufacturers of semiconductor products are exp eriencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substa ndard performance, failed applications, and increased cost of production and manufacturing delays. fairchild is taking strong measures to protect ourselv es and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited abov e. products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild's quality standards for handling and storage and provide access to fa irchild's full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and will appropriately addr ess any warranty issues that may arise. fairchild will not provide any warranty coverage or other assist ance for parts bought from unauthorized sources. fairchild is c ommitted to combat this global problem and encourage our customers to do their part in stopping th is practice by buying direct or from authorized distributors . product status definitions definition of terms datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary da ta will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fairc hild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for re ference information only. rev. i66 ?


▲Up To Search▲   

 
Price & Availability of GBPC1506W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X