Part Number Hot Search : 
PC910 BL0938 KTA1270 2A122K TA8205AH P6MTP NFM41 4ACT5
Product Description
Full Text Search
 

To Download FFM207-W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rectron semiconductor technical specification features * glass passivated device * ideal for surface mounted applications * low leakage current * metallurgically bonded construction * mounting position: any * weight: 0.098 gram * epoxy : device has ul flammability classification 94v-0 maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. ffm201 thru ffm207 do-214aa maximum ra tings (at t a = 25 o c unless otherwise noted) surface mount glass passivated voltage range 50 to 1000 volts current 2.0 amperes fast recovery silicon rectifier electrical characteristics (at t a = 25 o c unless otherwise noted) notes : 1. measured at 1.0 mhz and applied average voltage of 4.0vdc 2. thermal resistance junction to terminal 6.0mm 2 copper pads to each terminal. 3. thermal resistance junction to ambient, 6.0mm 2 copper pads to each terminal. 4. test conditions: i f = 0.5a, i r = -1.0a, i rr = -0.25a dimensions in inches and (millimeters) 2002-11 ratings maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at t a = 55 o c peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) typical junction capacitance (note 1) operating and storage temperature range symbol v rrm v dc i o i fsm c j t j , t stg v rms amps 2.0 70 60 -55 to + 150 0 c/w pf 0 c units volts volts maximum thermal resistance (note 2) r q jl ffm201 ffm203 ffm202 ffm204 ffm206 ffm205 ffm207 50 100 200 400 600 800 1000 50 100 200 400 600 800 1000 35 70 140 280 420 560 700 20 volts amps 50 0 c/w (note 3) r q ja characteristics maximum reverse recovery time (note 4) v f symbol i r trr 1.3 50 200 uamps uamps nsec maximum full load reverse current,full cycle average at t a = 5 5 o c maximum forward voltage at 2.0a dc volts units maximum dc reverse current at rated dc blocking voltage @t a = 25 o c @t a = 125 o c ffm201 ffm203 ffm202 ffm204 ffm206 ffm205 ffm207 5.0 150 250 500 uamps 0.012 ( 0.305 ) 0.006 ( 0.152 ) 0.008 ( 0.203 ) 0.004 ( 0.102 ) 0.220 ( 5.59 ) 0.205 ( 5.21 ) 0.030 ( 0.76 ) 0.060 ( 1.52 ) 0.084 ( 2.13 ) 0.096 ( 2.44 ) 0.160 ( 4.06 ) 0.180 ( 4.57 ) 0.130 ( 3.30 ) 0.155 ( 3.94 ) 0.083 ( 2.11 ) 0.077 ( 1.96 ) mechanical data
rectron rating and characteristic curves ( ffm201 thru ffm207 ) junction capacitance, (pf) fig. 4 - typical junction capacitance reverse voltage, ( v ) 200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 t j = 25 fig. 1 - typical forward current average forward current, (a) ambient temperature, ( ) derating curve 2.5 2.0 1.5 1.0 .5 0 0 25 50 75 100 125 150 175 single phase half wave 60hz resistive or inductive load fig. 3 - typical instantaneous forward characteristics instantaneous forward current, (a) instantaneous forward voltage, (v) t j = 25 pulse width=300us 1% duty cycle 20 10 3.0 1.0 0.3 0.1 .03 .01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 fig. 5 - test circuit diagram and reverse recovery time characteristic 50 noninductive 10 noninductive d.u.t 25 vdc (approx) ( - ) ( - ) ( + ) ( + ) 1 non- inductive oscilloscope (note 1) pulse generator (note 2) notes: 1 rise time = 7ns max. input impedance = 1 megohm. 22pf. 2. rise time = 10ns max. source impedance = 50 ohms. trr +0.5a 0 -0.25a -1.0a 1cm set time base for 50/100 ns/cm fig. 2 - maximum non-repetitive forward peak forward surge current, (a) number of cycles at 60hz surge current 8.3ms single half sine-wave (jedec method) 105 90 75 60 45 30 15 0 1 2 5 10 20 50 100
mounting pad layout rectron 0.083 min. (2.10 min.) 0.050 min. (1.27 min.) 0.220 ref 0.106 max. (2.69 max.) dimensions in inches and (millimeters)


▲Up To Search▲   

 
Price & Availability of FFM207-W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X