Part Number Hot Search : 
F092011 2A223K 74LS645 RB154 OP58TS DS4830 SMAJ18 DME3009
Product Description
Full Text Search
 

To Download EEUHD1H222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ hd 5to 8 d 0.5 d 0.05 f 0.5 sleeve 14 min. 3 min. ? l ? l < 1 6:l 1.5 l > 2 0:l 2.0 pressure relief 6.3 < + 10 < d 0.5 features endurance : 105 c 1000 h to 2000 h minaturize, higher capacitance : 1 size miniturized product of current a-nhg rohs directiv e compliant radial lead type series: hd type: a speci? cations category temp. range 55 c to +105 c rated w.v. range 10 v.dc to 50 v.dc nominal cap. range 0 .1 f to 22 000 f capacitance tolerance 20 % (120 hz/+20 c) dc leak age cur rent i < 0.01 cv or 3 (a) after 2 minutes (which is greater) tan please see the attached standard products list endurance after following life test with dc voltage and +105 ?? ? ripple curren t value applied (the sum of dc and ripple peak voltage shall not exceed the rated working voltage), when the capacitors are restored to 20 c, the capacitors shall meet the limits speci ed below. durati on : 5 to 8=1 000 hours, 10 to 18=2 000 hours capacitance change 20 % of initial measured value tan < 200 % of initial speci ed value dc leakag e current < initial speci ed value shelf life after storage for 1000 hours at +105 c2 c with no voltage applied and then being stabilized at +20 c , capacitors shall meet the limits speci ed in endurance. (with voltage treatment) di men sions in mm (not to scale) frequency correction factor for ripple current (mm) [mm] body dia. d5 6.3 8 10 12.5 16 18 lead dia. d 0.5 0.5 0.6 0.6 0.6 0.8 0.8 lead space f 2.0 2.5 3.5 5.0 5.0 7.5 7.5 w.v.(v.dc) cap. (f) frequency (hz) 60 120 1 k 10 k 100 k 10 to 50 0.1 to 33 0.75 1.00 1.55 1.80 2.00 47 to 470 0.80 1.00 1.35 1.50 1.50 1000 to 22000 0.85 1.00 1.10 1.15 1.15 jul. 2011 00
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ hd standard prod ucts when requesting taped product, please put the letter "b" or "h" between the "( )". lead wire pitch b=5 mm, 7.5 mm, h=2.5 mm. the taping dimensions are explained on ee189 of our catalog. please use it as a reference guide. w.v. cap. (20 %) case size speci? cation lead length part no. min. packaging q'ty dia. length ripple current (120 hz) (+105 c) tan (120 hz) (+20 c) endur- ance lead dia. lead space straight leads taping straight taping ? b taping ? h (v) (?) ( mm) (mm) (ma r. m.s.) (hours) (mm) (mm) (mm) (mm) (pcs) (pcs) 10 330 6.3 11.2 20 00.241 000 0.5 2.5 5.0 2.5 eeuhd1a3 31( ) 200 2 000 470 8 11.5 250 0.2 41 000 0.6 3.5 5.0 eeuhd1a4 71( ) 200 1 000 1 000 10 12.5 460 0.24 2000 0.6 5.0 5.0 eeuhd1a1 02( ) 200 500 2200 10 16 760 0.2 62 000 0.6 5 .0 5.0 eeuhd1a 222( ) 200 500 4700 12.5 20 1260 0.30 2 000 0.6 5 .0 5.0 eeuhd1a4 72( ) 200 500 6800 12.5 25 1570 0. 34 2 000 0.6 5 .0 5.0 eeuhd1a682( ) 200 500 1 0000 16 25 1890 0.42 2000 0.8 7.5 7.5 eeuhd1a1 03( ) 100 250 15 000 16 31.5 2180 0.52 2000 0.8 7.5 eeuhd1a153 100 22 000 18 35.5 2400 0.66 2000 0.8 7.5 eeuhd1a223 50 16 100 5 11 110 0. 2 0 1 000 0.5 2.5 5.0 2.5 eeuhd1c1 01( ) 200 2 000 220 6.3 11.2 180 0.20 1000 0.5 2.5 5.0 2.5 eeuhd1c221( ) 200 2 000 330 8 11.5 260 0.2 01 000 0.6 3.5 5.0 eeuhd1c3 31( ) 200 1 000 470 8 11.5 310 0.2 01 000 0.6 3.5 5.0 eeuhd1c4 71( ) 200 1 000 3300 12.5 20 1170 0. 24 2 000 0.6 5 .0 5.0 eeuhd1c3 32( ) 200 500 4700 12.5 25 1480 0. 26 2 000 0.6 5 .0 5.0 eeuhd1c4 72( ) 200 500 6800 16 25 1780 0.30 2 000 0.8 7.5 7.5 eeuhd1c682( ) 100 250 8200 16 25 1780 0.34 2 000 0.8 7.5 7.5 eeuhd1c8 22( ) 100 250 1 0000 16 31.5 2060 0.38 2000 0.8 7.5 eeuhd1c103 100 15 000 18 35.5 2210 0.48 2000 0.8 7.5 eeuhd1c153 50 25 47 5 11 91 0.1 61 000 0.5 2.5 5.0 2.5 eeuhd1e470( ) 200 2 000 68 5 11 91 0.1 61 000 0.5 2.5 5.0 2.5 eeuhd1e 680( ) 200 2 000 100 6.3 11.2 130 0.1 61 000 0.5 2.5 5.0 2.5 eeuhd1e1 01( ) 200 2 000 220 8 11.5 230 0.1 61 000 0.6 3.5 5.0 eeuhd1e221( ) 200 1 000 330 8 11.5 310 0.1 61 000 0.6 3.5 5.0 eeuhd1e331( ) 200 1 000 470 10 12.5 380 0.16 2 000 0.6 5 .0 5.0 eeuhd1e4 71( ) 200 500 1 000 10 16 680 0.16 2000 0.6 5.0 5.0 eeuhd1e1 02( ) 200 500 2200 12.5 20 1090 0. 18 2 000 0.6 5 .0 5.0 eeuhd1e2 22( ) 200 500 3300 12.5 25 14 00 0.20 2000 0.6 5.0 5.0 eeuhd1e332( ) 200 500 4700 16 25 1750 0.22 2 000 0.8 7.5 7.5 eeuhd1e472( ) 100 250 5600 16 25 1750 0.24 2 000 0.8 7.5 7.5 eeuhd1e5 62( ) 100 250 6800 16 31.5 2040 0.26 2000 0.8 7.5 eeuhd1e682 100 1 0000 18 35.5 2200 0.34 2000 0.8 7.5 eeuhd1e103 50 35 47 5 11 90 0.1 41 000 0.5 2.5 5.0 2.5 eeuhd1v470( ) 200 2 000 100 6.3 11.2 150 0.1 41 000 0.5 2.5 5.0 2.5 eeuhd1v101( ) 200 2 000 220 8 11.5 270 0.1 41 000 0.6 3.5 5.0 eeuhd1v2 21( ) 200 1 000 330 10 12.5 350 0.14 2 000 0.6 5 .0 5.0 eeuhd1v331( ) 200 500 470 10 16 460 0.14 2 000 0.6 5 .0 5.0 eeuhd1v4 71( ) 200 500 680 10 16 460 0.14 2 000 0.6 5 .0 5.0 eeuhd1v6 81( ) 200 500 2200 12.5 25 1260 0.16 2 000 0.6 5 .0 5.0 eeuhd1v2 22( ) 200 500 3300 16 25 1610 0.18 2 000 0.8 7.5 7.5 eeuhd1v332( ) 100 250 4700 16 31.5 1910 0.20 2000 0.8 7.5 eeuhd1v472 100 6800 18 35.5 2050 0.24 2000 0.8 7.5 eeuhd1v682 50 jul. 2011 00
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ hd standard prod ucts when requesting taped product, please put the letter "b" or "h" between the "( )". lead wire pitch b=5 mm, 7.5 mm, h=2.5 mm. the taping dimensions are explained on ee189 of our catalog. please use it as a reference guide. w.v. cap. (20 %) case size speci? cation lead length part no. min. packaging q'ty dia. length ripple current (120 hz) (+105 c) tan (120 hz) (+20 c) endur- ance lead dia. lead space straight leads taping straight taping ? b taping ? h (v) (?) ( mm) (mm) (ma r. m.s.) (hours) (mm) (mm) (mm) (mm) (pcs) (pcs) 50 0.1 5 11 1.1 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1hr 10( ) 200 2 000 0.22 5 11 2.3 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1hr 22( ) 200 2 000 0.33 5 11 3.5 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1hr 33( ) 200 2 000 0.47 5 11 5 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1hr 47( ) 200 2 000 15 11 100.12 1 000 0.5 2.5 5.0 2.5 eeuhd1h1r0( ) 200 2 000 2.2 5 11 18 0.12 1 000 0.5 2.5 5.0 2.5 eeuhd1h2 r2( ) 200 2 000 3.3 5 11 22 0.12 1 000 0.5 2.5 5.0 2.5 eeuhd1h3r3( ) 200 2 000 4.7 5 11 26 0.12 1000 0.5 2.5 5.0 2.5 eeuhd1h4r7( ) 200 2 000 10 5 11 39 0.1 21 000 0.5 2.5 5.0 2.5 eeuhd1h1 00( ) 200 2 000 22 5 11 65 0.1 21 000 0.5 2.5 5.0 2.5 eeuhd1h2 20( ) 200 2 000 33 5 11 90 0.1 21 000 0.5 2.5 5.0 2.5 eeuhd1h330( ) 200 2 000 47 6.3 11.2 110 0.12 1 000 0.5 2.5 5.0 2.5 eeuhd1h4 70( ) 200 2 000 68 6.3 11.2 110 0.12 1 000 0.5 2.5 5.0 2.5 eeuhd1h 680( ) 200 2 000 100 8 11.5 180 0.1 21 000 0.6 3.5 5.0 eeuhd1h101( ) 200 1 000 220 10 12.5 300 0.12 2 000 0.6 5 .0 5.0 eeuhd1h221( ) 200 500 330 10 16 410 0.12 2 000 0.6 5 .0 5.0 eeuhd1h331( ) 200 500 470 10 20 530 0.12 2 000 0.6 5 .0 5.0 eeuhd1h4 71( ) 200 500 560 16 15 650 0.12 2 000 0.8 7.5 7.5 eeuhd1h561s( ) 100 250 680 16 15 650 0.12 2 000 0.8 7.5 7.5 eeuhd1h681s( ) 100 250 1 000 12.5 25 950 0.12 2000 0.6 5.0 5.0 eeuhd1h1 02( ) 200 500 2200 16 31.5 1470 0.14 2000 0.8 7.5 EEUHD1H222 100 3300 18 35.5 1770 0.16 2000 0.8 7.5 eeuhd1 h332 50 jul. 2011 00


▲Up To Search▲   

 
Price & Availability of EEUHD1H222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X