Part Number Hot Search : 
5925B KC74125B 1B121102 WB201 AD9523 DTSPU EC49017 B1060
Product Description
Full Text Search
 

To Download ECL10US05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  acdc specification 530 watts ? ultra compact size ? single, dual & triple outputs ? open frame pcb & chassis mount ? encapsulated pcb & chassis mount ? <0.3 w no load input power ? peak load capability ? 3 year warranty ecl series input input voltage ? 85-264 vac (120-370 vdc) input frequency ? 47-63 hz input current ? ecl05: 0.1 a rms, ecl10: 0.2 a rms ecl15: 0.3 a rms, ecl25: 0.4 a rms ecl30: 0.8 a rms at 230 vac inrush current ? 20 a at 115 vac, 40 a at 230 vac, cold start at 25 c earth leakage current ? class ii construction no earth power factor ? en61000-3-2, class a no load input power ? <0.3 w input protection ? ecl05/10: internal t1 a/250 vac fuse ecl15/25/30: internal t2 a/250 vac fuse output output voltage ? see tables output voltage trim ? 5% on output 1 only, on multiple output versions, v2 & v3 will track by same percentage, (not -e or -s versions) initial set accuracy ? 1% for output 1, 1% for output 2 of ud01 & ud02 versions, 5% for output 2 & output 3 of other versions minimum load ? single output versions: none, multi output versions: ud01 & ud02: 10% v1 & v2 ud03: 10% v1, 20% v2 ut02 & ut03: 10% v1, 20% v2 & v3 to meet regulation specifications start up delay ? 3 s max start up rise time ? 14 ms max hold up time ? 16 ms typical for single output versions, 12 ms typical for multiple output versions, at full load & 115 vac line regulation ? 0.5% max for single output versions and output 1 of multiple output versions, 0.9% max for output 2 & output 3 of multiple output versions load regulation ? 1% max for single output versions, for multiple output versions (see note 5) cross regulation ? multi output versions only (see note 5) transient response ? 4% max deviation, recovery to within 1% in 500 s for a 25% load change ripple & noise ? single output versions: 3.3-5 v versions: 50 mv pk-pk, 12-15 v versions: 120 mv pk-pk, 24-48 v versions: 200 mv pk-pk, multiple output versions: 1% pk-pk on any output, 20 mhz bandwidth overvoltage protection ? 115-140% vnom, 195-216% vnom ecl05/10/15/25 with 3.3 v overload protection ? single output versions: ecl05/10/15: 120-150%, ecl25: 120-170% of total power multiple output versions: 140-200% of total power short circuit protection ? trip and restart (hiccup mode) temperature ? 0.05%/c coefficient xppower.com general efficiency ? see tables isolation ? 3000 vac input to output switching frequency ? 70 khz typical power density ? ecl05: 2.25 w/in 3 (pcb mount version) ecl10: 5.50 w/in 3 (pcb mount version) ecl15: 5.30 w/in 3 (pcb mount version) ecl25: 5.90 w/in 3 (pcb mount version) ecl30: 7.10 w/in 3 (pcb mount version) mtbf ? ecl05/10: >450 khrs, ecl15/25/30: >400 khrs, to mil-hdbk-217f at 25 c, gb environmental operating temperature ? -20 c to +70 c, derate linearly from 100% at +50 c to 50% at +70 c cooling ? convection-cooled operating humidity ? 95% rh, non-condensing storage temperature ? -40 c to +85 c operating altitude ? 3000 m vibration ? 2 g, 10 hz to 500 hz, 10 mins/cycle, 60 mins each cycle emc & safety emissions ? en55022, level b conducted & radiated harmonic currents ? en61000-3-2, class a voltage flicker ? en61000-3-3 esd immunity ? en61000-4-2, level 3 perf criteria a radiated immunity ? en61000-4-3, 10 v/m 80% mod perf criteria a eft/burst ? en61000-4-4, level 3, perf criteria a surge ? en61000-4-5, installation class 3, perf criteria a conducted immunity ? en61000-4-6, 10 vrms perf criteria a magnetic fields ? en61000-4-8, 10 a/m, perf criteria a dips & interruptions ? en61000-4-11, 30% for 10 ms, 60% for 100 ms, 100% for 5000 ms perf criteria a, b, b safety approvals ? iec60950-1, en60950-1, ul60950-1, csa22.2 no. 234 per cul
acdc ecl05/10 0.15 (3.8) 1.00 (25.4) 0.80 (20.3) 0.17 (4.4) 0.73 (18.5) 0.90 (22.9) 0.40 (10.1) 0.10 (2.5) 0.10 (2.5) 1.80 (45.7) 1.80 (45.7) ? 0.07 (?1.8) ? 0.04 (?1.0) 2.00 (50.8) 0.10 (2.5) +vo -vo v adj. acn acl v adj. 2.56 (65.0) 2.28 (58.0) 4-?0.126 (?3.20) 0.14 (3.5) 0.73 (18.5) 0.85 (21.6) 0.15 (4.0) 0.68 (17.4) 1.00 (25.4) +vo -vo acn acl 4 x ? 0.04 (?1.0) 0.80 0.01 (20.32 0.3) 1.07 (27.2) 0.40 0.01 (10.16 0.3) 1.80 0.01 (45.72 0.3) 0.13 (3.4) 0.13 (3.40) 0.91 (23.0) 0.39 (10.0) 2.06 (52.4) +vo -vo acl acn top view mechanical details models and ratings output power output voltage output current efficiency model number (2) nominal peak (1) b0a p a0a osr 30a2 o 30dh o e4& tre2cnl2a c02 p c02 osr 3022 o 30a2 o ec& tre2cnl2c c02 p h02 osr 20cc o 20e3 o ef& tre2cnl2h c02 p 3402 osr 20b3 o 20cb o ef& tre2cnl34 c02 p 3c02 osr 20aa o 20bb o f2& tre2cnl3c c02 p 4b02 osr 2043 o 204e o f4& tre2cnl4b c02 p bf02 osr 2032 o 203a o f4& tre2cnlbf f0d p a0a osr 40d2 o a0af o e4& tre32nl2a 3202 p c02 osr 4022 o 40d2 o ec& tre32nl2c 3202 p h02 osr 3032 o 30ba o ef& tre32nl2h 3202 p 3402 osr 20fa o 302f o ef& tre32nl34 3202 p 3c02 osr 20de o 20fe o f2& tre32nl3c 3202 p 4b02 osr 20b4 o 20cc o f4& tre32nl4b 3202 p bf02 osr 2043 o 204e o f4& tre32nlbf notes 1. peak load lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal. 2. add suffix to model number to define type: add -p for pcb mount, add -t for chassis mount, add -e for encapsulated. 2/ l ty u;?y<;? y; y;sxu? ( )/ 3/ nuywx@d snc1:021 g mu>?y<;d 1/1:a r? (3< w) snc1:021 k mu>?y<;d 1/1:a r? (3< w) snc1:021 s mu>?y<;d 1/24 r? (<1 w) 4/ kp;su?d d/dd f k 1/13 (d/d f k 1/:) d/ddd f k 1/12 (d/dd f k 1/3:) mating connectors (-t version only) ;=a@ <;;31@<> !)* '(co &a@=a@ <;;31@<> !)* '(cn >7:=? )'ciin*c'ies) /093 6/>;3?? c7@6 oii :: c7>3 /b/79/093a <>23> =/>@ ; notes ecl15 0.15 (3.8) 1.21 (30.7) 0.69 (17.5) 0.17 (4.4) 0.36 (9.1) 0.79 (20.1) 0.15 (3.9) 2.13 (54.1) 2.44 (62.0) 0.06 (1.6) -vo +vo v adj. acn acl ? 0.07 (?1.8) ? 0.04 (?1.0) 0.78 (20.0) max 1.04 (26.4) 0.39 (10.0) 0.27 (6.8) 0.09 (2.5) 1o 3.30 (84.0) 2.54 (64.5) 4x ? 0.14 (4x ? 3.5) 1.36 (34.5) 1.00 (25.4) acn acl -vo +vo 0.44 (11.1) 2.95 (75.0) top view 0.69 (17.5) 0.50 (12.6) 1.31 (33.3) 0.79 (20.1) 0.11 (2.9) 2.13 (54.1) 0.21 (5.4) 2.56 (65.0) -vo +vo acl acn top view v adj. 3.10 (78.7) 2.80 (71.1) 4-0.12 (3.2) 0.15 (3.8) 0.78 (20.0) max 0.91 (23.1) 0.15 (3.8) 0.95 (24.1) 1.25 (31.7) -vo +vo acn acl 0.96 (24.4) 0.39 (10.0) 4x ? 0.04 (?1.0) optional din clip mechanical details models and ratings output power output voltage output current efficiency model number (2,3) nominal peak (1) 32 p a0a osr a022 o a0h2 o ec& tre3cnl2a 3c p c02 osr a022 o a0h2 o ef& tre3cnl2c 3c p h02 osr 30de o 403e o f2& tre3cnl2h 3c p 3402 osr 304c o 30d4 o f2& tre3cnl34 3c p 3c02 osr 3022 o 30a2 o f2& tre3cnl3c 3c p 4b02 osr 20da o 20f4 o f4& tre3cnl4b 3c p bf02 osr 20a4 o 20b3 o f4& tre3cnlbf 1. peak load lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal. 2. add suffix to model number to define type: add -p for pcb mount, add -t for chassis mount, add -e for encapsulated, add -s for screw terminals. 3. a screw terminal version (-s) is available with din clip attached, add suffix d, e.g. ecl15us24-sd, din rail mounting kit is available as a separate item, order code ecl15 din clip. 4. for medically-approved 15 w power supplies contact sales or see www.xppower.com for details of cu15-m series and vcp15 series. 2/ l ty u;?y<;? y; y;sxu? ( )/ 3/ nuywx@d snc2: g mu>?y<;d 1/1a r? (4: w) k mu>?y<;d 1/1a r? (4: w) s mu>?y<;d 1/31 r? (c1 w) i mu>?y<;d 1/35 r? (221 w) 4/ kp;su?d d/dd f k 1/13 (d/d f k 1/:) d/ddd f k 1/12 (d/dd f k 1/3:) mating connectors (-t version only) ;=a@ <;;31@<> !)* '(co &a@=a@ <;;31@<> !)* '(cr >7:=? )'ciin*c'ies) /093 6/>;3?? c7@6 oii :: c7>3 /b/79/093a <>23> =/>@ ; notes ecl15ud/ut acl pin1 pin2 pin3 pin4 acn pin5 0.29 (7.4) 0.29 (7.4) 0.15 (3.8) 0.17 (4.4) 0.96 (17.5) 0.25 (6.3) 0.25 (6.3) 2.44 (62.0) 1.20 (30.7) 2.13 (54.1) 0.06 (1.6) 0.155 (3.9) 0.07 (1.8) 0.79 (20.0) max 7-?0.04 (?1.0) 7-?0.07 (?1.8) 0.15 (3.81) 0.15 (3.8) 0.95 (24.1) 1.25 (31.8) 0.79 (20.0)max 0.91 (23.1) 2.80 (71.1) 3.10 (78.7) 4-?0.13 (?3.20) acn pin5 pin4 pin3 pin2 pin1 acl np 2.56 (65.0) 0.54 (13.7) 0.25 (6.3) 1.31 (33.5) 0.39 (10.0) 0.96 (24.4) 0.54 (13.7) 0.69 (17.5) 0.12 (3.1) 0.25 (6.3) 4-?0.04 (?1.0) 0.21 (5.4) 2.13 (54.1) acn acl pin1 pin4 pin2 pin3 pin5 c1 top view 0.44 (11.2) 1.03 (26.3) 0.39 (10.0) optional din clip 1.18 (30.0) 1.36 (34.5) 0.18 (4.6) 0.18 (4.5) 2.56 (65.1) 0.10 (2.5) 0.10 (2.5) 0.10 (2.5) 0.27 (6.8) 1.04 (26.4) 2.95 (75.0) 3.31 (84.0) 2-?0.14 (?3.5) pin5 pin4 pin3 pin2 pin1 acn acl top view mechanical details open frame  pcb mount (p) open frame  chassis mount (t) encapsulated (e) screw terminal (s) models and ratings output power output 1 output 2 output 3 efficiency model number (3,4) voltage current (2) voltage current (2) voltage current (2) 15 w +12.0 v 0.65 a -12.0 v 0.650 a 82% ecl15ud01 15 w +15.0 v 0.50 a -15.0 v 0.500 a 82% ecl15ud02 15 w 5.0 v (1) 1.50 a 12.0 v (1) 0.625 a 81% ecl15ud03 15 w 5.0 v (1) 2.00 a +12.0 v 0.200 a -12.0 v 0.200 a 81% ecl15ut02 15 w 5.0 v (1) 2.00 a +15.0 v 0.150 a -15.0 v 0.150 a 81% ecl15ut03 pin ud01/02 ud03 ut02/03 1 v2 np v3 2 np v2 rtn com 3 com v2 v2 4 v1 v1 v1 5 np v1 rtn v1 rtn pin ud01/02 ud03 ut02/03 1 v2 nc v3 2 com v2 rtn com 3 com v2 v2 4 com v1 v1 5 v1 v1 rtn v1 rtn pin ud01/02 ud03 ut02/03 1 v2 np v3 2 np v2 rtn com 3 com v2 v2 4 v1 v1 v1 5 np v1 rtn v1 rtn pin ud01/02 ud03 ut02/03 1 v2 nc v3 2 com v2 rtn com 3 com v2 v2 4 com +v1 v1 5 v1 v1 rtn v1 rtn 0- >cxujdnm xedaed 1- dnjt uxjm xo 02/% ujcdswp 62/ c gsdr j vjhsvev medi lilun xo 0/%+ jfnbjpn xedaed axgnb wxd dx nhlnnm wxvswju- 2- 7mm ceoosh dx vxmnu wevknb dx mnoswn dian5 jmm k,dl oxb d98 vxewd+ jmm k,fl oxb lrjccsc vxewd+ jmm k,c lusa jddjlrnm+ jmm ceoosh k:l n-p- <9a04gf/1,e:+ :>c bjsu vxewdswp tsd sc jfjsujkun jc j cnajbjdn sdnv+ xbmnb lxmn <9a04 :>c 9a>d- 4- g:/0.g:/15 axjm bnpeujdsxw 62%+ 0/,0//% uxjm- 9bxcc bnpeujdsxw 62%+ xwn xedaed oshnm+ drn xdrnb fjbsnm obxv 0/,0//% uxjm g:/25 axjm bnpeujdsxw 60% h0+ 60/% h1 9bxcc bnpeujdsxw 60/% h1+ h0 fjbsnm obxv 0/,0//% uxjm gf/1.gf/25 axjm bnpeujdsxw 60% h0+ 60/% h1 & h2 9bxcc bnpeujdsxw 60/% h1 & h2+ h1 & h2 jd 4/% uxjm & h0 fjbsnm obxv 1/,0//% uxjm 1. all dimensions in inches (mm). 2. tolerances: x.xx = 0.02 (x.x = 0.5) x.xxx = 0.01 (x.xx = 0.25) 3. weight: ecl15 ud/ut: p version: 0.09 lbs (40 g) t version: 0.09 lbs (40 g) e version: 0.21 lbs(95 g) s version: 0.26 lbs (120 g) mating connectors (-t version only) input connector: jst phr-3 output connector: jst xhp-5 notes acdc np = no pin. nc = no connection. nc = no connection. np = no pin.
ecl25 v adj. 3.46 (87.9) 3.20 (81.3) 4- 0.15 (3.81) 0.13 (3.3) 0.88 (22.4) max 1.00 (25.4) 0.13 (3.3) 1.10 (27.9) 1.36 (34.6) -vo +vo acn acl 3.01 (76.4) 4x ?0.14 (4x ?3.5) 1.57 (40.0) 0.84 (21.3) 0.44 (11.2) acn acl -vo +vo 1.20 (30.5) 3.43 (87.0) top view 1.12 (28.5) 0.39 (10.0) 0.27 (6.8) 0.10 (2.5) 1o 3.78 (96.0) optional din clip 0.15 (3.8) 1.36 (34.6) 1.18 (30.0) 0.17 (4.4) ?0.07 (? 1.8) ?0.04 (?1.0) 0.88 (22.3) max 0.09 (2.3) 0.59 (15.0) 0.05 (1.4) 2.85 (72.4) 2.96 (75.2) 0.09 (2.3) -vo +vo acn acl 1.10 (27.9) 0.39 (10.0) 4x ? 0.04 (?1.0) 1.50 (38.1) 0.59 (15.0) 1.18 (30.0) 0.16 (4.1) 2.85 (72.4) 0.13 (3.2) 3.10 (78.7) -vo +vo acl acn top view v adj. mechanical details models and ratings notes 1. peak load lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal. 2. add suffix to model number to define type: add -p for pcb mount, add -t for chassis mount, add -e for encapsulated, add -s for screw terminals. 3. a screw terminal version (-s) is available with din clip attached, add suffix d, e.g. ecl25us24-sd, din rail mounting kit is available as a separate item, order code ecl25/30 din clip. 1. all dimensions in inches (mm). 2. weight: ecl25: p version: 0.14 lbs (66 g) t version: 0.14 lbs (66 g) e version: 0.33 lbs (150 g) s version: 0.37 lbs (170 g) 3. tolerances: x.xx = 0.02 (x.x = 0.5) x.xxx = 0.01 (x.xx = 0.25) ),602/ (322.-6345 &+ 7.45032 3218% input connector: jst xhp-3 output connector: jst xhp-6 crimps: sxh-002t-p0.6 cable harness with 300 mm wire available, order part no. ecl25 loom kit notes acdc open frame  pcb mount (p) open frame  chassis mount (t) encapsulated (e) screw terminal (s) output power output voltage output current efficiency model number (2,3) nominal peak (1) 20 w 3.3 vdc 6.00 a 7.80 a 75% ecl25us03 25 w 5.0 vdc 5.00 a 6.50 a 78% ecl25us05 25 w 9.0 vdc 2.80 a 3.64 a 80% ecl25us09 25 w 12.0 vdc 2.10 a 2.73 a 80% ecl25us12 25 w 15.0 vdc 1.67 a 2.17 a 80% ecl25us15 25 w 24.0 vdc 1.04 a 1.35 a 82% ecl25us24 25 w 48.0 vdc 0.52 a 0.68 a 82% ecl25us48
12-nov-13 acdc notes ecl30ud/ut mechanical details models and ratings output power output 1 output 2 output 3 efficiency model number (3,4) voltage current (2) voltage current (2) voltage current (2) 30 w +12.0 v 1.3 a -12.0 v 1.30 a 84% ecl30ud01 30 w +15.0 v 1.0 a -15.0 v 1.00 a 83% ecl30ud02 30 w 5.0 v (1) 3.0 a 12.0 v (1) 1.30 a 81% ecl30ud03 30 w 5.0 v (1) 3.0 a +12.0 v 0.63 a -12.0 v 0.63 a 83% ecl30ut02 30 w 5.0 v (1) 3.0 a +15.0 v 0.50 a -15.0 v 0.50 a 81% ecl30ut03 1. isolated output 2. peak load of 130% lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal. 3. add suffix to model number to define type: add -p for pcb mount, add -t for chassis mount, add -e for encapsulated, add -s for screw terminals. 4. a screw terminal version (-s) is available with din clip attached, add suffix d e.g. ecl30ut02-sd, din rail mounting kit is available as a separate item, order code ecl25/30 din clip. 5. ud01/ud02: load regulation <3%, 10-100% load. cross regulation <3%, one output fixed, the other varied from 10-100% load ud03: load regulation <1% v1, <10% v2 cross regulation <10% v2, v1 varied from 10-100% load ut02/ut03: load regulation <1% v1, <10% v2 & v3 cross regulation <10% v2 & v3, v2 & v3 at 50% load & v1 varied from 20-100% load acn pin4 pin5 pin1 pin2 vr pin3 acl 2.96 (75.2) 2.85 (72.4) 0.05 (1.4) 0.09 (2.3) 0.09 (2.3) 0.29 (7.5) 0.29 (7.5) 0.29 (7.5) 0.29 (7.5) ? 0.04 (?1.0) 0.88 (22.3) max 1.05 (26.7) ? 0.07(?1.8) 0.15 (3.8) 0.17 (4.4) 1.36 (34.6) 1.18 (29.9) pin2 vr pin1 np acl acn pin5 pin4 pin3 0.13 (3.3) 1.10 (27.9) 1.36 (34.6) 0.12 (3.0) 0.88 (22.4) max 1.00 (25.4) 4-?0.15 (?3.8) 3.20 (81.3) 3.46 (87.9) 0.13 (3.3) pin3 acn acl pin2 pin5 pin1 pin4 top view 0.29 (7.5) 0.29 (7.5) 0.59 (14.9) 0.59 (14.9) 1.50 (38.1) 0.39 (10.0) 1.10 (28.0) c0.04 (1.0) 7-?0.04 (?1.00) 0.12 (3.2) 0.16 (4.1) 1.18 (29.9) 2.85 (72.4) 3.10 (78.7) acl pin1 pin2 pin3 pin4 pin5 acn top view 0.44 (11.2) 0.18 (4.5) 0.10 (4.5) 3.03 (77.0) 3.43 (87.0) 3.78 (96.0) 0.10 (4.5) 0.19 (4.8) 2-?0.14(?3.5) 0.39 (10.0) 0.10 (2.5) 0.27 (6.8) 1.12 (28.5) 1.21 (30.7) 1.39 (35.2) 1.57 (40.0) optional din clip open frame  pcb mount (p) open frame  chassis mount (t) encapsulated (e) screw terminal (s) pin ud01/02 ud03 ut02/03 1 np v1 rtn -v1 2 np v1 +v1 3 v2 np v3 4 com v2 rtn com 5 v1 v2 v2 pin ud01/02 ud03 ut02/03 1 v2 v1 rtn -v1 2 com v1 +v1 3 com nc v3 4 com v2 rtn com 5 v1 v2 v2 pin ud01/02 ud03 ut02/03 1 np v1 rtn -v1 2 np v1 +v1 3 v2 np v3 4 com v2 rtn com 5 v1 v2 v2 pin ud01/02 ud03 ut02/03 1 v2 v1 rtn -v1 2 com v1 +v1 3 com nc v3 4 com v2 rtn com 5 v1 v2 v2 mating connectors (-t version only) input connector: jst xhp-3 output connector: jst xhp-5 1. all dimensions in inches (mm). 2. tolerances: x.xx = 0.02 (x.x = 0.5) x.xxx = 0.01 (x.xx = 0.25) 3. weight: ecl30 ud/ut: p version: 0.13 lbs (60 g) t version: 0.13 lbs (60 g) e version: 0.34 lbs (155 g) s version: 0.39 lbs (175 g) notes np = no pin. nc = no connection. nc = no connection. np = no pin.


▲Up To Search▲   

 
Price & Availability of ECL10US05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X