Part Number Hot Search : 
6154C BC337 00MD6 M168B 78P2243 100TS MAX2310 LS5060B
Product Description
Full Text Search
 

To Download CPOWCB2N6101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  agile optical switches key features ? c or l band wavelength operation  50 or 100 ghz operation  number of add/drop channels customizable up to 8  controllable attenuation to 20 db  wavelength blocking to 40 db  optional add/drop path amplification  100base-t interface  rs-232 craft interface  snmp managed  cli interface for craft access  1ru 19-inch rack mountable  48 v operating voltages with dual redundant inputs  full featured alarms  field upgradeable software jdsu?s agile optical switch family provides the broadest portfolio of roadm solutions designed to match the requirements of major market segments. they are building blocks of agile optical networks and provide the flexibility to remotely reconfigure any or all wavelengths, thereby reducing time-to-service, simplifying the network, and streamlining planning and management. this results in significant opex and capex reductions and faster time to revenue. in addition, they enable the cost-effective creation and deployment of more complex network architectures. the jdsu intelligent optical add/drop (ioad) circuit pack provides, in a deployment-ready 1ru configuration, the cost-effective add/drop and pass through capabilities that are needed in today?s agile optical networks and features power management control and amplification of both add and drop optical paths. the optional blocking capability of attenuators allows for the easy addition/deletion of new wavelengths to the network. optical taps and photo diodes provide the power monitoring and add channel verification features. in addition, the ioad circuit pack incorporates a pass through capability, enabling for the cascading of multiple circuit packs. the ioad circuit pack is controlled through an industry-standard network interface based on tcp/ip, dynamic host configuration protocol (dhcp), and simple network management protocol (snmp). snmp traps are fully supported as the system alarm mechanism. the ioad circuit pack is ready for integration into a system provider's ip-based control plane sub-net. the ioad circuit pack is passively cooled and meets all relevant regulatory requirements for emission, immunity, and safety compliance. applications  enables add/drop and pass through of dwdm channels  enables add/drop and pass through channel equalization, blocking, power monitoring, and amplification compliance  nebs level 3  iec 60950-1  iec 60825-1  en 300 386  etsi 300-019 intelligent optical add/drop circuit pack north america : 800 498-jdsu (5378) website : www.jdsu.com worldwide : +800 5378-jdsu
2 intelligent optical add/drop circuit pack specifications parameter specification frequency range c or l band frequency spacing 50 or 100 ghz number of add/drop channels 2 to 8 channels (customizable) amplification 10 dbm maximum output power tunable attenuation range 0 to 20 db block attenuation (maximum channel attenuation) minimum 40 db attenuation resolution 0.1 db supply voltage -48 v interface rs-232, 100base-t communication snmp operating temperature -5 to 55 c connector type lc/upc or mtp dimensions (w x h x d) 18.2 x 1.70 x 11.25 inches (46.2 x 4.3 x 28.6 cm) including handles 19-inch configuration, 1u high 17.2 x 1.70 x 8.8 inches (43.7 x 4.3 x 22.35 cm) not including handles functional diagram (this diagram shows the optical functionality of the ioad circuit pack only. the diagram does not resemble the actual device. )
north america : 800 498-jdsu (5378) website : www.jdsu.com worldwide : +800 5378-jdsu all statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. however, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. the user assumes all risks and liability whatsoever in connection with the use of a product or its application. jdsu reserves the right to change at any time without notice the design, specificat ions, function, fit or form of its products described herein, i nclud- ing withdrawal at any time of a product offered for sale herein. jdsu makes no representations that the products herein are free from any intellectual property claims of others . please contact jdsu for more information. jdsu and the jdsu logo are trademarks of jds uniphase corporation. other trademarks ar e the property of their respective holders. ?2006 jds uniphase corporation. all rights reserved. 30137459 rev. 001 03/06 oadmcp.ds.cms.ae intelligent optical add/drop circuit pack sample: cpowca2n-06101 ordering information for more information on this or other products and their availability, please contact your local jdsu account manager or jdsu directly at 1-800-498-jdsu (5378) in north america and +800-5378-jdsu worldwide or via e-mail at customer.service@jdsu.com. code custom determined by jdsu at time of order cpow code operating band c c band l l band code operating frequency a 50 ghz b 100 ghz code number of add/drop channels 22 44 66 88 code amplification n no amplification a on add path only d on drop path only b on both add and drop paths -


▲Up To Search▲   

 
Price & Availability of CPOWCB2N6101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X