Part Number Hot Search : 
AS27C256 PL18Z AT5654 AS1112B CNY17 0J226 M78P259 F4102R
Product Description
Full Text Search
 

To Download CC1206JRNPO0BN101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data shee t surface-mount ceramic multilayer capacitors mid-voltage np0/x7r 100 v to 630 v 0.47 pf to 1 f rohs compliant & halogen free product specification ? february 02, 2012 v.9
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 2 23 product specification ordering information - global par t number, phycomp ctc & 12nc all part numbers are identified by the series, size, tolerance, tc material, packing style, voltage, process code, termination and capacitance value. y y a a g g e e o o b b r r a a n n d d o o r r d d e e r r i i n n g g c c o o d d e e global part number ( preferred ) cc xxxx x x xxx x b x xxx (1) (2) (3) (4) (5) (6) (7) ( 1 ) size ? inch based (metric) 0402 (1005) / 0603 (1608) / 0805 (2012) / 1206 (3216) / 1210 (3225) 1808 (4520) / 1812 (4532) ( 2 ) tolerance c = 0.25 pf d = 0.5 pf g = 2% j = 5% k = 10% ( 3 ) packing style r = paper/pe taping reel; reel 7 inch k = blister taping reel; reel 7 inch p = paper/pe taping reel; reel 13 inch f = blister taping reel; reel 13 inch c = bulk case ( 4 ) tc material npo x7r ( 5 ) rated voltage 0 = 100 v a = 200 v y = 250 v b = 500 v z = 630 v (6) process n = np0 b = class 2 mlcc ( 7 ) capacitance value 2 significant digits+number of zeros the 3rd digit signifies the multiplying factor, and letter r is decimal point example: 121 = 12 x 10 1 = 120 pf scope this specification describes mid- voltage np0/x7r series chip capacitors with lead-free terminations. applications ?? pcs, hard disk, game pcs ?? power supplies ?? lcd panel ?? adsl, modem features ?? supplied in tape on reel ?? nickel-barrier end termination ?? rohs compliant ?? halogen free compliant
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 3 23 product specification 2 2 x x x x x x 1 x x x carrier type 22 = blister 38 = paper/pe 50 = blister ( 1 kv) 54 = bulk voltage 60 = 100 v 93 = 200 v 83 = 250 v 97 = 500 v 98 = 630 v size 7 = 0402 6 = 0603 0 = 0805 1 = 1206 2 = 1210 3 = 1808 4 = 1812 capacitance value (1) tolerance 4 = 2% 5 = 5% tc material 1 = np0 packaging (3) 1 = reel: ? 180 mm; 7" 5 = reel: ? 330 mm; 13" 4 = bulk case ynm0031 p p h h y y c c o o m m p p b b r r a a n n d d o o r r d d e e r r i i n n g g c c o o d d e e s s global part number (preferred), phycomp ctc (for north america) and 12nc (traditional) codes are acceptable to order phycomp brand products. global part number ( preferred ) for detailed information of global part number an d ordering example, please refer to page 2. 12nc code ordering information for np0 100 v to 630 v, c 10 pf ordering information for np0 100 v to 630 v, c < 10 pf 2 2 x x x x x x x x x x carrier type 92 = paper/pe 97 = bulk case voltage 60 = 100 v 93 = 200 v 83 = 250 v 97 = 500 v 98 = 630 v size 7 = 0603 1 = 0805 3 = 1206 2 = 1210 4 = 1808 5 = 1812 capacitance value (2) tolerance 4 = 0.25 pf for 5 pf c < 10 pf 2% for c 10 pf 5 = 0.25 pf for c < 5 pf 0.5 pf for 5 pf c < 10 pf 5% for c 10 pf ynm0032 packaging (3) 1 = reel: ? 180 mm; 7" 7 = reel: ? 330 mm; 13" 4 = bulk case (1) please refer to "last 2-digit of 12nc" in "capacitance range & thickness for np0" (2) please refer to "last 3-digit of 12nc" in "capacitance range & thickness for np0" (3) quantity on reel depends on thickness classification; see table 14
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 4 23 product specification (1) please refer to "last 2-digit of 12nc" in "capacitance range & thickness for x7r" (2) tolerance 5% doesn't available for full product range, please contact local sales force before order (3) quantity on reel depends on thickness classification; see table 14 ordering information for x7r 100 v to 630 v 2 2 x x x x x x x x x x carrier type 38 = paper/pe ( 10 v) 22 = blister ( 10 v) 50 = blister (6.3 v / 1 kv) 55 = paper/pe (6.3 v / 1 kv) 54 = bulk rated voltage - termination 60 = 100 v 93 = 200 v 83 = 250 v 97 = 500 v 98 = 630 v size 6 = 0603 0 = 0805 1 = 1206 2 = 1210 3 = 1808 4 = 1812 capacitance value (1) tolerance 5 = 5% (2) 6 = 10% packaging (3) 1 = reel: ? 180 mm; 7" 5 = reel: ? 330 mm; 13" 4 = bulk case temperature characteristic 5 = x7r ynm0033 phycomp ctc code ( for north america ) ? example: 0603cg101j0b200 0603 cg 101 j 0 b 2 0 0 size code temp. char. capacitance in pf tolerance voltage termination packing marking range identifier 0402 0603 0805 1206 1210 1808 1812 cg = np0 2r = x7r 101 = 100 pf; the third digit signifies the multiplying factor: 0 = 1 1 = 10 2 = 100 3 = 1,000 c = 0.25 pf d = 0.5 pf g = 2% j = 5% k = 10% 0 = 100 v b = 200 v c = 250 v d = 500 v z = 630 v b = nisn 2 = 180 mm 7? paper/pe 3 = 330 mm 13? paper/pe b = 180 mm 7? blister f = 330 mm 13? blister p = bulk case 0 = no marking 0 = conv. ceramic d = class 2 mlcc
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 5 23 product specification construction the capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved metal electrodes are contained. this structure gives rise to a high capacitance per unit volume. the inner electrodes are connected to the two end terminations and finally covered with a layer of plated tin (nisn). the terminations are lead-free. a cross section of the structure is shown in fig.1. mlb457 terminations electrodes ceramic material fig. 1 surface mounted multilayer ceramic capacitor construction l 2 / l 3 (mm) l 4 (mm) type l 1 (mm) w (mm) t (mm) min. max. min. 0402 1.0 0.10 0.5 0.05 0.15 0.30 0.40 0603 1.6 0.10 0.8 0.10 0.20 0.60 0.40 0805 2.0 0.20 1.25 0.20 0.25 0.75 0.55 1206 3.2 0.30 1.6 0.20 0.25 0.75 1.40 1210 3.2 0.30 2.5 0.20 0.25 0.75 1.40 1808 4.5 0.40 2.0 0.30 0.25 0.75 2.20 1812 4.5 0.40 3.2 0.30 refer to table 2 to 13 0.25 0.75 2.20 ta b l e 1 for outlines see fig. 2 dimension mbb211 t l 4 l 1 l 2 l 3 w o o u u t t l l i i n n e e s s for dimension see table 1 fig. 2 surface mounted multilayer ceramic capacitor dimension
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 6 23 product specification capacitance range & thickness for np0 ta b l e 2 sizes from 0603 to 0805 cap. 0603 0805 last 3-digit of 12nc 100 v 200 v 250 v 100 v 200 v 250 v 500 v 0.47 pf 477 0.56 pf 567 0.68 pf 687 0.82 pf 827 1.0 pf 108 1.2 pf 128 1.5 pf 158 1.8 pf 188 2.2 pf 228 2.7 pf 278 3.3 pf 338 3.9 pf 398 4.7 pf 478 5.6 pf 568 6.8 pf 688 8.2 pf 828 0.80.1 0.60.1 0.60.1 0.60.1 0.60.1 ta b l e 3 sizes from 0402 to 0805 cap. 0402 0603 0805 last 2-digit of 12nc 100 v 100 v 200 v 250 v 100 v 200 v 250 v 500 v 10 pf 23 12 pf 24 15 pf 25 18 pf 26 22 pf 27 27 pf 28 33 pf 29 39 pf 31 47 pf 32 56 pf 33 68 pf 34 82 pf 35 0.50.05 0.80.1 0.80.1 0.80.1 0.60.1 0.60.1 0.60.1 0.60.1 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e-12 series is on request
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 7 23 product specification capacitance range & thickness for np0 ta b l e 4 sizes from 0402 to 0805 (continued) cap. 0402 0603 0805 last 2-digit of 12nc 100 v 100 v 200 v 250 v 100 v 200 v 250 v 500 v 100 pf 36 0.50.05 120 pf 37 150 pf 38 180 pf 39 0.60.1 0.60.1 0.60.1 220 pf 41 270 pf 42 330 pf 43 390 pf 44 470 pf 45 0.80.1 0.80.1 0.850.1 560 pf 46 680 pf 47 820 pf 48 1.0 nf 49 0.80.1 0.60.1 0.850.1 0.850.1 1.2 nf 51 1.250.2 1.5 nf 52 1.8 nf 53 1.250.2 1.250.2 2.2 nf 54 2.7 nf 55 3.3 nf 56 3.9 nf 57 4.7 nf 58 5.6 nf 59 6.8 nf 61 8.2 nf 62 10 nf 63 1.250.2 12 nf 64 15 nf 65 18 nf 66 22 nf 67 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e-12 series is on request
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 8 23 product specification cap. 1206 1210 last 2-digit of 12nc 100 v 200 v 250 v 500 v 630 v 100 v 200 v 250 v 500 v 630 v 10 pf 23 12 pf 24 15 pf 25 18 pf 26 22 pf 27 27 pf 28 33 pf 29 39 pf 31 47 pf 32 56 pf 33 68 pf 34 82 pf 35 0.60.1 0.60.1 0.60.1 0.60.1 1.250.2 1.250.2 1.250.2 1.250.2 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e-12 series is on request ta b l e 6 sizes from 1206 to 1210 capacitance range & thickness for np0 cap. 1206 1210 last 3-digit of 12nc 100 v 200 v 250 v 500 v 630 v 100 v 200 v 250 v 500 v 630 v 0.47 pf 477 0.56 pf 567 0.68 pf 687 0.82 pf 827 1.0 pf 108 1.2 pf 128 1.5 pf 158 1.8 pf 188 2.2 pf 228 2.7 pf 278 3.3 pf 338 3.9 pf 398 4.7 pf 478 5.6 pf 568 6.8 pf 688 8.2 pf 828 0.60.1 0.60.1 0.60.1 0.60.1 0.850.1 1.250.2 ta b l e 5 sizes from 1206 to 1210
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 9 23 product specification capacitance range & thickness for np0 ta b l e 7 sizes from 1206 to 1210 (continued) cap. 1206 1210 last 2-digit of 12nc 100 v 200 v 250 v 500 v 630 v 100 v 200 v 250 v 500 v 630 v 100 pf 36 120 pf 37 150 pf 38 180 pf 39 220 pf 41 270 pf 42 330 pf 43 390 pf 44 470 pf 45 560 pf 46 680 pf 47 0.60.1 0.60.1 0.60.1 820 pf 48 1.0 nf 49 1.250.2 1.250.2 1.2 nf 51 1.5 nf 52 0.850.1 0.850.1 0.850.1 1.8 nf 53 1.60.2 2.2 nf 54 1.250.2 1.250.2 2.7 nf 55 0.60.1 3.3 nf 56 3.9 nf 57 1.250.2 1.250.2 4.7 nf 58 5.6 nf 59 1.250.2 1.250.2 6.8 nf 61 0.850.1 8.2 nf 62 10 nf 63 1.250.2 12 nf 64 15 nf 65 1.250.2 18 nf 66 22 nf 67 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e-12 series is on request
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 10 23 product specification capacitance range & thickness for np0 ta b l e 8 sizes from 1808 to 1812 cap. 1808 1812 last 2-digit of 12nc 100 v 200 v 250 v 500 v 630 v 100 v 200 v 250 v 500 v 630 v 10 pf 23 12 pf 24 15 pf 25 18 pf 26 22 pf 27 27 pf 28 33 pf 29 39 pf 31 47 pf 32 56 pf 33 68 pf 34 82 pf 35 1.250.2 1.250.2 1.250.2 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e-12 series is on request
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 11 23 product specification capacitance range & thickness for np0 table 9 sizes from 1808 to 1812 (continued) cap. 1808 1812 last 2-digit of 12nc 100 v 200 v 250 v 500 v 630 v 100 v 200 v 250 v 500 v 630 v 100 pf 36 120 pf 37 150 pf 38 180 pf 39 220 pf 41 270 pf 42 330 pf 43 390 pf 44 470 pf 45 560 pf 46 680 pf 47 820 pf 48 1 nf 49 1.2 nf 51 1.5 nf 52 1.250.2 1.8 nf 53 2.2 nf 54 1.250.2 2.7 nf 55 1.250.2 1.60.2 3.3 nf 56 3.9 nf 57 4.7 nf 58 1.250.2 1.250.2 5.6 nf 59 1.250.2 1.250.2 1.250.2 1.250.2 6.8 nf 61 8.2 nf 62 10 nf 63 12 nf 64 15 nf 65 18 nf 66 22 nf 67 1.250.2 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e-12 series is on request
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 12 23 product specification table 10 sizes from 0603 to 0805 capacitance range & thickness for x7r cap. 0603 0805 last 2-digit of 12nc 100 v 100 v 200 v 250 v 500 v 100 pf 09 150 pf 12 220 pf 14 330 pf 16 470 pf 18 680 pf 21 1.0 nf 23 1.5 nf 25 2.2 nf 27 3.3 nf 29 4.7 nf 32 0.850.1 0.850.1 6.8 nf 34 0.850.1 10 nf 36 0.80.1 0.60.1 (3) 0.850.1 1.250.2 15 nf 38 22 nf 41 0.850.1 1.250.2 1.250.2 33 nf 43 47 nf 45 1.250.2 68 nf 47 100 nf 49 150 nf 52 220 nf 54 330 nf 56 470 nf 58 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e-6 series is on request 3. for special ordering code, please contact local sales force before order 4. for product with 5% tolerance, please contact local sales force before order
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 13 23 product specification table 11 sizes from 1206 to 1210 capacitance range & thickness for x 7 r cap. 1206 1210 last 2-digit of 12nc 100 v 200 v 250 v 500 v 630 v 100 v 200 v 250 v 500 v 100 pf 09 150 pf 12 0.850.1 220 pf 14 330 pf 16 470 pf 18 680 pf 21 1.0 nf 23 1.5 nf 25 2.2 nf 27 3.3 nf 29 4.7 nf 32 6.8 nf 34 10 nf 36 15 nf 38 0.850.1 0.850.1 1.250.2 0.850.1 0.850.1 22 nf 41 1.250.2 1.60.2 33 nf 43 1.60.2 47 nf 45 0.850.1 1.250.2 68 nf 47 1.250.2 1.250.2 100 nf 49 1.60.2 1.60.2 0.850.1 1.250.2 1.250.2 150 nf 52 220 nf 54 1.250.2 1.250.2 330 nf 56 470 nf 58 1.60.2 680 nf 61 1 f 63 1.60.2 2.00.2 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e-6 series is on request 3. for product with 5% tolerance, please contact local sales force before order
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 14 23 product specification table 12 sizes from 1808 to 1812 capacitance range & thickness for x7r cap. 1808 1812 last 2-digit of 12nc 100 v 200 v 250 v 500 v 100 v 200 v 250 v 500 v 630 v 100 pf 09 150 pf 12 220 pf 14 330 pf 16 470 pf 18 680 pf 21 1.0 nf 23 1.5 nf 25 2.2 nf 27 3.3 nf 29 4.7 nf 32 6.8 nf 34 10 nf 36 15 nf 38 22 nf 41 1.250.2 33 nf 43 0.850.1 0.850.1 1.60.2 47 nf 45 1.250.2 68 nf 47 0.850.1 1.250.2 100 nf 49 1.250.2 1.250.2 1.250.2 1.60.2 150 nf 52 1.250.2 1.250.2 220 nf 54 1.60.2 1.60.2 330 nf 56 1.250.2 2.00.2 2.00.2 470 nf 58 680 nf 61 1 f 63 1.60.2 note 1. values in shaded cells indicate thickness class in mm 2. capacitance value of non e-6 series is on request 3. for product with 5% tolerance, please contact local sales force before order
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 15 23 product specification table 13 thickness classes and packing quantity ?180 mm / 7 inch ?330 mm / 13 inch size code thickness classification tape width quantity per reel paper blister paper blister quantity per bulk case 0201 0.3 0.03 mm 8 mm 15,000 --- 50,000 --- --- 0402 0.5 0.05 mm 8 mm 10,000 --- 50,000 --- 50,000 0603 0.8 0.1 mm 8 mm 4,000 --- 15,000 --- 15,000 0.6 0.1 mm 8 mm 4,000 --- 20,000 --- 10,000 0805 0.8 / 0.85 0.1 mm 8 mm 4,000 --- 15,000 --- 8,000 1.25 0.2 mm 8 mm --- 3,000 --- 10,000 5,000 0.6 0.1 mm 8 mm 4,000 --- 20,000 --- --- 0.8 / 0.85 0.1 mm 8 mm 4,000 --- 15,000 --- --- 1.00 / 1.15 0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.25 0.2 mm 8 mm --- 3,000 --- 10,000 --- 1.6 0.15 mm 8 mm --- 2,500 --- 10,000 --- 1206 1.6 0.2 mm 8 mm --- 2,000 --- 10,000 --- 0.6 / 0.7 0.1 mm 8 mm --- 4,000 --- 15,000 --- 0.85 0.1 mm 8 mm --- 4,000 --- 10,000 --- 1.15 0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.15 0.15 mm 8 mm --- 3,000 --- 10,000 --- 1.25 0.2 mm 8 mm --- 3,000 --- --- --- 1.5 0.1 mm 8 mm --- 2,000 --- --- --- 1.6 / 1.9 0.2 mm 8 mm --- 2,000 --- --- --- 2.0 0.2 mm 8 mm --- 2,000 1,000 --- --- --- 1210 2.5 0.2 mm 8 mm --- 1,000 500 --- --- --- 1.15 0.15 mm 12 mm --- 3,000 --- --- --- 1.25 0.2 mm 12 mm --- 3,000 --- --- --- 1.35 0.15 mm 12 mm --- 2,000 --- --- --- 1.5 0.1 mm 12 mm --- 2,000 --- --- --- 1.6 0.2 mm 12 mm --- 2,000 --- 8,000 --- 1808 2.0 0.2 mm 12 mm --- 2,000 --- --- --- 0.6 / 0.85 0.1 mm 12 mm --- 2,000 --- --- --- 1.15 0.1 mm 12 mm --- 1,000 --- --- --- 1.15 0.15 mm 12 mm --- 1,000 --- --- --- 1.25 0.2 mm 12 mm --- 1,000 --- --- --- 1.35 0.15 mm 12 mm --- 1,000 --- --- --- 1.5 0.1 mm 12 mm --- 1,000 --- --- --- 1.6 0.2 mm 12 mm --- 1,000 --- --- --- 2.0 0.2 mm 12 mm --- 1,000 --- --- --- 1812 2.5 0.2 mm 12 mm --- 500 --- --- ---
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 16 23 product specification electrical characteristics n n p p 0 0 / / x x 7 7 r r d d i i e e l l e e c c t t r r i i c c c c a a p p a a c c i i t t o o r r s s ; ; n n i i s s n n t t e e r r m m i i n n a a t t i i o o n n s s unless otherwise specified, all test and measurements shall be made under standard atmospheric conditions for testing as given in 5.3 of iec 60068-1: - temperature: 15 c to 35 c - relative humidity: 25% to 75% - air pressure: 86 kpa to 106 kpa before the measurements are made, the capacitor shall be stored at the measuring temperature for a time sufficient to allow the entire capac itor to reach this temperature. the period as prescribed for recovery at the end of a test is normally sufficient for this purpose. table 14 description value capacitance range 0.47 pf to 1 f capacitance tolerance np0 c < 10 pf 0.25 pf, 0.5 pf c 10 pf 2%, 5% x7r 5% (1) , 10% dissipation factor (d.f.) np0 c < 30 pf 1 / ( 400 + 20c ) c 30 pf 0.1 % x7r 2.5 % insulation resistance after 1 minute at u r (dc) r ins 10 g ? or r ins c 500 seconds whichever is less maximum capacitance change as a function of temperature (temperature characteristic/coefficient): np0 30 ppm/c x7r 15% operating temperature range: np0/x7r ?55 c to +125 c note 1. capacitance tolerance 5% doesn't available for x7r full pr oduct range, please contact local sales force before order
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 17 23 product specification 050 40 10 ? 10 ccb107 ? 5 5 0 20 30 10 c (%) c v dc (v) fig. 4 typical capacitance change with respect to the capacitance at 1 v as a function of dc voltage 40 40 40 mea607 20 0 20 0 40 80 120 t ( c) o tc (x10 /k) 6 fig. 3 typical temperature coefficient as a function of temperature sample limits (broken lines). re q uirement levels ( dotted lines ) m id - voltage np0 cca044 7.5 5 2.5 0 ? 40 0 40 80 120 t ( o c) tan ( 10 ? 4 ) 10 fig. 5 typical tan as a function of temperature
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 18 23 product specification m id - voltage x7r 15 5 ? 15 ynm0013 ? 25 ? 55 5 40 95 65 125 t ( o c) 10 ? 10 c c (%) ? 5 0 fig. 6 typical capacitance change as a function of temperature
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 19 23 product specification soldering recommend a tion table 15 soldering method size 0402 0603 0805 1206 1210 reflow 0.1 f 1.0 f 2.2 f 4.7 f reflow only reflow/wave < 0.1 f < 1.0 f < 2.2 f < 4.7 f --- test test method procedure requirements mounting iec 60384- 21/22 4.3 the capacitors may be mounted on printed-circuit boards or ceramic substrates no visible damage visual inspection and dimension check 4.4 any applicable method using 10 magnific ation in accordance with specification capacitance 4.5.1 class 1: f = 1 mhz for c 1 nf, measuring at voltage 1 v rms at 20 c f = 1 khz for c > 1 nf, measuring at voltage 1 v rms at 20 c class 2: f = 1 khz for c 10 f, measuring at voltage 1 v rms at 20 c within specified tolerance dissipation factor (d.f.) 4.5.2 class 1: f = 1 mhz for c 1 nf , measuring at voltage 1 v rms at 20 c f = 1 khz for c > 1 nf, measuring at voltage 1 v rms at 20 c class 2: f = 1 khz for c 10 f, measuring at voltage 1 v rms at 20 c in accordance with specification insulation resistance 4.5.3 u r 500 v: at ur for 1 minute u r > 500 v: at 500 v for 1 minute in accordance with specification temperature coefficient 4.6 class 1: between minimum and maximum temperature np0: -55 c to +125 c normal temperature: 20 c ? c/c: class 1: np0: 30 ppm/c temperature characteristic class 2: between minimum and maximum temperature x7r: -55 c to +125 c normal temperature: 20 c class 2 x7r: 15% tests and requirements table 16 test procedures and requirements
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 20 23 product specification test test method procedure requirements adhesion iec 60384- 21/22 4.7 a force applied for 10 seco nds to the line joining the terminations and in a plane parallel to the substrate force size 0603: 5n mounting in accordance with iec 60384-22 paragraph 4.3 no visible damage bond strength of plating on end face 4.8 conditions: bending 1 mm at a rate of 1 mm/s, radius jig 340 mm ? c/c class 1: np0: within 1% or 0.5 pf, whichever is greater class2: x7r: 10% dissolution of the end face plating shall not exceed 25% of the length of the edge concerned ? c/c class 1: np0: within 0.5% or 0. 5 pf, whichever is greate r class2: x7r: 10% resistance to soldering heat 4.9 precondition: 150 +0/?10 c for 1 hour, then keep for 24 1 hours at room temperature preheating: for size 1206: 120 c to 150 c for 1 minute preheating: for size >1206: 100 c to 120 c for 1 minute and 170 c to 200 c for 1 minute solder bath temperature: 260 5 c dipping time: 10 0.5 seconds recovery time: 24 2 hours d.f. within initial specified value r ins within initial specified value solderability 4.10 preheated the temperature of 80 c to 140 c and maintained for 30 seconds to 60 seconds. test conditions for lead containing solder alloy temperature: 235 5 c dipping time: 2 0.2 seconds depth of immersion: 10 mm alloy composition: 60/40 sn/pb number of immersions: 1 test conditions for leadfr ee containing solder alloy temperature: 245 5 c dipping time: 3 0.3 seconds depth of immersion: 10 mm alloy composition: sac305 number of immersions: 1 the solder should cover over 95% of the critical area of each termination
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 21 23 product specification test test method procedure requirements no visual damage ? c/c class 1: np0: within 1% or 1 pf, whichever is greater class2: x7r: 15% rapid change of temperature iec 60384- 21/22 4.11 preconditioning; 150 +0/?10 c for 1 hour, then keep for 24 1 hours at room temperature 5 cycles with following detail: 30 minutes at lower category temperature 30 minutes at upper category temperature recovery time 24 2 hours d.f. meet initial specified value r ins meet initial specified value no visual damage after recovery damp heat 4.13 1. preconditioning, class 2 only: 150 +0/-10 c /1 hour, then keep for 24 1 hour at room temp 2. initial measure: spec: refer initial spec c, d, ir 3. damp heat test: 500 12 hours at 40 2 c; 90 to 95% r.h. 4. recovery: class 1: 6 to 24 hours class 2: 24 2 hours 5. final measure: c, d, ir p.s. if the capacitance value is less than the minimum value permitted, then after the other measurements have been made the capacitor shall be precondition according to ?iec 60384 4.1? and then the requirement shall be met. ? c/c class 1: np0: within 2% or 1 pf, whichever is greater class2: x7r: 15% d.f. class 1: np0: 2 x specified value class2: x7r: 25 v: 5% r ins class 1: np0: 2,500 m ? or r ins x c r 25s whichever is less class2: x7r: 500 m ? or r ins x c r 25s whichever is less
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 22 23 product specification test test method procedure requirements no visual damage endurance iec 60384- 21/22 4.14 1. preconditioning, class 2 only: 150 +0/-10 c /1 hour, then keep for 24 1 hour at room temp 2. initial measure: spec: refer initial spec c, d, ir 3. endurance test: temperature: np0/x7r: 125 c specified stress voltage applied for 1,000 hours: applied 2.0 x u r for general product applied 1.5 x u r for high cap. product 4. high voltage series follows with below stress condition: applied 2.0 x u r for < 500 v series applied 1.3 x u r for 500 v, 630 v series applied 1.2 x u r for 1 kv, 2 kv, 3 kv series 5. recovery time: 24 2 hours 6. final measure: c, d, ir p.s. if the capacitance value is less than the minimum value permitted, then after the other measurements have been made the capacitor shall be precondition according to ?iec 60384 4.1? and then the requiremen t shall be met. ? c/c class1: np0: within 2% or 1 pf, whichever is greater class2: x7r: 15% d.f. class1: np0: 2 x specified value class2: x7r: 25 v: 5% r ins class1: np0: 4,000 m ? or r ins x c r 40s whichever is less class2: x7r: 1,000 m ? or r ins x c r 50s whichever is less voltage proof iec 60384-1 4.6 specified stress voltage applied for 1 minute u r 100 v: series applied 2.5 u r 100 v < u r 200 v series applied (1.5 u r + 100) 200 v < u r 500 v series applied (1.3 u r + 100) u r > 500 v: 1.3 u r i: 7.5 ma no breakdown or flashover
mid-voltage np0 / x7r 100 v to 630 v www.yageo.com feb 02, 2012 v.9 surface-mount ceramic multilayer capacitors 23 23 product specification revision history revision date change notification description version 9 feb 02, 2012 - - test method and procedure updated version 8 apr 22, 2011 - - np0 0402 100v added version 7 mar 01, 2011 - - dimension updated version 6 sep 30, 2010 - - update the thickness of 0805 100v version 5 sep 28, 2010 - - product range updated - thickness classes and packing quantity table updated version 4 jun 17, 2010 - - update the dimension of 0805, 1206 and 1812 version 3 mar 25, 2010 - - product range update version 2 mar 15, 2010 - - product range update version 1 oct 30, 2009 - - change to dual brand datasheet that describe mid-voltage np0/x7r series with rohs compliant - replace the "100v to 630v" part of pdf files: up-np0x7r_mv_100-to- 500v_0, uy-np0x7r_mv_100-to-500v_0, np0_16v-to-100v_6, np0_50-to-500v_10, x7r_16-to-500v_9 and x7r_16v-to-100v_9 - define global part number - description of "halogen free compliant" added - test method and procedure updated version 0 sep 08, 2005 - - new


▲Up To Search▲   

 
Price & Availability of CC1206JRNPO0BN101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X