Part Number Hot Search : 
193CJA MPF102G EE08147 MS2501 LTC3783 M1201 ADT74 2SK31
Product Description
Full Text Search
 

To Download ASA2805DCH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  01/11/07 www.irf.com 1 asa28xxd series description  up to 5.0w output power  5v, 12v, 15v outputs  high reliability  wide input voltage range -16v to 40v  indefinite short circuit and overload protection  popular industry standard pin-out  military screening  parallel seam welded package  no external capacitors required  input voltage surge protected to mil-std-704  under voltage lockout  standard microcircuit drawings available features 28v input, dual output the asa28xxd series of dc/dc converters are high reliability thick film hybrid converters that use flyback topology operating at a nominal frequency of 550khz. high input to output isolation is achieved through the use of transformers in the flyback power and feed back circuits. the advanced feedback design provides fast loop response for superior line and load transient characteristics and offers greater reliability than devices incorporating optical feedback circuits. this device is designed to meet mil-std-704 input requirements offering full performance over a 16v to 40v input range. output power of up to 5w is available for either balanced or unbalanced loads. connecting the inhibit pin (pin 5) to the input common (pin 7) will cause the converter to shut down. it is recommended that the inhibit pin be driven by an open collector device capable of sinking at least 400 a. the open circuit voltage of the inhibit pin is 11.5 0.5v. manufactured in a facility fully qualified to mil-prf- 38534, these converters are fabricated utilizing dscc qualified processes. for available screening options, refer to device screening table in the data sheet. variations in electrical, mechanical and screening can be accommodated. extensive computer simulation using complex modeling enables rapid design modification to be provided. contact ir santa clara with specific requirements. hybrid-high reliability dc/dc converter asa pd-94540a
2 www.irf.com asa28xxd series specifications for notes to specifications, refer to page 3 asa2805d/xx asa2812d/xx asa2815d/xx test conditions -55 t c +125c v in = 28v dc 5% c l = 0 unless otherwise specified group a subgroups min max min max min max unit 1 4.95 5.05 11.88 12.12 14.85 15.15 output voltage i out = 0 2, 3 4.90 5.10 11.76 12.24 14.70 15.30 v output current 1, 2 v in = 16, 28, and 40 v dc either output 1, 2, 3 200 1000 84 333 67 267 ma output ripple voltage 3, 4 v in = 16, 28 and 40 v dc 1, 2, 3 470 200 290 mv pp line regulation 4 v in = 16, 28, and 40 v dc i out = 0, 50%, 100% i max 1, 2, 3 50 50 50 mv load regulation 4 v in = 16, 28, and 40 v dc i out = 0, 50%, 100% i max 1, 2, 3 50 50 50 mv cross regulation 5 20% to 80% load change 1, 2, 3 15 8.0 8.0 % i out = 0 pin 5 connected to pin 7 12 12 12 input current i out = 0 pin5 open 1, 2, 3 60 60 60 ma input ripple current 3, 4 i out = i max 1, 2, 3 100 100 100 ma pp 1, 3 70 71 71 efficiency 4 i out = i max 2 66 68 68 % isolation input to output or any pin to case (except pin 8) at 500 v dc, tc = +25 c 1 100 100 100 m ? capacitive load 6, 7 no effect on dc performance, total for both outputs 4 200 200 200 f overload 8 4.0 4.0 4.0 power dissipation load fault short circuit 1, 2, 3 2.0 2.0 2.0 w switching frequency 4 i out = i max 4, 5, 6 500 600 500 600 500 600 khz i out = 50%  100% i max -400 +400 -400 +400 -400 +400 output response to step transient load changes 4, 9 i out = 0  50% i max 4, 5, 6 -800 +800 -800 +800 -800 +800 mv pk i out = 50%  100% i max 100 100 100 recovery time, step transient load changes 4, 9, 10 i out = 0  50% i max 4, 5, 6 2000 2000 2000 s output response transient step line changes 4, 7, 11 v in =16  40vdc,i out = i max 4, 5, 6 -750 +750 - 750 +750 -750 +750 mv pk recovery time transient step line changes 4, 7, 10, 11 v in =16  40vdc, i out = i max 4, 5, 6 1200 1200 1200 s turn on overshoot 4 i out = 0 and i max 4, 5, 6 600 600 600 mv pk turn on delay 4, 12 i out = 0 and i max 4, 5, 6 25 25 25 ms load fault recovery 7 4, 5, 6 25 25 25 ms input voltage -0.5v to +50vdc continous, 80v, 100 msec power output internally limited ( 6.5w typical ) soldering temperature 300c for 10 seconds operating case temperature -55c to +125c storage case temperature -65c to +135c absolute maximum ratings
www.irf.com 3 asa28xxd series notes to specifications 1. parameter guaranteed by line, load, and cross regulation tests. 2. up to 80% of full power is available from either output provided the total output does not exceed 5w. 3. bandwidth of dc to 20mhz is guaranteed by design. tested for 20khz to 2mhz. 4. load current split equally between +v out and -v out . 5. 1.0w load on output under test, 1.0w to 4.0w load change on other output. 6. capacitive load may be any value from 0 to the maximum limit without compromising dc performance. a capacitive load in exces s of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry , appearing as a short circuit during turn-on. 7. parameter shall be tested as part of design characterization and after design or process changes. thereafter, parameters sha ll be guaranteed to the limits specified. 8. an overload is a condition with a load in excess of rated but less than that necessary to trigger the short circuit protectio n and is the condition of maximum power dissipation. 9. load step transition time between 2 s and 10 s. 10. recovery time is measured from the initiation of the transient to where v out has returned to within 1% of v out at 50% load. 11. input step transition time between 2 s and 10 s. 12. turn-on delay time measurements is for either a step application of power at the input or the removal of ground connection f rom enable pin (pin 5) with power applied to the input. block diagram controller error amplifier 1 2 8 6 7 5 case output return +output inhibit input return +input 3 -output
4 www.irf.com asa28xxd series 0.800 .005 1.075 0.220 0.270 1.075 0.800 0.025 .003 dia pins 12345 6 87 mechanical outline pin designation standard microcircuit drawing equivalence table standard microcircuit ir standard drawin g number part number 5962-94649 asa2815d 5962-95648 asa2812d pin # designation 1 + output 2 output return 3 - output 4nc 5 inhibit 6 + input 7 input return 8 case ground
www.irf.com 5 asa28xxd series part numbering world headquarters: 233 kansas st., el segundo, california 90245, tel: (310) 252-7105 ir santa clara: 2270 martin av., santa clara, california 95050, tel: (408) 727-0500 visit us at www.irf.com for sales contact information . data and specifications subject to change without notice. 01/2007 notes:  best commercial practice  sample tests at low and high temperatures  -55c to +105c for ahe, ato, atw device screening requirement mil-std-883 method no suffix es  hb ch temperature range -20c to +85c -55c to +125c  -55c to +125c -55c to +125c element evaluation mil-prf-38534 n/a n/a n/a class h non-destructive bond pull internal visual 2017  yes yes yes temperature cycle 1010 n/a cond b cond c cond c constant acceleration 2001, y1 axis n/a 500 gs 3000 gs 3000 gs pind 2020 n/a n/a n/a n/a burn-in 1015 n/a 48 hrs@hi temp 160 hrs@125c 160 hrs@125c final electrical mil-prf-38534 25c 25c  -55c, +25c, -55c, +25c, ( group a ) & specification +125c +125c pda mil-prf-38534 n/a n/a n/a 10% seal, fine and gross 1014 cond a cond a, c cond a, c cond a, c radiographic 2012 n/a n/a n/a n/a external visual 2009  yes yes yes n/a n/a 2023 n/a n/a asa 28 05 d /ch model input voltage 28 = 28v output voltage 05 = 5v 12 = 12v 15 = 15v output d = dual screening level (please refer to screening table) no suffix, es, hb, ch


▲Up To Search▲   

 
Price & Availability of ASA2805DCH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X