Part Number Hot Search : 
CDLL4710 AT54S BA6WK 4S100 UPD8237A 3045C XN1113 2SC4980
Product Description
Full Text Search
 

To Download AP2320GN-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  simple drive requirement bv dss 100v small package outline r ds(on) 5 surface mount device i d 0.25a rohs compliant & halogen-free description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w w/ t stg t j symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 180 /w thermal data parameter storage temperature range total power dissipation 0.7 -55 to 150 operating junction temperature range -55 to 150 linear derating factor 0.005 continuous drain current 3 , v gs @ 10v 0.2 pulsed drain current 1 1 gate-source voltage + 20 continuous drain current 3 , v gs @ 10v 0.25 parameter rating drain-source voltage 100 AP2320GN-HF g d s d g s sot-23 advanced power mosfets utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and cost-effectiveness device. the sot-23 package is widely used for commercial-industrial applications. product specification sales@twtysemi.com 1 of 2 http://www.twtysemi.com 4008-318-123
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 100 - - v r ds(on) static drain-source on-resistance v gs =10v, i d =0.25a - - 5 v gs =4.5v, i d =0.2a - - 9 v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 3 v g fs forward transconductance v ds =10v, i d =0.2a - 0.2 - s i dss drain-source leakage current v ds =100v, v gs =0v - - 10 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge 2 i d =0.4a - 2 3.2 nc q gs gate-source charge v ds =80v - 0.5 - nc q gd gate-drain ("miller") charge v gs =10v - 0.5 - nc t d(on) turn-on delay time 2 v ds =50v - 3 - ns t r rise time i d =0.4a - 7 - ns t d(off) turn-off delay time r g =3.3 - 9.5 - ns t f fall time v gs =10v - 4.5 - ns c iss input capacitance v gs =0v - 32 51 pf c oss output capacitance v ds =25v - 9.5 - pf c rss reverse transfer capacitance f=1.0mhz - 6 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =0.4a, v gs =0v - - 1.5 v t rr reverse recovery time i s =1a, v gs =0v, - 27 - ns q rr reverse recovery charge di/dt=100a/s - 28 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.surface mounted on 1 in 2 copper pad of fr4 board ;400 /w when mounted on min. copper pad. AP2320GN-HF product specification 2 of 2 sales@twtysemi.com http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of AP2320GN-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X