Part Number Hot Search : 
CR123 DSS5320T SM330 SD101 C3788 C3788 8H06K C3788
Product Description
Full Text Search
 

To Download ACTM1137PM1020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  611 industrial way west, eatontown, nj 07724 tel: 732-460-0212 fax: 732-460-0214 sales@advanced-control.com www.advanced-control.com features: ? thermal stability ? small size ? no bias required ? low video impedance applications: ? transmitter monitoring ? missile guidance systems ? input to low-noise amplifiers ? broadband or narrowband ecm receivers ? power and signal monitors ? doppler radar and beacon receivers ? matched units available for multi-channel receivers, amplitude comparator systems and discriminators minimum (2) flatness standard (4) frequency sensitivity vs video standard optional range part (1) k frequency typical (3) capacitance case case (ghz) number (mv/mw) (+/-db) vswr (pf) styles styles 0.01 - 0.5 actm1114n 800 0.3 2.3:1 270 m47 m10 0.25 - 0.75 actm1133n 900 0.2 2.3:1 270 m47 m10 0.5 - 1 actm1146n 1000 0.2 2.3:1 270 m47 m10 0.5 - 2 actm1136n 1000 0.2 2.3:1 75 m47 m10 1 - 2 actm1137n 1000 0.2 2.3:1 75 m47 m10 0.1 - 4 actm1129n 900 0.4 2.3:1 270 m47 m10 2 - 4 actm1130n 900 0.3 2.3:1 12 m47 m10 notes: 1) available in both negative and positive polarities, substitute ?n? or ?p? in part number. 2) diode values can be changed to alter the level of sensitivity. as sensitivity is increased, vswr will degrade. vswr will i mprove as sensitivity is lowered. flatness and tss will also be influenced by these changes. if your applications require something spe cial, please contact the factory. 3) vswr measured at or below -20dbm input power level. 4) video capacitance is used for rf bypass. this value can be changed if required for video response time or other considerati ons. contact the factory if value other than those shown are needed. advanced control components offers a series of tunnel detectors built in surface mount modules. these modules include complete detector circuits with dc returns and rf bypass capacitors. options include input pads or limiters to modify the operational range or offer input protection. the small size of surface mount packages allows for easier design and lower cost. they offer high reliability and are hermetically sealed, making them ideal for operation in harsh environments. thermal stability is one of the prime advantages of tunnel diode detectors. frequencies range from 10mhz to 4ghz. the output will not vary more than +/-0.15db over the temperature range of -65c to +100c at these low frequencies. they have high sensitivity without any bias needed for operation. standard output polarity is negative, but positive polarity output is an option. surface mount tunnel detectors
611 industrial way west, eatontown, nj 07724 tel: 732-460-0212 fax: 732-460-0214 sales@advanced-control.com www.advanced-control.com environmental specificat ions: screening : mil-e-5400, mil-std-202, mil-e-16400 standard screening : operating temp: -65c to +100c internal visual per mil-std-883, method 2017 storage temp: -65c to +100c temperature cycle: -65c to +100c, 10 cycles humidity: mil-std-202f, m103, cond b optional high-rel screening (ref mil-prf-38534) : shock: mil-std-202f, m213, cond b internal visual per mil-std-883, method 2017 altitude: mil-std-202f, m105, cond b stabilization bake per mil-std-883, method 1008 vibration : mil-std-202f, m204, cond b temperature cycle per mil-std-883, method 1010 thermal shock: mil-std-202f, m107, cond a constant acceleration per mil-std-883, method 2001 temperature cycle: mil-std-202f, m105c, cond d burn-in per mil-std-883, method 1015 maximum input power: +14dbm leak test per mil-std-883, method 1014 (this allows for 3db margin from possible burnout at +17dbm) external visual per mil-std-883, method 2009 7 4 1 2 3 5 6 8 9 10 0.015.002 typ. 0.200 0.320 0.270 sq. max. 0.005.002 0.080 max. 0.050 (4) plcs. (0.440 ref.) 0.085 0.045 connection pin 2 4 3 1 5 n/c gnd n/c n/c input n/c pin 6 8 7 10 9 connection gnd n/c n/c output m10 m47 part number ordering information: example: actm1130nm4720 actm1130 surface mount tunnel detector, 2 - 4ghz n: negative output polarity m47: package type 20: 20pf custom video capacitance (omit for standard value) tmsm-0205 0.050 (3) plcs. 1 2 3 4 0.015.003 typ. 0.150 0.400 max. 0.210 0.180 sq. max. ground n/c output n/c ground n/c rf input n/c 8 7 6 5 4 3 2 1 pin function 0.005.002 0.080 max. 8 7 6 5


▲Up To Search▲   

 
Price & Availability of ACTM1137PM1020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X