Part Number Hot Search : 
74AVC C9S12 FRX05 S8430 B8806 SMDA24 GT60N32 FR100
Product Description
Full Text Search
 

To Download 65NF06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2006 rev 1 1/14 14 std65NF06 stp65NF06 n-channel 60v - 11.5m ? - 60a - dpak/to-220 stripfet? ii power mosfet general features standard level gate drive 100% avalanche tested description this power mosfet is th e latest development of stmicroelectronics unique ?single feature size?? strip-based process. the resulting transistor shows extremely high packing density for low on- resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. applications switching application internal schematic diagram type v dss r ds(on) i d std65NF06 60v <14m ? 60a stp65NF06 60v <14m ? 60a dpak 1 2 3 to-220 1 3 www.st.com order codes part number marking package packaging std65NF06 d65NF06 dpak tape & reel stp65NF06 p65NF06 to-220 tube free datasheet http://www..net/
contents std65NF06 - stp65NF06 2/14 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 5 packing mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 free datasheet http://www..net/
std65NF06 - stp65NF06 electrical ratings 3/14 1 electrical ratings table 1. absolute maximum ratings symbol parameter value unit v ds drain-source voltage (v gs = 0) 60 v v gs gate- source voltage 20 v i d drain current (continuous) at t c = 25c 60 a i d drain current (continuous) at t c = 100c 42 a i dm (1) 1. pulse width limited by safe operating area. drain current (pulsed) 240 a p tot total dissipation at t c = 25c 110 w derating factor 0.73 w/c dv/dt (2) 2. i sd 60a, di/dt 300a/s, v dd v (br)dss , tj t jmax peak diode recovery voltage slope 10 v/ns e as (3) 3. starting tj = 25 c, i d = 30a, v dd = 40v single pulse avalanche energy 390 mj t stg storage temperature -55 to 175 c t j max. operating junction temperature table 2. thermal data symbol parameter to-220 dpak unit rthj-case thermal resistance junction-case max 1.36 c/w rthj-amb thermal resistance j unction-ambient max 62.5 -- c/w rthj-pcb (1) 1. when mounted on fr-4 of 1 inch2, 2 oz cu thermal resistance junction-pcb max -- 50 c/w t l maximum lead temperature for soldering purpose (for 10sec. 1.6mm from case) 300 -- c/w free datasheet http://www..net/
electrical characteristics std65NF06 - stp65NF06 4/14 2 electrical characteristics (t case =25c unless otherwise specified) table 3. on/off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250a, v gs =0 60 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating,@125c 1 10 a a i gss gate-body leakage current (v ds = 0) v gs = 20v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250a 2 4 v r ds(on) static drain-source on resistance v gs = 10v, i d = 30a 11.5 14 m ? table 4. dynamic symbol parameter test conditions min. typ. max. unit g fs (1) 1. pulsed: pulse duration = 300 s, duty cycle 1.5 %. forward transconductance v ds = 25v , i d =30a 50 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25v, f = 1mhz, v gs = 0 1700 400 135 pf pf pf t d(on) t r t d(off) t f turn-on delay time rise time turn-off delay time fall time v dd = 30v, i d = 30a r g =4.7 ? v gs = 10v (see figure 12 ) 15 60 40 16 ns ns ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 30v, i d = 60a, v gs = 10v, r g =4.7 ? (see figure 13 ) 54 10 20 75 nc nc nc free datasheet http://www..net/
std65NF06 - stp65NF06 electrical characteristics 5/14 table 5. source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm (1) 1. pulse width limited by safe operating area. source-drain current source-drain current (pulsed) 60 240 a a v sd (2) 2. pulsed: pulse duration = 300 s, duty cycle 1.5 % forward on voltage i sd = 60a, v gs = 0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 60a, di/dt = 100a/s, v dd = 25v, t j = 150c (see figure 14 ) 70 150 4.4 ns nc a free datasheet http://www..net/
electrical characteristics std65NF06 - stp65NF06 6/14 2.1 electrical characte ristics (curves) figure 1. safe operating area figure 2. thermal impedance figure 3. output characterisics figure 4. transfer characteristics figure 5. normalized breakdown voltage temperature figure 6. static drain-source on resistance free datasheet http://www..net/
std65NF06 - stp65NF06 electrical characteristics 7/14 figure 7. gate charge vs gate-source voltage figure 8. capacitance variations figure 9. normalized gate threshold voltage vs temperature figure 10. normalized on resistance vs temperature figure 11. source-drain diode forward characteristics free datasheet http://www..net/
test circuit std65NF06 - stp65NF06 8/14 3 test circuit figure 12. switching times test circuit for resistive load figure 13. gate charge test circuit figure 14. test circuit for inductive load switching and diode recovery times figure 15. unclamped inductive load test circuit figure 16. unclamped inductive wavefo rm figure 17. switching time waveform free datasheet http://www..net/
std65NF06 - stp65NF06 package mechanical data 9/14 4 package mechanical data in order to meet environmental requirements, st offers these devices in ecopack? packages. these packages have a lead-free second level interconnect . the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at : www.st.com free datasheet http://www..net/
package mechanical data std65NF06 - stp65NF06 10/14 dim. mm. inch min. typ max. min. typ. max. a 4.40 4.60 0.173 0.181 b 0.61 0.88 0.024 0.034 b1 1.15 1.70 0.045 0.066 c 0.49 0.70 0.019 0.027 d 15.25 15.75 0.60 0.620 e 10 10.40 0.393 0.409 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.194 0.202 f 1.23 1.32 0.048 0.052 h1 6.20 6.60 0.244 0.256 j1 2.40 2.72 0.094 0.107 l 13 14 0.511 0.551 l1 3.50 3.93 0.137 0.154 l20 16.40 0.645 l30 28.90 1.137 ?p 3.75 3.85 0.147 0.151 q 2.65 2.95 0.104 0.116 to-220 mechanical data free datasheet http://www..net/
std65NF06 - stp65NF06 package mechanical data 11/14 dim. mm. inch min. typ max. min. typ. max. a 2.2 2.4 0.086 0.094 a1 0.9 1.1 0.035 0.043 a2 0.03 0.23 0.001 0.009 b 0.64 0.9 0.025 0.035 b4 5.2 5.4 0.204 0.212 c 0.45 0.6 0.017 0.023 c2 0.48 0.6 0.019 0.023 d 6 6.2 0.236 0.244 d1 5.1 0.200 e 6.4 6.6 0.252 0.260 e1 4.7 0.185 e 2.28 0.090 e1 4.4 4.6 0.173 0.181 h 9.35 10.1 0.368 0.397 l 1 0.039 (l1) 2.8 0.110 l2 0.8 0.031 l4 0.6 1 0.023 0.039 r 0.2 0.008 v2 0 8 0 8 dpak mechanical data 0068772-f free datasheet http://www..net/
packing mechanical data std65NF06 - stp65NF06 12/14 5 packing mechanical data tape and reel shipment dpak footprint dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0.795 g 16.4 18.4 0.645 0.724 n 50 1.968 t 22.4 0.881 base qty bulk qty 2500 2500 reel mechanical data dim. mm inch min. max. min. max. a0 6.8 7 0.267 0.275 b0 10.4 10.6 0.409 0.417 b1 12.1 0.476 d 1.5 1.6 0.059 0.063 d1 1.5 0.059 e 1.65 1.85 0.065 0.073 f 7.4 7.6 0.291 0.299 k0 2.55 2.75 0.100 0.108 p0 3.9 4.1 0.153 0.161 p1 7.9 8.1 0.311 0.319 p2 1.9 2.1 0.075 0.082 r 40 1.574 w 15.7 16.3 0.618 0.641 tape mechanical data all dimensions are in millimeters free datasheet http://www..net/
std65NF06 - stp65NF06 revision history 13/14 6 revision history table 6. revision history date revision changes 24-jul-2006 1 first release free datasheet http://www..net/
std65NF06 - stp65NF06 14/14 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve th e right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at an y time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes n o liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of thi s document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party product s or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of suc h third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implie d warranty with respect to the use and/or sale of st products including without limitation implie d warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the law s of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are no t recommended, authorized or warranted for use in military , air craft, space, life sa ving, or life sustainin g applications, nor in products or systems where failure or malfunction may result in personal injury , death, or severe property or environmental damage. st products which are not specified as "automotiv e grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately voi d any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, an y liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2006 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com free datasheet http://www..net/


▲Up To Search▲   

 
Price & Availability of 65NF06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X