Part Number Hot Search : 
CLM4040 TL072AC 50243 28F016S3 EPM7192 24128 RF3378 11000
Product Description
Full Text Search
 

To Download 57-LRS14-B30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6-46 call toll free: 1 (800) 323-9612 .085 in. (2.16mm) density miniature ribbon f eatures right-angle solder tails for solder termination to printed circuit board. metal shell provides grounding and shielding capability. available in plug and socket styles in 14, 24, 36, and 50 position sizes. sockets available with industry-standard bail latch feature for positive locking/unlocking without tools, for applications such as scsi-1 and centronics. #4-40 threaded board mounting holes provide means to secure and ground connector to board. ul recognized - file e170218. right-angle solder tail metal shell m aterials insulator: blue ul94v-0 rated glass-filled polyester contact: phosphor bronze contact plating: select gold over nickel in mating area as indicated; tin-lead on solder tails shell: steel shell plating: nickel e nvironmental operating temperature: -55c to +105c e lectrical withstanding voltage: 1000 vac rms @ sea level contact rating: 5 amps contact resistance: 30 milliohms maximum insulation resistance: 1000 megohms minimum right-angle miniature ribbon connectors provide i/o directly from printed circuit boards, where the mating face of the connector is perpendicular to the board. it is well-suited to front-panel i/o on plug-in cards, rear-i/o from system/peripheral motherboards, etc. see page 6-51 for accessories such as dust covers, bent bail latches and mounting screws that make the use of cinch miniature ribbon connectors even more cost-effective in board-mount applications.
6-47 call toll free: 1 (800) 323-9612 .085 in. (2.16mm) density miniature ribbon right-angle solder tail metal shell dimensions abc d size in mm in mm in mm in mm 14 1.720 43.70 1.417 35.99 0.992 25.20 1.008 25.60 24 2.146 54.50 1.842 46.79 1.417 36.00 1.436 36.00 36 2.661 67.60 2.352 59.74 1.925 48.90 1.943 49.35 50 3.260 82.80 2.947 74.85 2.520 64.00 2.538 64.00 socket plug no latches bail latch ordering information, right-angle solder tail plug, 4-40 board mount size flash 15au/ni 30au/ni 36 57-lrp36-f 57-lrp36-15 57-lrp36-30 50 57-lrp50-f 57-lrp50-15 57-lrp50-30 socket, 4-40 board mount latch size flash 15au/ni 30au/ni 14 57-lrs14-f 57-lrs14-15 57-lrs14-30 24 57-lrs24-f 57-lrs24-15 57-lrs24-30 36 57-lrs36-f 57-lrs36-15 57-lrs36-30 50 57-lrs50-f 57-lrs50-15 57-lrs50-30 14 57-lrs14-bf 57-lrs14-b15 57-LRS14-B30 24 57-lrs24-bf 57-lrs24-b15 57-lrs24-b30 36 57-lrs36-bf? 57-lrs36-b15? 57-lrs36-b30? 50 57-lrs50-bf 57-lrs50-b15 57-lrs50-b30 ? ieee 1284-b


▲Up To Search▲   

 
Price & Availability of 57-LRS14-B30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X