Part Number Hot Search : 
TDA7518 AM26S02 ISL83699 C0829A BYD77D BYD77D MC3372P AR3510
Product Description
Full Text Search
 

To Download 2SB1289 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SB1289 description w ith t o-220c package complement to type 2sd1580 low collector saturation voltage wide area of safe operation applications for use in low frequency power amplifier applications,power drivers and dc-dc converters pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -80 v v ceo collector-emitter voltage open base -80 v v ebo emitter-base voltage open collector -5 v i c collector current -7 a i cm collector current-peak -10 a t a =25 2 p c collector power dissipation t c =25 40 w t j junction temperature 150  t stg storage temperature -50~150  fig.1 simplified outline (to-220) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SB1289 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-1ma; i b =0 -80 v v (br)cbo collector-base breakdown voltage i c =-50a; i e =0 -80 v v (br)ebo emitter-base breakdown voltage i e =-50a; i c =0 -5 v v cesat collector-emitter saturation voltage i c =-4a; i b =-0.4a -1.0 v v besat base-emitter saturation voltage i c =-4a; i b =-0.4a -1.5 v i cbo collector cut-off current v cb =-80v; i e =0 -10 a i ebo emitter cut-off current v eb =-4v; i c =0 -10 a h fe dc current gain i c =-1a ; v ce =-5v 100 320 c ob output capacitance i e =0 ; v cb =-10v; f=1mhz 200 pf f t transition frequency i c =-0.5a ; v ce =-5v 12 mhz  h fe classifications e f 100-200 160-320
savantic semiconductor product specification 3 silicon pnp power transistors 2SB1289 package outline fig.2 outline dimensions (unindicated tolerance:0.10mm)


▲Up To Search▲   

 
Price & Availability of 2SB1289

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X