Part Number Hot Search : 
075784 2N5604 1KSMB51A ACTZTTCW FMB120 CD2406 NX350 FMB120
Product Description
Full Text Search
 

To Download 1SV245 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unit: mm sod-323 1.7 +0.1 -0.1 2.6 +0.1 -0.1 1.3 +0.1 -0.1 0.1 +0.05 -0.02 0.475 0.375 0.3 +0.05 -0.05 0.85 +0.05 -0.05 1.0max 1SV245 features high capacitance ratio:c2v/c25v = 5.7(typ.) low series resistance:rs = 1.2 (typ.) excellent c-v characteristics,and small tracking error. absolute maximum ratings ta = 25 parameter symbol value unit reverse voltage v r 30 v peak reverse voltage v rm 35(r l =10k ) v junction temperature t j 125 storage temperature range t stg -55to+125 electrical characteristics ta = 25 parameter symbol conditions min typ max unit reverse voltage v r i r =1 a 30 v reverse current i r v r = 28 v 10 na c 2v f=1mhz;v r = 2 v 3.31 4.55 c 25v f=1mhz;v r = 25 v 0.61 0.77 capacitance ratio c 2v /c 25v 55.76.5 series resistance r s v r = 1v, f = 470 mhz 1.2 2.0 note : unites are compounded in one package and are mathed to 6.0% c(max.)-c(min.) c(min.) (v r =2~25v) capacitance pf 0.06 marking marking t3 product specification sales@twtysemi.com 1 of 1 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of 1SV245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X