Part Number Hot Search : 
C400B 04M84RSB 4738A 00050 B80N0 178327 XN0A311G CHN203
Product Description
Full Text Search
 

To Download VEMT2023X01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vemt2003x01, VEMT2023X01 www.vishay.com vishay semiconductors rev. 1.0, 08-apr-13 1 document number: 84162 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 silicon npn phototransistor description vemt2003x01 series are silicon npn epitaxial planar phototransistors with daylight bl ocking filter in a miniature, black dome lens package for surface mounting. filter bandwidth is matched with 830 nm to 950 nm ir emitters. features ? package type: surface mount ? package form: gw, rgw ? dimensions (l x w x h in mm): 2.3 x 2.3 x 2.55 ? aec-q101 qualified ? high radiant sensitivity ? daylight blocking filter matched with 830 nm to 950 nm ir emitters ? fast response times ? angle of half sensitivity: ? = 35 ? package matched with ir emitter series vsmb2943rgx01 and vsmb2943gx01 ? floor life: 4 weeks, msl 2a, acc. j-std-020 ? lead (pb)-free re flow soldering ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? detector in automotive applications ? photo interrupters ? miniature switches ? counters ?encoders ? position sensors note ? test condition see table basic characteristics note ? moq: minimum order quantity VEMT2023X01 vemt2003x01 product summary component i ca (ma) ? (deg) ? 0.5 (nm) vemt2003x01 2.7 35 790 to 970 VEMT2023X01 2.7 35 790 to 970 ordering information ordering code packaging remarks package form vemt2003x01 tape and reel moq: 6000 pcs, 6000 pcs/reel reverse gullwing VEMT2023X01 tape and reel moq: 6000 pcs, 6000 pcs/reel gullwing
vemt2003x01, VEMT2023X01 www.vishay.com vishay semiconductors rev. 1.0, 08-apr-13 2 document number: 84162 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - power dissipation limit vs. ambient temperature ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit collector emitter voltage v ceo 20 v emitter collector voltage v eco 7v collector current i c 50 ma power power dissipation t amb ? 75 c p v 100 mw junction temperature t j 100 c operating temperature range t amb - 40 to + 100 c storage temperature range t stg - 40 to + 100 c soldering temperature acc. reflow profile fig. 8 t sd 260 c thermal resistance juncti on/ambient acc. j-std-051 r thja 250 k/w 0 20 40 60 80 100 120 0 10 203040 50607080 90100 21619 r thja = 250 k/w t amb - ambient temperature (c) p v - power dissipation (mw) basic characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit collector emitter breakdown voltage i c = 0.1 ma v ceo 20 v collector dark current v ce = 5 v, e = 0 i ceo 1 100 na collector emitte r capacitance v ce = 0 v, f = 1 mhz, e = 0 c ceo 25 pf collector light current e e = 1 mw/cm 2 , ? = 950 nm, v ce = 5 v i ca 1.3 2.7 4.1 ma angle of half sensitivity ? 35 deg wavelength of peak sensitivity ? p 860 nm range of spectral bandwidth ? 0.5 790 to 970 nm collector emitter sa turation voltage i c = 0.05 ma v cesat 0.4 v temperature coefficient of ica e e = 1 mw/cm 2 , ? = 950 nm, v ce = 5 v tk ica 1.1 %/k
vemt2003x01, VEMT2023X01 www.vishay.com vishay semiconductors rev. 1.0, 08-apr-13 3 document number: 84162 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 basic characteristics (t amb = 25 c, unless otherwise specified) fig. 2 - collector dark current vs. ambient temperature fig. 3 - collector light current vs. irradiance fig. 4 - rise/fall time vs. collector current fig. 5 - relative spectral sensitivity vs. wavelength fig. 6 - relative radiant sensitivity vs. angular displacement fig. 7 - relative collector current vs. ambient temperature 1 10 100 1000 10 000 0 102030405060708090100 t amb - ambient temperature (c) i ce0 - collector dark current (na) i f = 0 v ce = 70 v v ce = 25 v v ce = 5 v 20594 i ca - collector light current (ma) e e - irradiance (mw/cm2) 0.1 1 10 100 0.01 0.1 1 10 v ce = 5 v, = 950 nm 0 10 20 30 40 50 60 70 80 90 100 0 250 500 750 1000 1250 1500 1750 2000 i c - collector current (a) t r /t f - rise/fall time (s) t f t r 20599 r l = 100 - wavelength (nm) s( ) rel - relative spectral sensitivity 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 600 650 700 750 800 850 900 950 1000 1050 1100 0 0.4 0.2 0 0.6 0.9 0.8 0 30 10 20 40 50 60 70 80 0.7 1.0 s rel - relative radiant sensitivity ? - angular displacement 0 0.6 0.8 1.0 1.2 1.4 2.0 20 40 60 80 100 1.6 1.8 94 8239 t amb - ambient temperature (c) i ca rel - relative collector current v ce = 5 v e e = 1 mw/cm 2 = 950 nm
vemt2003x01, VEMT2023X01 www.vishay.com vishay semiconductors rev. 1.0, 08-apr-13 4 document number: 84162 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 reflow solder profile fig. 8 - lead (pb)-free reflow solder profile acc. j-std-020 drypack devices are packed in moistu re barrier bags (mbb) to prevent the products from mo isture absorption during transportation and storage. each bag contains a desiccant. floor life floor life (time between soldering and removing from mbb) must not exceed the time indicated on mbb label: ? floor life: 4 weeks ? conditions: t amb < 30 c, rh < 60 % ? moisture sensitivity level 2a, acc. to j-std-020. drying in case of moisture absorpt ion devices should be baked before soldering. conditions see j-std-020 or label. devices taped on reel dry us ing recommended conditions 192 h at 40 c (+ 5 c), rh < 5 %. package dimensions vemt2003x01 in millimeters 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperature (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp up 3 c/s max. ramp down 6 c/s 19841 255 c
vemt2003x01, VEMT2023X01 www.vishay.com vishay semiconductors rev. 1.0, 08-apr-13 5 document number: 84162 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions VEMT2023X01 in millimeters
vemt2003x01, VEMT2023X01 www.vishay.com vishay semiconductors rev. 1.0, 08-apr-13 6 document number: 84162 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 tape and reel dimensions vemt2003x01 in millimeters
vemt2003x01, VEMT2023X01 www.vishay.com vishay semiconductors rev. 1.0, 08-apr-13 7 document number: 84162 for technical questions, contact: detectortechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 tape and reel dimensions VEMT2023X01 in millimeters
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VEMT2023X01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X