Part Number Hot Search : 
BR1456H BTS4140 MJE34 120T3 IWS505 LTC1327 10150C C1001
Product Description
Full Text Search
 

To Download TVR07391-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 54 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. ? features 1. rohs compliant 2. halogen-free series are available 3. body size: 7mm ~ 20mm 4. wide operating voltage range: 115vac ~ 680vac 5. high surge current rating up to 13ka 6. high energy rating up to 720 joule 7. operating temperatur e range: -40c ~ +85c storage temperature range: -40c ~ +125c 8. agency recognition: ul 1449 3 rd /cul/vde/cqc 9. tvr10-d, 14-d, and 20-d meet iec60950-1:2013 annex q requirement 10. tvr20-d series for spd type 2 is available ? recommended applications 1. power supply 2. home appliance 3. industrial equipment 4. telecommunication or telephone system 5. smart meter 6. plc (power line communication) 7. lighting products 8. photovoltaic industry ? part number code 7mm~ 20mm t v r 1 4 2 4 1 k s w 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 note: optional suffix will be the 11 th digit if packaging and internal control codes are not coded. packaging ar tape & reel packing (hole pitch:12.7mm) er tape & reel packing (hole pitch:15.0mm) ab tape & ammo box packing (hole pitch:12.7mm) eb tape & ammo box packing (hole pitch:15.0mm) c bulk & cut lead (followed by the codes of 2 leaded length blank bulk product type tvr thinking varistor tvr series body size 07 7mm 10 10mm 14 14mm 20 20mm varistor voltage(v 1ma ) 180 18x10 0 v=18v 241 24x10 1 v=240v 102 10x10 2 v=1000v tolerance of v 1ma k 10% appearance s straight lead, epoxy coating f y kink lead, epoxy coating t l kink lead, epoxy coating internal control code 01~zz optional suffix d high surge series w high surge series, rohs compliant k high surge series, rohs compliant & halogen-free s high surge series for ul 1449 3 rd spd type 2 application, rohs compliant (tvr20 only) n high surge series for ul 1449 3 rd spd type 2 application, rohs compliant & halogen-free (tvr20 only) note: * of the marking stands for tvr-d series
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 55 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. w t a w p d l max. 3.0 p d ? structures and dimensions ? s type (straight lead) (unit: mm) series d lmin. d p amax. tmax. w tvr07-d 7.5~9.5 26.5 0.60.02 51 12.5 tvr10-d 12.0~14.0 26.5 0.80.02 7.51 17.5 tvr14-d 16.0~18.5 26.5 0.80.02 7.51 21.5 tvr20-d 22~24.5 22.5 1.00.02 101 28.5 please refer to electrical characteristics table ? f type (y kink lead) (unit: mm) series d cmin. d p amax. tmax. w tvr07-d 7.5~9.5 20 0.60.02 51 12.5 tvr10-d 12.0~14.0 20 0.80.02 7.51 18.0 tvr14-d 16.0~18.5 20 0.80.02 7.51 22.0 tvr20-d 22~24.5 20 1.00.02 101 29.0 please refer to electrical characteristics table d p a t d c max 30 0 max.3.0 bottom view
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 56 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. ? t type (l kink lead) (unit: mm) series d c d p amax. hmax. tmax. tvr10-d 12.0~14.0 0.8 0.02 7.51 22.0 7.01 tvr14-d 16.0~18.5 0.8 0.02 7.51 26.5 7.01 tvr20-d 22.0~24.5 3.80.8 1.00.02 101 33.0 9.01 please refer to electrical characteristics table d p d l1 c h t
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 57 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. ? electrical characteristics 07-d series varistor voltage (@ 1ma dc) max. continuous voltage max. clamping voltage (8/20 s) max. surge current (8/20 s) rated power max. energy (10/1000 s) reference capacitance @1khz dimension v 1ma v ac(rms) v dc v p i p imax p wmax cp tmin tmax w 1.0 certified model no. part no. (v) (v) (v) (v) (a) (a) (w) (j) (pf) (mm) ul 1449 3 rd spd application tvr07181-d tvr07181ksw 180 (162~198) 115 150 300 10 1800 0.25 19 255 2.0 3.9 1.4 tvr07201-d tvr07201ksw 200 (180~220) 130 170 340 10 1800 0.25 21 230 2.1 4.0 1.5 tvr07221-d tvr07221ksw 220 (198~242) 140 180 360 10 1800 0.25 23 210 2.1 4.0 1.5 tvr07241-d tvr07241ksw 240(216~264) 150 200 395 10 1800 0.25 25 195 2.3 4.2 1.6 tvr07271-d tvr07271ksw 270 (243~297) 175 225 455 10 1800 0.25 28 175 2.4 4.4 1.7 tvr07301-d tvr07301ksw 300 (270~330) 195 250 500 10 1800 0.25 32 155 2.7 4.4 1.9 tvr07331-d tvr07331ksw 330 (297~363) 215 275 550 10 1800 0.25 34 140 2.8 4.5 2.0 tvr07361-d tvr07361ksw 360 (324~396) 230 300 595 10 1800 0.25 37 130 2.9 4.6 2.1 TVR07391-D tvr07391ksw 390 (351~429) 250 320 650 10 1800 0.25 40 120 3.1 4.8 2.3 tvr07431-d tvr07431ksw 430 (387~473) 275 350 710 10 1800 0.25 46 100 3.0 5.1 2.3 tvr07471-d tvr07471ksw 470 (423~517) 300 385 775 10 1800 0.25 49 90 3.2 5.2 2.4 tvr07511-d tvr07511ksw 510 (459~561) 320 410 845 10 1800 0.25 54 85 3.4 5.4 2.6 tvr07561-d tvr07561ksw 560 (504~616) 350 450 930 10 1800 0.25 55 80 3.6 5.5 2.8 tvr07621-d tvr07621ksw 620 (558~682) 395 510 1020 10 1800 0.25 59 80 3.9 5.9 3.0 tvr07681-d tvr07681ksw 680 (612~748) 420 560 1120 10 1800 0.25 62 75 4.1 6.2 3.2 tvr07751-d tvr07751ksw 750 (675~825) 465 615 1235 10 1800 0.25 66 70 4.4 6.4 3.5 tvr07821-d tvr07821ksw 820 (738~902) 510 670 1355 10 1800 0.25 71 65 4.5 6.4 3.2 for other application
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 58 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. 10-d series varistor voltage (@ 1ma dc) max. continuous voltage max. clamping voltage (8/20 s) max. surge current (8/20 s) rated power max. energy (10/1000 s) reference capacitance @1khz dimension v 1ma v ac(rms) v dc v p i p imax p wmax cp tmin tmax w 1.0 certified model no. part no. (v) (v) (v) (v) (a) (a) (w) (j) (pf) (mm) ul 1449 3 rd spd application tvr10181-d tvr10181ksw 180 (162~198) 115 150 300 25 4000 0.4 47 570 2.4 4.3 1.6 for other application tvr10201-d tvr10201ksw 200 (180~220) 130 170 340 25 4000 0.4 52 520 2.5 4.4 1.7 tvr10221-d tvr10221ksw 220 (198~242) 140 180 360 25 4000 0.4 58 470 2.5 4.4 1.7 tvr10241-d tvr10241ksw 240 (216~264) 150 200 395 25 4000 0.4 64 420 2.7 4.6 1.8 tvr10271-d tvr10271ksw 270 (243~297) 175 225 455 25 4000 0.4 67 370 2.8 4.8 1.9 tvr10301-d tvr10301ksw 300 (270~330) 195 250 500 25 4000 0.4 70 340 3.1 4.8 2.1 tvr10331-d tvr10331ksw 330 (297~363) 215 275 550 25 4000 0.4 72 320 3.2 4.9 2.2 tvr10361-d tvr10361ksw 360 (324~396) 230 300 595 25 4000 0.4 76 300 3.3 5.0 2.3 tvr10391-d tvr10391ksw 390 (351~429) 250 320 650 25 4000 0.4 82 280 3.5 5.2 2.5 tvr10431-d tvr10431ksw 430 (387~473) 275 350 710 25 4000 0.4 93 250 3.4 5.5 2.5 tvr10471-d tvr10471ksw 470 (423~517) 300 385 775 25 4000 0.4 99 240 3.6 5.6 2.6 tvr10511-d tvr10511ksw 510 (459~561) 320 410 845 25 4000 0.4 107 220 3.8 5.8 2.8 tvr10561-d tvr10561ksw 560 (504~616) 350 450 930 25 4000 0.4 113 200 4.0 5.9 3.0 tvr10621-d tvr10621ksw 620 (558~682) 395 510 1020 25 4000 0.4 125 190 4.3 6.3 3.2 tvr10681-d tvr10681ksw 680 (612~748) 420 560 1120 25 4000 0.4 128 180 4.9 6.6 3.4 tvr10751-d tvr10751ksw 750 (675~825) 465 615 1235 25 4000 0.4 134 170 4.9 6.8 3.7 tvr10821-d tvr10821ksw 820 (738~902) 510 670 1355 25 4000 0.4 146 140 4.9 6.8 3.4 tvr10911-d tvr10911ksw 910 (819~1001) 550 745 1500 25 4000 0.4 152 130 5.3 7.2 3.7 tvr10102-d tvr10102ksw 1000(900~1100) 625 825 1650 25 4000 0.4 170 120 5.5 7.5 4.0 tvr10112-d tvr10112ksw 1100(990~1210) 680 895 1815 25 4000 0.4 180 110 5.7 8.0 4.3 for spd type 3 application
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 59 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. 14-d series varistor voltage (@ 1ma dc) max. continuous voltage max. clamping voltage (8/20 s) max. surge current (8/20 s) rated power max. energy (10/1000 s) reference capacitance @1khz dimension v 1ma v ac(rms) v dc v p i p imax p wmax cp tmin tmax w 1.0 certified model no. part no. (v) (v) (v) (v) (a) (a) (w) (j) (pf) (mm) ul 1449 3 rd spd application tvr14181-d tvr14181ksw 180 (162~198) 115 150 300 50 8000 0.6 60 1000 2.4 4.3 1.6 tvr14201-d tvr14201ksw 200 (180~220) 130 170 340 50 8000 0.6 82 900 2.5 4.4 1.7 tvr14221-d tvr14221ksw 220 (198~242) 140 180 360 50 8000 0.6 90 850 2.5 4.4 1.7 tvr14241-d tvr14241ksw 240 (216~264) 150 200 395 50 8000 0.6 98 780 2.7 4.6 1.8 tvr14271-d tvr14271ksw 270 (243~297) 175 225 455 50 8000 0.6 116 650 2.8 4.8 1.9 tvr14301-d tvr14301ksw 300 (270~330) 195 250 500 50 8000 0.6 128 610 3.1 4.8 2.1 tvr14331-d tvr14331ksw 330 (297~363) 215 275 550 50 8000 0.6 140 580 3.2 4.9 2.2 tvr14361-d tvr14361ksw 360 (324~396) 230 300 595 50 8000 0.6 158 550 3.3 5.0 2.3 tvr14391-d tvr14391ksw 390 (351~429) 250 320 650 50 8000 0.6 170 520 3.5 5.2 2.5 tvr14431-d tvr14431ksw 430 (387~473) 275 350 710 50 8000 0.6 185 480 3.4 5.5 2.5 tvr14471-d tvr14471ksw 470 (423~517) 300 385 775 50 8000 0.6 205 460 3.6 5.6 2.6 tvr14511-d tvr14511ksw 510 (459~561) 320 410 845 50 8000 0.6 220 430 3.8 5.8 2.8 tvr14561-d tvr14561ksw 560 (504~616) 350 450 930 50 8000 0.6 240 390 4.0 5.9 3.0 tvr14621-d tvr14621ksw 620 (558~682) 395 510 1020 50 8000 0.6 250 350 4.3 6.3 3.2 tvr14681-d tvr14681ksw 680 (612~748) 420 560 1120 50 8000 0.6 260 320 4.5 6.6 3.4 tvr14751-d tvr14751ksw 750 (675~825) 465 615 1235 50 8000 0.6 270 290 4.8 6.8 3.7 tvr14821-d tvr14821ksw 820 (738~902) 510 670 1355 50 8000 0.6 280 250 4.9 6.8 3.4 tvr14911-d tvr14911ksw 910 (819~1001) 550 745 1500 50 8000 0.6 295 230 5.3 7.2 3.7 tvr14102-d tvr14102ksw 1000(900~1100) 625 825 1650 50 8000 0.6 335 210 5.7 7.5 4.0 tvr14112-d tvr14112ksw 1100(990~1210) 680 895 1815 50 8000 0.6 360 190 5.8 8.0 4.3 for spd type 3 application
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 60 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. 20-d series varistor voltage (@ 1ma dc) max. continuous voltage max. clamping voltage (8/20 s) max. surge current (8/20 s) rated power max. energy (10/1000 s) reference capacitance @1khz dimension v 1ma v ac(rms) v dc v p i p imax p wmax cp tmin tmax w 1.0 certified model no. part no. (v) (v) (v) (v) (a) (a) (w) (j) (pf) (mm) ul 1449 3 rd spd application tvr20181-d tvr20181ksw 180 (162~198) 115 150 300 100 13000 1.0 152 2200 2.8 4.7 1.8 tvr20201-d tvr20201ksw 200 (180~220) 130 170 340 100 13000 1.0 175 1900 2.9 4.8 1.9 tvr20221-d tvr20221ksw 220 (198~242) 140 180 360 100 13000 1.0 185 1700 2.9 4.8 1.9 tvr20241-d tvr20241ksw 240 (216~264) 150 200 395 100 13000 1.0 198 1500 3.1 5.0 2.0 tvr20271-d tvr20271ksw 270 (243~297) 175 225 455 100 13000 1.0 220 1400 3.2 5.2 2.1 tvr20301-d tvr20301ksw 300 (270~330) 195 250 500 100 13000 1.0 245 1300 3.5 5.2 2.3 tvr20331-d tvr20331ksw 330 (297~363) 215 275 550 100 13000 1.0 268 1200 3.6 5.3 2.4 tvr20361-d tvr20361ksw 360 (324~396) 230 300 595 100 13000 1.0 315 1000 3.7 5.4 2.5 tvr20391-d tvr20391ksw 390 (351~429) 250 320 650 100 13000 1.0 350 880 3.9 5.6 2.7 tvr20431-d tvr20431ksw 430 (387~473) 275 350 710 100 13000 1.0 380 800 3.8 5.9 2.7 tvr20471-d tvr20471ksw 470 (423~517) 300 385 775 100 13000 1.0 405 700 4.0 6.0 2.8 tvr20511-d tvr20511ksw 510 (459~561) 320 410 845 100 13000 1.0 445 630 4.2 6.2 3.0 tvr20561-d tvr20561ksw 560 (504~616) 350 450 930 100 13000 1.0 475 530 4.4 6.3 3.2 tvr20621-d tvr20621ksw 620 (558~682) 395 510 1020 100 13000 1.0 490 490 4.7 6.7 3.4 tvr20681-d tvr20681ksw 680 (612~748) 420 560 1120 100 13000 1.0 500 470 4.9 7.0 3.6 tvr20751-d tvr20751ksw 750 (675~825) 465 615 1235 100 13000 1.0 525 450 5.2 7.2 3.9 tvr20821-d tvr20821ksw 820 (738~902) 510 670 1355 100 13000 1.0 545 410 5.3 7.2 3.6 tvr20911-d tvr20911ksw 910 (819~1001) 550 745 1500 100 13000 1.0 595 380 5.7 7.6 3.9 tvr20102-d tvr20102ksw 1000(900~1100) 625 825 1650 100 13000 1.0 650 360 6.1 7.9 4.2 tvr20112-d tvr20112ksw 1100(990~1210) 680 895 1815 100 13000 1.0 720 340 6.2 8.4 4.5 for spd type 3 application
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 61 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. 20-d for spd type 2 application series varistor voltage (@ 1ma dc) max. continuous voltage max. clamping voltage (8/20 s) max. surge current (8/20 s) nominal discharge current *1 (8/20us) rated power max. energy (10/1000 s) reference capacitance @1khz dimension v 1ma v ac(rms) v dc v p i p imax in p wmax cp tmin tmax w 1.0 certified model no. part no. (v) (v) (v) (v) (a) (a) (a) (w) (j) (pf) (mm) ul 1449 3 rd spd application tvr20181-s tvr20181kss 180(162~198) 115 150 300 100 13000 5000 1.0 152 2200 2.8 4.7 1.8 tvr20201-s tv r20201kss 200(180~220) 130 170 340 100 13000 5000 1.0 175 1900 2.9 4.8 1.9 tvr20221-s tv r20221kss 220(198~242) 140 180 360 100 13000 5000 1.0 185 1700 2.9 4.8 1.9 tvr20241-s tv r20241kss 240(216~264) 150 200 395 100 13000 5000 1.0 198 1500 3.1 5.0 2.0 tvr20271-s tv r20271kss 270(243~297) 175 225 455 100 13000 5000 1.0 220 1400 3.2 5.2 2.1 tvr20301-s tv r20301kss 300(270~330) 195 250 500 100 13000 5000 1.0 245 1300 3.5 5.2 2.3 tvr20331-s tv r20331kss 330(297~363) 215 275 550 100 13000 5000 1.0 268 1200 3.6 5.3 2.4 tvr20361-s tv r20361kss 360(324~396) 230 300 595 100 13000 5000 1.0 315 1000 3.7 5.4 2.5 tvr20391-s tv r20391kss 390(351~429) 250 320 650 100 13000 5000 1.0 350 880 3.9 5.6 2.7 tvr20431-s tv r20431kss 430(387~473) 275 350 710 100 13000 5000 1.0 380 800 3.8 5.9 2.7 tvr20471-s tv r20471kss 470(423~517) 300 385 775 100 13000 5000 1.0 405 700 4.0 6.0 2.8 tvr20511-s tvr20511kss 510(4 59~561) 320 410 845 100 13000 5000 1.0 445 630 4.2 6.2 3.0 tvr20561-s tv r20561kss 560(504~616) 350 450 930 100 13000 5000 1.0 475 530 4.4 6.3 3.2 tvr20621-s tv r20621kss 620(558~682) 395 510 1020 100 13000 5000 1.0 490 490 4.7 6.7 3.4 tvr20681-s tv r20681kss 680(612~748) 420 560 1120 100 13000 5000 1.0 500 470 4.9 7.0 3.6 tvr20751-s tv r20751kss 750(675~825) 465 615 1235 100 13000 5000 1.0 525 450 5.2 7.2 3.9 tvr20821-s tv r20821kss 820(738~902) 510 670 1355 100 13000 5000 1.0 545 410 5.3 7.2 3.6 tvr20911-s tvr20911kss 910(819~1001) 550 745 1500 100 13000 5000 1.0 595 380 5.7 7.6 3.9 tvr20102-s tvr20102kss 1000(900~1100) 625 825 1650 100 13000 5000 1.0 650 360 6.1 7.9 4.2 tvr20112-s tvr20112kss 1100(990~1210) 680 895 1815 100 13000 5000 1.0 720 340 6.2 8.4 4.5 for spd type 2 application note: *1: nominal discharge current is the specification defined in ul 1449 3 rd and use 8/20 s current waveform to test the varistor.
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 62 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. ? safety approvals agency gb/t10193-1997 gb/t10194-1997 gb8898-2011 gb4943.1-2011 certified model no. ul1449 3 rd & cul: e314979 40021243 iec60950-1:2013 annex q cqc10001041750 cqc10001041751 cqc10001041750 cqc10001041751 tvr07181-d ? ? ? tvr07201-d ? ? ? tvr07221-d ? ? ? tvr07241-d ? ? ? tvr07271-d ? ? ? tvr07301-d ? ? ? tvr07331-d ? ? ? tvr07361-d ? ? ? TVR07391-D ? ? ? tvr07431-d ? ? ? tvr07471-d ? ? ? tvr07511-d ? ? ? tvr07561-d ? ? ? tvr07621-d ? ? ? tvr07681-d ? ? ? tvr07751-d ? ? ? tvr07821-d ? ? ? tvr10181-d ? ? ? ? tvr10201-d ? ? ? ? ? tvr10221-d ? ? ? ? ? tvr10241-d ? ? ? ? ? tvr10271-d ? ? ? ? ? tvr10301-d ? ? ? ? ? tvr10331-d ? ? ? ? ? tvr10361-d ? ? ? ? ? tvr10391-d ? ? ? ? ? tvr10431-d ? ? ? ? ? tvr10471-d ? ? ? ? ? tvr10511-d ? ? ? ? ? tvr10561-d ? ? ? ? ? tvr10621-d ? ? ? ? ? tvr10681-d ? ? ? ? ? tvr10751-d ? ? ? ? ? tvr10821-d ? ? ? ? ? tvr10911-d ? ? ? ? ? tvr10102-d ? ? ? ? ? tvr10112-d ? ? ? ? ?
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 63 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. agency gb/t10193-1997 gb/t10194-1997 gb8898-2011 gb4943.1-2011 certified model no. ul1449 3 rd & cul: e314979 40021243 iec60950-1:2013 annex q cqc10001041750 cqc10001041751 cqc10001041750 cqc10001041751 tvr14181-d ? ? ? ? tvr14201-d ? ? ? ? ? tvr14221-d ? ? ? ? ? tvr14241-d ? ? ? ? ? tvr14271-d ? ? ? ? ? tvr14301-d ? ? ? ? ? tvr14331-d ? ? ? ? ? tvr14361-d ? ? ? ? ? tvr14391-d ? ? ? ? ? tvr14431-d ? ? ? ? ? tvr14471-d ? ? ? ? ? tvr14511-d ? ? ? ? ? tvr14561-d ? ? ? ? ? tvr14621-d ? ? ? ? ? tvr14681-d ? ? ? ? ? tvr14751-d ? ? ? ? ? tvr14821-d ? ? ? ? ? tvr14911-d ? ? ? ? ? tvr14102-d ? ? ? ? ? tvr14112-d ? ? ? ? ? tvr20181-d / -s ? ? ? ? tvr20201-d / -s ? ? ? ? ? tvr20221-d / -s ? ? ? ? ? tvr20241-d / -s ? ? ? ? ? tvr20271-d / -s ? ? ? ? ? tvr20301-d / -s ? ? ? ? ? tvr20331-d / -s ? ? ? ? ? tvr20361-d / -s ? ? ? ? ? tvr20391-d / -s ? ? ? ? ? tvr20431-d / -s ? ? ? ? ? tvr20471-d / -s ? ? ? ? ? tvr20511-d / -s ? ? ? ? ? tvr20561-d / -s ? ? ? ? ? tvr20621-d / -s ? ? ? ? ? tvr20681-d / -s ? ? ? ? ? tvr20751-d / -s ? ? ? ? ? tvr20821-d / -s ? ? ? ? ? tvr20911-d / -s ? ? ? ? ? tvr20102-d / -s ? ? ? ? ? tvr20112-d / -s ? ? ? ? ?
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 64 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. ? power derating curve ? surge current standard waveform ? max. surge current derating curves tvr07181-d to tvr07471-d 0.1 1 10 100 1000 10000 10 100 1000 10000 td(us) max. surge current (a) 10 6 10 5 10 4 10 3 10 2 2 10 1 td ( s) 0.1 1 10 100 1000 10000 10 100 1000 10000 td(us) max. surge cuttent (a) 10 6 10 5 10 4 10 3 10 2 2 10 1 td ( s) lct=-40 lut=85 125 ambient temperature ( ) max. power rating (%) 100 time 0 10 50 100 90 tr tr td td current (%) example: 8/20 ? s: tr= 8 ? s td = 20 ? s imax leading edge trailing edge example: 8/20 ? s: tr= 8 ? s td= 20 ? s time 0 10 50 100 90 tr tr td td current (%) example: 8/20 ? s: tr= 8 ? s td = 20 ? s imax leading edge trailing edge example: 8/20 ? s: tr= 8 ? s td= 20 ? s tvr07511-d to tvr07821-d
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 65 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. ? max. surge current derating curves tvr10181-d to tvr10751-d 0.1 1 10 100 1000 10000 10 100 1000 10000 td(us) max. surge current (a) 10 6 10 5 10 4 10 3 10 2 2 10 1 td ( s) 0.1 1 10 100 1000 10000 10 100 1000 1000 0 td(us) max. surge current (a) 10 6 10 5 10 4 10 3 10 2 2 10 1 tvr14821-d to tvr14112-d td ( s) 0.1 1 10 100 1000 10000 10 100 1000 10000 td ( us ) max. surge current (a) 10 6 10 5 10 4 10 3 10 2 2 10 1 tvr14181-d to tvr14751-d td ( s) 0.1 1 10 100 1000 10000 10 100 1000 10000 td(us) max. surge current (a) 10 6 10 5 10 4 10 3 10 2 2 10 1 tvr10821-d to tvr10112-d td ( s)
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 66 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. ? max. surge current derating curves ? max. leakage current and max. clamping voltage curves max. leakage current and max. clamping voltage curves (tvr07181-d to tvr07471-d) tvr20181-d(-s) to tvr20751-d(-s) 0.1 1 10 100 1000 10000 100000 10 100 1000 10000 td(us) max. surge current (a) 10 6 10 5 10 4 10 3 10 2 2 10 1 td ( s) tvr20821-d(-s) to tvr20112-d(-s) 0.1 1 10 100 1000 10000 100000 10 100 1000 10000 td ( us ) max. surge current (a) 10 6 10 5 10 4 10 3 10 2 2 10 1 td ( s) 10 100 1000 10000 current (a) voltage (v) tvr07471-d tvr07431-d TVR07391-D tvr07361-d tvr07331-d tvr07301-d tvr07271-d tvr07241-d tvr07221-d tvr07201-d tvr07181-d 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 110 10 2 10 3 10 4 10 5 max. clamping voltage max. leakage current
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 67 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. ? max. leakage current and max. clamping voltage curves max. leakage current and max. clamping voltage curves (tvr07511-d to tvr07821-d) max. leakage current and max. clamping voltage curves (tvr10181-d to tvr10471-d) 100 1000 10000 current (a) voltage (v) tvr07821-d tvr07751-d tvr07681-d tvr07621-d tvr07561-d tvr07511-d 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 10 2 10 3 10 4 10 5 max. clamping voltage max. leakage current 10 100 1000 10000 current (a) voltage (v) tvr10471-d tvr10431-d tvr10391-d tvr10361-d tvr10331-d tvr10301-d tvr10271-d tvr10241-d tvr10221-d tvr10201-d tvr10181-d 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 11010 2 10 3 10 4 10 5 max. clamping voltage max. leakage current
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 68 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. ? max. leakage current and max. clamping voltage curves max. leakage current and max. clamping voltage curves (tvr10511-d to tvr10112-d) max. leakage current and max. clamping voltage curves (tvr14181-d to tvr14471-d) 100 1000 10000 current (a) voltage (v) tvr10112-d tvr10102-d tvr10911-d tvr10821-d tvr10751-d tvr10681-d tvr10621-d tvr10561-d tvr10511-d 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 110 10 2 10 3 10 4 10 5 max. clamping voltage max. leakage current 10 100 1000 10000 current (a) voltage (v) tvr14471-d tvr14431-d tvr14391-d tvr14361-d tvr14331-d tvr14301-d tvr14271-d tvr14241-d tvr14221-d tvr14201-d tvr14181-d 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 110 10 2 10 3 10 4 10 5 max. clamping voltage max. leakage current
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 69 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. ? max. leakage current and max. clamping voltage curves max. leakage current and max. clamping voltage curves (tvr14511-d to tvr14112-d) max. leakage current and max. clamping volt age curves (tvr20181-d(-s) to tvr20471-d(-s)) 100 1000 10000 current (a) voltage (v) tvr14112-d tvr14102-d tvr14911-d tvr14821-d tvr14751-d tvr14681-d tvr14621-d tvr14561-d tvr14511-d 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 110 10 2 10 3 10 4 10 5 max. clamping voltage max. leakage current 10 100 1000 10000 current (a) voltage (v) tvr20471-d(s) tvr20431-d(s) tvr20391-d(s) tvr20361-d(s) tvr20331-d(s) tvr20301-d(s) tvr20271-d(s) tvr20241-d(s) tvr20221-d(s) tvr20201-d(s) tvr20181-d(s) 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 11010 2 10 3 10 4 10 5 max. clamping voltage max. leakage current
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 70 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. ? max. leakage current and max. clamping voltage curves max. leakage current and max. clamping volt age curves (tvr20511-d(-s) to tvr20112-d(-s)) 100 1000 10000 current (a) voltage (v) tvr20112-d(s) tvr20102-d(s) tvr20911-d(s) tvr20821-d(s) tvr20751-d(s) tvr20681-d(s) tvr20621-d(s) tvr20561-d(s) tvr20511-d(s) 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 110 10 2 10 3 10 4 10 5 max. clamping voltage max. leakage current
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 71 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. ? soldering recommendation ? wave soldering profile ? recommended reworking condi tions with soldering iron item conditions temperature of soldering iron-tip 360 (max.) soldering time 3 sec (max.) distance from varistor 2 mm (min.) temperature 13020 260 max. ta m b cooling soldering preheating time 30~90 sec. 1 sec. 10 sec. note 1 note 2 note 3 note 1: (1~3 )/sec note 2: approx. 200 /sec note 3: 5 /sec. (max)
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 72 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. ? reliability item standard test conditions / methods specifications tensile strength of terminations iec 60068-2-21 gradually apply the specified force and keep the unit fixed for 101 sec. terminal diameter force (mm) (kg) 0.5 metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 73 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. ? packaging ? taping specification s type (straight lead) p 0 f p p 1 h h 1 d w 0 w 1 w 2 w p h l 1 d 0 t taping code series 0.3 1 1 0.7 +2/-0 max. 0.02 1 +0.75/ -0.5 max +1/ -0.5 max. max. max. 0.2 0.2 figure 07-d 12.7 5.0 12.7 3.85 18 31 0.6 12 9 3 18 1 2 0.5 4 0.6 a 10-d 12.7 7.5 25.4 8.95 18 36 0.8 12 9 3 18 1 2 0.5 4 0.6 b a (p 0 :12.7) 14-d 12.7 7.5 25.4 8.95 18 40 0.8 12 9 3 18 1 2 0.5 4 0.6 b 07-d 15.0 5.0 15.0 5.00 18 31 0.6 12 9 3 18 1 2 0.5 4 0.6 a 10-d 15.0 7.5 15.0 3.75 18 36 0.8 12 9 3 18 1 2 0.5 4 0.6 a e (p 0 :15.0) 14-d 15.0 7.5 30.0 3.75 18 40 0.8 12 9 3 18 1 2 0.5 4 0.6 c figure a figure b figure c (unit: mm) p h1 d l1 d0 p0 h f w2 w1 w w0 p1 p p1 p p1 h h t p p
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 74 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. f type (y kink lead) p 0 f p p 1 h 0 h 1 d w 0 w 1 w 2 w p h l 1 d 0 t taping code series 0.3 1 1 0.7 +2/-0 max. 0.02 1 +0.75/ -0.5 max +1/ -0.5 max. max. max. 0.2 0.2 figure 07-d 12.7 5.0 12.7 3.85 16 31 0.6 12 9 3 18 1 2 0.5 4 0.6 a 10-d 12.7 7.5 25.4 8.95 16 36 0.8 12 9 3 18 1 2 0.5 4 0.6 b a (p 0 :12.7) 14-d 12.7 7.5 25.4 8.95 16 40 0.8 12 9 3 18 1 2 0.5 4 0.6 b 07-d 15.0 5.0 15.0 5.00 16 31 0.6 12 9 3 18 1 2 0.5 4 0.6 a 10-d 15.0 7.5 15.0 3.75 16 36 0.8 12 9 3 18 1 2 0.5 4 0.6 a e (p 0 :15.0) 14-d 15.0 7.5 30.0 3.75 16 40 0.8 12 9 3 18 1 2 0.5 4 0.6 c figure c figure b figure a p h1 d l1 d0 p0 h0 f w2 w1 w w0 p1 p p1 p p1 h h (unit: mm) t p p
metal oxide varistor tvr-d series disc type varistor for surge protection (high surge series) thinking electronic industrial co., ltd. 75 www.thinking.com.tw 2014.05 all specifications are subj ect to change without notice. note: the standard package for tvr20-d is bulk. for any other demand, please contact our sales person. ? quantity ? bulk packing ? reel packing ? ammo packing ? warehouse storage conditions of products ? storage conditions: 1. storage temperature: -10 ~+40 2. relative humidity: Q 75%rh 3. keep away from corrosive atmosphere and sunlight. ? period of storage: 1 year series straight lead type quantity (pcs/bag) cut lead type quantity (pcs/bag) kink type quantity (pcs/bag) tvr07-d 250 250 200 tvr10-d 200 200 200 tvr14-d 100 100 100 tvr20-d 50 50 50 series a (mm) quantity (pcs/reel) tvr07(181~391) -d 1,500 tvr07(431~821) -d 1,000 tvr10(181~391) -d 1,000 tvr10 (431~561,681~911) -d 750 tvr10621-d 500 tvr10(102~112) -d 46 500 tvr14(181~331) -d 750 tvr14(361~112) -d 500 tvr20(181~681) -d 500 tvr20(751~112) -d 55 250 series quantity (pcs/box) tvr07(181~821) -d 1,000 tvr10(181~361) -d 750 tvr10(391~621) -d 400 tvr10(681~112) -d 300 tvr14(181~271) -d 500 tvr14(301~112) -d 250 series w5 l5 h5 348 185 60 tvr07-d~ tvr14-d 348 275 60 (unit: mm) 34010 311 (unit: mm)


▲Up To Search▲   

 
Price & Availability of TVR07391-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X