Part Number Hot Search : 
6M182 UCM34PT FDB3504P M3H76TAD BSP125 M3H76TAD A12BB LCX541
Product Description
Full Text Search
 

To Download TEM15-S12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tem15 series 15 watts ac/dc medical power modules trumpower tumbler technologies + trumpower 3350 scott blvd., building 13 ? santa clara, california 95054, usa ? 408-988-6616 ? sales@trumpower.com ? www.trumpower.com features ? pcb mount switching power modules ? fully encapsulated plastic case ? 90-264 vac, 47-440hz universal input ? regulated output ? low ripple and noise ? class ii construction models list s t u p t u o e l p i r t . o n t c u d o r p 2 1 5 0 t - 5 1 m e t5 1 5 0 t - 5 1 m e t 1 t u p t u o2 t u p t u o3 t u p t u o1 t u p t u o2 t u p t u o3 t u p t u o ) c d v ( e g a t l o v t u p t u o c d v 5c d v 2 1 +c d v 2 1 -c d v 5c d v 5 1 +c d v 5 1 - ) a m ( t n e r r u c t u p t u o . x a m a m 0 0 0 2a m 0 0 2a m 0 0 2a m 0 0 0 2a m 0 5 1a m 0 5 1 n o i t a l u g e r d a o l ) % 0 0 1 - 0 1 ( % 1 % 5 ) c i r t e m m y s ( % 5 ) c i r t e m m y s ( % 1 % 5 ) c i r t e m m y s ( % 5 ) c i r t e m m y s ( n o i t a l u g e r s s o r c % 1% 5% 5% 1% 5% 5 d a o l e v i t i c a p a c . x a m f 0 0 0 0 1f 0 7 4 +f 0 7 4 -f 0 0 0 0 1f 0 0 6 +f 0 0 6 - s t u p t u o l a u d . o n t c u d o r p 5 0 5 0 d - 5 1 m e t2 1 2 1 d - 5 1 m e t5 1 5 1 d - 5 1 m e t 1 t u p t u o2 t u p t u o1 t u p t u o2 t u p t u o1 t u p t u o2 t u p t u o ) c d v ( e g a t l o v t u p t u o c d v 5 +c d v 5 -c d v 2 1 +c d v 2 1 -c d v 5 1 +c d v 5 1 - ) a m ( t n e r r u c t u p t u o . x a m a m 0 0 5 1a m 0 0 5 1a m 5 2 6a m 5 2 6a m 0 0 5a m 0 0 5 n o i t a l u g e r d a o l ) % 0 0 1 - 0 1 ( % 1 ) d a o l c i r t e m m y s ( % 1 ) d a o l c i r t e m m y s ( % 1 ) d a o l c i r t e m m y s ( % 1 ) d a o l c i r t e m m y s ( % 1 ) d a o l c i r t e m m y s ( % 1 ) d a o l c i r t e m m y s ( n o i t a l u g e r s s o r c % 5% 5% 3% 3% 3% 3 d a o l e v i t i c a p a c x a m f 0 0 7 4 +f 0 0 7 4 -f 0 6 5 +f 0 6 5 -f 0 0 5 +f 0 0 5 - t u p t u o e l g n i s . o n t c u d o r p3 . 3 s - 5 1 m e t5 s - 5 1 m e t5 3 . 7 s - 5 1 m e t9 s - 5 1 m e t2 1 s - 5 1 m e t5 1 s - 5 1 m e t4 2 s - 5 1 m e t ) c d v ( e g a t l o v t u p t u o c d v 3 . 3c d v 5c d v 5 3 . 7c d v 9c d v 2 1c d v 5 1c d v 4 2 ) a m ( t n e r r u c t u p t u o . x a m a m 0 0 0 3a m 0 0 0 3a m 0 4 0 2a m 6 6 6 1a m 0 5 2 1a m 0 0 0 1a m 5 2 6 n o i t a l u g e r d a o l ) % 0 0 1 - 0 1 ( % 1% 1% 1% 1% 1% 1% 1 d a o l e v i t i c a p a c x a m f 0 0 0 0 4f 0 0 0 0 1f 0 0 7 4f 0 0 0 3f 0 0 1 1f 0 0 0 1f 0 2 8
tumbler technologies + trumpower 3350 scott blvd., building 13 ? santa clara, california 95054, usa ? 408-988-6616 ? sales@trumpower.com ? www.trumpower.com tem15 series 15 watts ac/dc medical power modules tem15-2011-0119-1 mechanical drawing pin chart input specifications input voltage range ................... 90~264 vac or 100~375 vdc input frequency .......................... 47~440hz input current. .............................. 220ma max. @ 115 vac 118ma max. @ 230 vac inrush current . ........................... 10a max. @ 115 vac 20a max. @ 230 vac leakage curr ent ........................ 0.1ma max. @ 115 vac 0.2ma max. @ 230 vac recommended external fuse ... 2.0a slow blow type output specifications output wattage ........................... 15w max. output voltage ............................ see t ables voltage accuracy, single ............. 2% max. dual ............... 2% max. triple .............. 3% max. minimum load, single ............... not required dual ................. 10% triple ................ 25% line regulation, single ............. 0. 5% max. dual ............... 0.5% max. triple .............. 2% max. ripple & n oise* .......................... 1% of vout hold-up ti me .............................. 20ms min. switching frequency .................. 132khz overcurrent protection ............... above 105% rated output power overvoltage protection ............... zener diode clamp short-circuit protecti on ............... h iccup mode, indefinite (automatic-recover) over temperature protectio n ..... 100 c input-output isolation ................ 4000 vac *ripple & noise are measured at 20mhz of bandwidth with 0.1f & 47f capacitors in parallel. general specifications efficiency ................................. 83% max. operating temperature .......... -25 c to +70 c derating ................................... derate linearly from 100% @ 50 c to 50% @ 70 c case temperature .................. +95 c max. cooling .................................... free-air convection storage temperature .............. -40 c to +100 c temperature coefficient ......... 0. 01%/ c relative humidity .................... 95% rh mtbf ........................................ 200k to 400k hours at full load, 25 c ambient, calculated per mil-hdbk-217f dimensions (lxwxh) ............ 2.52 x 1.79 x 0.92 inches (64.0 x 45.6 x 23.5 mm) case material ............................ p lastic resin with fiberglass case, ul 94v-0 rated weight ...................................... 120g emc & safety standards safety standards ..................... ul 60601-1, iec60601-1, en 60601-1 safety approvals .... .................. ul, cul, cb emi (pfi conduct ed) ............... en 55011, class b emc st andards ....................... en60601-1-2 esd susceptibility .................. en60601-1-2 radiated susceptibility ........... en60601-1-2 eft / b urst ............................... en60601-1-2 surge ....................................... en60601-1-2 conducted susceptibility ........ en60601-1-2 . o n n i p e l g n i s l a u d e l p i r t 1 n i p o nn i p o nn i p o n 2 ) l ( n i c a) l ( n i c a) l ( n i c a 3 ) n ( n i c a) n ( n i c a) n ( n i c a 4 t u o c d -t u o c d -n t r v 5 + 5 n i p o nn o m m o ct u o v 5 + 6 n i p o nn i p o nt u o c d - 7 t u o c d +t u o c d +n i p o n 8 n i p o nn i p o nn o m m o c 9 n i p o nn i p o nt u o c d + all specifications typical at nominal input voltage, full load and +25 c after warm-up time unless otherwise noted.


▲Up To Search▲   

 
Price & Availability of TEM15-S12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X