Part Number Hot Search : 
32210 16511 27T683C GL826 C155T 2SJ661 74LX1G08 BSS138W1
Product Description
Full Text Search
 

To Download STPRF1620CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  stprf1605ct thru 1660ct maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20% features glass passivated chip superfast switching time for high efficiency low forward voltage drop and high current capability low reverse leakage current high surge capacity plastic package has ul flammability classification 94v-0 mechanical data case : to-220ab molded plastic polarity : as marked on the body weight : 0.08 ounces, 2.24 grams mounting position : any v rms v dc v rrm i (av) i fsm v f maximum average forward rectified current @t c = 100 c peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum forward voltage at 8.0a dc 16 125 0.95 c t j ,t stg operating and storage temperature range -55 to +150 typical thermal resistance (note 3) r 0jc 1.5 c/w c j typical junction capacitance per element (note 1) 110 pf i r @t j =100 c maximum dc reverse current at rated dc blocking voltage @t j =25 c 5 500 ua v a a v unit v v characteristics symbol maximum reverse recovery time (note 2) t rr 35 ns stprf 1605ct 50 35 50 stprf 1610ct 100 70 100 stprf 1615ct 150 105 150 stprf 1620ct 200 140 200 stprf 1630ct 300 210 300 stprf 1640ct 400 280 400 stprf 1650ct 500 350 500 stprf 1660ct 600 420 600 1.3 1.5 80 50 notes : 1.measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2.reverse recovery test conditions:i f =0.5a,i r =1.0a,i rr 0.25a. 3.thermal resistance junction to case. to-220ab all dimensions in millimeter to-220ab dim. min. max. a c d e f g h b 14.22 15.88 10.67 9.65 2.54 3.43 6.86 5.84 8.26 9.28 - 6.35 12.70 14.73 0.51 2.79 n m l k j i 1.14 2.29 0.64 0.30 3.53 4.09 3.56 4.83 1.14 1.40 2.92 2.03 pin 1 pin 3 pin 2 case a b c k j i h g f e d n m l h pin 13 2 super fast glass passivated rectifiers reverse voltage - 50 to 600 volts forward current - 16 amperes semiconductor lite-on rev. 3, 13-sep-2001, ktgc05
rating and characteristic curves stprf1605ct thru stprf1660ct fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 25 50 75 100 125 150 fig.1 - forward current derating curve average forward current amperes 25 75 100 125 150 4 0 50 16 175 percent of rated peak reverse voltage (%) fig.3 - typical reverse characteristics instantaneous reverse current ,(ua) 20 40 120 140 0 .01 1.0 10.0 100.0 60 80 100 0.1 t j = 25 c single half-sine-wave (jedec method) 12 0 8 resistive or inductive load instantaneous forward voltage , volts fig.4 - typical forward characteristics instantaneous forward current ,(a) 0.2 0.4 1.2 1.4 1.0 10 100 0.6 0.8 1.0 0.1 1.8 1.6 pulse width 300ua instantaneous forward voltage , volts instantaneous forward current ,(a) 0 1.0 10 100 0.1 pulse width 300us 2% duty cycle t j = 25 c 50-200v fig.5 - typical junction capacitance capacitance , (pf) reverse voltage , volts 10 1 100 1000 100 10 0.1 case temperature , c t j = 125 c t j = 100 c t j = 125 c 300-400v 500-600v 50-400v 500-600v 4 t j = 25 c, f= 1mhz t j = 75 c rev. 3, 13-sep-2001, ktgc05


▲Up To Search▲   

 
Price & Availability of STPRF1620CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X